Part Number Hot Search : 
1212E LTC4401 1212E UC3846 FDZ4670 NTE2510 FDY300NZ PQ600
Product Description
Full Text Search
 

To Download 10A015 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10A015
1.5 Watts, 20 Volts, Class A Linear to 1000 MHz
GENERAL DESCRIPTION
The 10A015 is a COMMON EMITTER transistor capable of providing 1.5 Watts of Class A, RF Output power to 1000 MHz. This transistor is specifically designed for general Class A amplifier applications. It utilizes gold metalization and diffused ballasting to provide high reliability and supreme ruggedness.
CASE OUTLINE 55FT, STYLE 2
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25oC Maximum Voltage and Current BVces Collector to Emitter Voltage BVebo Emitter to Base Voltage Ic Collector Current Maximum Temperatures Storage Temperature Operating Junction Temperature 6 Watts 50 Volts 3.5 Volts 750 mA - 65 to + 150 oC + 200 oC
ELECTRICAL CHARACTERISTICS @ 25 OC
SYMBOL Pout Pin Pg Ft VSWR CHARACTERISTICS Power Out Power Input Power Gain Transition Frequency Load Mismatch Tolerance TEST CONDITIONS F = 1 GHz Ic = 220 mA Vcc = 20 Volts Vce = 20V, Ic =220 mA MIN 1.5 0.19 9.0 2.7 9.5 30:1 TYP MAX UNITS Watts Watts dB GHz
BVebo BVces BVceo hFE Cob
jc
Emitter to Base Breakdown Collector to Emitter Breakdown Collector to Emitter Breakdown DC Current Gain Output Capacitance Thermal Resistance
Ie = 1 mA Ic = 10 mA Ic = 10 mA Vce = 5 V, Ic =100 mA Vcb = 5 V, f = 1 MHz
3.5 50 24 20 3.8 20 29
Volts Volts Volts pF C/W
o
Issue February 1996
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
Typical Performance
10A015
10A015 (20V , 0.22A)
MMICAD for Windows Fri Jul 08 10:34:39 1994 CIRCUIT: MES FREQ MHz 0.100 0.200 0.300 0.400 0.500 0.600 0.700 0.800 0.900 1.000 1.100 1.200 1.300 1.400 1.500 1.600 1.700 1.800 1.900 2.000 2.100 2.200 2.300 2.400 2.500 2.600 2.700 2.800 2.900 3.000 --- S11 --MAG ANG 0.71444 -160.782 0.79473 -172.871 0.81513 -179.724 0.82391 175.497 0.82552 171.380 0.82599 167.564 0.82590 164.137 0.82751 160.922 0.82895 157.536 0.82649 154.035 0.82518 150.725 0.82311 147.466 0.82374 144.089 0.82316 140.784 0.82222 137.234 0.82163 133.648 0.82074 130.047 0.81902 126.149 0.81773 122.433 0.81598 118.694 0.81452 114.613 0.81224 110.743 0.80926 106.728 0.80939 102.646 0.80620 98.4842 0.80747 94.2752 0.80377 89.9974 0.79977 85.6483 0.79459 81.4224 0.79043 77.3116 --- S21 --MAG ANG 16.0356 116.519 8.98445 96.9768 6.16077 84.5847 4.67553 76.1937 3.75402 69.3057 3.12463 62.5982 2.67908 55.8207 2.34296 49.7308 2.07752 43.8716 1.86687 38.3915 1.69487 32.9740 1.54892 27.6537 1.42774 22.5346 1.32241 17.4996 1.22854 12.5140 1.14693 7.78041 1.07333 3.20224 1.00886 -1.32148 0.95068 -5.60939 0.89701 -9.73811 0.85022 -13.8881 0.80716 -17.8736 0.76737 -21.7289 0.73137 -25.4845 0.69786 -29.2295 0.66676 -32.6879 0.63783 -36.1092 0.61013 -39.5377 0.58377 -42.5949 0.55864 -45.4501 --- S12 --MAG ANG 0.02275 0.02727 0.03101 0.03520 0.03928 0.04408 0.04924 0.05511 0.06110 0.06582 0.07183 0.07808 0.08474 0.09114 0.09820 0.10526 0.11234 0.12009 0.12790 0.13579 0.14379 0.15202 0.16146 0.17122 0.18040 0.18940 0.19878 0.20856 0.21777 0.22710 35.0393 34.4150 37.3839 40.2138 43.6423 45.5915 46.9769 47.4369 46.9143 46.7907 46.5604 45.9531 44.9908 43.8844 42.5710 41.1111 39.4652 37.6259 35.8041 33.9701 31.7736 29.5273 27.4446 24.8018 22.0881 19.4187 16.5881 13.7516 10.9093 8.07792 --- S22 --MAG ANG 0.42058 -77.3759 0.30289 -105.202 0.27523 -117.550 0.27423 -124.308 0.28109 -128.108 0.29711 -131.121 0.31596 -133.463 0.33725 -135.825 0.35824 -138.380 0.37937 -140.217 0.40196 -142.351 0.42623 -144.711 0.44824 -146.998 0.47145 -149.618 0.49267 -151.943 0.51301 -154.495 0.53328 -156.985 0.55348 -159.283 0.57051 -161.854 0.58856 -164.287 0.60869 -166.749 0.62745 -169.473 0.64638 -172.567 0.65855 -175.679 0.67062 -178.831 0.67631 178.293 0.68340 175.321 0.69046 172.288 0.69394 169.137 0.69414 165.980


▲Up To Search▲   

 
Price & Availability of 10A015

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X