Part Number Hot Search : 
04N60 5KE40 LM308 74479 CY7C10 53203 LX125 45N1E
Product Description
Full Text Search
 

To Download 1014-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1014 - 12
12 Watt - 28 Volts, Class C Microwave 1000 - 1400 MHz
GENERAL DESCRIPTION
The 1014-12 is a COMMON BASE transistor capable of providing 12 Watts of Class C, RF output power over the band 1000-1400 MHz. This transistor is designed for Microwave Broadband Class C amplifier applications. It includes input prematching and utilizes gold metalization and diffused ballasting to provide high reliability and supreme ruggedness.
CASE OUTLINE
55LT, STYLE 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25oC Maximum Voltage and Current BVces Collector to Emitter Voltage BVebo Emitter to Base Voltage Ic Collector Current Maximum Temperatures Storage Temperature Operating Junction Temperature 39 Watts
50 Volts 3.5 Volts 5.0 A - 65 to +150 oC +200 oC
ELECTRICAL CHARACTERISTICS @ 25 OC
SYMBOL Pout Pin Pg CHARACTERISTICS Power Out Power Input Power Gain Collector Efficiency Load Mismatch Tolerance TEST CONDITIONS F = 1000-1400 MHz Vcc = 28 Volts Pin = 2.5 Watts As Above F = 1.4 GHz, Pin = 2.5 W MIN
12 2.5 6.8 40 30:1
TYP
MAX
UNITS
Watt Watt dB %
c
VSWR1
BVces BVebo Icbo hFE Cob
jc
Collector to Emitter Breakdown Emitter to Base Breakdown Collector to Base Current Current Gain Output Capacitance Thermal Resistance
Ic = 5 mA Ie = 5 mA Vcb = 28 Volts
50 3.5 3.0 10 12.0 4.5
Volts Volts mA
o
Vce = 5 V, Ic = 200mA F =1 MHz, Vcb = 28 V
pF C/W
Issue June 1996
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120


▲Up To Search▲   

 
Price & Availability of 1014-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X