Part Number Hot Search : 
NX8045G UFR404 OP296HRU OP296HRU AQW217A 01190 AT91R SR350
Product Description
Full Text Search
 

To Download 07CR-18S08L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bus Converter
48V Input / 140W Output
07CR "Cimarron" Series
* * * * * *
PRELIMINARY
Ideal for Intermediate Bus Architectures Industry standard eighth-brick package Up to 120W at 95% efficiency 1500V isolation Remote on/off Low cost
Description
The 07CR "Cimarron" Series are isolated DC/DC converters that operate from a nominal 48V source. These converters are intended to provide isolation and step down to generate an intermediate bus for the purpose of powering non-isolated Point-of-Load (POL) converters. These units will provide up to 140W of output power from a nominal 48V input with either a 4:1 or 6:1 ratio. These units are designed to be highly efficient and very low cost and are thus unregulated. The downstream POL converters will provide the precise regulation required by the load. Features include remote on/off, over current protection and undervoltage lockout. These converters are provided in an industry standard eighth-brick package.
Part Selection
Output Voltage 8V 12V Input Voltage 48V 48V Max. Output Current 18A 12A Max. Output Power 140W 140W Typical Efficiency 95% 95% Model Number 07CR-18S08L 07CR-12S12L
Change last character in part number from "L" to "H" for Active High On/Off Logic (e.g 07CR-18S08H)
Input Specifications
Parameter Input Voltage Range Input Current (no load) Input Current (full load) Reflected Ripple Current (pk-pk) Min 36 VDC Typ Max 60 VDC 45mA 3A 10mA rms 30mA pk-pk Notes
Reflected ripple current through a 10uH source inductor at nominal input voltage and rated load current.
Output Specifications
Parameter Output Voltage Setpoint 07CR-18S080 07CR-12S120 Output Current 07CR-18S080 07CR-12S120 Load Regulation 07CR-18S080 07CR-12S120 Ripple & Noise 07CR-18S080 07CR-12S120 Min Typ Vin / 6 Vin / 4 18A 12A 0.5V 0.7V 110mV / 20mV 150mV / 40mV pk-pk / rms 0 to 20MHz Bandwidth Use 1.0uF ceramic cap and 15uF/100mOhm tantalum on output Max Notes Unregulated output will track input voltage with a 6:1 or 4:1 ratio.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
Bus Converter
48V Input / 140W Output
General Specifications
Parameter Switching Frequency Dimensions inches mm Weight Operating Temperature Non-Operating Temperature Protection Features Short circuit Over current Undervoltage Remote On/Off Active Low (Optional Active High) 2.30 x .9 x .39 58.4 x 22.8 x 9.8 23g -40C to 85C -55C to 125C Continuous 120% to 140% max Io UVLO Vin < 34.0 Low: 0V to 0.8V High: 2.5V to 60V Specification 200kHz (6:1) 150KHz (4:1) typical (fixed)
Pin Connections
Pin 1 2 3 4 5 Function + Vin Remote On/Off - Vin - Vout + Vout
2004 Bel Fuse Inc. Specifications subject to change without notice. 020304
CORPORATE Bel Fuse Inc. 206 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST Bel Fuse Ltd. 8F/ 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com


▲Up To Search▲   

 
Price & Availability of 07CR-18S08L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X