Part Number Hot Search : 
ST6208C 1N5447C SB104 BU2458 319209A A1040 001444 SM6T150A
Product Description
Full Text Search
 

To Download 0603KRCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT DEVICE LED Part No. : 0603KRCT
PACKAGE OUTLINE DIMENSIONS
REV:A / 03
Notes: 1. All dimensions are in millimeters. 2. Tolerance is 0.1mm (.004") unless otherwise noted.
Features
Top view, wide view angle, single color Chip LED. Package in 8mm tape on 7" diameter reels. Compatible with automatic Pick & Place equipment. Compatible with Infrared and Wave soldering reflow solder processes. EIA STD package. I.C. compatible.
DRAWING NO. : DS-74-03-0007
DATE : 2004-06-07
PAGE
1 of 10
SURFACE MOUNT DEVICE LED Part No. : 0603KRCT
Chip Materials
Dice Material : AlInGaP Light Color : Super Red Lens Color : Water Clear
REV:A / 03
Absolute Maximum Ratings(Ta=25)
Symbol PD IPF IF VR ESD Topr Tstg Power Dissipation Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) Continuous Forward Current De-rating Linear From 25 Reverse Voltage Electrostatic Discharge Threshold(HBM) Operating Temperature Range Storage Temperature Range Wave Soldering Condition (Two times Max.)
Note A
Parameter
Rating 75 80 30 0.25 5 2000 -40 ~ +85 -40 ~ +85 260 (for 5 seconds)
Unit mW mA mA mA/ V V
Infrared Soldering Condition (Two times MAX.) 240 (for 10 seconds)
Note A : HBM : Human Body Model. Seller gives no other assurances regarding the ability of to withstand ESD.
Electro-Optical Characteristics(Ta=25)
Parameter Luminous Intensity Viewing Angle Peak Emission Wavelength Dominant Wavelength Spectral Line Half-Width Forward Voltage Reverse Current Symbol IV 21/2 p d VF IR Min. 16.0 Typ. 40.0 130 639 631 17 1.9 2.4 100 Max. 80.0 Unit mcd deg nm nm nm V A IF =20mA VR = 5V Test Condition IF=20mA Note 2 Measurement @Peak IF=20mA
DRAWING NO. : DS-74-03-0007
DATE : 2004-06-07
PAGE
2 of 10
SURFACE MOUNT DEVICE LED Part No. : 0603KRCT
Notes:
1. Luminous intensity is measured with a light sensor and filter combination that proximities the CIE eye-response curve. 2. 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity. 3. The dominant wavelength d is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 4. Caution in ESD : Static Electricity and surge damages the LED. It is recommend use a wrist band or anti-electrostatic glove when handling the LED. All devices, equipment and machinery must be properly grounded. 5. Major standard testing equipment by "Instrument System" Model : CAS140B Compact Array Spectrometer and "KEITHLEY" Source Meter Model : 2400.
REV:A / 03
Typical Electro-Optical Characteristics Curves
Fig.1 Relative Intensity vs. Wavelength
DRAWING NO. : DS-74-03-0007
DATE : 2004-06-07
PAGE
3 of 10
SURFACE MOUNT DEVICE LED Part No. : 0603KRCT
Typical Electro-Optical Characteristics Curves
(25 Ambient Temperature Unless Otherwise Noted)
REV:A / 03
Fig.2 Forward Current vs.Forward Voltage
Luminous lntensity(mcd) Fig.3 Luminous Intensity vs.Forward Current 1000 Relative Luminous lntensity Normalized of 20mA Relative luminous intensity(%) 100 10 1 -60 -40 -20 -0 20 40 60 80 100 Ambient Temperature Ta() Fig.4 Relative Luminous Intensity vs.Forward Current Fig.5 Luminous Intensity vs.Ambient Temperature
50 Forward Current IF(mA) 40 30 20 10
0
0
10
20 30
1.0 0.9 0.8 0.7 0 20 40 60 80 100 0.5 0.3 0.1 0.2 0.4 0.6
40 50 60 70 80 90
Ambient Temperature Ta() Fig.6 Forward Current Derating Curve Fig.7 Relative Intensity vs.Angle
DRAWING NO. : DS-74-03-0007
DATE : 2004-06-07
PAGE
4 of 10
SURFACE MOUNT DEVICE LED Part No. : 0603KRCT
Label Explanation
BATCH: L1 B9 AC L1: Luminous Intensity Code B9: Forward Voltage Code AC: Dom Wavelength Code
REV:A / 03
Reel Dimensions
Notes: 1. Taping Quantity : 4000PCS 2. The tolerances unless mentioned is0.1mm, Angle0.5, Unit : mm.
DRAWING NO. : DS-74-03-0007
DATE : 2004-06-07
PAGE
5 of 10
SURFACE MOUNT DEVICE LED Part No. : 0603KRCT
Package Dimensions Of Tape And Reel
REV:A / 03
Progressive direction
Cathode
Polarity
Notes:All dimensions are in millimeters.
Moisture Resistant Packaging
Label
Reel
Label Aluminum moistue-proof bag Desiccant
240
145
255
Label
T LIGH
210
Box
435
Carton
Notes : One reel in a bag, one bag in a inner box, ten inner boxes in a carton. Unit : mm.
DRAWING NO. : DS-74-03-0007
DATE : 2004-06-07
PAGE 6 of 10
SURFACE MOUNT DEVICE LED Part No. : 0603KRCT
Cleaning
If cleaning is required , use the following solutions for less than 1 minute and less than 40. Appropriate chemicals: Ethyl alcohol and isopropyl alcohol. Effect of ultrasonic cleaning on the LED resin body differs depending on such factors as the oscillator output, size of PCB and LED mounting method. The use of ultrasonic cleaning should be enforced at proper output after confirming there is no problem.
REV:A / 03
Suggest Soldering Pad Dimensions
Direction of PWB camber and go to reflow furnace
Suggest IR Reflow Soldering Profile Condition:
240 C(MAX) Rising +5/sec (MAX) Temperature()
C C
Cooling -5/sec (MAX)
+5/sec (MAX)
Time
DRAWING NO. : DS-74-03-0007
DATE : 2004-06-07
PAGE
7 of 10
SURFACE MOUNT DEVICE LED Part No. : 0603KRCT
Bin Code List
Luminous Intensity(IV), Unit:mcd@20mA Bin Code M N P Min 16.0 25.0 40.0 Including test tolerance Max 32.0 50.0 80.0
REV:A / 03
CAUTIONS
1.Application Limitation : The LED's described here are intended to be used for ordinary electronic equipment (such as office equipment, communication equipment and household application).Consult HB's sales in advance for information on application in which exceptional quality and reliability are required, particularly when the failure or malfunction of the LED's may directly jeopardize life or health (such as airplanes, automobiles, traffic control equipment, life support system and safety devices). 2.Storage : Before opening the package : The LEDs should be kept at 5C to 30C or less and 85%RH or less. The LEDs should be used within a year. After opening the package : The LEDs should be kept at 5C to 30C or less and 70%RH or less. The LEDs should be soldered within 168 hours(7 days) after opening the package. Please avoid rapid transitions in ambient temperature in high humidity environments where condensation may occur. 3.Soldering Do not apply any stress to the lead frame during soldering while the LED is at high temperature. Recommended soldering condition. Reflow Soldering : Pre-heat 120~150C, 120sec. MAX., Peak temperature : 240C Max. Soldering time : 10 sec Max. Soldering Iron : (Not recommended) Temperature 300C Max., Soldering time : 3 sec. Max.(one time only), power dissipation of iron : 20W Max. use SN60 solder of solder with silver content and don't to touch LED lens when soldering. Wave soldering : Pre-heat 100C Max, Pre-heat time 60 sec. Max, Solder wave 260C Max, Soldering time 5 sec. Max. preformed consecutively cooling process is required between 1st and 2nd soldering processes.
DRAWING NO. : DS-74-03-0007
DATE : 2004-06-07
PAGE
8 of 10
SURFACE MOUNT DEVICE LED Part No. : 0603KRCT
4. Lead-Free Soldering For Reflow Soldering : 1Pre-Heat Temp:150-180,120sec.Max. 2Soldering Temp:Temperature Of Soldering Pot Over 230,40sec.Max. 3Peak Temperature:2605sec. 4Reflow Repetition:2 Times Max. 5Suggest Solder Paste Formula 93.3 Sn/3.1 Ag/3.1 B /0.5 Cu For Soldering Iron (Not Recommended) : 1Iron Tip Temp:350 Max. 2Soldering Iron:30w Max. 3Soldering Time:3 Sec. Max. One Time. For Dip Soldering : 1Pre-Heat Temp:150 Max. 120 Sec. Max. 2Bath Temp:265 Max. 3Dip Time:5 Sec. Max.
REV:A / 03
DRAWING NO. : DS-74-03-0007
DATE : 2004-06-07
PAGE 9 of 10
SURFACE MOUNT DEVICE LED Part No. : 0603KRCT
5. Drive Method Circuit model A Circuit model B
REV:A / 03
(A)Recommended circuit. (B)The difference of brightness between LEDs could be found due to the Vf-If characteristics of LED. 6.Reliability Test
Classification Test Item Test Condition Ta= Under Room Temperature As Per Data Sheet Maximum Rating *Test Time= 1000HRS (-24HRS,+72HRS)*@20mA. IR-Reflow In-Board, 2 Times Ta= 655,RH= 9095% *Test Time= 1000HRS2HRS Ta= 1055 Test Time= 1000HRS (-24HRS,72HRS) Ta= -555 *Test Time=1000HRS (-24HRS,72H RS) 1055 10mins -555 10mins Reference Standard MIL-STD-750D:1026 (1995) MIL-STD-883D:1005 (1991) JIS C 7021:B-1 (1982) MIL-STD-202F:103B(1980) JIS C 7021:B-11(1982) MIL-STD-883D:1008 (1991) JIS C 7021:B-10 (1982) JIS C 7021:B-12 (1982) MIL-STD-202F:107D (1980) MIL-STD-750D:1051(1995) MIL-STD-883D:1010 (1991) JIS C 7021:A-4(1982) MIL-STD-202F:107D(1980) MIL-STD-750D:1051(1995) MIL-STD-883D:1011 (1991) MIL-STD-202F:210A(1980) MIL-STD-750D:2031(1995) JIS C 7021:A-1(1982) MIL-STD-202F:208D(1980) MIL-STD-750D:2026(1995) MIL-STD-883D:2003(1991) IEC 68 Part 2-20 JIS C 7021:A-2(1982)
Operation Life High Temperature Endurance Test High Humidity Storage High Temperature Storage Low Temperature Storage Temperature Cycling
100 Cycles
Thermal Shock Environmental Test Solder Resistance
IR-Reflow In-Board, 2 Times 1055 -555 10mins 10mins 100 Cycles Tsol= 260 5 Dwell Time= 10 1sec Tsol= 235 5 Immersion time 20.5 sec Immersion rate 252.5 mm/sec Coverage 95% of the dipped surface
Solder ability
7.Others: The appearance and specifications of the product may be modified for improvement without notice.
DRAWING NO. : DS-74-03-0007
DATE : 2004-06-07
PAGE
10 of 10


▲Up To Search▲   

 
Price & Availability of 0603KRCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X