Part Number Hot Search : 
SED1500 45170D 189NQ DS1265Y 45170D RB201 IRF3709L ML8204
Product Description
Full Text Search
 

To Download UPA834TF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY DATA SHEET
PA834TF
NPN SILICON EPITAXIAL TRANSISTOR (WITH 2 DIFFERENT ELEMENTS) IN A 6-PIN THIN-TYPE SMALL MINI MOLD PACKAGE
Silicon Transistor
DESCRIPTION
The PA834TF has two different built-in transistors (Q1 and Q2) for low noise amplification in the VHF band to UHF band.
PACKAGE DRAWINGS (Unit:mm)
2.100.1 1.250.1
0.22-0.05
+0.1
1
@f = 1 GHz, VCE = 3 V, IC = 7 mA * High gain Q1 : |S21e|2 = 12.0 dB TYP. Q2 : |S21e|2 = 9.0 dB TYP. @f = 1 GHz, VCE = 3 V, IC = 7 mA * 2 different transistors on-chip (2SC4227, 2SC4226) * 6-pin thin-type small mini mold package
0.65
Q1 : NF = 1.4 dB TYP., Q2 : NF = 1.2 dB TYP.
1.30
* Low noise
2.000.2
0.65
2
3
0.600.1
4
5
6
FEATURES
ON-CHIP TRANSISTORS
Q1 3-pin small mini mold part No. 2SC4227 Q2 2SC4226
PIN CONFIGURATION (Top View)
B1 E2 5 B2 4 Q2 2 E1 3 C2
The PA831TF features the Q1 and Q2 in inverted positions.
6 Q1 1
ORDERING INFORMATION
PART NUMBER QUANTITY Loose products (50 pcs) Taping products (3 kpcs/reel) PACKING STYLE 8-mm wide embossed tape. Pin 6 (Q1 Base), pin 5 (Q2 Emitter), and pin 4 (Q2 Base) face perforated side of tape.
C1
PA834TF PA834TF-T1
PIN CONNECTIONS 1. Collector (Q1) 2. Emitter (Q1) 3. Collector (Q2)
Caution is required concerning excess input, such as from static electricity, because the high-frequency process is used for this device.
The information in this document is subject to change without notice.
Document No. P12726EJ1V0DS00 (1st edition) Date Published August 1997 N Printed in Japan
0 to 0.1
4. Base (Q2) 5. Emitter (Q2) 6. Base (Q1)
(c)
0.130.05
V27
0.45
1997
PA834TF
ABSOLUTE MAXIMUM RATINGS (TA = 25C)
RATING PARAMETER Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Total power dissipation SYMBOL Q1 VCBO VCEO VEBO IC PT 20 10 1.5 65 150 in 1 element 200 in 2 elements Junction temperature Storage temperature Tj Tstg 150 -65 to +150 Q2 20 12 3 100 150 in 1 element
Note
UNIT V V V mA mW
150
C C
Note (1) Q1
110 mW must not be exceeded for 1 element.
ELECTRICAL CHARACTERISTICS
PARAMETER Collector cutoff current Emitter cutoff current DC current gain Gain bandwidth product Feedback capacitance Insertion power gain Noise figure SYMBOL ICBO IEBO hFE fT Cre |S21e| NF
2
CONDITION VCB = 10 V, IE = 0 VEB = 1 V, IC = 0 VCE = 3 V, IC = 7 mANote 1 VCE = 3 V, IC = 7 mA, f = 1 GHz VCB = 3 V, IE = 0, f = 1 MHz
Note 2
MIN.
TYP.
MAX. 0.8 0.8
UNIT
A A
70 4.5 7.0 0.45 10 12 1.4
150 GHz 0.9 pF dB 2.7 dB
VCE = 3 V, IC = 7 mA, f = 1 GHz VCE = 3 V, IC = 7 mA, f = 1 GHz
Notes 1. Pulse measurement: PW 350 s, Duty cycle 2% 2. Collector to base capacitance when measured with capacitance meter (automatic balanced bridge method), with emitter connected to guard pin of capacitance meter.
2
PA834TF
(2) Q2
ELECTRICAL CHARACTERISTICS
PARAMETER Collector cutoff current Emitter cutoff current DC current gain Gain bandwidth product Feedback capacitance Insertion power gain Noise figure SYMBOL ICBO IEBO hFE fT Cre |S21e| NF
2
CONDITION VCB = 10 V, IE = 0 VEB = 1 V, IC = 0 VCE = 3 V, IC = 7 mANote 1 VCE = 3 V, IC = 7 mA, f = 1 GHz VCB = 3 V, IE = 0, f = 1 MHz
Note 2
MIN.
TYP.
MAX. 1 1
UNIT
A A
100 3.0 4.5 0.7 7 9 1.2
145 GHz 1.5 pF dB 2.5 dB
VCE = 3 V, IC = 7 mA, f = 1 GHz VCE = 3 V, IC = 7 mA, f = 1 GHz
Notes 1. Pulse measurement: PW 350 s, Duty cycle 2% 2. Collector to base capacitance when measured with capacitance meter (automatic balanced bridge method), with emitter connected to guard pin of capacitance meter.
hFE CLASSIFICATION
Rank Marking hFE value of Q1 hFE value of Q2 FB V27 70 to 150 100 to 145
3
PA834TF
TYPICAL CHARACTERISTICS (TA = 25C)
Q1 Total Power Dissipation vs. Ambient Temperature
Total power dissipation PT (mW) Total power dissipation PT (mW)
Q2 Total Power Dissipation vs. Ambient Temperature Free Air 200 Q1 + Q2 total Q2 when using 1 element Q2 when using 2 elements
Free Air 200 Q1 + Q2 total Q1 when using 1 element Q1 when using 2 elements
100
100
0
50 100 Ambient temperature TA (C)
150
0
50 100 Ambient temperature TA (C)
150
Collector Current vs. Collector to Emitter Voltage 25
Collector current IC (mA)
20 15 10 5
160 A 140 A 120 A 100 A
Collector current IC (mA)
Collector Current vs. Collector to Emitter Voltage 25 IB = 160 A 140 A 20 120 A
15 10 5
100 A 80 A 60 A 40 A 20 A
80 A 60 A 40 A IB = 20 A
0
0.5 Collector to emitter voltage VCE (V)
1.0
0
5 Collector to emitter voltage VCE (V)
10
Collector Current vs. DC Base Voltage 20 VCE = 3 V
Collector current IC (mA) Collector current IC (mA)
Collector Current vs. DC Base Voltage 20 VCE = 3 V
10
10
0
0.5 DC base voltage VBE (V)
1.0
0
0.5 DC base voltage VBE (V)
1.0
4
PA834TF
Q1 DC Current Gain vs. Collector Current 200 VCE = 3 V
DC current gain hFE
Q2 DC Current Gain vs. Collector Current 200 VCE = 3 V
DC current gain hFE
100
100
50
50
20
20
10 0.5
1
5 10 Collector current IC (mA)
50
10 0.5
1
5
10
50
Collector current IC (mA)
Feedback Capacitance vs. Collector to Base Voltage 5.0
Feedback capacitance Cre (pF)
Feedback Capacitance vs. Collector to Base Voltage 5.0
Feedback capacitance Cre (pF)
f = 1 MHz 2.0 1.0 0.5
f = 1 MHZ 2.0 1.0 0.5
0.2 0.1
0.2 0.1 1 2 5 10 20 50
1
2 5 10 20 Collector to base voltage VCB (V)
50
Collector to base voltage VCB (V)
Gain bandwidth product fT (GHz)
Gain bandwidth product fT (GHz)
Gain Bandwidth Product vs. Collector Current 10 VCE = 3 V f = 1 GHz 8 6 4 2 0
Gain Bandwidth Product vs. Collector Current 20 VCE = 3 V
f = 1.0 GHZ
10
5
2 1 0.5
0.5
1.0
5.0 10 Collector current IC (mA)
50
1
5 10 Collector current IC (mA)
50
5
PA834TF
Q1 Insertion Power Gain vs. Collector Current 15
Insertion power gain |S21e|2 (dB) Insertion power gain |S21e|2 (dB)
Q2 Insertion Power Gain vs. Collector Current 15 VCE = 3 V f = 1.0 GHZ
VCE = 3 V f = 1 GHz
10
10
5
5
0 0.5
1
5 10 Collector current IC (mA)
50
0 0.5
1
5 10 Collector current IC (mA)
50 100
Insertion Power Gain vs. Frequency 25
Insertion power gain |S21e|2 (dB) Insertion power gain |S21e|2 (dB)
Insertion Power Gain vs. Frequency 24 VCE = 3V IC = 7 mA
VCE = 3V IC = 7 mA
20 15 10 5 0 0.1
20 16 12 8 4 0 0.1 0.2 0.5 1.0
0.2
2.0 0.5 1.0 Frequency f (GHz)
5.0
2.0
5.0
Frequency f (GHz)
Noise Figure vs. Collector Current 5 VCE = 3 V f = 1 GHz
Noise figure NF (dB) Noise figure NF (dB)
Noise Figure vs. Collector Current 6
VCE = 3 V f = 1 GHZ
4 3 2 1 0 0.5
4
2
0 1.0 5.0 10 Collector current IC (mA) 50 0.5 1.0 5.0 10 50 Collector current IC (mA) 100
6
PA834TF
S-PARAMETERS Q1
VCE = 3 V, IC = 1 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .98 .96 .93 .90 .86 .83 .79 .75 .71 .67 .64 .61 .59 .57 .56 .55 .55 .55 .56 .56 .57 .57 .58 .59 .60 .61 .62 .63 .64 .65 S11 ANG -10.78 -21.46 -32.33 -43.06 -53.99 -65.11 -75.84 -86.87 -98.16 -108.55 -119.41 -129.95 -140.03 -149.74 -159.25 -167.88 -176.04 176.32 169.01 162.45 156.21 150.38 145.04 140.15 135.44 131.19 127.22 123.39 119.95 116.76 MAG 2.41 2.38 2.38 2.31 2.29 2.25 2.20 2.15 2.12 2.03 1.98 1.91 1.83 1.77 1.70 1.63 1.56 1.50 1.44 1.38 1.33 1.28 1.23 1.19 1.15 1.11 1.06 1.03 1.00 .96 S21 ANG 169.01 159.18 150.24 141.69 133.94 126.69 119.35 112.56 105.57 99.27 93.31 87.38 82.09 76.93 71.93 67.38 63.04 58.92 54.98 51.49 47.84 44.42 41.01 38.01 35.10 32.40 29.58 26.90 24.53 22.15 MAG .03 .05 .07 .09 .11 .12 .14 .14 .15 .15 .16 .16 .16 .16 .16 .15 .15 .15 .15 .14 .14 .14 .14 .14 .14 .14 .15 .15 .16 .16 S12 ANG 82.67 75.20 68.08 61.29 55.59 49.63 44.96 40.36 36.37 33.12 30.12 27.62 25.60 23.97 22.71 21.92 21.49 21.38 21.63 22.61 23.68 25.20 26.84 29.10 31.12 33.13 35.36 37.21 39.10 40.55 MAG .99 .98 .95 .92 .89 .85 .82 .78 .75 .72 .70 .67 .65 .64 .62 .60 .59 .58 .57 .56 .56 .55 .54 .54 .53 .53 .52 .52 .52 .51 S22 ANG -5.20 -10.20 -14.68 -19.11 -22.74 -26.47 -29.32 -32.30 -34.43 -36.33 -38.40 -39.93 -41.61 -43.18 -44.84 -46.37 -47.97 -49.69 -51.43 -53.25 -55.13 -57.17 -59.39 -61.77 -64.21 -66.96 -69.82 -72.84 -75.84 -79.12
VCE = 3 V, IC = 3 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .92 .87 .80 .73 .66 .59 .53 .48 .45 .42 .40 .39 .39 .39 .39 .40 .41 .42 .43 .44 .45 .46 .48 .49 .50 .51 .53 .54 .55 .56 S11 ANG -16.30 -31.98 -47.80 -63.07 -78.19 -92.43 -106.02 -118.85 -130.67 -141.99 -152.49 -162.31 -171.32 -179.82 172.48 165.52 159.29 153.32 148.09 143.19 138.60 134.31 130.54 127.05 123.60 120.58 117.57 114.76 112.21 109.84 MAG 6.78 6.40 6.19 5.85 5.54 5.14 4.78 4.43 4.09 3.79 3.52 3.28 3.07 2.88 2.71 2.56 2.42 2.30 2.19 2.09 2.00 1.91 1.83 1.76 1.70 1.64 1.57 1.52 1.48 1.42 S21 ANG 163.07 150.08 138.86 128.99 119.82 111.99 104.35 97.95 92.12 86.84 82.25 77.80 73.85 69.91 66.35 62.96 59.69 56.50 53.49 50.44 47.51 44.80 41.99 39.59 37.06 34.59 32.06 29.74 27.37 25.09 MAG .02 .05 .06 .08 .09 .09 .10 .10 .11 .11 .12 .12 .12 .13 .13 .14 .14 .15 .15 .16 .16 .17 .17 .18 .19 .19 .20 .21 .21 .22 S12 ANG 78.39 68.80 61.19 55.07 51.31 47.96 45.84 44.63 43.53 42.97 42.80 42.90 42.99 43.07 43.15 43.24 43.43 43.66 43.80 44.03 43.95 44.09 43.96 44.03 43.82 43.64 43.46 43.11 42.63 42.20 MAG .97 .91 .83 .76 .69 .64 .59 .55 .52 .50 .48 .46 .44 .43 .41 .40 .39 .38 .37 .36 .36 .35 .34 .33 .33 .32 .31 .31 .30 .30 S22 ANG -10.08 -18.72 -25.37 -30.73 -34.06 -36.91 -38.80 -40.46 -41.67 -42.81 -44.00 -44.90 -45.97 -47.30 -48.61 -49.93 -51.48 -53.05 -54.77 -56.48 -58.43 -60.58 -62.92 -65.35 -68.06 -70.86 -73.84 -77.22 -80.66 -84.05
7
PA834TF
S-PARAMETERS Q1
VCE = 3 V, IC = 5 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .87 .79 .69 .59 .51 .45 .40 .37 .35 .34 .33 .33 .34 .34 .35 .36 .37 .38 .40 .41 .42 .43 .45 .46 .47 .49 .50 .51 .53 .54 S11 ANG -21.09 -40.93 -60.74 -79.32 -96.36 -111.30 -125.02 -137.56 -149.03 -159.60 -169.27 -178.09 173.96 166.63 160.09 154.15 148.92 144.05 139.59 135.38 131.62 127.88 124.89 121.79 118.87 116.22 113.70 111.27 109.07 107.01 MAG 10.58 9.70 9.05 8.25 7.41 6.58 5.89 5.31 4.81 4.40 4.04 3.74 3.48 3.25 3.04 2.86 2.71 2.57 2.44 2.32 2.22 2.12 2.03 1.96 1.88 1.81 1.75 1.69 1.63 1.58 S21 ANG 158.69 143.52 130.65 119.70 110.29 102.97 96.43 91.07 86.20 81.84 77.94 74.24 70.81 67.44 64.24 61.19 58.30 55.55 52.81 49.98 47.31 44.92 42.30 39.95 37.68 35.13 32.81 30.83 28.42 26.31 MAG .02 .04 .05 .06 .07 .08 .09 .09 .10 .10 .11 .12 .12 .13 .13 .14 .15 .15 .16 .17 .17 .18 .19 .20 .20 .21 .22 .22 .23 .24 S12 ANG 76.37 65.52 58.91 54.93 52.81 51.55 51.22 50.87 50.93 51.15 51.32 51.48 51.28 51.26 50.97 50.81 50.56 50.22 49.88 49.47 49.04 48.43 47.89 47.20 46.59 45.84 45.14 44.42 43.48 42.59 MAG .94 .84 .73 .64 .58 .52 .49 .46 .43 .41 .39 .38 .37 .35 .34 .33 .32 .31 .30 .29 .29 .28 .27 .26 .25 .25 .24 .23 .23 .22 S22 ANG -14.02 -24.75 -31.35 -35.74 -38.18 -39.98 -40.96 -41.93 -42.70 -43.47 -44.47 -45.31 -46.39 -47.72 -49.34 -50.61 -52.38 -54.20 -56.12 -58.03 -60.33 -62.85 -65.31 -68.20 -71.18 -74.54 -77.91 -81.95 -85.74 -89.88
VCE = 3 V, IC = 7 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .82 .71 .59 .49 .41 .37 .33 .32 .31 .30 .30 .31 .32 .32 .33 .35 .36 .37 .38 .40 .41 .42 .43 .45 .46 .47 .49 .50 .51 .52 S11 ANG -25.55 -49.26 -72.38 -92.62 -109.93 -124.76 -138.09 -150.18 -161.02 -170.86 -179.78 172.28 165.19 158.69 152.94 147.77 143.12 138.67 134.81 131.11 127.67 124.46 121.60 119.00 116.26 113.87 111.60 109.39 107.25 105.43 MAG 13.98 12.46 11.17 9.74 8.41 7.29 6.42 5.72 5.15 4.68 4.28 3.95 3.67 3.42 3.20 3.01 2.85 2.69 2.56 2.44 2.33 2.22 2.13 2.05 1.97 1.90 1.83 1.77 1.71 1.66 S21 ANG 155.09 138.19 124.11 112.93 104.27 97.81 92.16 87.44 83.20 79.33 75.75 72.27 69.16 66.03 63.14 60.34 57.57 54.83 52.19 49.63 47.15 44.92 42.23 39.97 37.83 35.53 33.27 31.17 28.93 26.77 MAG .02 .04 .05 .06 .07 .07 .08 .09 .09 .10 .11 .12 .12 .13 .14 .14 .15 .16 .17 .17 .18 .19 .20 .20 .21 .22 .22 .23 .24 .24 S12 ANG 74.20 63.64 58.57 56.34 55.60 55.26 55.61 55.90 56.11 56.24 56.22 55.78 55.77 55.48 54.94 54.21 53.87 53.35 52.49 52.00 51.21 50.46 49.54 48.78 47.73 46.89 46.05 44.95 43.79 42.93 MAG .91 .77 .65 .57 .51 .46 .43 .40 .38 .36 .35 .34 .33 .31 .31 .29 .29 .28 .27 .26 .25 .24 .24 .23 .22 .21 .20 .20 .19 .19 S22 ANG -17.27 -28.79 -34.68 -38.01 -39.47 -40.56 -41.10 -41.73 -42.38 -43.03 -43.93 -44.92 -46.11 -47.50 -49.12 -50.81 -52.68 -54.58 -56.92 -58.94 -61.40 -64.15 -67.06 -70.23 -73.73 -77.51 -81.23 -85.62 -90.14 -94.79
8
PA834TF
S-PARAMETERS Q1
VCE = 3 V, IC = 10 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .75 .61 .48 .39 .33 .31 .29 .28 .28 .28 .29 .30 .30 .31 .33 .34 .35 .36 .38 .39 .40 .41 .43 .44 .46 .47 .48 .49 .51 .52 S11 ANG -31.91 -60.80 -86.66 -107.49 -124.54 -138.94 -151.59 -162.92 -172.78 178.41 170.63 163.65 157.49 151.77 146.82 142.17 138.10 134.29 130.79 127.57 124.44 121.52 119.00 116.60 114.12 111.93 109.71 107.65 105.77 103.96 MAG 18.36 15.66 13.17 10.90 9.12 7.79 6.79 6.01 5.38 4.88 4.45 4.11 3.80 3.54 3.32 3.12 2.95 2.79 2.65 2.52 2.41 2.30 2.20 2.12 2.04 1.96 1.89 1.83 1.78 1.71 S21 ANG 150.69 131.59 116.85 106.51 99.07 93.48 88.62 84.41 80.67 77.11 73.88 70.70 67.78 64.89 62.07 59.45 56.81 54.39 51.88 49.37 46.97 44.61 42.27 40.22 37.82 35.73 33.52 31.28 29.36 27.21 MAG .02 .04 .04 .05 .06 .07 .08 .08 .09 .10 .11 .12 .12 .13 .14 .15 .15 .16 .17 .18 .19 .19 .20 .21 .22 .22 .23 .24 .24 .25 S12 ANG 72.56 63.19 59.71 59.23 59.61 59.77 60.28 60.52 60.56 60.42 60.16 59.73 59.25 58.69 57.93 57.17 56.34 55.58 54.62 53.90 52.90 51.89 50.81 49.84 48.85 47.63 46.80 45.54 44.38 43.16 MAG .87 .70 .57 .49 .44 .40 .38 .36 .34 .33 .32 .30 .29 .28 .28 .27 .26 .25 .24 .23 .23 .22 .21 .20 .19 .19 .18 .17 .17 .16 S22 ANG -20.90 -32.54 -36.87 -38.88 -39.52 -39.85 -40.07 -40.48 -41.09 -41.78 -42.77 -43.79 -45.08 -46.76 -48.56 -50.29 -52.45 -54.60 -57.08 -59.39 -62.24 -65.29 -68.41 -72.04 -75.87 -79.99 -84.55 -89.50 -97.37 -99.87
9
PA834TF
S-PARAMETERS Q2
VCE = 3 V, IC = 1 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .97 .93 .89 .84 .80 .76 .74 .71 .69 .68 .68 .67 .67 .67 .67 .67 .68 .68 .69 .69 .70 .70 .71 .72 .72 .73 .73 .74 .75 .75 S11 ANG -20.79 -40.50 -59.73 -76.87 -93.28 -107.72 -120.25 -131.32 -141.35 -150.05 -157.96 -165.04 -171.63 -177.36 176.90 171.98 166.97 162.82 158.53 154.69 150.93 147.32 144.13 140.81 137.73 134.85 132.23 129.37 126.78 124.46 MAG 2.52 2.43 2.35 2.20 2.11 1.99 1.85 1.74 1.64 1.53 1.44 1.36 1.29 1.23 1.17 1.11 1.06 1.02 .98 .94 .91 .88 .84 .81 .79 .76 .74 .72 .69 .68 S21 ANG 162.21 147.42 134.45 123.37 113.14 104.15 96.02 88.78 82.34 76.48 71.18 66.07 61.58 57.26 52.95 49.02 45.23 41.90 38.32 35.40 32.13 29.30 26.66 24.15 21.71 19.47 17.56 15.32 13.76 11.96 MAG .04 .08 .11 .13 .14 .15 .16 .15 .15 .15 .15 .14 .14 .13 .13 .13 .13 .13 .13 .14 .15 .16 .17 .19 .21 .23 .24 .26 .28 .30 S12 ANG 76.22 63.75 53.38 44.64 38.01 32.06 27.52 24.29 21.95 20.46 19.32 19.44 20.32 22.04 24.64 27.93 32.01 35.88 39.86 44.56 48.10 51.51 53.73 54.94 55.71 55.82 55.39 54.32 53.05 51.65 MAG .98 .93 .87 .81 .76 .71 .68 .65 .62 .60 .58 .57 .56 .54 .53 .52 .51 .50 .49 .48 .47 .46 .46 .45 .45 .45 .45 .45 .45 .46 S22 ANG -8.81 -16.39 -22.34 -27.24 -30.90 -34.29 -36.96 -39.46 -41.97 -44.52 -47.14 -50.06 -52.97 -56.38 -59.83 -63.99 -68.26 -72.94 -77.61 -82.95 -88.66 -94.50 -100.96 -107.69 -114.70 -122.04 -129.51 -137.20 -144.79 -152.23
VCE = 3 V, IC = 3 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .90 .82 .73 .67 .62 .59 .57 .56 .55 .54 .54 .55 .55 .55 .56 .57 .57 .58 .59 .60 .60 .61 .62 .63 .64 .65 .66 .67 .68 .68 S11 ANG -29.30 -56.11 -80.82 -101.56 -118.49 -131.80 -142.87 -152.14 -159.99 -166.88 -173.10 -178.59 176.42 171.90 167.41 163.59 159.71 156.43 153.08 149.93 146.93 144.08 141.48 138.74 136.23 133.79 131.63 129.33 127.06 125.06 MAG 6.71 6.09 5.56 4.95 4.38 3.86 3.44 3.11 2.82 2.59 2.39 2.21 2.07 1.95 1.84 1.74 1.66 1.58 1.51 1.45 1.40 1.34 1.29 1.25 1.20 1.16 1.13 1.09 1.06 1.02 S21 ANG 155.29 137.78 123.40 111.97 102.51 94.93 88.40 82.68 77.69 73.06 68.79 64.68 61.03 57.31 53.63 50.19 46.97 43.76 40.55 37.59 34.56 31.82 28.94 26.22 23.63 20.97 18.63 16.09 14.06 11.49 MAG .04 .07 .09 .10 .11 .11 .11 .12 .12 .13 .13 .13 .14 .15 .15 .16 .17 .18 .19 .19 .21 .22 .23 .24 .25 .26 .28 .29 .30 .31 S12 ANG 71.05 56.98 48.29 42.87 39.94 38.27 37.56 37.77 38.47 39.41 40.39 41.56 42.83 44.25 45.41 46.21 47.04 47.53 47.85 48.39 48.56 48.55 48.56 48.08 47.57 46.88 46.03 45.03 43.72 42.77 MAG .93 .81 .68 .59 .52 .47 .43 .40 .38 .36 .34 .32 .31 .29 .28 .26 .25 .24 .23 .22 .21 .20 .19 .19 .19 .19 .20 .20 .22 .23 S22 ANG -16.80 -28.76 -35.65 -40.13 -42.64 -44.51 -45.87 -47.30 -48.65 -50.22 -51.85 -54.00 -56.35 -59.16 -62.05 -66.12 -70.04 -74.96 -79.98 -85.71 -92.39 -99.18 -107.58 -116.23 -125.28 -134.70 -144.38 -153.65 -162.12 -169.77
10
PA834TF
S-PARAMETERS Q2
VCE = 3 V, IC = 5 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .83 .72 .62 .56 .53 .51 .50 .49 .49 .49 .49 .50 .50 .51 .52 .52 .53 .54 .55 .56 .57 .58 .59 .60 .61 .62 .63 .64 .65 .66 S11 ANG -36.95 -69.61 -97.36 -117.96 -133.20 -145.02 -154.27 -162.17 -168.79 -174.60 -179.99 175.37 170.99 167.14 163.26 159.95 156.57 153.53 150.58 147.71 144.98 142.44 140.07 137.58 135.31 133.07 131.02 128.83 126.81 124.98 MAG 10.41 9.00 7.70 6.47 5.47 4.72 4.13 3.68 3.31 3.02 2.77 2.56 2.38 2.25 2.11 1.99 1.90 1.80 1.72 1.65 1.59 1.53 1.47 1.41 1.36 1.31 1.28 1.23 1.20 1.16 S21 ANG 149.93 130.38 115.33 104.59 96.45 89.97 84.56 79.59 75.30 71.24 67.35 63.72 60.38 57.00 53.63 50.49 47.43 44.40 41.65 38.70 35.74 32.92 30.23 27.68 25.02 22.56 20.38 17.84 15.67 13.38 MAG .04 .06 .07 .08 .09 .10 .10 .11 .12 .13 .13 .14 .15 .16 .17 .18 .19 .20 .21 .22 .23 .24 .25 .26 .27 .28 .29 .30 .31 .32 S12 ANG 67.41 54.36 48.48 46.08 45.55 45.75 46.29 47.21 48.13 48.87 49.47 49.97 50.55 50.91 50.87 50.85 50.65 50.10 49.55 49.28 48.70 47.88 47.17 46.25 45.44 44.32 43.24 41.94 40.75 39.42 MAG .87 .70 .56 .46 .40 .35 .32 .29 .27 .25 .23 .22 .20 .19 .18 .16 .15 .14 .12 .11 .11 .10 .10 .10 .11 .12 .13 .14 .16 .18 S22 ANG -23.15 -36.92 -43.33 -46.73 -48.28 -49.37 -50.23 -50.94 -51.90 -53.05 -54.36 -56.22 -58.24 -61.34 -64.21 -68.73 -73.44 -79.56 -86.25 -94.06 -104.12 -114.99 -127.57 -141.02 -153.25 -164.94 -174.58 176.60 170.26 163.89
VCE = 3 V, IC = 7 mA, Z0 = 50
FREQUENCY GHz .10 .20 .30 .40 .50 .60 .70 .80 .90 1.00 1.10 1.20 1.30 1.40 1.50 1.60 1.70 1.80 1.90 2.00 2.10 2.20 2.30 2.40 2.50 2.60 2.70 2.80 2.90 3.00 MAG .78 .64 .55 .50 .48 .47 .46 .46 .46 .46 .47 .47 .48 .49 .50 .50 .51 .52 .53 .54 .55 .56 .57 .58 .59 .60 .61 .62 .63 .64 S11 ANG -43.98 -81.06 -109.37 -128.61 -142.36 -152.78 -161.04 -168.03 -173.82 -179.09 176.20 171.98 168.07 164.50 160.99 157.91 154.69 151.94 149.12 146.49 143.89 141.54 139.30 136.93 134.74 132.62 130.60 128.48 126.53 124.73 MAG 13.56 11.15 9.00 7.29 6.05 5.16 4.49 3.98 3.57 3.24 2.97 2.75 2.55 2.40 2.25 2.13 2.02 1.92 1.83 1.75 1.68 1.62 1.55 1.50 1.44 1.39 1.35 1.31 1.27 1.23 S21 ANG 145.65 124.63 109.90 100.27 93.07 87.38 82.41 77.92 74.02 70.24 66.63 63.22 60.08 56.83 53.72 50.70 47.63 44.73 41.86 39.20 36.30 33.80 31.21 28.56 26.11 23.72 21.44 18.83 16.82 14.52 MAG .04 .05 .07 .07 .08 .09 .10 .11 .12 .13 .14 .15 .16 .17 .18 .19 .20 .21 .22 .23 .24 .25 .26 .27 .28 .29 .30 .31 .32 .33 S12 ANG 65.30 53.73 50.12 49.49 50.25 50.94 51.76 52.62 53.24 53.84 53.96 53.97 53.98 53.80 53.24 52.57 52.05 51.25 50.40 49.60 48.74 47.70 46.78 45.56 44.37 43.25 41.87 40.71 39.19 38.05 MAG .83 .62 .47 .39 .33 .29 .26 .23 .21 .19 .18 .16 .15 .14 .12 .11 .09 .08 .07 .07 .06 .06 .07 .08 .09 .11 .13 .14 .16 .18 S22 ANG -28.08 -42.31 -48.09 -50.66 -51.72 -52.25 -52.80 -53.35 -54.00 -55.03 -56.17 -58.07 -60.12 -63.36 -66.67 -72.24 -78.75 -87.51 -97.71 -110.79 -127.63 -144.64 -160.83 -175.36 174.41 166.38 159.99 154.42 150.20 146.24
11
PA834TF
No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Corporation. NEC Corporation assumes no responsibility for any errors which may appear in this document. NEC Corporation does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. No license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Corporation or others. While NEC Corporation has been making continuous effort to enhance the reliability of its semiconductor devices, the possibility of defects cannot be eliminated entirely. To minimize risks of damage or injury to persons or property arising from a defect in an NEC semiconductor device, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. NEC devices are classified into the following three quality grades: "Standard", "Special", and "Specific". The Specific quality grade applies only to devices developed based on a customer designated "quality assurance program" for a specific application. The recommended applications of a device depend on its quality grade, as indicated below. Customers must check the quality grade of each device before using it in a particular application. Standard: Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots Special: Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) Specific: Aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. The quality grade of NEC devices is "Standard" unless otherwise specified in NEC's Data Sheets or Data Books. If customers intend to use NEC devices for applications other than those specified for Standard quality grade, they should contact an NEC sales representative in advance. Anti-radioactive design is not implemented in this product.
M4 96. 5


▲Up To Search▲   

 
Price & Availability of UPA834TF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X