Part Number Hot Search : 
BD414 BD414 AD7705BR R7600U 4R3ML SR106 SP432 5KE440A
Product Description
Full Text Search
 

To Download TGA2512-SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advance Product Information
July 15, 2005
4 - 14 GHz balanced LNA
Key Features
* * * * * * * *
TGA2512-SM
Typical Frequency Range: 4 - 14 GHz 2.3 dB Nominal Noise Figure 25 dB Nominal Gain 15 dB AGC Range 13 dBm Nominal P1dB 24dBm Nominal OIP3 Bias: 5 V, 160 mA Gate Bias 5 V, 90 mA Self Bias Package Dimensions: 4.0 x 4.0 x 0.9 mm
Self Bias
Gate Bias
* * *
Primary Applications
X-Band Radar EW, ECM Point-to-Point Radio
Product Description
The TriQuint TGA2512-SM is a packaged Xband balanced LNA with AGC amplifier for EW, ECM, and RADAR receiver or driver amplifier applications. The TGA2512-SM provides excellent noise performance with typical midband NF of 2.3dB, and high gain, 25dB from 4-14GHz The TGA2512-SM is designed for maximum ease of use. TGA2512-SM can handle up to 21dBm input power reliably, while the build-in gain control provides 15dB of typical gain control range. The part can be used in selfbiased mode, with a single +5V supply connection, or in gate biased mode, allowing the user to control the current for a particular application. In self-biased mode the TGA2512-SM achieves 6dBm typical P1dB, while in gate-biased mode the typical P1dB is over 13dBm. Lead-Free & RoHS compliant. Evaluation boards are available.
Measured Data
Bias Conditions: Self Bias, Vd = 5V, Id = 90mA 30 6
Spar & NF (dB)
20 10 0 -10 -20 -30 4 5 6
5 4
NF IRL ORL
7 8 9 10 11 12 13 14 Frequency (GHz)
3 2 1 0
Bias Conditions: Gate Bias, Vd = 5V, Id = 160mA 30 6
Gain
10 0 -10 -20 -30 4 5 6 7 8 9 10 11 12 13 14 Frequency (GHz)
4
NF IRL ORL
3 2 1 0
Note: Device is early in the characterization process prior to finalizing all electrical specifications. Specifications are subject to change without notice
1
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Noise Figure (dB)
Spar & NF (dB)
20
5
Noise Figure (dB)
Gain
Advance Product Information
July 15, 2005
TGA2512-SM
TABLE I MAXIMUM RATINGS 1/ SYMBOL
Vd Vg Id Ig PIN PD TCH TM TSTG TCASE 1/ 2/ 3/ 4/
PARAMETER
Drain Voltage Gate Voltage Range Drain Current (gate biased) Gate Current Input Continuous Wave Power Power Dissipation Operating Channel Temperature Mounting Temperature (30 Seconds) Storage Temperature Package Operating Temperature
VALUE
[3.5 + (0.0125)(Id)] V -1 TO +0.5 V 240 mA 7.04 mA 21 dBm See note 4/ 117 0C 260 C -65 to 150 0C -40 to 110 0C
0
NOTES
2/ 3/
2/
2/ 5/
These ratings represent the maximum operable values for this device. Combinations of supply voltage, supply current, input power, and output power shall not exceed PD. Unit for Id is A For a median life time of 1E+6 hrs, Power dissipation is limited to: PD(max) = (117 0C - TBASE 0C) / JC (0C/W) Where TBASE is the base plate temperature. JC for self bias is 28.2 0C/W JC for gate bias is 37.6 0C/W
5/
Junction operating temperature will directly affect the device median time to failure (MTTF). For maximum life, it is recommended that junction temperatures be maintained at the lowest possible levels.
2
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
TGA2512-SM
TABLE II ELECTRICAL CHARACTERISTICS
(Ta = 25 0C, Nominal)
PARAMETER
Frequency Range Drain Voltage, Vd Drain Current, Id Gate Voltage, Vg Small Signal Gain, S21 Input Return Loss, S11 Output Return Loss, S22 Noise Figure, NF Output Power @ 1dB Gain Compression, P1dB OIP3 Temperature Gain Coefficent
Gate Bias
4 - 14 5.0 160 -0.1 25 10 20 2.3 13 24 -0.02
Self Bias
4 - 14 5.0 90 22 10 20 2.3 6 16 -0.02
UNITS
GHz V mA V dB dB dB dB dBm dBm dB/0C
Note: Table II Lists the RF Characteristics of typical devices as determined by fixtured measurements.
TABLE III THERMAL INFORMATION
PARAMETER TEST CONDITIONS Vd = 5 V Id = 160 mA Gate Bias Pdiss = 0.80 W Vd = 5 V Id = 90 mA Self Bias Pdiss = 0.45 W TCH O ( C) 100 TJC (qC/W) 37.6 TM (HRS) 5.8E+6
TJC Thermal Resistance (channel to Case)
TJC Thermal Resistance (channel to Case)
82.7
28.2
4.1E+7
Note: Worst case condition with no RF applied, 100% of DC power is dissipated, Case Temperature @ 70 OC
3
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
TGA2512-SM
Measured Data
Bias Conditions: Self Bias, Vd = 5 V, Id = 90 mA
30 28 26 24 22 20 Gain (dB) 18 16 14 12 10 8 6 4 2 0 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Frequency (GHz)
30 28 26 24 22 Gain Over Vctrl (dB) 20 18 16 14 12 10 8 6 4 2 0 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Frequency (GHz)
4
Vctrl=0.0V Vctrl=2.5V Vctrl=2.75V Vctrl=3.0V Vctrl=3.25V Vctrl=3.5V Vctrl=3.75V Vctrl=4.0V Vctrl=4.25V Vctrl=4.5V Vctrl=5.0V
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
Measured Data
Bias Conditions: Self Bias, Vd = 5 V, Id = 90 mA
TGA2512-SM
0 -2 -4 -6 Input Return Loss (dB) -8 -10 -12 -14 -16 -18 -20 -22 -24 -26 -28 -30 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Frequency (GHz)
0 -2 -4 -6 Output Return Loss (dB) -8 -10 -12 -14 -16 -18 -20 -22 -24 -26 -28 -30 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Frequency (GHz)
5
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
Measured Data
Bias Conditions: Self Bias, Vd = 5 V, Id = 90 mA
TGA2512-SM
10 9 8 Noise Figure (dB) 7 6 5 4 3 2 1 0 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Frequency (GHz)
10 9 Noise Figure Over Vctrl (dB) 8 7 6 5 4 3 2 1 0 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Frequency (GHz)
6
Vctrl=0V Vctrl=2.5V Vctrl=2.75V Vctrl=3.0V Vctrl=3.5V Vctrl=4.0V Vctrl=5.0V
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
Measured Data
Bias Conditions: Self Bias, Vd = 5 V, Id = 90 mA
TGA2512-SM
15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Frequency (GHz)
15 12 9 P1dB Over Vctrl (dBm) 6 3 0 -3 -6 -9 -12 -15 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Frequency (GHz)
7
P1dB (dBm)
Vctrl=0V Vctrl=2V Vctrl=3V Vctrl=3.5V Vctrl=4V Vctrl=5V
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
Measured Data
Bias Conditions: Self Bias, Vd = 5 V, Id = 90 mA
TGA2512-SM
26 24 22 20 OIP3 (dBm) 18 16 14 12 10 8 5 6 7 8 9 10 11 12 13 14 15 Frequency (GHz)
8
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
Measured Data
30 28 26 24 22 20 Gain (dB) 18 16 14 12 10 8 6 4 2 0 2 3 4 5 6 7 8 9 10 11 12 13 14
Bias Conditions: Gate Bias, Vd = 5 V, Id = 160 mA
TGA2512-SM
15
16
17
18
Frequency (GHz)
30 28 26 24 22 Gain Over Vctrl (dB) 20 18 16 14 12 10 8 6 4 2 0 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Frequency (GHz)
9
Vctrl=0V Vctrl=1V Vctrl=2V Vctrl=3V Vctrl=4V Vctrl=5V
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
TGA2512-SM
Measured Data
0 -2 -4 -6 Input Return Loss (dB) -8 -10 -12 -14 -16 -18 -20 -22 -24 -26 -28 -30 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Frequency (GHz) 0 -2 -4 -6 Output Return Loss (dB) -8 -10 -12 -14 -16 -18 -20 -22 -24 -26 -28 -30 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Frequency (GHz)
10
Bias Conditions: Gate Bias, Vd = 5 V, Id = 160 mA
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
Measured Data
10 9 8 Noise Figure (dB) 7 6 5 4 3 2 1 0 2 3 4 5 6 7 8 9 10 11 12 13 14
Bias Conditions: Gate Bias, Vd = 5 V, Id = 160 mA
TGA2512-SM
15
16
17
18
Frequency (GHz)
10 9 Noise Figure Over Vctrl (dB) 8 7 6 5 4 3 2 1 0 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Frequency (GHz)
11
Vctrl=0V Vctrl=2.5V Vctrl=2.75V Vctrl=3.0V Vctrl=3.5V Vctrl=4.0V Vctrl=5.0V
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
Measured Data
15 14 13 12 11 10 P1dB (dBm) 9 8 7 6 5 4 3 2 1 0 2 3 4 5 6 7 8 9 10 11 12 13 14 15
Bias Conditions: Gate Bias, Vd = 5 V, Id = 160 mA
TGA2512-SM
16
17
18
Frequency (GHz)
15 12 9 P1dB Over Vctrl (dBm) 6 3 0 -3 -6 -9 -12 -15 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Frequency (GHz)
12
Vctrl=0V Vctrl=2V Vctrl=3V Vctrl=3.5V Vctrl=4V Vctrl=5V
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
Measured Data
Bias Conditions: Gate Bias, Vd = 5 V, Id = 160 mA
TGA2512-SM
26 24 22 20 OIP3 (dBm) 18 16 14 12 10 8 5 6 7 8 9 10 11 12 13 14 15 Frequency (GHz)
13
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
TGA2512-SM
Package Pinout Diagram
10 11 12
9
1
8
13
2
7
3
6
5
4
Top View
Dot indicates Pin 1
Bottom View
Pin
1,3, 4, 5, 6, 7, 9, 12
Description
NC RF Input RF Output Vd Vctrl Gnd
Self Bias
2 8 10 11 13
Self Bias: Vd = 5V (Id = ~90mA), Vctrl = 0 to +5V for Gain adjustment
Pin
Description
NC RF Input RF Output Vd Vctrl Vg Gnd
Gate Bias
1,3, 4, 5, 6, 7, 9 2 8 10 11 12 13
Gate Bias: Vd = 5V , Vctrl = 0 to +5V for Gain adjustment Vg = Range, -0.5 to 0, typically ~ -0.1 will provide ~160mA of Id.
14
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
TGA4512-SM
Mechanical Drawing
10
11
12
9
4.00 .65 .33 .62
1 13
2.1 x 2.1mm Ground Pad
8 7
2 3
.95 3.05
6
1.35
5
4
.95
4.00
Bottom View
Units: Millimeters. Package tolerance: +/- 0.10
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should be observed during handling, assembly and test.
15
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
TGA2512-SM
Recommended Board Layout Assembly Self Bias
100pF 0402 Case Size
16
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
TGA2512-SM
Recommended Board Layout Assembly Gate Bias
100pF 0402 Case Size
17
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 15, 2005
TGA2512-SM
Ordering Information
Part TGA2512-SM-1 TGA2512-SM-2 Package Style QFN 4x4 Surface Mount - Self Bias QFN 4x4 Surface Mount - Gate Bias
18
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com


▲Up To Search▲   

 
Price & Availability of TGA2512-SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X