Part Number Hot Search : 
UB8BT EMICO 1660C L0380R 56083 01220 Q7010LH5 IRF2903Z
Product Description
Full Text Search
 

To Download TCM1210-350-2P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (1/2)
Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM Series TCM1210 Type
FEATURES * The TCM series is compact sized common mode filter in industry. * By providing wide bandwidth (cutoff frequency: 3GHz) for differential mode, this product has almost no effect for highspeed differential signals and can suppress the radiated emission. * This product contains no lead and supports lead-free soldering. APPLICATIONS * High speed interface(LVDS, IEEE1394 and USB2.0) in electronics devices. * PDP/LCD/DLP/PJ TV, DVD player, notebook PCs, DVC, DSC, amusement machines, portable audio, digital cellular phones, etc. TEMPERATURE RANGE
Operating -25 to +85C
Conformity to RoHS Directive
PRODUCT IDENTIFICATION TCM 1210 - 900 - 2P - T (1) (2) (3) (4) (5) (1) Series name (2) Dimensions Lx W (3) Impedance[at 100MHz] 900: 90 (4) Number of line 2P: 2-line (5) Packaging style T: o180mm reel taping
PACKAGING STYLE AND QUANTITIES
Packaging style Taping Quantity 4000 pieces/reel
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAMS/RECOMMENDED PC BOARD PATTERNS
1.00.07 0.550.1 0.250.15 1.250.07 4 3 0.3
1
2
1
2
No polarity
0.75
4
3
1.75
0.6+0.07
0.55 Weight: 4mg 0.30.1 Dimensions in mm
Dimensions in mm
ELECTRICAL CHARACTERISTICS
Part No. TCM1210-350-2P TCM1210-650-2P TCM1210-900-2P TCM1210-201-2P TCM1210-301-2P Common mode impedance () [100MHz] 3530% 6520% 9020% 20020% 30020% DC resistance ()[1 line] 0.730% 0.8530% 1.230% 1.730% 2.530% Rated current Idc(A)max. 0.1 0.1 0.1 0.1 0.1 Rated voltage Edc(V)max. 10 10 10 10 10 Insulation resistance (M)min. 10 10 10 10 10
* Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
* All specifications are subject to change without notice. 001-01 / 20061022 / e9712_tcm1210.fm
(2/2)
TYPICAL ELECTRICAL CHARACTERISTICS IMPEDANCE vs. FREQUENCY CHARACTERISTICS
10000 301 Common mode 201 Common mode 1000 Impedance() 900 Common mode 650 Common mode 350 Common mode
100
10
1 1
10
301 Differential mode 201 Differential mode 900 Differential mode 650 Differential mode 350 Differential mode 100 1000 10000 Frequency (MHz)
* All specifications are subject to change without notice. 001-01 / 20061022 / e9712_tcm1210.fm


▲Up To Search▲   

 
Price & Availability of TCM1210-350-2P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X