|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Semiconductor STK0850P Advanced Power MOSFET SWITCHING REGULATOR APPLICATIONS Features * High Voltage: BVDSS=500V(Min.) * Low Crss : Crss=12pF(Typ.) * Low gate charge : Qg=28nC(Typ.) * Low RDS(on) :RDS(on)=0.8(Max.) Ordering Information Type NO. STK0850P Marking STK0850 Package Code TO-220AB-3L Outline Dimensions 9.80~10.20 3.70 Max. 8.20~8.60 unit : mm 4.35~4.65 1.20~1.40 6.30~6.70 9.05~9.35 12.68~13.48 1.62 Max. 0.95~1.05 1.49~1.59 1.37 Max. 0.95 Max. 2.20~2.60 9.85~10.15 2.54 Typ. 5.08 Typ. 3.00 0.40~0.60 2.35~2.45 9.85~10.15 PIN Connections 1. Gate 2. Drain 3. Source KSD-T0P004-000 1 STK0850P Absolute maximum ratings Characteristic Drain-source voltage Gate-source voltage Drain current (DC) Drain current (Pulsed) * (Tc=25C) Symbol VDSS VGSS ID (Tc=25) (Tc=100) IDM PD IAS EAS IAR EAR TJ Tstg Rating 500 30 8 3.9 32 65 8 360 8 7.5 150 -55~150 Unit V V A A A W A mJ A mJ C Drain power dissipation Avalanche current (Single) Single pulsed avalanche energy Avalanche current (Repetitive) Repetitive avalanche energy Junction temperature Storage temperature range * Limited by maximum junction temperature Characteristic Thermal resistance Junction-case Junction-ambient Symbol Rth(J-C) Rth(J-a) Typ. - Max 1.92 83.3 Unit /W KSD-T0P004-000 2 STK0850P Electrical Characteristics Characteristic Drain-source breakdown voltage Gate threshold voltage Drain-source cut-off current Gate leakage current Drain-source on-resistance Forward transfer conductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge (Tc=25C) Symbol BVDSS VGS(th) IDSS IGSS RDS(ON) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd Test Condition ID=250A, VGS=0 ID=250A, VDS= VGS VDS=500V, VGS=0V VDS=0V, VGS=30V VGS=10V, ID=4.0A VDS=10V, ID=4.0A VGS=0V, VDS=25V, f=1MHz Min. 500 2.0 - Typ. 0.65 6.5 950 100 12 18 65 93 64 28 5 10 Max. 4.0 1 100 0.8 1430 150 18 42 8 15 Unit V V A nA S pF VDD=200V, ID=8A RG=25 - VDS=200V, VGS=10V ID=8A - ns - nC Source-Drain Diode Ratings and Characteristics Characteristic Continuous source current Pulsed-source current Forward voltage Reverse recovery time Reverse recovery charge (Tc=25C) Symbol IS ISM VSD trr Qrr Test Condition Integral reverse diode in the MOSFET VGS=0V, IS=8A Is=8A, VGS=0 diS/dt=100A/us Min - Typ 335 4.55 Max 8 32 1.4 - Units A V ns uC Note ; Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature L=10mH, IAS=8A, VDD=50V, RG=27 , starting TJ=25 Pulse Test : Pulse Width 300us, Duty cycle 2% Essentially independent of operating temperature KSD-T0P004-000 3 STK0850P Electrical Characteristic Curves Fig. 1 ID - VDS Fig. 2 ID - VGS : - Fig. 3 RDS(on) - ID Fig. 4 IS - VSD Fig. 5 Capacitance - VDS Fig.6 VGS - QG KSD-T0P004-000 4 STK0850P Fig. 7 VDSS - TJ Fig.8 RDS(on) - TJ C C Fig. 9 ID - TC Fig. 10 Safe Operating Area * KSD-T0P004-000 5 STK0850P Fig. 10 Gate Charge Test Circuit & Waveform Fig. 11 Resistive Switching Test Circuit & Waveform Fig. 12 EAS Test Circuit & Waveform KSD-T0P004-000 6 STK0850P Fig. 13 Diode Reverse Recovery Time Test Circuit & Waveform KSD-T0P004-000 7 STK0850P The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice. KSD-T0P004-000 8 |
Price & Availability of STK0850P |