Part Number Hot Search : 
A2425 2412Z ZSM560N8 RM13TR B20NM50F IS42S ZMY100 UM82C01
Product Description
Full Text Search
 

To Download STK0850F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
STK0850F
Advanced Power MOSFET
SWITCHING REGULATOR APPLICATIONS Features
* High Voltage: BVDSS=500V(Min.) * Low Crss : Crss=12pF(Typ.) * Low gate charge : Qg=28nC(Typ.) * Low RDS(on) :RDS(on)=0.8(Max.)
Ordering Information
Type NO. STK0850F Marking STK0850 Package Code TO-220F-3L
Outline Dimensions
3.05~3.35 9.80~10.20
unit : mm
2.60~3.00
15.40~15.80
12.20~12.60
9.10~9.30
12.40~13.00
1.07 Min. 0.90 Max. 0.60 Max.
2.54 Typ.
2.54 Typ.
1
2
3
0.60 Max.
3.46 Typ.
4.70 Max.
2.70 Max.
PIN Connections 1. Gate 2. Drain 3. Source
KSD-T0O008-000
1
STK0850F
Absolute maximum ratings
Characteristic
Drain-source voltage Gate-source voltage Drain current (DC) Drain current (Pulsed)
*
(Tc=25C)
Symbol
VDSS VGSS ID (Tc=25) (Tc=100) IDM PD IAS EAS IAR EAR TJ Tstg
Rating
500 30 8 3.9 32 30 8 360 8 7.5 150 -55~150
Unit
V V A A A W A mJ A mJ C
Drain power dissipation Avalanche current (Single) Single pulsed avalanche energy Avalanche current (Repetitive) Repetitive avalanche energy Junction temperature Storage temperature range
* Limited by maximum junction temperature
Characteristic
Thermal resistance Junction-case Junction-ambient
Symbol
Rth(J-C) Rth(J-a)
Typ.
-
Max
4.16 62.5
Unit
/W
KSD-T0O008-000
2
STK0850F
Electrical Characteristics
Characteristic
Drain-source breakdown voltage Gate threshold voltage Drain-source cut-off current Gate leakage current Drain-source on-resistance Forward transfer conductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total gate charge Gate-source charge Gate-drain charge
(Tc=25C)
Symbol
BVDSS VGS(th) IDSS IGSS RDS(ON) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd
Test Condition
ID=250A, VGS=0 ID=250A, VDS= VGS VDS=500V, VGS=0V VDS=0V, VGS=30V VGS=10V, ID=4.0A VDS=10V, ID=4.0A VGS=0V, VDS=25V, f=1MHz
Min.
500 2.0 -
Typ.
0.65 6.5 950 100 12 18 65 93 64 28 5 10
Max.
4.0 1 100 0.8 1430 150 18 42 8 15
Unit
V V A nA S pF
VDD=200V, ID=8A RG=25
-
VDS=200V, VGS=10V ID=8A
-
ns
-
nC
Source-Drain Diode Ratings and Characteristics
Characteristic
Continuous source current Pulsed-source current Forward voltage Reverse recovery time Reverse recovery charge
(Tc=25C)
Symbol
IS ISM VSD trr Qrr
Test Condition
Integral reverse diode in the MOSFET VGS=0V, IS=8A Is=8A, VGS=0 diS/dt=100A/us
Min
-
Typ
335 4.55
Max
8 32 1.4 -
Units
A V ns uC
Note ; Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature L=10mH, IAS=8A, VDD=50V, RG=27 , starting TJ=25 Pulse Test : Pulse Width 300us, Duty cycle 2% Essentially independent of operating temperature
KSD-T0O008-000
3
STK0850F
Electrical Characteristic Curves
Fig. 1 ID - VDS
Fig. 2 ID - VGS
:
-
Fig. 3 RDS(on) - ID
Fig. 4 IS - VSD
Fig. 5 Capacitance - VDS
Fig.6 VGS - QG
KSD-T0O008-000
4
STK0850F
Fig. 7 VDSS - TJ Fig.8 RDS(on) - TJ
C
C
Fig. 9 ID - TC
Fig. 10 Safe Operating Area
*
KSD-T0O008-000
5
STK0850F
Fig. 10 Gate Charge Test Circuit & Waveform
Fig. 11 Resistive Switching Test Circuit & Waveform
Fig. 12 EAS Test Circuit & Waveform
KSD-T0O008-000
6
STK0850F
Fig. 13 Diode Reverse Recovery Time Test Circuit & Waveform
KSD-T0O008-000
7
STK0850F
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice.
KSD-T0O008-000
8


▲Up To Search▲   

 
Price & Availability of STK0850F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X