Part Number Hot Search : 
FTSO5551 CXA2542 MIX17 TZMC30 LF721RW BAV99BDW K4164 T5551
Product Description
Full Text Search
 

To Download SML50H24 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SML50H24
TO-258 Package Outline.
Dimensions in mm (inches)
17.65 (0.695) 17.39 (0.685) 6.86 (0.270) 6.09 (0.240) 1.14 (0.707) 0.88 (0.035)
17.96 (0.707) 17.70 (0.697)
13.84 (0.545) 13.58 (0.535)
123
4.19 (0.165) 3.94 (0.155) Dia.
21.21 (0.835) 20.70 (0.815)
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
VDSS 500V 24A ID(cont) RDS(on) 0.190
3.56 (0.140) BSC
19.05 (0.750) 12.70 (0.500)
5.08 (0.200) BSC 1.65 (0.065) 1.39 (0.055) Typ.
Pin 1 - Drain
Pin 2 - Source
Pin 3 - Gate
* Faster Switching * Lower Leakage * TO-258 Hermetic Package
D
G S
StarMOS is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimises the JFET effect, increases packing density and reduces the on-resistance. StarMOS also achieves faster switching speeds through optimised gate layout.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VDSS ID IDM VGS VGSM PD TJ , TSTG TL IAR EAR EAS Drain - Source Voltage Continuous Drain Current Pulsed Drain Current 1 Gate - Source Voltage Gate - Source Voltage Transient Total Power Dissipation @ Tcase = 25C Derate Linearly Operating and Storage Junction Temperature Range Lead Temperature : 0.063" from Case for 10 Sec. Avalanche Current1 (Repetitive and Non-Repetitive) Repetitive Avalanche Energy 1 Single Pulse Avalanche Energy
2
500 24 96 30 40 250 2.0 -55 to 150 300 24 30 1300
V A A V W W/C C A mJ
1) Repetitive Rating: Pulse Width limited by maximum junction temperature. 2) Starting TJ = 25C, L = 4.51mH, RG = 25, Peak IL = 24A
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
6/99
SML50H24
STATIC ELECTRICAL RATINGS (Tcase = 25C unless otherwise stated)
BVDSS IDSS IGSS VGS(TH) ID(ON) RDS(ON) Characteristic Drain - Source Breakdown Voltage Zero Gate Voltage Drain Current (VGS = 0V) Gate - Source Leakage Current Gate Threshold Voltage On State Drain Current 2 Drain - Source On State Resistance 2 Test Conditions VGS = 0V , ID = 250A VDS = VDSS VDS = 0.8VDSS , TC = 125C VGS = 30V , VDS = 0V VDS = VGS , ID = 1.0mA VDS > ID(ON) x RDS(ON) Max VGS = 10V VGS = 10V , ID = 0.5 ID [Cont.] 2 24 0.190 Min. 500 Typ. Max. Unit V 25 250 100 4 A nA V A
DYNAMIC CHARACTERISTICS
Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge3 Gate - Source Charge Gate - Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions VGS = 0V VDS = 25V f = 1MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 1.6 Min. Typ. 4400 600 230 200 30 80 12 14 55 11 Max. Unit 5280 840 350 300 45 120 25 30 80 20 ns nC pF
SOURCE - DRAIN DIODE RATINGS AND CHARACTERISTICS
IS ISM VSD trr Qrr Characteristic Continuous Source Current Pulsed Source Current1 Diode Forward Voltage2 Reverse Recovery Time Reverse Recovery Charge Test Conditions (Body Diode) (Body Diode) VGS = 0V , IS = - ID [Cont.] IS = - ID [Cont.] , dls / dt = 100A/s IS = - ID [Cont.] , dls / dt = 100A/s 510 10.2 Min. Typ. Max. Unit 24 A 96 1.3 V ns C
THERMAL CHARACTERISTICS
RJC RJA Characteristic Junction to Case Junction to Ambient 1) Repetitive Rating: Pulse Width limited by maximum junction temperature. 2) Pulse Test: Pulse Width < 380S , Duty Cycle < 2% 3) See MIL-STD-750 Method 3471 CAUTION -- Electrostatic Sensitive Devices. Anti-Static Procedures Must Be Followed. Min. Typ. Max. Unit 0.50 C/W 40
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
6/99


▲Up To Search▲   

 
Price & Availability of SML50H24

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X