Part Number Hot Search : 
N5339 UNSMF AOW15S65 2SK176 81100L ADUM2200 PM5316 BD233
Product Description
Full Text Search
 

To Download SDZ6V2Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Semiconductor
SDZ6V2Z
Zener Diode
Features
* Compact type * Radiation size 1.25mm x 2.00mm * Surface mount lead configuration
Ordering Information
Type NO. SDZ6V2Z Marking T1 Package Code SOT-343
Outline Dimensions
unit : mm
0.40 Max.
1.95~2.25 1.15~1.35
0.70 Max.
2
3
1.90~2.10 1.30 Typ.
1
4
1
2
1
2
0.25 Min. 0.85~0.95 0.10 Max. 0.19 Max.
4
3
PIN Connections 1. Anode 2. Anode 3. Cathode 4. Cathode
KSD-D5Q002-001
1
SDZ6V2Z
Absolute Maximum Ratings
Characteristic
Power dissipation Junction temperature Storage temperature range (Ta=25C)
Symbol
PD TJ TSTG
Rating
150 150 -55~150
Unit
mW C C
Electrical Characteristics
Characteristic
Zener voltage Dynamic impedance KNEE dynamic impedance Reverse current
(Ta=25C)
Symbol
VZ ZZT ZZK IR
Test Condition
IZ=5mA IZ=5mA IZ=0.25mA VR=4V
Min.
5.93 -
Typ. Max.
6.47 10 1300 1
Unit
V A
Recommend PCB solder land (Unit : mm)
KSD-D5Q002-001
2
Electrical Characteristic Curves
Fig. 1 PD-Ta Fig. 2 IZ-VZ
SDZ6V2Z
The AUK Corp. products are intended for the use as components in general electronic equipment (Office and communication equipment, measuring equipment, home appliance, etc.). Please make sure that you consult with us before you use these AUK Corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). AUK Corp. cannot accept liability to any damage which may occur in case these AUK Corp. products were used in the mentioned equipments without prior consultation with AUK Corp.. Specifications mentioned in this publication are subject to change without notice. KSD-D5Q002-001 3


▲Up To Search▲   

 
Price & Availability of SDZ6V2Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X