Part Number Hot Search : 
301LA00 0934C RP1315 P6KE27 74HC27 TFS70H33 MMBZ4617 SJ508
Product Description
Full Text Search
 

To Download SBTJDA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon-Based Technology Corp.
Small-Signal Schottky Barrier Diodes
SBT103D Series
SBT103D series are Schottky Barrier Diodes fabricated by a series of proprietary Schottky barrier patents and technologies (SBT(R)) developed by Silicon-Based Technology Corporation, which exhibit high-performance characteristics for modern switching, conversion and protection applications with high speed and low power consumptions. The package types as described in this data sheet are set forth in routine production; other packages are available upon special orders.
Features and Advantages:
Low forward voltage drop(VF) Low reverse leakage current (IR) Very small conduction power loss Very small switching power loss Very high switching speed Very high reliability
Electrical Characteristics : (@TA=25C unless otherwise specified)
Characteristic
Reverse Breakdown Voltage SBT103AD SBT103BD SBT103CD
Symbol
VFM
Min.
40 30 20
Typ.
-
Max.
-
Unit
V
Test Conditions
IRS=100 A
Maximum Forward Voltage Drop Maximum Peak Reverse Current SBT103AD SBT103BD SBT103CD
VFM IRM
-
-
0.35 0.50 5.0
V A
IF=20mA IF=200mA VR=30V VR=20V VR=10V
-
-
Total Capacitance
Cj trr
-
50 10
-
pF ns
VR=0V, f=1.0MHZ IF=IR=50mA to 200mA, Irr=0.1 IR,RL=100
Reverse Recovery Time
SBT
Silicon-Based Technology Corporation
Tel 886-3-5777897 Fax 886-3-5779832
1F,No.23, R&D Rd.I, Hsinchu Science Park, Taiwan, R.O.C
S BT
SBT103D Series
Maximum Ratings : (@TA=25C unless otherwise specified)
Characteristic
Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current Repetitive Peak Forward Current @t 1.0s Non-Repetitive Peak Forward Surge Current 8.3ms Half Sine Wave Power Dissipation Thermal Resistance, Junction to Ambient Air Operating Temperature Range Storage Temperature Range Symbol VRRM VRWM VR VR(RMS) IFM IFRM 28 21 350 1.0 14 V mA A mA A mW C/W C C 40 30 20 V
SBT103AD SBT103BD SBT103CD
Unit
IFSM Pd R
JA
15 400 300 125 -55 to +125
Tj T STG
Package Data :
Case: Molded Plastic Material (UL Flammability Classification 94V-0) Terminals: Solderable Plated Terminals (MIL-STD-202, Method 208) Lead Free Plating (Matte Tin Finish) Polarity: See device configurations below Approx. Weight: 0.13 grams. Package outline and dimensions (see below)
S BT
SBT103D Series
DO-35
A
B
A
C D
DIMENSIONS (MM) A Min. Max. 25.40 B 4.00 C 0.60 D 2.00
Ordering Information (Note 1)
Shipping 7 Tape & Real SBT103AD SBT103BD SBT103CD SBTJDA SBTJDB SBTJDC DO-35 DO-35 DO-35 3K 3K 3K
Part Number
Marking Code
Packaging Type
Notes: 1. Website at http://www.sbt.com.tw
2. Bulk package in a box form is also available upon request. 3. Day code marking is YM, in which Y represents year (For example: 2005 is marked by 5); M represents month in a year (For example: March is marked by C; November is marked by K).


▲Up To Search▲   

 
Price & Availability of SBTJDA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X