Part Number Hot Search : 
TAR8D02K M63023 60S05 N5819 6X223U TTY5003 4724B SMG1332E
Product Description
Full Text Search
 

To Download S15VB60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S15VB20 ~ S15VB60
PRV : 200 ~ 600 Volts Io : 15 Amperes
FEATURES :
* * * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Ideal for printed circuit board Pb / RoHS Free
SILICON BRIDGE RECTIFIER
BR50
0.728(18.50) 0.688(17.40)
0.570(14.50) 0.530(13.40)
0.685 (16.70)
1.130(28.70) 1.120(28.40)
0.658(16.70) 0.618(15.70) 0.032(0.81) 0.028(0.71)
0.210(5.30) 0.200(5.10) 0.252(6.40) 0.248(6.30) 0.100(2.50) 0.090(2.30) 0.905(23.0) 0.826(21.0)
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally mounted in the bridge encapsulation * Epoxy : UL94V-O rate flame retardant * Terminals : plated .25" (6.35 mm). Faston * Polarity : Polarity symbols marked on case * Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * Weight : 17.1 grams
0.310(7.87) 0.280(7.11)
Metal Heatsink
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Reverse Voltage Maximum Average Forward Current Tc = 83C Maximum Peak Forward Surge Current Single half sine wave
SYMBOL
VRM IF(AV) IFSM
S15VB20
200 15 200 200 1.05 10 2.3 150 - 40 to + 150
S15VB60
600
UNIT
V A A A2S V
Superimposed on rated load (JEDEC Method) Current Squared Time at 2ms t < 10 ms. Tc = 25 C Maximum Forward Voltage per Diode at IF = 7.5 A Maximum DC Reverse Current at VR = VRRM
I2t VF IR
(Pulse Measurement, Rating of per diode) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range Notes : 1. Thermal Resistance from junction to case with units mounted on a 5" x 4" x 3" (12.7cm.x 10.2cm.x 7.3cm.) Al.-Finned Plate
A C/W C C
RJC TJ TSTG
Page 1 of 2
Rev. 01 : April 2, 2002
RATING AND CHARACTERISTIC CURVES ( S15VB20 ~ S15VB60 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
18
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
300
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
15
250
12
200
TJ = 25 C
9 HEAT-SINK MOUNTING, Tc 5" x 4" x 3" THK. (12.7cm x 12.7cm x 7.3cm) Al.-Finned plate
150
6
100
3
50
50 Hz Sine Wave, Non-repetitive 1 Cycle Peak Value 1 2 4 6 10 20 40 60 100
0
0 0 25 50 75 100 125 150 175
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS REVERSE CURRENT, MICROAMPERES PER DIODE
10
PER DIODE
TJ = 100 C
FORWARD CURRENT, AMPERES
10
1.0
Pulse test per one diode 1.0
0.1
TJ = 25 C
TJ = 25 C
0.1
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 01 : April 2, 2002


▲Up To Search▲   

 
Price & Availability of S15VB60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X