Part Number Hot Search : 
UPB8282C MMJT9435 AP430206 AD578KN 87C51F ISL611 LB1922 FCH47N6
Product Description
Full Text Search
 

To Download S15VB60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
Bridge Diode
Square In-line Package
S15VB60
600V 15A
OUTLINE DIMENSIONS
Case : S15VB Unit : mm
RATINGS
Absolute Maximum Ratings Item Symbol Tstg Storage Temperature Tj Operating Junction Temperature VRM Maximum Reverse Voltage IO 50Hz sine wave, R-load Average Rectified Forward Current
Peak Surge Forward Current Current Squared Time Dielectric Strength Mounting Torque
Conditions
With heatsink, Tc=83 50Hz sine wave, R-load Without heatsink, Ta=40 IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25 I2t 2mst10msc=25 Vdis Terminals to case, AC 1 minute TOR Recommended torque : 1Nm
Ratings Unit -40150 150 600 V 15 A 4.5 200 A 200 A2 2 kV 2 Nm Ratings Unit Max.1.05 V Max.10 A Max.2.3 /W
Electrical Characteristics (Tc=25) Item Symbol Conditions VF IF=7.5A, Pulse measurement, Rating of per diode Forward Voltage IR VR=VRM, Pulse measurement, Rating of per diode Reverse Current jc junction to case Thermal Resistance
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
S15VBx
Forward Voltage
Forward Current IF [A]
10 Tc=150C [TYP]
Tc=25C [TYP]
Pulse measurement per diode
1 0.4
0.6
0.8
1
1.2
1.4
Forward Voltage VF [V]
S15VBx
40 35
Forward Power Dissipation
Forward Power Dissipation PF [W]
30 25 20 15 10 5 0
SIN
0
5
10
15
20
Average Rectified Forward Current IO [A]
Tj = 150C Sine wave
S15VBx
20
Derating Curve
Average Rectified Forward Current IO [A]
* fa = 1.3C/W 15
10
without heatsink 5
0
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
Sine wave R-load Free in air * with thermal compound, TOR=5kg-cm
S15VBx
300
Peak Surge Forward Capability
IFSM
10ms 10ms
250
1 cycle
Peak Surge Forward Current IFSM [A]
non-repetitive, sine wave, Tj=25C before surge current is applied
200
150
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of S15VB60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X