|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LESHAN RADIO COMPANY, LTD. S15VB10 Thru S15VB100 High Current Glass Passivated Single-Phase Bridge Rectifier FEATURES Plastic Package has Underwriters Laboratory Flammability Classification 94V-0 High current capacity with small package Glass passivated chip junctions Superior thermal conductivity High IFSM Maximum Ratings & Thermal Characteristics Ratings at 25 Item Maximum repetitive voltage Maximum DC reverse current TA=25 at rated DC blocking voltage TA=125 Average recified forward current 60Hz sine wave,R-load with heatsink Tc=100 Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Dielectric strength Terminals to case, AC 1 minute Current 1mA Max instantaneous forward voltage at 7.5A Operating junction temperature Storage temperature ambient temperature unless otherwise specified. Unit Symbol S15VB10 S15VB20 S15VB40 S15VB60 S15VB80 S15VB100 VRM IR Io IFSM Vdia VF Tj Tstg V A A A KV V -40~150 LESHAN RADIO COMPANY, LTD. S15VB10 Thru S15VB100 Fig.1 Derating Curve Fig.2 Typical Reverse Characteristics Average Rectified Forward Current Case Temperature Tc ( ) Instantaneous Reverse Current (A) Percent of Rated Peak Reverse Voltage % Fig.3 Forward Voltage Peak Surge Forward Current IFSM(A) Forward Voltage VF (V) Fig.4 Peak Surge Forward Capability Forward Current (A) Number of Cycles (cycles) |
Price & Availability of S15VB20 |