Part Number Hot Search : 
STTH30 A9341 BNBSP DF005 49LV64 LR024 P2501 BUV50
Product Description
Full Text Search
 

To Download RGP10M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
1.0 Amp FAST SWITCHING MEGARECTIFIERS
Mechanical Dimensions
JEDEC D0-41
.080 .107 .205 .160 1.00 Min.
RGP10A . . . 10M Series
Description
.031 typ.
Features
n HIGH TEMPERATURE METALLURGICALLY BONDED CONSTRUCTION n SINTERED GLASS CAVITY-FREE JUNCTION n 1.0 AMP OPERATION @ TA = 55C, WITH NO THERMAL RUNAWAY n TYPICAL IR < 0.1 Amp
Electrical Characteristics @ 25 o C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM RMS Reverse Voltage...VR(rms) DC Blocking Voltage...VDC Average Forward Rectified Current...IF(av) Current 3/8" Lead Length @ TA = 75C Non-Repetitive Peak Forward Surge Current...IFSM 8.3mS, 1/2 Sine Wave Superimposed on Rated Load Forward Voltage @ 1.0A...VF Full Load Reverse Current...IR(av) Full Cycle Average @ TA = 55C DC Reverse Current...IR @ Rated DC Blocking Voltage TA = 25C TA = 150C
RGP10A . . . 10M Series RGP10A RGP10B RGP10D RGP10G RGP10J RGP10K RGP10M 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000
Units
Volts Volts Volts Amps Amps Volts
............................................. 1.0 ............................................... ............................................. 3 0 ............................................... ............................................. 1.3 ...............................................
............................................. 1 0 0 ............................................... Amps
............................................. 5.0 ............................................... ............................................. 2 0 0 ............................................... ............................................. 1 5 ............................................... ............................................. 5 5 ............................................... < ..................... 1 5 0 ................... > 250 < ....... 5 0 0 ...... >
Amps Amps pF C / W nS C
Typical Junction Capacitance...CJ (Note 1) Typical Thermal Resistance...RJA (Note 2) Typical Reverse Recovery Time...tRR (Note 3) Operating & Storage Temperature Range...TJ, TSTRG
......................................... -65 to 175 ..........................................
Page 6-16
Data Sheet
1.0 Amp FAST SWITCHING MEGARECTIFIERS
Forward Current Derating Curve
RESISTIVE OR INDUCTIVE LOAD
0.375 (9.5mm) LEAD LENGTH
TA = Ambient Temperature (C) Typical Junction Capacitance
TJ = 25C f = 1.0 MHZ VSIG = 50mVp-p
Non-Repetitive Peak Forward Surge Current
TJ = TJ max. 8.3 mS Single Half Sine Wave (Jedec Method)
Amps
Number of Cycles @ 60 HZ Typical Instantaneous Forward Characteristics
pF
Reverse Voltage (Volts) Typical Reverse Characteristics
TJ = 100C
Amps
Amps
TJ = 25C Pulse Width = 300S 1% Duty Cycle
TJ = 75C
TJ = 25C
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 HZ Resistive or Inductive Load. For Capacitive Load, Derate Current by 20%.
Volts
Percent of Rated Peak Voltage
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V. 2. Thermal Resistance from Junction to Ambient at 3/8" Lead Length, P.C. Board Mounted. 3. Reverse Recovery Condition IF = 0.5A, IR = 1.0A, IRR = 0.25A.
Page 6-17
RGP10A . . . 10M Series
Amps


▲Up To Search▲   

 
Price & Availability of RGP10M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X