|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RGP10A THRU RGP10M GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER Reverse Voltage - 50 to 1000 Volts * D DO-204AL Forward Current - 1.0 Ampere FEATURES P A T 1.0 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) DIA. 0.205 (5.2) 0.160 (4.1) 1.0 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) DIA. NOTE: Lead diameter is 0.026 (0.66) 0.023 (0.58) for suffix "E" part numbers Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature metallurgically bonded construction Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 For use in high frequency rectifier circuits Fast switching for high efficiency 1.0 Ampere operation at TA=55C with no thermal runaway Typical IR less than 0.1A High temperature soldering guaranteed: 350C/10 seconds 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension E N T E Dimensions in inches and (millimeters) *Glass-plastic encapsulation technique is covered by Patent No. 3,996,602 and brazed-lead assembly by Patent No. 3,930,306 (R) MECHANICAL DATA Case: JEDEC DO-204AL molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 ounce, 0.3 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. SYMBOLS RGP 10A RGP 10B RGP 10D RGP 10G RGP 10J RGP 10K RGP 10M UNITS Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0A Maximum full load reverse current, full cycle average 0.375" (9.5mm) lead length TA=55C Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) Operating junction and storage temperature range TA=25C TA=150C VRRM VRMS VDC I(AV) IFSM VF IR IR trr CJ RJA TJ, TSTG 50 35 50 100 70 100 200 140 200 400 280 400 1.0 30.0 1.3 100.0 5.0 200.0 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amp Amps Volts A A 150 15.0 55.0 -65 to +175 250 500 ns pF C/W C NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted 4/98 RATINGS AND CHARACTERISTIC CURVES RGP10A THRU RGP10M FIG. 1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT, AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 1.0 FORWARD SURGE CURRENT, AMPERES RESISTIVE OR INDUCTIVE LOAD 30 TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) 0.75 20 0.5 10 0.25 0.375" (9.5mm) LEAD LENGTH 0 0 25 50 75 100 125 150 175 1 10 NUMBER OF CYCLES AT 60 HZ 100 AMBIENT TEMPERATURE, C FIG. 4 - TYPICAL REVERSE CHARACTERISTICS FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 20 10 TJ=125C 10 INSTANTANEOUS FORWARD CURRENT, AMPERES INSTANTANEOUS REVERSE CURRENT, MICROAMPERES 1 TJ=25C 1 TJ=75C PULSE WIDTH=300s 1% DUTY CYCLE 0.1 0.1 TJ=25C 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0 20 40 60 80 100 INSTANTANEOUS FORWARD VOLTAGE, VOLTS PERCENT OF RATED PEAK REVERSE VOLTAGE, % FIG. 5 - TYPICAL JUNCTION CAPACITANCE 100 TRANSIENT THERMAL IMPEDANCE (C/W) TJ=25C f=1.0 MHZ Vsig=50mVp-p FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE JUNCTION CAPACITANCE pF 100 10 10 1 1 1 10 REVERSE VOLTAGE, VOLTS 100 0.1 0.01 0.1 1 10 100 t, PULSE DURATION, sec |
Price & Availability of RGP10M |