|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PLA190 Single Pole OptoMOS(R) Relay Load Voltage Load Current Max RON PLA190 400 150 22 Units V mA Description The PLA190 is a 1-Form-A solid state relay that uses optically coupled relay technology to provide an enhanced 5000V isolation barrier between the input and output of the relay. The efficient MOSFET switches use Clares patented OptoMOS architecture. The optically coupled input is controlled by a highly efficient GaAIAs infrared LED. Features * 5000VRMS Input/Output Isolation * Small 6 Pin DIP Package * Low Drive Power Requirements (TTL/CMOS Compatible) * No Moving Parts * High Reliability * Arc-Free With No Snubbing Circuits * FCC Compatible * VDE Compatible * No EMI/RFI Generation * Machine Insertable, Wave Solderable Applications * Telecommunications * Telecom Switching * Tip/Ring Circuits * Modem Switching (Laptop, Notebook, Pocket Size) * Hookswitch * Dial Pulsing * Ground Start * Ringer Injection * Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment-Patient/Equipment Isolation * Security * Aerospace * Industrial Controls Approvals * UL Approved to UL1577 * CSA Certified * Complies with EN60950 Ordering Information Part # PLA190 PLA190S PLA190STR Description 6 Pin Dip (50/Tube) 6 Pin Surface Mount (50/Tube) 6 Pin Surface Mount (1000/Reel) Pin Configuration PLA190 Pinout AC/DC Configuration + Control Control NC 1 2 3 6 5 4 Load Do Not Use Load PLA190 Pinout DC Only Configuration + Control Control NC 1 2 3 6 5 4 + Load Load Switching Characteristics of Normally Open (Form A) Devices 10ms CONTROL + 90% LOAD 10% + TON 10%+ TOFF DS-PLA190-R1 www.clare.com 1 PLA190 Absolute Maximum Ratings (@ 25 C) Parameter Input Power Dissipation Input Control Current Peak (10ms) Reverse Input Voltage Total Power Dissipation Isolation Voltage Input to Output Operational Temperature Storage Temperature Soldering Temperature DIP Package Surface Mount Package (10 Seconds Max.) 1 2 Min 5000 -40 -40 - Typ Max Units - 1501 mW 50 mA 1 A 5 V - 8002 mW VRMS +85 C +125 C +260 +220 C C Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this data sheet is not implied. Exposure of the device to the absolute maximum ratings for an extended period may degrade the device and effect its reliability. Derate Linearly 1.33 mw/C Derate Linearly 6.67 mw/C Electrical Characteristics Parameter Output Characteristics @ 25C Load Voltage (Peak) Load Current (Continuous) AC/DC Configuration DC Configuration Peak Load Current On-Resistance AC/DC Configuration DC Configuration Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Voltage Reverse Input Current Common Characteristics @ 25C Input to Output Capacitance Input to Output Isolation Conditions 10ms IL=150mA IL=250mA VL=400V IF=5mA, VL=10V IF=5mA, VL=10V 50V; f=1MHz IL=150mA IF=5mA VR=5V t=60 seconds Symbol VL IL IL IL RON RON ILEAK TON TOFF COUT IF IF VF VR IR CI/O VI/O Min 5 0.4 0.9 5000 Typ 25 0.7 1.2 3 Max 400 150 250 400 22 7 1 1 0.5 50 1.4 5 10 Units V mA mA mA A ms ms pF mA mA V V A pF VRMS 2 www.clare.com R1 PLA190 PERFORMANCE DATA* PLA190 Typical LED Forward Voltage Drop (N=50 Ambient Temperature = 25C) IF = 5mADC 35 30 !# ! Device Count (N) PLA190 Typical On-Resistance Distribution (N=50 Ambient Temperature = 25C) (Load Current = 150mADC; IF = 5mADC) 35 30 PLA190 Typical Blocking Voltage Distribution (N=50 Ambient Temperature = 25C) Device Count (N) 25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 # # # # $ % & ' Device Count (N) 25 20 15 10 5 0 441.5 450.5 459.5 468.5 477.5 486.5 LED Forward Voltage Drop (V) On-Resistance () Blocking Voltage (V) PLA190 Typical IF for Switch Operation (N=50 Ambient Temperature = 25C) (Load Current = 150mADC) 25 25 PLA190 Typical IF for Switch Dropout (N=50 Ambient Temperature = 25C) PLA190 Typical Turn-On Time (N=50 Ambient Temperature = 25C) (Load Current = 100mADC; IF = 5mADC) 25 20 Device Count (N) Device Count (N) Device Count (N) 20 20 15 15 15 10 10 10 5 5 5 0 0.75 1.05 1.35 1.65 1.95 2.25 0 0.75 1.05 1.35 1.65 1.95 2.25 0 0.23 0.26 0.29 0.32 0.35 0.38 LED Current (mA) LED Current (mA) Turn-Off (ms) PLA190 Typical Turn-On Time (N=50 Ambient Temperature = 25C) (Load Current = 100mADC; IF = 5mADC) 25 20 300 Load Current (mA) PLA190 Typical Load Current vs. Temperature DC Configuration 10 9 PLA190 Typical On-Resistance vs. Temperature (Load Current = Max Rated at Temp.) DC Configuration Device Count (N) 250 200 150 100 50 0 15 AC/DC Configuration 10mA 5mA 10mA 5mA On-Resistance () IF=5mA 8 7 6 5 10 IF=10mA 5 0 0.23 0.26 0.29 0.32 0.35 0.38 -40 -20 0 20 40 60 80 100 120 0 -40 -20 0 20 40 60 80 100 Turn-Off (ms) Temperature (C) PLA190 Typical On-Resistance vs. Temperature (Load Current = Max rated at Temp.) AC/DC Configuration 25 PLA190 Typical On Resistance vs. Temp. Load Current=100mA Instantaneous 25 0.035 0.030 PLA190 PLA110 Typical Leakage vs. Temperature (Measured across Pins 4 & 6) On-Resistance () On-Resistance () 15 Leakage (A) 20 5mA 10mA 20 IF=5mA 0.025 0.020 0.015 0.010 0.005 0 15 10 10 5 5 0 -40 -20 0 20 40 60 80 100 -40 -20 0 20 40 60 80 100 120 -40 -20 0 20 40 60 80 100 Temperature (C) Temperature (C) The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department. R1 www.clare.com 3 PLA190 PERFORMANCE DATA* 480 Blocking Voltage (VRMS) PLA190 Typical Blocking Voltage vs. Temperature 475 Turn-On (ms) 0.6 0.5 0.4 0.3 0.2 0.1 -40 -20 0 20 40 60 80 100 PLA190 Typical Turn-On vs. Temperature (Load Current = 100mADC) 5mA 0.3 PLA190 Typical Turn-Off vs. Temperature (Load Current = 100mADC) 465 460 455 450 10mA Turn-Off (ms) 470 0.25 0.2 0.15 0.1 0.05 IF=5mA 0 Temperature (C) -40 -20 0 20 40 60 80 100 120 -40 -20 0 20 40 60 80 100 Temperature (C) Temperature (C) PLA190 Typical LED Forward Voltage Drop vs. Temperature LED Forward Voltage Drop (V) 1.8 1.6 PLA190 Typical Turn-On vs. LED Forward Current (Load Current = 150mADC) 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 PLA190 Typical Turn-Off vs. LED Forward Current (Load Current = 150mADC) 0.12 0.10 Turn-Off (ms) Turn-On (ms) 0.08 1.4 50mA 1.2 0.06 0.04 1.0 10mA 5mA 0.02 0.8 -40 -20 0 20 40 60 80 100 120 0 0 5 10 15 20 25 30 35 40 45 50 0 0 5 10 15 20 25 30 35 40 45 50 Temperature (C) Forward Current (mA) Forward Current (mA) 3.000 LED Current (mA) PLA190 Typical IF for Switch Operation vs. Temperature (Load Current = 100mADC) 3.000 LED Current (mA) PLA190 Typical IF for Switch Dropout vs. Temperature (Load Current = 100mADC) 150 Load Current (mA) PLA190 Typical Load Current vs. Load Voltage (Ambient Temperature = 25C) IF = 5mADC 2.500 2.000 1.500 1.000 0.500 0 -40 -20 0 20 40 60 80 100 2.500 2.000 1.500 1.000 0.500 0 -40 -20 0 20 40 60 80 100 100 50 0 -50 -100 -150 -2.5 -2.0 -1.5 -1.0 -0.5 0 0.5 1.0 1.5 2.0 2.5 Load Voltage (V) Temperature (C) Temperature (C) PLA190 PLA110 Energy Rating Curve 1.2 1.0 Load Current (A) 0.8 0.6 0.4 0.2 0 10s 100s 1ms 10ms 100ms 1s 10s 100s Time *The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department. 4 www.clare.com R1 PLA190 Mechanical Dimensions 6 Pin DIP Through Hole (Standard) 7.620 .254 (.300 .010) 3.302 (.130) 6.350 .127 (.250 .005) 9.144 .508 (.360 .020) 8.382 .635 (.330 .025) 2.540 .127 (.100 .005) PC Board Pattern (Top View) 6-.800 DIA. (6-.031 DIA.) 9.144 (.360) 6.350 .127 (.250 .005) 2.540 .127 (.100 .005) 7.620 .127 (.300 .005) 7.239 TYP. (.285) .457 .076 (.018 .003) 5.080 .127 (.200 .005) 6 Pin DIP Surface Mount ("S" Suffix) 7.620 .254 (.300 .010) 4.445 .127 (.175 .005) 3.302 (.130) .635 TYP. (.025) .254 TYP. (.010) 6.350 .127 (.250 .005) 8.382 .635 (.330 .025) 2.540 .127 (.100 .005) PC Board Pattern (Top View) 2.540 .127 (.100 .005) 9.525 .254 (.375 .010) 1.905 .127 (.075 .005) 8.305 .127 (.327 .005) .457 .076 (.018 .003) 1.499 .127 (.059 .005) Tape and Reel Packaging for 6 Pin Surface Mount Package 330.2 DIA. (13.00) 2.007 .102 1.498 .102 3.987 .102 (.079 .004) (.059 .004) (.157 .004) Top Cover Tape Thickness .102 MAX. (.004) 6.731 MAX. 1.753 .102 (.265) (.069 .004) .406 MAX. (.016) 7.493 .102 (.295 .004) 12.090 (.476) 4.877 (.192) 1 6 16.002 .305 (.630 .012) 10.100 (.398) Embossed Carrier Top Cover Tape .050R TYP. 11.989 .102 (.472 .004) User Direction of Feed 10.100 .102 (.398 .004) 1.549 .102 (.061 .004) Embossment Dimensions mm (inches) R1 www.clare.com 5 Worldwide Sales Offices CLARE LOCATIONS Clare Headquarters 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Clare Micronix Division 145 Columbia Aliso Viejo, CA 92656-1490 Tel: 1-949-831-4622 Fax: 1-949-831-4628 EUROPE European Headquarters CP Clare nv Bampslaan 17 B-3500 Hasselt (Belgium) Tel: 32-11-300868 Fax: 32-11-300890 France Clare France Sales Lead Rep 99 route de Versailles 91160 Champlan France Tel: 33 1 69 79 93 50 Fax: 33 1 69 79 93 59 Germany Clare Germany Sales ActiveComp Electronic GmbH Mitterstrasse 12 85077 Manching Germany Tel: 49 8459 3214 10 Fax: 49 8459 3214 29 Italy C.L.A.R.E.s.a.s. Via C. Colombo 10/A I-20066 Melzo (Milano) Tel: 39-02-95737160 Fax: 39-02-95738829 Sweden Clare Sales Comptronic AB Box 167 S-16329 Spanga Tel: 46-862-10370 Fax: 46-862-10371 United Kingdom Clare UK Sales Marco Polo House Cook Way Bindon Road Taunton UK-Somerset TA2 6BG Tel: 44-1-823 352541 Fax: 44-1-823 352797 ASIA PACIFIC Asian Headquarters Clare Room N1016, Chia-Hsin, Bldg II, 10F, No. 96, Sec. 2 Chung Shan North Road Taipei, Taiwan R.O.C. Tel: 886-2-2523-6368 Fax: 886-2-2523-6369 SALES OFFICES AMERICAS Americas Headquarters Clare 78 Cherry Hill Drive Beverly, MA 01915 Tel: 1-978-524-6700 Fax: 1-978-524-4900 Toll Free: 1-800-27-CLARE Eastern Region Clare P.O. Box 856 Mahwah, NJ 07430 Tel: 1-201-236-0101 Fax: 1-201-236-8685 Toll Free: 1-800-27-CLARE Central Region Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 Western Region Clare 1852 West 11th Street, #348 Tracy, CA 95376 Tel: 1-209-832-4367 Fax: 1-209-832-4732 Toll Free: 1-800-27-CLARE Canada Clare Canada Ltd. 3425 Harvester Road, Suite 202 Burlington, Ontario L7N 3N1 Tel: 1-905-333-9066 Fax: 1-905-333-1824 http://www.clare.com Clare cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in this Clare product. No circuit patent licenses nor indemnity are expressed or implied. Clare reserves the right to change the specification and circuitry, without notice at any time. The products described in this document are not intended for use in medical implantation or other direct life support applications where malfunction may result in direct physical harm, injury or death to a person. Specification: DS-PLA190-R1 (c)Copyright 2000, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 4/3/01 |
Price & Availability of PLA190 |