|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
COMPANY CONFIDENTIAL PI3HDMI412-A 4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Features * * * * * * * * * * * * * 4-Differential Channel 2:1 Mux/DeMux TMDS Signaling Data Rate: 1.65Gbps Crosstalk: -25dB@825MHz Switching speed: 4ns Isolation: -30dB@825MHz ESD: Data bits @ 8kV HBM, select bit @ 2 kV HBM Near-Zero Prop Delay: 250ps max. Low bit-to-bit skew Hot insertion capable Enable/Disable Time: 9ns Bidirectional Packaging (Pb-free & Green): - 42-pin TQFN (ZH) - 48-pin BQSOP (B) Description Pericom Semiconductor's PI3HDMI series of switch circuits are targeted for high-resolution video networks that are based on DVI/ HDMI standards, and TMDS signal processing. The PI3HDMI412-A is a 8- to 4-Channel Mux/DeMux Switch. The device multiplexes differential signals to one of two corresponding outputs. The switch is bidirectional and offers little or no attenuation of the high-speed signals at the outputs. It is designed for low bit-to-bit skew and high channel-to-channel noise isolation. The maximum DVI/HDMI data rate of 1.65Gbps provides the resolution required by the next generation HDTV and PC graphics. Three differential channels are used for data (video signals for DVI or audio/video signals for HDMI), and one differential channel is used for Clock for decoding the TMDS signals at the outputs. Because of its passive bidirectional feature, this switch can be used either at the video drivers side or at the receiver side. For PC graphics applications, the device sits at the drivers side to switch between multiple display units such as PC LCD monitor, projector, TV, etc. For consumer video applications, the device sits at the receiver end to switch between the source components such as DVD, D-VHS, STB, etc. Block Diagram Pin Descriptions (Top View) VSS VDD C1+ C1VSS VDD SEL VSS C2+ C2VDD VSS C3+ C3VSS VSS VDD VSS VSS VDD VSS VSS C0+ C0- 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 VDD VSS C0+A C0-A C1+A C1-A VSS C0+B C0-B C1+B C1-B VSS VDD C2+A C2-A C3+A C3-A VSS C2+B C2-B C3+B C3-B VSS VDD 42-pin TQFN 1 48-pin BQSOP PS8814 02/08/06 COMPANY CONFIDENTIAL PI3HDMI412-A 4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Pin Description Truth Table Function N to NA N to NB SEL L H Pin # 5, 8, 13, 18, 20, 30, 40, 42 1, 4, 10, 14, 17, 19, 21, 39, 41 9 2, 3, 6, 7, 11, 12, 15, 16, 31-38, 22-29 Pin Name VDD VSS SEL CXtx Description + Power supply 3.30 - Power supply Select pin, see truth table Data + Clk bits for TMDS signal Maximum Ratings (Above which useful life may be impaired. For user guidelines, not tested.) Storage Temperature....................................-65C to +150C Supply Voltage to VSS Potential...............-0.5V to +2.5V DC Input Voltage ...............................................VSS to VDD DC Output Current......................................................120mA Power Dissipation...........................................................0.5W Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. DC Power Supply Characteristics Paramenter VDD VSS Description Positive Power Supply Negative Power Supply Min. 3.0 1.5 Max. 3.6 1.6 Units V V DC Electrical Characteristics for Switching over Operating Range (TA = -40C to +85C) Paramenter VIH(3) VIL(3) VIK IIH IIL Description Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current Test Conditions Guaranteed HIGH level Guaranteed LOW level VDD=Max., VIN=VDD VDD=Max., VIN=VSS Min. 0.65(VDD-VSS)+VSS -0.5+VSS -0.7+VSS 0.35(VDD-VSS)+VSS -1.2+VSS 5 5 A V Typ(2) Max. Units Clamp Diode Voltage VDD=Max., IIN=-18mA Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at TA = 25C ambient and maximum loading. 3. VIH + VIL are for SEL input only. 2 PS8814 02/08/06 COMPANY CONFIDENTIAL PI3HDMI412-A 4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Power Supply Characteristics Parameters ICC Description Quiescent Power Supply Current Test Conditions(1) VDD = Max., VIN = VDD or VSS Min. Typ.(2) 200 Max. Units A Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at TA = 25C ambient and maximum loading. Dynamic Electrical Characteristics Over the Operating Range (TA= -40 to +85C) Parameter XTALK Description Crosstalk Test Conditions See Fig. 1 for Measurement Setup, f = 825 MHz See Fig. 2 for Measurement Setup, f = 825 MHz Min. Typ.(2) -25 Max. Units dB -30 4.0 Gbps OIRR DR OFF Isolation Data Rate Fig 1. Crosstalk Setup 3 PS8814 02/08/06 COMPANY CONFIDENTIAL PI3HDMI412-A 4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Fig 2. Off-isolation setup Fig 3. Crosstalk 4 PS8814 02/08/06 COMPANY CONFIDENTIAL PI3HDMI412-A 4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Fig 4. Off Isolation Switching Characteristics (TA= -40 to +85C, VSS=0V, VDD=1.8V 10%) Paramenter tPZH, tPZL tPHZ, tPLZ Description Line Enable Time - SEL to AN, BN Line Disable Time - SEL to AN, BN Min. 0.5 0.5 Typ.(2) Max. 8.0 4.0 Units ns Notes: 1. For measurement setup, please see "Test Circuit For Electrical Characteristic" on page 6, and "Switching waveforms" on page 7 5 PS8814 02/08/06 COMPANY CONFIDENTIAL PI3HDMI412-A 4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Test Circuit for Electrical Characteristics(1) Notes: 1. CL = Load capacitance: includes jig and probe capacitance. 2. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator 3. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. 4. All input impulses are supplied by generators having the following characteristics: PRR MHz, ZO = 50, tR 2.5ns, tF 2.5ns. 5. The outputs are measured one at a time with one transition per measurement. Switch Positions Test tPLZ, tPZL (output on B-side) tPHZ, tPZH (output on B-side) Prop Delay Switch 2 x (VDD - VSS) VSS Open Test Circuit for Dynamic Electrical Characteristics 6 PS8814 02/08/06 COMPANY CONFIDENTIAL PI3HDMI412-A 4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Switching Waveforms Voltage Waveforms Enable and Disable Times 3.3V PI3HDMI412-A 1.8k-ohm Select Line 3.3V 1.5k-ohm Select Line 1.5V Example of a circuit that needs to be connected to the select lines of our device: 7 PS8814 02/08/06 COMPANY CONFIDENTIAL PI3HDMI412-A 4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Application Test Results Figure 1. TMDS TP2 Tx eye compliance test setup Figure 2. TMDS TP3 Rx "switch at receiver" eye compliance test setup 8 PS8814 02/08/06 COMPANY CONFIDENTIAL PI3HDMI412-A 4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Figure 3. TP2 (Tx) eye-measurements (left is with switch, right is without switch), refer to figure 1 for the test set up Figure 4. TP3 (Rx) - "Switch at receiver side" with 2-meter cable eye-measurements (left is with switch, right is without switch), refer to figure 2 for the test set up. 9 PS8814 02/08/06 COMPANY CONFIDENTIAL PI3HDMI412-A 4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Packaging Mechanical: 42-pin TQFN (ZH) Pin #1 Corner 3.500.10 0.800.04 2.05.05 Pin #1 Corner 9.00.10 0.20 REF. 0.5 0.40.05 0.6.03 0.25.05 Packaging Mechanical: 48-pin BQSOP (B) 48 .150 .157 3.80 4.00 .228 .244 5.80 6.20 Gauge Plane 1 .010 0.25 BSC .386 .394 9.80 10.00 .015 0.381 x 45 .014 0.356 REF .008 0.20 Nom Nom .063 1.60 7.55.05 .020 .029 0.50 0.75 .079 2.0 Max .002 0.05 .009 0.25 .0157 BSC 0.40 X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS .0051 .009 0.13 0.23 5 10 PS8814 02/08/06 COMPANY CONFIDENTIAL PI3HDMI412-A 4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch based on TMDS Signaling Standard Ordering Information Ordering Code PI3HDMI412-AZHE PI3HDMI412-ABE Package Code ZH B Package Description Pb-free & Green, 42-pin TQFN Pb-free & Green, 42-pin BQSOP Notes: 1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/ Pericom Semiconductor Corporation * 1-800-435-2336 * www.pericom.com 11 PS8814 02/08/06 |
Price & Availability of PI3HDMI412-A |