|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Silicon Avalanche Diodes 400W Axial Leaded Transient Voltage Supressors RoHS FEATURES P4KE Series (R) * RoHS compliant * Plastic package * Glass passivated chip junction in DO-41 Package * 400W surge capability at 10/1000 s wave form * Excellent clamping capability * Low zener impedance * Fast response time: typically less than 1.0ps from 0 Volts to BV min. * Typical IR less than 1A above 10V * (9.5mm) lead length, 5lbs., (2.3kg) tension Agency Approvals: Recognized under the Components Program of Underwriters Laboratories. Agency File Number: E128662 MAXIMUM RATINGS AND CHARACTERISTICS @25C AMBIENT TEMPERATURE (unless otherwise noted) PARAMETER Peak Pulse Power Dissipation at TA=25C, TP=1ms (note 1) Steady State Power Dissipation at TL=75C, Lead lenghts .375", (9.5mm)(note2) Peak Forward Surge Current, 8.3ms Single Half SIne Wave Superimposed on Rated Load, (JEDEC Method) (note 3) Operating junction and Storage Temperature Range IFSM 40 Amps SYMBOL PPPM VALUE Min 400 UNIT Watts ORDERING INFORMATION P4KE CA Voltage Bi-Directional 5% Voltage Tolerance Packaging Option B= Bulk (500 pcs) T= Tape and reeled (5000 pcs) PM(AV) 1 Watts Tj, TsTG -55 to +175 C Notes: 1. Non-repetitive current pulse , per Fig. 3 and derated above TA=25C per Fig 2. 2. 8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum. Mechanical Specifications: Weight: Case: Mounting Position: Polarity: Terminal: 0.012ounce, 0.3 gram JEDEC DO-41 Molded Plastic over passivated junction Any Color band denotes cathode except Bipolar Plated Axial leads, solderable per MIL-STD-750, Method 2026 282 w w w. l i t t e l f u s e . c o m Silicon Avalanche Diodes 400W Axial Leaded Transient Voltage Supressors RoHS P4KE Series Part Number (Bi) Reverse Stand off Voltage VRWM (Volts) 5.80 6.40 7.02 7.78 8.55 9.40 10.20 11.10 12.80 13.60 15.30 17.10 18.80 20.50 23.10 25.60 28.20 30.80 33.30 36.80 40.20 43.60 47.80 53.00 58.10 64.10 70.10 77.80 85.50 94.00 102.00 111.00 128.00 136.00 145.00 154.00 171.00 185.00 214.00 256.00 300.00 342.00 376.00 408.00 434.00 450.00 459.00 467.00 Breakdown Voltage VBR (Volts) MIN.@ IT MIN MAX 6.45 7.14 7.13 7.88 7.79 8.61 8.65 9.55 9.50 10.50 10.50 11.60 11.40 12.60 12.40 13.70 14.30 15.80 15.20 16.80 17.10 18.90 19.00 21.00 20.90 23.10 22.80 25.20 25.70 28.40 28.50 31.50 31.40 34.70 34.20 37.80 37.10 41.00 40.90 45.20 44.70 49.40 48.50 53.60 53.20 58.80 58.90 65.10 64.60 71.40 71.30 78.80 77.90 86.10 86.50 95.50 95.00 105.00 105.00 116.00 114.00 126.00 124.00 137.00 143.00 158.00 152.00 168.00 162.00 179.00 171.00 189.00 190.00 210.00 209.00 231.00 237.00 263.00 285.00 315.00 332.00 368.00 380.00 420.00 418.00 462.00 456.00 504.00 485.00 535.00 503.50 556.50 513.00 567.00 522.50 577.50 Test Current IT (mA) Maximum Clamping Voltage VC @ IPP (Volts) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.5 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0 602.0 658.0 698.0 725.0 740.0 760.0 Maximum Peak Pulse Current IPP (A) 39.00 36.30 33.90 30.60 28.30 26.30 24.60 22.50 19.30 18.20 16.10 14.80 13.40 12.30 10.90 9.90 9.00 8.20 7.60 6.90 6.30 5.80 5.30 4.80 4.50 4.00 3.60 3.30 3.00 2.70 2.50 2.30 2.00 1.90 1.80 1.70 1.50 1.30 1.20 1.00 0.85 0.75 0.68 0.61 0.57 0.55 0.54 0.52 Maximum Reverse Leakage IR @ VRWM (A) 1000 500 200 50 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 (R) ELECTRICAL SPECIFICATION @ Tamb 25C Part Number (Uni) P4KE6.8A P4KE7.5A P4KE8.2A P4KE9.1A P4KE10A P4KE11A P4KE12A P4KE13A P4KE15A P4KE16A P4KE18A P4KE20A P4KE22A P4KE24A P4KE27A P4KE30A P4KE33A P4KE36A P4KE39A P4KE43A P4KE47A P4KE51A P4KE56A P4KE62A P4KE68A P4KE75A P4KE82A P4KE91A P4KE100A P4KE110A P4KE120A P4KE130A P4KE150A P4KE160A P4KE170A P4KE180A P4KE200A P4KE220A P4KE250A P4KE300A P4KE350A P4KE400A P4KE440A P4KE480A P4KE510A P4KE530A P4KE540A P4KE550A P4KE6.8CA P4KE7.5CA P4KE8.2CA P4KE9.1CA P4KE10CA P4KE11CA P4KE12CA P4KE13CA P4KE15CA P4KE16CA P4KE18CA P4KE20CA P4KE22CA P4KE24CA P4KE27CA P4KE30CA P4KE33CA P4KE36CA P4KE39CA P4KE43CA P4KE47CA P4KE51CA P4KE56CA P4KE62CA P4KE68CA P4KE75CA P4KE82CA P4KE91CA P4KE100CA P4KE110CA P4KE120CA P4KE130CA P4KE150CA P4KE160CA P4KE170CA P4KE180CA P4KE200CA P4KE220CA P4KE250CA P4KE300CA P4KE350CA P4KE400CA P4KE440CA P4KE480CA P4KE510CA P4KE530CA P4KE540CA P4KE550CA 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 6 SILICON DIODE ARRAYS 283 For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is 10% w w w. l i t t e l f u s e . c o m Silicon Avalanche Diodes 400W Axial Leaded Transient Voltage Supressors RoHS P4KE Series (R) Ratings and Characteristic Curves TA=25C unless otherwise noted Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage, % 100 PPPM- Peak Pulse Power (KW) 100 75 10 50 1 25 0.1 0.1s 0 0 25 50 75 100 125 150 175 200 TA- Ambient Temperature (C) 1.0s 10s 100s 1.0ms 10ms td- Pulse Width (sec.) Fig. 1 Peak Pulse Power Rating 150 Fig. 2 Pulse Derating Curve 10000 CJ-Junction Capacitance (pF) TJ=25C f=1.0MHZ Vsig=50mVp-p IPPM- Peak Pulse Current, % I RSM tr=10sec 100 Peak Value IPPM Half Value IPPM 2 TJ=25C Pulse Width(td) is defined as the point where the peak current decays to 50% of IPPM Measured at Zero Bias 1000 50 10/1000sec. Waveform as defined by R.E.A 100 10 1.0 td 0 0 Measured at Stand-Off Voltage, VWM 1.0 2.0 T - Time(ms) 3.0 4.0 5 10 100 200 VWM-Reverse Stand-Off Voltage (V) Fig. 3 Pulse Waveform Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage, % Fig. 4- Typ-Junction Capacitance Uni-Directional 200 IPSM-Peak Forward Surge Current (A) TJ=TJ MAX 8.3 Single Half Sine-Wave (JEDEC Method) 1.00 60Hz resistive or inductive load 0.75 .375" (9.5mm) Lead Lengths 100 0.50 50 0.25 0 0 1.6x1.6x.040" (40x40x1mm) 25 50 75 100 125 150 175 200 10 1 5 10 100 TA- Ambient Temperature (C) Number of Cycles at 60Hz Fig. 5 steady Pulse Derating Curve 100 10 PPPM- Peak Pulse Power (KW) tp-Instantanious Reverse Leakage Current (A) Fig. 6- Maximum Non-Repetitive Peak Forward Surge Uni-Directional Only 100 1.0 10 0.1 0.01 0.001 0.01 0.1 1 10 100 1000 1 0.001 0.01 0.1 1 10 100 1000 CVRR- Breakdown Voltage (V) td- Pulse Duration (sec.) Fig. 7 - Typical Reverse Leakage Characteristics 284 Fig. 8 Typ. Transient Thermal Impedance w w w. l i t t e l f u s e . c o m Silicon Avalanche Diodes 400W Axial Leaded Transient Voltage Supressors RoHS P4KE Series DO-204AL (DO-41 Plastic) (R) Package Outline Dimensions 1.0 (25.4) MIN. 6 SILICON DIODE ARRAYS 0.107(2.7) 0.080(2.0) DIA. 0.205(5.2) 0.160(4.1) 0.034(0.86) 0.028(0.71) DIA. 1.0 (25.4) MIN. All dimensions in inches and (millimeters) w w w. l i t t e l f u s e . c o m 285 |
Price & Availability of P4KE350A |