Part Number Hot Search : 
X4165V8 1408C 25P16V PF1008N LR3114Z 10D15 5KE15 LH5268A
Product Description
Full Text Search
 

To Download NS8DT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NS8AT - NS8MT
PRV : 50 - 1000 Volts Io : 8.0 Ampere
FEATURES :
* High current capability * High surge current capability * High reliability * Low reverse current * Low forward voltage drop * Glass passivated chip junction * Pb / RoHS Free
Glass Passivated General Purpose
TO-220AB
0.154(3.91)DIA. 0.148(3.74) 0.113(2.87) 0.103(2.62) 0.415(10.54)MAX. 0.055(1.39) 0.045(1.14) 0.145(3.68) 0.135(3.43) 0.350(8.89) 0.330(8.39) 12 3 PIN 1 PIN 2 CASE PIN 3 0.205(520) 0.195(4.95) 0.037(0.94) 0.027(0.68) 0.105(2.67) 0.095(2.41) 0.022(0.56) 0.014(0.36) 0.160(4.06) 0.140(3.56) 0.560(14.22) 0.530(13.46) 0.185(4.70) 0.175(4.44)
0.635(16.13) 0.625(15.87)
0.603(15.32) 0.573(14.55)
MECHANICAL DATA :
* Case : Epoxy, Molded * Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds * Weight : 1.9 grams (Approximately)
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Repetitive Peak Reverse Voltage Maximum Working Reverse Voltage Maximum DC Blocking Voltage Maximum Average Forward Current, Tc = 150C Maximum Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at I F = 8 A Maximum Reverse Current at Rated DC Blocking Voltage Tc = 25 C Tc = 150 C
SYMBOL
VRRM VRWM VDC IF(AV)
NS8 AT
50 35 50
NS8 BT
100 70 100
NS8 DT
200 140 200
NS8 GT
400 280 400 8.0
NS8 JT
600 420 600
NS8 KT
800 560 800
NS8 MT
1000 700 1000
UNIT
V V V A
IFSM
125
A
VF IR IR(H) RJC TJ TSTG
1.1 10 100 3.0 - 55 to + 150 - 55 to + 150
V A A C/W C C
Maximum Thermal Resistance, Junction to Case Junction Temperature Range Storage Temperature Range
Page 1 of 2
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( NS8AT ~ NS8MT )
FIG.1 - FORWARD CURRENT DERATING CURRENT AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
12 150
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
TJ =TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC) Method
PEAK FORWARD SURGE CURRENT, AMPERES
100 125 150 175
125
10 8
100
6 60 Hz Resistive or Inductive Load
75
4
50
2
25
0
0 0 25 50 75 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C) FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100 100
NUMBER OF CYCLES AT 60Hz
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
TJ = 100 C
10
10
Pulse Width = 300 s 1% Duty Cycle 1
1
TJ = 25 C 0.1
0.1 0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
JUNCTION CAPACITANCE, pF
12 0 10 0 80 60 40 20 0 0.1 1 10 100 1000 TJ = 25C f = 1.0 MHz Vsig = 50 mVp-p
REVERSE VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of NS8DT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X