Part Number Hot Search : 
102230 SG2812 SP8660DP 74HC2 NC7SP32 PC28F128 RKD700KJ PTC800
Product Description
Full Text Search
 

To Download MMBT2222AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
WBFBP-03A Plastic-Encapsulate Transistors
MMBT2222AE
C
TRANSISTOR
WBFBP-03A
(1.6x1.6x0.5) unit: mm
TOP
DESCRIPTION NPN Epitaxial planar Silicon Transistor FEATURES Complementary PNP Type available (MMBT2907AE) PPLICATION general purpose amplifier, switching. For portable equipment:(i.e. Mobile phone,MP3, MD,CD-ROM, DVD-ROM, Note book PC, etc.) MARKING:1P C
B
1. BASE 2. EMITTER 3. COLLECTOR
E C
BACK
E
B
1P
BE MAXIMUM RATINGS TA=25 unless otherwise noted Symbol Parameter Value VCBO Collector-Base Voltage 75 VCEO 40 Collector-Emitter Voltage VEBO 6 Emitter-Base Voltage IC Collector Current -Continuous 600 PC Collector Dissipation 150 TJ Junction Temperature 150 Tstg Storage Temperature -55to+150 ELECTRICAL CHARACTERISTICSTamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICEX IEBO hFE(1) hFE(2) DC current gain hFE(3) hFE(4) hFE(5) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Noise figure VCE(sat) VBE(sat)
Units V V V mA mW unless
Test
otherwise
specified
MIN 75 40 6 0.1 0.1 0.1 35 50 75 100 40 1 0.3 2 1.2 300 8 4 V V MHz pF dB 400 TYP MAX UNIT V V V
conditions
IC= 10A,IE=0 IC= 10mA, IB=0 IE=10A,IC=0 VCB=70 V,IE=0 VCE=60V,VBE(off)=3V VEB= 3V,IC=0 VCE=10V,IC= 0.1mA VCE=10V,IC= 1mA VCE=10V,IC= 10mA VCE=10V,IC= 150mA VCE=10V,IC= 500mA IC=500mA,IB= 50mA IC=150mA,IB=15mA IC=500mA,IB= 50mA IC=150mA,IB=15mA VCE=20V, IC= 20mA
A A A
fT Cob
NF
f=100MHz
VCB=10V, IE=0, f=1MHz VCB=10V,Ic=0.1mA, f=1KHz,Rs=1K
ELECTRICAL CHARACTERISTICSTamb=25
Parameter Delay time Rise time Storage time Fall time Symbol
unless
otherwise
specified
MIN TYP MAX 10 25 225 60 UNIT nS nS nS nS
td tr tS tf
Test conditions VCC=30V, VBE(off)=-0.5V IC=150mA , IB1= 15mA VCC=30V, IC=150mA IB1=-IB2=15mA
MMBT2222AE
Sym bol A A1 b b1 D E D2 E2 e L L1 L2 L3 L4 k z
D im e n s io n s In M illim e t e r s M in . M ax. 0 .4 5 0 0 .5 5 0 0 .0 1 0 0 .0 9 0 0 .2 3 0 0 .3 3 0 0 .3 2 0 R E F . 1 .5 5 0 1 .6 5 0 1 .5 5 0 1 .6 5 0 0 .7 5 0 R E F . 1 .0 0 0 R E F . 1 .0 0 0 T Y P . 0 .2 8 0 R E F . 0 .2 3 0 R E F . 0 .1 8 0 R E F . 0 .2 5 0 R E F . 0 .2 0 0 R E F . 0 .3 2 0 R E F . 0 .1 6 0 R E F .
D im e n s io n s In In c h e s M in . M ax. 0 .0 1 8 0 .0 2 2 0 .0 0 0 0 .0 0 4 0 .0 0 9 0 .0 1 3 0 .0 1 3 R E F . 0 .0 6 1 0 .0 6 5 0 .0 6 1 0 .0 6 5 0 .0 3 0 R E F . 0 .0 4 0 R E F . 0 .0 4 0 T Y P . 0 .0 1 1 R E F . 0 .0 0 9 R E F . 0 .0 0 7 R E F . 0 .0 1 0 R E F . 0 .0 0 8 R E F . 0 .0 1 3 R E F . 0 .0 0 6 R E F .


▲Up To Search▲   

 
Price & Availability of MMBT2222AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X