Part Number Hot Search : 
BD952F 3640MD 4096XEDD TFS462 45M30A AKD4125 PE44630 GBL06
Product Description
Full Text Search
 

To Download MMBT2222A-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Small Signal Transistor (NPN) MMBT2222A-G (RoHS Device)
Features
NPN Silicon Epitaxial Planar Transistor for Switching and amplifier application.
Mechanical Data
Case: SOT-23 Plastic Package Weight approx: 0.008g
.122 (3.1) .110 (2.8) .016 (0.40)
SOT-23
Top View
Mounting Pad Layout
0.035 (0.9)
B
C .056 (1.43) .052 (1.33)
E .004 (0.1) max.
0.079 (2.0)
.037 (0.95) .037 (0.95)
B: Base C: Collector E: Emitter
.007 (0.175) .005 (0.125)
0.037 (0.95)
0.037 (0.95)
.016(0.4)
.004 (0.1)
.103 (2.6) .086 (2.2)
Dimensions in inches (millimeters)
Maximum Ratings & Thermal Characteristics Rating at 25C ambient temperature unless otherwise specified.
Parameter
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Power Dissipation on FR-5 Board TA=25C Derate above 25C on Alumina Substrate(2) TA=25C Derate above 25C FR-5 Board Alumina Substrate
(1)
Symbol
VCBO VCEO VEBO IC Ptot Ptot R JA Tj Ts
Value
75 40 6.0 600 225 1.9 300 2.4 556 417 150 -55 to +150
Unit
V V V mA mmW mW/C mW mW/C C/mW C C
Thermal Resistance Junction to Ambient Air Junction Temperature Storage Temperature Range
Notes:
(1) FR-5=1.0 x 0.75 x 0.062 in. (2) Alumina = 0.4 x 0.3 x0.024 in. 99.5% alumina.
"-G" suffix designated RoHS compliant version
.045 (1.15) .037 (0.95)
Small Signal Transistor (NPN) MMBT2222A-G (RoHS Device)
Electrical Characteristics (TJ = 25C unless otherwise noted)
Parameter Symbol Test Condition VCE = 10 V, IC = 0.1 mA VCE = 10 V, IC = 1 mA VCE = 10 V, IC = 10 mA VCE = 10 V, IC = 10 mA TA = -55C VCE = 10 V, IC = 150 mA(1) VCE = 10 V, IC = 500 mA(1) VCE = 1.0 V, IC = 150 mA(1) IC = 10 A, IE = 0 IC = 10 mA, IB = 0 IC = 10 A, IC = 0 IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA VEB = 3 V, VCE = 60 V VCB = 60 V, IE = 0 VCB = 50 V, IE = 0 V TA = 125C VEB = 3 V, VCE = 60 V VEB = 3 VDC, IC = 0 VCE = 20 V, IC = 20 mA f = 100 MHz VCB = 10 V, f = 1 MHz, IE = 0 VEB = 0.5 V, f = 1 MHz, IC = 0 VCE = 10 V, IC = 100 A, RS = 1 k, f = 1 kHz VCE = 10 V, IC = 1 mA f = 1 kHz VCE = 10 V, IC = 10 mA f = 1 kHz VCE = 10 V, IC = 1 mA, f = 1 kHz VCE = 10 V, IC = 10 mA, f = 1 kHz VCE = 10 V, IC = 1 mA, f = 1 kHz VCE = 10 V, IC = 1 mA, f = 1 kHz VCE = 10 V, IC = 10 mA, f = 1 kHz Min 35 50 75 35 100 40 50 75 40 6.0 -- -- 0.6 -- -- -- -- -- -- 300 -- -- -- 2 0.25 50 75 50 75 5.0 25 Typ -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Max -- -- -- -- 300 -- -- -- -- -- 0.3 1.0 1.2 2.0 10 10 10 20 100 -- 8 25 4.0 8.0 k 1.25 300 375 300 375 35 200 S -- V V V V V nA nA A nA nA MHz pF pF dB -- Unit
DC Current Gain
hFE
Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage(1) Base-Emitter Saturation Voltage(1) Collector Cut-off Current Collector Cut-off Current Base Cut-off Current Emitter Cut-off Current Current Gain-Bandwidth Product Output Capacitance Input Capacitance Noise Figure
(1)
V(BR)CBO V(BR)CEO V(BR)EBO VCEsat VBEsat ICEX ICBO IBL IEBO fT Cobo Cibo NF
Input Impedance
hie
Small Signal Current Gain
hfe
Voltage Feedback Ratio
hre
--
Output Admittance
hoe
Note: (1) Pulse Test: Pulse width 300 s - Duty cycle 2%
"-G" suffix designated RoHS compliant version
Small Signal Transistor (NPN) MMBT2222A-G (RoHS Device)
Electrical Characteristics
Parameter Collector Base Time Constant Delay Time (see fig. 1) Rise Time (see fig. 1) Storage Time (see fig. 2) Fall Time (see fig. 2)
(TJ = 25C unless otherwise noted)
Symbol rb'CC td tr ts tf
Test Condition IE = 20 mA, VCB = 20 V, f = 31.8 MHz IB1 = 15 mA, IC = 150 mA, VCC = 30V, VBE = -0.5 V IB1 = 15 mA, IC = 150 mA, VCC = 30V, VBE = -0.5 V IB1 = IB2 = 15 mA, IC = 150 mA, VCC = 30V IB1 = IB2 = 15 mA, IC = 150 mA, VCC = 30V
Min -- -- -- -- --
Typ -- -- -- -- --
Max 150 10 25 225 60
Unit ps ns ns ns ns
Switching Time Equivalent Test Circuit
Figure 1. Turn-ON Time
1.0 to 100 s, DUTY CYCLE 2% +16 V 0 -2 V < 2 ns 1k C S* < 10 pF Scope rise time < 4ns *Total shunt capacitance of test jig, connectors and oscilloscope +30V 200
Figure 2. Turn-OFF Time
1.0 to 100 s, DUTY CYCLE 2% +16 V 0 -14 V < 20 ns -4 V 1k C S* < 10 pF +30V 200
"-G" suffix designated RoHS compliant version
Page 3


▲Up To Search▲   

 
Price & Availability of MMBT2222A-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X