Part Number Hot Search : 
L3281AD1 GP15A05 26S150C 2SD25 SD1457 AME4624 3G5UM 0ELT2
Product Description
Full Text Search
 

To Download MCP9701T-ELT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCP9700/9700A MCP9701/9701A
Low-Power Linear Active ThermistorTM ICs
Features
* Tiny Analog Temperature Sensor * Available Packages: SC-70-5, TO-92-3 * Wide Temperature Measurement Range: - -40C to +125C * Accuracy: - 2C (max.), 0C to +70C (MCP9700A/9701A) - 4C (max.), 0C to +70C (MCP9700/9701) * Optimized for Analog-to-Digital Converters (ADCs): - 10.0 mV/C (typ.) MCP9700/9700A - 19.5 mV/C (typ.) MCP9701/9701A * Wide Operating Voltage Range: - VDD = 2.3V to 5.5V MCP9700/9700A - VDD = 3.1V to 5.5V MCP9701/9701A * Low Operating Current: 6 A (typ.) * Optimized to Drive Large Capacitive Loads
Description
The MCP9700/9700A and MCP9701/9701A family of Linear Active ThermistorTM Intergrated Circuit (IC) is an analog temperature sensor that converts temperature to analog voltage. It's a low-cost, low-power sensor with an accuracy of 2C from 0C to +70C (MCP9700A/9701A) 4C from 0C to +70C (MCP9700/9701) while consuming 6 A (typ.) of operating current. Unlike resistive sensors (such as thermistors), the Linear Active Thermistor IC does not require an additional signal-conditioning circuit. Therefore, the biasing circuit development overhead for thermistor solutions can be avoided by implementing this low-cost device. The voltage output pin (VOUT) can be directly connected to the ADC input of a microcontroller. The MCP9700/9700A and MCP9701/9701A temperature coefficients are scaled to provide a 1C/bit resolution for an 8-bit ADC with a reference voltage of 2.5V and 5V, respectively. The MCP9700/9700A and MCP9701/9701A provide a low-cost solution for applications that require measurement of a relative change of temperature. When measuring relative change in temperature from +25C, an accuracy of 1C (typ.) can be realized from 0C to +70C. This accuracy can also be achieved by applying system calibration at +25C. In addition, this family is immune to the effects of parasitic capacitance and can drive large capacitive loads. This provides Printed Circuit Board (PCB) layout design flexibility by enabling the device to be remotely located from the microcontroller. Adding some capacitance at the output also helps the output transient response by reducing overshoots or undershoots. However, capacitive load is not required for sensor output stability.
Typical Applications
* * * * * * Hard Disk Drives and Other PC Peripherals Entertainment Systems Home Appliance Office Equipment Battery Packs and Portable Equipment General Purpose Temperature Monitoring
Typical Application Circuit
VDD PICmicro(R) ANI MCU
VSS
Package Type
VDD Cbypass 0.1 F VDD MCP9700 GND VOUT 5-Pin SC-70 MCP9700/9700A MCP9701/9701A NC 1 GND 2 VOUT 3 4 VDD Bottom View 1 VDD VOUT GND 5 NC 3-Pin TO-92 MCP9700/9701 Only 123
(c) 2006 Microchip Technology Inc.
DS21942C-page 1
MCP9700/9700A and MCP9701/9701A
1.0 ELECTRICAL CHARACTERISTICS
Notice: Stresses above those listed under "Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings
VDD:...................................................................... 6.0V Storage temperature: ........................ -65C to +150C Ambient Temp. with Power Applied:.. -40C to +125C Junction Temperature (TJ):................................. 150C ESD Protection On All Pins (HBM:MM):.... (4 kV:200V) Latch-Up Current at Each Pin: ...................... 200 mA
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated: MCP9700/9700A: VDD = 2.3V to 5.5V, GND = Ground, TA = -40C to +125C and No load. MCP9701/9701A: VDD = 3.1V to 5.5V, GND = Ground, TA = -10C to +125C and No load. Parameter Power Supply Operating Voltage Range Operating Current Power Supply Rejection Sensor Accuracy (Notes 1, 2) TA = +25C TA = 0C to +70C TA = -40C to +125C TA = -10C to +125C TA = 0C to +70C TA = -40C to +125C TA = -10C to +125C Sensor Output Output Voltage, TA = 0C Output Voltage, TA = 0C Temperature Coefficient Output Non-linearity Output Current Output Impedance Output Load Regulation Note 1: 2: 3: 4: V0C V0C TC TC VONL IOUT ZOUT VOUT/ IOUT -- -- -- -- -- -- -- -- 500 400 10.0 19.5 0.5 -- 20 1 -- -- -- -- -- 100 -- -- mV mV MCP9700/9700A MCP9701/9701A TACY TACY TACY TACY TACY TACY TACY -- -2.0 -2.0 -2.0 -4.0 -4.0 -4.0 1 -- -- -- -- -- -- -- +2.0 +4.0 +4.0 +4.0 +6.0 +6.0 C C C C C C C MCP9700A/9701A MCP9700A MCP9701A MCP9700/9701 MCP9700 MCP9701 VDD VDD IDD C/VDD 2.3 3.1 -- -- -- -- 6 0.1 5.5 5.5 12 -- V V A C/V MCP9700/9700A MCP9701/9701A Sym Min Typ Max Unit Conditions
mV/C MCP9700/9700A mV/C MCP9701/9701A C A IOUT = 100 A, f = 500 Hz TA = 0C to +70C, IOUT = 100 A TA = 0C to +70C (Note 2)
The MCP9700/9700A family accuracy is tested with VDD = 3.3V, while the MCP9701/9701A accuracy is tested with VDD = 5.0V. The MCP9700/9700A and MCP9701/9701A family is characterized using the first-order or linear equation, as shown in Equation 4-2. The MCP9700/9700A and MCP9701/9701A family is characterized and production tested with a capacitive load of 1000 pF. SC-70-5 package thermal response with 1x1 inch, dual-sided copper clad, TO-92-3 package thermal response without PCB (leaded).
DS21942C-page 2
(c) 2006 Microchip Technology Inc.
MCP9700/9700A and MCP9701/9701A
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated: MCP9700/9700A: VDD = 2.3V to 5.5V, GND = Ground, TA = -40C to +125C and No load. MCP9701/9701A: VDD = 3.1V to 5.5V, GND = Ground, TA = -10C to +125C and No load. Parameter Turn-on Time Typical Load Capacitance (Note 3) SC-70 Thermal Response to 63% TO-92 Thermal Response to 63% Note 1: 2: 3: 4: Sym tON CLOAD tRES tRES Min -- -- -- -- Typ 800 -- 1.3 1.65 Max -- 1000 -- -- Unit s pF s s 30C (Air) to +125C (Fluid Bath) (Note 4) Conditions
The MCP9700/9700A family accuracy is tested with VDD = 3.3V, while the MCP9701/9701A accuracy is tested with VDD = 5.0V. The MCP9700/9700A and MCP9701/9701A family is characterized using the first-order or linear equation, as shown in Equation 4-2. The MCP9700/9700A and MCP9701/9701A family is characterized and production tested with a capacitive load of 1000 pF. SC-70-5 package thermal response with 1x1 inch, dual-sided copper clad, TO-92-3 package thermal response without PCB (leaded).
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated: MCP9700/9700A: VDD = 2.3V to 5.5V, GND = Ground, TA = -40C to +125C and No load. MCP9701/9701A: VDD = 3.1V to 5.5V, GND = Ground, TA = -10C to +125C and No load. Parameters Temperature Ranges Specified Temperature Range TA TA Operating Temperature Range Storage Temperature Range Thermal Package Resistances Thermal Resistance, SC-70-5 Thermal Resistance, TO-92-3 Note: JA JA -- -- 331 131.9 -- -- C/W C/W TA TA -40 -10 -40 -65 -- -- -- -- +125 +125 +125 +150 C C C C MCP9700/9700A (Note) MCP9701/9701A (Note) Sym Min Typ Max Units Conditions
M
Operation in this range must not cause TJ to exceed Maximum Junction Temperature (+150C).
(c) 2006 Microchip Technology Inc.
DS21942C-page 3
MCP9700/9700A and MCP9701/9701A
2.0
Note:
TYPICAL PERFORMANCE CURVES
The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Note: Unless otherwise indicated, MCP9700/9700A: VDD = 2.3V to 5.5V; MCP9701/9701A: VDD = 3.1V to 5.5V; GND = Ground, Cbypass = 0.1 F.
4.0 3.0 Accuracy (C) 2.0 1.0 0.0 -1.0 -2.0 -50
MCP9700A VDD= 3.3V
6.0 4.0 Accuracy (C) 2.0 0.0 -2.0 -4.0
MCP9700 VDD= 3.3V
MCP9701A VDD= 5.0V Spec. Limits
MCP9701 VDD= 5.0V
Spec. Limits
-25
0
25 50 TA (C)
75
100
125
-50
-25
0
25 50 TA (C)
75
100
125
FIGURE 2-1: Accuracy vs. Ambient Temperature (MCP9700A/9701A).
6.0 4.0 Accuracy (C) 2.0 0.0 -2.0 -4.0 -50 -25 0 25 50 TA (C) 75 100 125
MCP9700/ MCP9700A VDD = 5.5V VDD = 2.3V MCP9701/ MCP9701A VDD= 5.5V VDD= 3.1V
FIGURE 2-4: Accuracy vs. Ambient Temperature (MCP9700/9701).
Accuracy Due to Load (C)
0.2
MCP9701/MCP9701A VDD = 5.0V
0.1 0
MCP9700/MCP9700A VDD = 3.3V
-0.1
ILOAD = 100 A
-0.2 -50 -25 0 25 50 TA (C) 75 100 125
FIGURE 2-2: Accuracy vs. Ambient Temperature, with VDD.
12.0 10.0 8.0 IDD (A) 6.0 4.0 2.0 0.0 -50 -25 0 25 50 TA (C) 75 100 125
MCP9700 MCP9700A MCP9701 MCP9701A
FIGURE 2-5: Changes in Accuracy vs. Ambient Temperature (Due to Load).
4.0
Load Regulation V/ I ( )
3.0
MCP9700/MCP9700A MCP9701/MCP9701A VDD = 3.3V IOUT = 50 A IOUT = 100 A IOUT = 200 A
2.0
1.0
0.0 -50 -25 0 25 50 TA (C) 75 100 125
FIGURE 2-3: Temperature.
Supply Current vs.
FIGURE 2-6: Load Regulation vs. Ambient Temperature.
DS21942C-page 4
(c) 2006 Microchip Technology Inc.
MCP9700/9700A and MCP9701/9701A
Note: Unless otherwise indicated, MCP9700/9700A: VDD = 2.3V to 5.5V; MCP9701/9701A: VDD = 3.1V to 5.5V; GND = Ground, Cbypass = 0.1 F.
35% 30% Occurrences 25% 20% 15% 10% 5% 0% 400 420 440 460 480 500 520 540 560 580 600 V0C (mV)
Occurrences
MCP9700 MCP9700A VDD = 3.3V 108 samples
35% 30% 25% 20% 15% 10% 5% 0%
MCP9701 MCP9701A VDD = 5.0V 108 samples
300
320
340
360
380
400
420
440
460
480
19.9
V0C (mV)
FIGURE 2-7: Output Voltage at 0C (MCP9700/9700A).
45% 40% 35% 30% 25% 20% 15% 10% 5% 0%
FIGURE 2-10: Output Voltage at 0C (MCP9701/9701A).
45% 40% 35% 30% 25% 20% 15% 10% 5% 0%
Occurrences
9.7
9.8
9.8
9.9
10.0
10.1
10.2
10.2
10.3
10.4
10.5
Occurrences
MCP9700 MCP9700A VDD = 3.3V 108 samples
MCP9701 MCP9701A VDD = 5.0V 108 samples
19.2
19.3
19.3
19.4
19.5
19.6
19.7
19.7
19.8
TC (mV/C)
TC (mV/C)
FIGURE 2-8: Occurrences vs. Temperature Coefficient (MCP9700/9700A).
0.30 Normalized PSRR (C/V) 0.25 0.20 0.15 0.10 0.05 0.00 -50 -25 0 25 50 TA (C) 75 100 125
MCP9700/MCP9700A VDD= 2.3V to 4.0V
FIGURE 2-11: Occurrences vs. Temperature Coefficient (MCP9701/9701A).
0.30 Normalized PSRR (C/V) 0.25 0.20 0.15 0.10 0.05 0.00 -50 -25 0 25 50 TA (C) 75 100 125
MCP9701/MCP9701A VDD= 3.1V to 4.0V
MCP9700/MCP9700A VDD= 2.3V to 5.5V
MCP9701/MCP9701A VDD= 3.1V to 5.5V
FIGURE 2-9: Power Supply Rejection (C/VDD) vs. Ambient Temperature.
FIGURE 2-12: Power Supply Rejection (C/VDD) vs. Temperature.
(c) 2006 Microchip Technology Inc.
DS21942C-page 5
20.0
500
MCP9700/9700A and MCP9701/9701A
Note: Unless otherwise indicated, MCP9700/9700A: VDD = 2.3V to 5.5V; MCP9701/9701A: VDD = 3.1V to 5.5V; GND = Ground, Cbypass = 0.1 F.
1.6 1.4 1.2 VOUT (V)
VOUT (V)
TA = 26C
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -50 -25 0 25 50 75
MCP9700 MCP9700A MCP9701 MCP9701A
1.0 0.8 0.6 0.4 0.2 0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 VDD (V)
100
125
TA (C)
FIGURE 2-13: Supply.
12 10 8 6 VOUT (V) 4 2 0 0.0 0.1 0.2
Output Voltage vs. Power
FIGURE 2-16: Temperature.
Output Voltage vs. Ambient
2.5 IDD (mA)
VDD_STEP = 5V TA = 26C
IDD
3.0 2.5 2.0 1.5 VOUT (V) 1.0 0.5 0.0
VOUT IDD
1.7 0.8 0.0
18.0 6.0 -6.0 -18.0 -30.0 -42.0
VOUT
-0.8 -1.7 -2.5
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-0.1
1.0
Time (ms)
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 Time (ms)
FIGURE 2-14: step VDD.
130 105 TA (C) 80 55 30 -2 0 2 4
Output vs. Settling Time to
FIGURE 2-17: Ramp VDD.
1000
Output Impedance ( )
VDD = 5.0V IOUT = 100 A TA = 26C
Output vs. Settling Time to
SC70-5 1 in. x 1 in. Copper Clad PCB
Leaded, without PCB SC70-5 TO92-3
100
10
1
6
8 10 Time (s)
12
14
16
18
0.1 0.1
1 1
10 100 1K 10 100 1000 Frequency (Hz)
10K 100K 10000 100000
FIGURE 2-15: Fluid Bath).
Thermal Response (Air to
FIGURE 2-18: Frequency.
Output Impedance vs.
DS21942C-page 6
(c) 2006 Microchip Technology Inc.
IDD (A)
VDD_RAMP = 5V/ms TA = 26C
30.0
MCP9700/9700A and MCP9701/9701A
3.0 PIN DESCRIPTIONS
The descriptions of the pins are listed Table 3-1.
TABLE 3-1:
Pin No. SC-70 1 2 3 4 5
PIN FUNCTION TABLE
Pin No. TO-92 -- 3 2 1 -- Symbol NC GND VOUT VDD NC Function No Connect Power Ground Pin Output Voltage Pin Power Supply Input No Connect
3.1
Power Ground Pin (GND)
GND is the system ground pin.
3.2
Output Voltage Pin (VOUT)
The sensor output can be measured at VOUT. The voltage range over the operating temperature range for the MCP9700/9700A is 100 mV to 1.75V and for the MCP9701/9701A, 200 mV to 3V .
3.3
Power Supply Input (VDD)
The operating voltage as specified in the "DC Electrical Characteristics" table is applied to VDD.
(c) 2006 Microchip Technology Inc.
DS21942C-page 7
MCP9700/9700A and MCP9701/9701A
4.0 APPLICATIONS INFORMATION
The Linear Active ThermistorTM IC uses an internal diode to measure temperature. The diode electrical characteristics have a temperature coefficient that provides a change in voltage based on the relative ambient temperature from -40C to 125C. The change in voltage is scaled to a temperature coefficient of 10.0 mV/C (typ.) for the MCP9700/9700A and 19.5 mV/C (typ.) for the MCP9701/9701A. The output voltage at 0C is also scaled to 500 mV (typ.) and 400 mV (typ.) for the MCP9700/9700A and MCP9701/9701A, respectively. This linear scale is described in the first-order transfer function shown in Equation 4-1. For higher accuracy using a sensor compensation technique, refer to AN1001 "IC Temperature Sensor Accuracy Compensation with a PICmicro(R) Microcontroller" (DS01001). The application note shows that if the MCP9700 is compensated in addition to room temperature calibration, the sensor accuracy can be improved to 0.5C (typ.) accuracy over the operating temperature (Figure 4-2).
6.0
100 Samples
4.0
Accuracy (C)
2.0 0.0 -2.0 -4.0
Spec. Limits
EQUATION 4-1:
SENSOR TRANSFER FUNCTION
+ Average -
V OUT = T C * T A + V 0C Where: TA = Ambient Temperature VOUT = Sensor Output Voltage V0C = Sensor Output Voltage at 0C TC = Temperature Coefficient
-50
-25
0
25
50
75
100
125
Temperature (C)
FIGURE 4-2: Sensor Accuracy.
MCP9700/9700A Calibrated
The compensation technique provides a linear temperature reading. A firmware look-up table can be generated to compensate for the sensor error.
4.1
Improving Accuracy
The MCP9700/9700A and MCP9701/9701A accuracy can be improved by performing a system calibration at a specific temperature. For example, calibrating the system at +25C ambient improves the measurement accuracy to a 0.5C (typ.) from 0C to +70C, as shown in Figure 4-1. Therefore, when measuring relative temperature change, this family measures temperature with higher accuracy.
4.2
Shutdown Using Microcontroller I/O Pin
3.0 2.0 Accuracy (C) 1.0 0.0 -1.0 -2.0 -3.0 -50 -25 0 25 50 TA (C) 75 100 125
VDD= 3.3V 10 Samples
The MCP9700/9700A and MCP9701/9701A family of low operating current of 6 A (typ.) makes it ideal for battery-powered applications. However, for applications that require tighter current budget, this device can be powered using a microcontroller Input/Output (I/O) pin. The I/O pin can be toggled to shut down the device. In such applications, the microcontroller internal digital switching noise is emitted to the MCP9700/9700A and MCP9701/9701A as power supply noise. This switching noise compromises measurement accuracy. Therefore, a decoupling capacitor and series resistor will be necessary to filter out the system noise.
4.3
Layout Considerations
FIGURE 4-1: vs. Temperature.
Relative Accuracy to +25C
The change in accuracy from the calibration temperature is due to the output non-linearity from the first-order equation, as specified in Equation 4-2. The accuracy can be further improved by compensating for the output non-linearity.
The MCP9700/9700A and MCP9701/9701A family does not require any additional components to operate. However, it is recommended that a decoupling capacitor of 0.1 F to 1 F be used between the VDD and GND pins. In high-noise applications, connect the power supply voltage to the VDD pin using a 200 resistor with a 1 F decoupling capacitor. A high frequency ceramic capacitor is recommended. It is necessary for the capacitor to be located as close as possible to the VDD and GND pins in order to provide effective noise protection. In addition, avoid tracing digital lines in close proximity to the sensor.
DS21942C-page 8
(c) 2006 Microchip Technology Inc.
MCP9700/9700A and MCP9701/9701A
4.4 Thermal Considerations
The MCP9700/9700A and MCP9701/9701A family measures temperature by monitoring the voltage of a diode located in the die. A low-impedance thermal path between the die and the PCB is provided by the pins. Therefore, the sensor effectively monitors the temperature of the PCB. However, the thermal path for the ambient air is not as efficient because the plastic device package functions as a thermal insulator from the die. However, the plastic device package
insulates the die and restricts device thermal response. This limitation applies to plastic-packaged
silicon temperature sensors. If the application requires measuring ambient air, the PCB needs to be designed with proper thermal conduction to the sensor pins. The MCP9700/9700A and MCP9701/9701A is designed to source/sink 100 A (max.). The power dissipation due to the output current is relatively insignificant. The effect of the output current can be described using Equation 4-2.
EQUATION 4-2:
EFFECT OF SELFHEATING
T J - T A = JA ( V DD I DD + ( V DD - V OUT ) I OUT ) Where: TJ = Junction Temperature TA = Ambient Temperature JA = Package Thermal Resistance (331C/W) VOUT = Sensor Output Voltage IOUT = Sensor Output Current IDD = Operating Current VDD = Operating Voltage At TA = +25C (VOUT = 0.75V) and maximum specification of IDD = 12 A, VDD = 5.5V and IOUT = +100 A, the self-heating due to power dissipation (TJ - TA) is 0.179C.
(c) 2006 Microchip Technology Inc.
DS21942C-page 9
MCP9700/9700A and MCP9701/9701A
5.0
5.1
PACKAGING INFORMATION
Package Marking Information
5-Lead SC-70 (MCP9700/MCP9700A) Example:
XXN (Front) YWW (Back)
Device MCP9700/9700A MCP9701/9701A
Code AUN AVN
AU2 (Front) 622 (Back)
Note: Applies to 5-Lead SC-70.
5-Lead SC-70 (MCP9701/MCP9701A)
Example:
XXNN
Device MCP9700/9700A MCP9701/9701A
Code AUNN AVNN
AV25
Note: Applies to 5-Lead SC-70.
3-Lead TO-92 (MCP9700/MCP9701)
Example
XXXXXX XXXXXX XXXXXX YWWNNN
MCP 9700E e3 TO^^ 622256
Legend: XX...X Y YY WW NNN
e3
* Note:
Customer-specific information Year code (last digit of calendar year) Year code (last 2 digits of calendar year) Week code (week of January 1 is week `01') Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) This package is Pb-free. The Pb-free JEDEC designator ( e3 ) can be found on the outer packaging for this package.
In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information.
DS21942C-page 10
(c) 2006 Microchip Technology Inc.
MCP9700/9700A and MCP9701/9701A
5-Lead Plastic Small Outline Transistor (LT) (SC-70)
E E1
D p B
n
1
Q1
c
A2
A
L Units Dimension Limits Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Foot Length Top of Molded Pkg to Lead Shoulder Lead Thickness Lead Width * Controlling Parameter Notes: n p A A2 A1 E E1 D L Q1 c B MIN INCHES NOM 5 .026 (BSC) .031 .031 .000 .071 .045 .071 .004 .004 .004 .006
A1
MILLIMETERS* MAX MIN NOM 5 0.65 (BSC) .043 .039 .004 .094 .053 .087 .012 .016 .007 .012 0.80 0.80 0.00 1.80 1.15 1.80 0.10 0.10 0.10 0.15 1.10 1.00 0.10 2.40 1.35 2.20 0.30 0.40 0.18 0.30 MAX
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .005" (0.127mm) per side. BSC: Basic Dimension. Theoretically exact value shown without tolerances. See ASME Y14.5M JEITA (EIAJ) Standard: SC-70 Drawing No. C04-061
Revised 07-19-05
(c) 2006 Microchip Technology Inc.
DS21942C-page 11
MCP9700/9700A and MCP9701/9701A
3-Lead Plastic Transistor Outline (TO) (TO-92)
E1
D
1
n
L
1
2
3
B p c A
R Units Dimension Limits n p INCHES* NOM 3 .050 .130 .143 .175 .186 .170 .183 .085 .090 .500 .555 .014 .017 .016 .019 4 5 2 3
MILLIMETERS NOM 3 1.27 3.30 3.62 4.45 4.71 4.32 4.64 2.16 2.29 12.70 14.10 0.36 0.43 0.41 0.48 4 5 2 3
MIN
MAX
MIN
MAX
Number of Pins Pitch Bottom to Package Flat A .155 Overall Width E1 .195 Overall Length D .195 Molded Package Radius R .095 Tip to Seating Plane L .610 c Lead Thickness .020 Lead Width B .022 6 Mold Draft Angle Top Mold Draft Angle Bottom 4 * Controlling Parameter Notes: Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side. JEDEC Equivalent: TO-92 Drawing No. C04-101
3.94 4.95 4.95 2.41 15.49 0.51 0.56 6 4
DS21942C-page 12
(c) 2006 Microchip Technology Inc.
MCP9700/9700A and MCP9701/9701A
APPENDIX A: REVISION HISTORY
Revision C (June 2006)
* Added the MCP9700A and MCP9701A devices to data sheet * Added TO92 package for the MCP9700/MCP9701
Revision B (October 2005)
The following is the list of modifications: * Added Section 3.0 "Pin Descriptions" * Added the Linear Active ThermistorTM IC trademark * Removed the 2nd order temperature equation and the temperature coeficient histogram * Added a reference to AN1001 and corresponding verbiage * Added Figure 4-2 and corresponding verbiage
Revision A (November 2005)
* Original Release of this Document.
(c) 2006 Microchip Technology Inc.
DS21942C-page 13
MCP9700/9700A and MCP9701/9701A
NOTES:
DS21942C-page 14
(c) 2006 Microchip Technology Inc.
MCP9700/9700A and MCP9701/9701A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device
-
X
/XX Package
Examples:
a) b) MCP9700T-E/LT: MCP9700-E/TO: MCP9700AT-E/LT: Linear Active ThermistorTM IC, Tape and Reel, 5LD SC-70 package. Linear Active ThermistorTM IC, 3LD TO-92 package. Linear Active ThermistorTM IC, Tape and Reel, 5LD SC-70 package. Linear Active ThermistorTM IC, Tape and Reel, 5LD SC-70 package. Linear Active ThermistorTM IC, 3LD TO-92 package. Linear Active ThermistorTM IC, Tape and Reel, 5LD SC-70 package.
Temperature Range
MCP9700T:
Device:
Linear Active ThermistorTM IC, Tape and Reel, Pb free MCP9700AT: Linear Active ThermistorTM IC, Tape and Reel, Pb free MCP9701T: Linear Active ThermistorTM IC, Tape and Reel, Pb free MCP9701AT: Linear Active ThermistorTM IC, Tape and Reel, Pb free = -40C to +125C Plastic Small Outline Transistor, 5-lead Plastic Plastic Transistor Outline, 3-lead (MCP9700, MCP9701 only)
c)
a) b) c)
MCP9701T-E/LT: MCP9701-E/TO: MCP9701AT-E/LT:
Temperature Range: E Package:
LT = TO =
(c) 2006 Microchip Technology Inc.
DS21942C-page 15
MCP9700/9700A and MCP9701/9701A
NOTES:
DS21942C-page 16
(c) 2006 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip devices in life support and/or safety applications is entirely at the buyer's risk, and the buyer agrees to defend, indemnify and hold harmless Microchip from any and all damages, claims, suits, or expenses resulting from such use. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, microID, MPLAB, PIC, PICmicro, PICSTART, PRO MATE, PowerSmart, rfPIC, and SmartShunt are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, Migratable Memory, MXDEV, MXLAB, SEEVAL, SmartSensor and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, dsPICDEM, dsPICDEM.net, dsPICworks, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, Linear Active Thermistor, Mindi, MiWi, MPASM, MPLIB, MPLINK, PICkit, PICDEM, PICDEM.net, PICLAB, PICtail, PowerCal, PowerInfo, PowerMate, PowerTool, REAL ICE, rfLAB, rfPICDEM, Select Mode, Smart Serial, SmartTel, Total Endurance, UNI/O, WiperLock and ZENA are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2006, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received ISO/TS-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona, Gresham, Oregon and Mountain View, California. The Company's quality system processes and procedures are for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
(c) 2006 Microchip Technology Inc.
DS21942C-page 17
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: http://support.microchip.com Web Address: www.microchip.com Asia Pacific Office Suites 3707-14, 37th Floor Tower 6, The Gateway Habour City, Kowloon Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431 Atlanta Alpharetta, GA Tel: 770-640-0034 Fax: 770-640-0307 Boston Westborough, MA Tel: 774-760-0087 Fax: 774-760-0088 Chicago Itasca, IL Tel: 630-285-0071 Fax: 630-285-0075 Dallas Addison, TX Tel: 972-818-7423 Fax: 972-818-2924 Detroit Farmington Hills, MI Tel: 248-538-2250 Fax: 248-538-2260 Kokomo Kokomo, IN Tel: 765-864-8360 Fax: 765-864-8387 Los Angeles Mission Viejo, CA Tel: 949-462-9523 Fax: 949-462-9608 San Jose Mountain View, CA Tel: 650-215-1444 Fax: 650-961-0286 Toronto Mississauga, Ontario, Canada Tel: 905-673-0699 Fax: 905-673-6509
ASIA/PACIFIC
Australia - Sydney Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 China - Beijing Tel: 86-10-8528-2100 Fax: 86-10-8528-2104 China - Chengdu Tel: 86-28-8676-6200 Fax: 86-28-8676-6599 China - Fuzhou Tel: 86-591-8750-3506 Fax: 86-591-8750-3521 China - Hong Kong SAR Tel: 852-2401-1200 Fax: 852-2401-3431 China - Qingdao Tel: 86-532-8502-7355 Fax: 86-532-8502-7205 China - Shanghai Tel: 86-21-5407-5533 Fax: 86-21-5407-5066 China - Shenyang Tel: 86-24-2334-2829 Fax: 86-24-2334-2393 China - Shenzhen Tel: 86-755-8203-2660 Fax: 86-755-8203-1760 China - Shunde Tel: 86-757-2839-5507 Fax: 86-757-2839-5571 China - Wuhan Tel: 86-27-5980-5300 Fax: 86-27-5980-5118 China - Xian Tel: 86-29-8833-7250 Fax: 86-29-8833-7256
ASIA/PACIFIC
India - Bangalore Tel: 91-80-4182-8400 Fax: 91-80-4182-8422 India - New Delhi Tel: 91-11-5160-8631 Fax: 91-11-5160-8632 India - Pune Tel: 91-20-2566-1512 Fax: 91-20-2566-1513 Japan - Yokohama Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Korea - Gumi Tel: 82-54-473-4301 Fax: 82-54-473-4302 Korea - Seoul Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934 Malaysia - Penang Tel: 60-4-646-8870 Fax: 60-4-646-5086 Philippines - Manila Tel: 63-2-634-9065 Fax: 63-2-634-9069 Singapore Tel: 65-6334-8870 Fax: 65-6334-8850 Taiwan - Hsin Chu Tel: 886-3-572-9526 Fax: 886-3-572-6459 Taiwan - Kaohsiung Tel: 886-7-536-4818 Fax: 886-7-536-4803 Taiwan - Taipei Tel: 886-2-2500-6610 Fax: 886-2-2508-0102 Thailand - Bangkok Tel: 66-2-694-1351 Fax: 66-2-694-1350
EUROPE
Austria - Wels Tel: 43-7242-2244-3910 Fax: 43-7242-2244-393 Denmark - Copenhagen Tel: 45-4450-2828 Fax: 45-4485-2829 France - Paris Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Germany - Munich Tel: 49-89-627-144-0 Fax: 49-89-627-144-44 Italy - Milan Tel: 39-0331-742611 Fax: 39-0331-466781 Netherlands - Drunen Tel: 31-416-690399 Fax: 31-416-690340 Spain - Madrid Tel: 34-91-708-08-90 Fax: 34-91-708-08-91 UK - Wokingham Tel: 44-118-921-5869 Fax: 44-118-921-5820
06/08/06
DS21942C-page 18
(c) 2006 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of MCP9701T-ELT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X