Part Number Hot Search : 
02000 PI5C3251 FM350 OH090U MC10E 2SAA1 IRCC140 SSFP3N50
Product Description
Full Text Search
 

To Download MCP3004-IP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCP3004/3008
2.7V 4-Channel/8-Channel 10-Bit A/D Converters with SPITM Serial Interface
Features
* * * * * * * * * * * * * * * 10-bit resolution 1 LSB max DNL 1 LSB max INL 4 (MCP3004) or 8 (MCP3008) input channels Analog inputs programmable as single-ended or pseudo-differential pairs On-chip sample and hold SPI serial interface (modes 0,0 and 1,1) Single supply operation: 2.7V - 5.5V 200 ksps max. sampling rate at VDD = 5V 75 ksps max. sampling rate at VDD = 2.7V Low power CMOS technology 5 nA typical standby current, 2 A max. 500 A max. active current at 5V Industrial temp range: -40C to +85C Available in PDIP, SOIC and TSSOP packages
Description
The Microchip Technology Inc. MCP3004/3008 devices are successive approximation 10-bit Analogto-Digital (A/D) converters with on-board sample and hold circuitry. The MCP3004 is programmable to provide two pseudo-differential input pairs or four singleended inputs. The MCP3008 is programmable to provide four pseudo-differential input pairs or eight singleended inputs. Differential Nonlinearity (DNL) and Integral Nonlinearity (INL) are specified at 1 LSB. Communication with the devices is accomplished using a simple serial interface compatible with the SPI protocol. The devices are capable of conversion rates of up to 200 ksps. The MCP3004/3008 devices operate over a broad voltage range (2.7V - 5.5V). Low current design permits operation with typical standby currents of only 5 nA and typical active currents of 320 A. The MCP3004 is offered in 14-pin PDIP, 150 mil SOIC and TSSOP packages, while the MCP3008 is offered in 16pin PDIP and SOIC packages.
Applications
* * * * Sensor Interface Process Control Data Acquisition Battery Operated Systems
Functional Block Diagram
VDD VSS VREF CH0 CH1 CH7* 14 13 12 11 10 9 8 VDD VREF AGND CLK DOUT DIN CS/SHDN Sample and Hold Control Logic
Package Types
PDIP, SOIC, TSSOP
CH0 CH1 CH2 CH3 NC NC DGND 1 2 3 4 5 6 7
Input Channel Max
DAC Comparator 10-Bit SAR
MCP3004
Shift Register
DOUT
CS/SHDN DIN
CLK
PDIP, SOIC
CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD VREF AGND CLK DOUT DIN CS/SHDN DGND
* Note: Channels 4-7 available on MCP3008 Only
(c) 2007 Microchip Technology Inc.
MCP3008
DS21295C-page 1
MCP3004/3008
1.0 ELECTRICAL CHARACTERISTICS PIN FUNCTION TABLE
Name VDD DGND AGND CH0-CH7 CLK DIN DOUT CS/SHDN VREF Function +2.7V to 5.5V Power Supply Digital Ground Analog Ground Analog Inputs Serial Clock Serial Data In Serial Data Out Chip Select/Shutdown Input Reference Voltage Input
Absolute Maximum Ratings*
VDD ........................................................................7.0V All inputs and outputs w.r.t. VSS .....-0.6V to VDD +0.6V Storage temperature ..........................-65C to +150C Ambient temp. with power applied .....-65C to +125C Soldering temperature of leads (10 seconds) .. +300C ESD protection on all pins .................................. > 4 kV
*Notice: Stresses above those listed under "Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VREF = 5V, TAMB = -40C to +85C, fSAMPLE = 200 ksps and fCLK = 18*fSAMPLE. Unless otherwise noted, typical values apply for VDD = 5V, TAMB = 25C. Parameter Conversion Rate Conversion Time Analog Input Sample Time Throughput Rate DC Accuracy Resolution Integral Nonlinearity Differential Nonlinearity Offset Error Gain Error Dynamic Performance Total Harmonic Distortion Signal to Noise and Distortion (SINAD) Spurious Free Dynamic Range Reference Input Voltage Range Current Drain 0.25 -- -- 100 0.001 VDD 150 3 V A A Note 2 CS = VDD = 5V -- -- -- -76 61 78 dB dB dB VIN = 0.1V to 4.9V@1 kHz VIN = 0.1V to 4.9V@1 kHz VIN = 0.1V to 4.9V@1 kHz INL DNL -- -- -- -- 10 0.5 0.25 -- -- 1 1 1.5 1.0 bits LSB LSB LSB LSB No missing codes over temperature tCONV tSAMPLE fSAMPLE -- -- -- 1.5 -- 200 75 10 clock cycles clock cycles ksps ksps VDD = VREF = 5V VDD = VREF = 2.7V Sym Min Typ Max Units Conditions
Note 1: This parameter is established by characterization and not 100% tested. 2: See graphs that relate linearity performance to VREF levels. 3: Because the sample cap will eventually lose charge, effective clock rates below 10 kHz can affect linearity performance, especially at elevated temperatures. See Section 6.2, "Maintaining Minimum Clock Speed", for more information.
DS21295C-page 2
(c) 2007 Microchip Technology Inc.
MCP3004/3008
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VREF = 5V, TAMB = -40C to +85C, fSAMPLE = 200 ksps and fCLK = 18*fSAMPLE. Unless otherwise noted, typical values apply for VDD = 5V, TAMB = 25C. Parameter Analog Inputs Input Voltage Range for CH0 or CH1 in Single-Ended Mode Input Voltage Range for IN+ in pseudo-differential mode Input Voltage Range for IN- in pseudo-differential mode Leakage Current Switch Resistance Sample Capacitor Digital Input/Output Data Coding Format High Level Input Voltage Low Level Input Voltage High Level Output Voltage Low Level Output Voltage Input Leakage Current Output Leakage Current Pin Capacitance (All Inputs/Outputs) Timing Parameters Clock Frequency Clock High Time Clock Low Time CS Fall To First Rising CLK Edge CS Fall To Falling CLK Edge Data Input Setup Time Data Input Hold Time CLK Fall To Output Data Valid CLK Fall To Output Enable CS Rise To Output Disable CS Disable Time DOUT Rise Time DOUT Fall Time fCLK tHI tLO tSUCS tCSD tSU tHD tDO tEN tDIS tCSH tR tF -- 125 125 100 -- -- -- -- -- -- 270 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 3.6 1.35 -- -- -- 0 50 50 125 200 125 200 100 -- 100 100 MHz MHz ns ns ns ns ns ns ns ns ns ns ns ns ns ns See Test Circuits, Figure 1-2 (Note 1) See Test Circuits, Figure 1-2 (Note 1) VDD = 5V, See Figure 1-2 VDD = 2.7V, See Figure 1-2 VDD = 5V, See Figure 1-2 VDD = 2.7V, See Figure 1-2 See Test Circuits, Figure 1-2 VDD = 5V (Note 3) VDD = 2.7V (Note 3) VIH VIL VOH VOL ILI ILO CIN, COUT 4.1 -- -10 -10 -- Straight Binary 0.7 VDD -- -- -- -- -- -- -- -- 0.3 VDD -- 0.4 10 10 10 V V V V A A pF IOH = -1 mA, VDD = 4.5V IOL = 1 mA, VDD = 4.5V VIN = VSS or VDD VOUT = VSS or VDD VDD = 5.0V (Note 1) TAMB = 25C, f = 1 MHz VSS INVSS-100 -- -- -- -- -- -- 0.001 1000 20 VREF VREF+INVSS+100 1 -- -- mV A pF See Figure 4-1 See Figure 4-1 V Sym Min Typ Max Units Conditions
Note 1: This parameter is established by characterization and not 100% tested. 2: See graphs that relate linearity performance to VREF levels. 3: Because the sample cap will eventually lose charge, effective clock rates below 10 kHz can affect linearity performance, especially at elevated temperatures. See Section 6.2, "Maintaining Minimum Clock Speed", for more information.
(c) 2007 Microchip Technology Inc.
DS21295C-page 3
MCP3004/3008
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VREF = 5V, TAMB = -40C to +85C, fSAMPLE = 200 ksps and fCLK = 18*fSAMPLE. Unless otherwise noted, typical values apply for VDD = 5V, TAMB = 25C. Parameter Power Requirements Operating Voltage Operating Current VDD IDD 2.7 -- -- 425 225 5.5 550 V A VDD = VREF = 5V, DOUT unloaded VDD = VREF = 2.7V, DOUT unloaded CS = VDD = 5.0V Sym Min Typ Max Units Conditions
Standby Current Temperature Ranges Specified Temperature Range Operating Temperature Range Storage Temperature Range Thermal Package Resistance Thermal Resistance, 14L-PDIP Thermal Resistance, 14L-SOIC Thermal Resistance, 14L-TSSOP Thermal Resistance, 16L-PDIP Thermal Resistance, 16L-SOIC
IDDS TA TA TA JA JA JA JA JA
-- -40 -40 -65 -- -- -- -- --
0.005 -- -- -- 70 108 100 70 90
2 +85 +85 +150 -- -- -- -- --
A C C C C/W C/W C/W C/W C/W
Note 1: This parameter is established by characterization and not 100% tested. 2: See graphs that relate linearity performance to VREF levels. 3: Because the sample cap will eventually lose charge, effective clock rates below 10 kHz can affect linearity performance, especially at elevated temperatures. See Section 6.2, "Maintaining Minimum Clock Speed", for more information.
TCSH CS TSUCS THI TLO
CLK TSU DIN THD
MSB IN TEN TDO NULL BIT MSB OUT TR TF TDIS LSB
DOUT
FIGURE 1-1:
Serial Interface Timing.
DS21295C-page 4
(c) 2007 Microchip Technology Inc.
MCP3004/3008
1.4V Test Point VDD 3 k DOUT CL = 100 pF Test Point DOUT 100 pF VSS 3 k VDD /2 tDIS Waveform 2 tEN Waveform tDIS Waveform 1
Voltage Waveforms for tR, tF DOUT tR tF VOH VOL CS CLK Voltage Waveforms for tDO DOUT CLK tDO
Voltage Waveforms for tEN
1
2
3
4 B9
tEN Voltage Waveforms for tDIS
DOUT CS
VIH 90% TDIS
FIGURE 1-2:
Load Circuit for tR, tF, tDO.
DOUT Waveform 1*
DOUT Waveform 2 *
10%
Waveform 1 is for an output with internal conditions such that the output is high, unless disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is low, unless disabled by the output control.
FIGURE 1-3:
Load circuit for tDIS and tEN.
(c) 2007 Microchip Technology Inc.
DS21295C-page 5
MCP3004/3008
2.0
Note:
TYPICAL PERFORMANCE CHARACTERISTICS
The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
Note: Unless otherwise indicated, VDD = VREF = 5V, fCLK = 18* fSAMPLE, TA = 25C.
1.0 0.8 0.6 0.4 1.0 0.8 0.6 0.4 VDD = VREF = 2.7 V
INL (LSB)
0.2 0.0 -0.2 -0.4 -0.6 -0.8 -1.0 0 25
INL (LSB)
Positive INL
0.2 0.0 -0.2 -0.4 -0.6 -0.8 -1.0
Positive INL
Negative INL
Negative INL
50
75
100
125
150
175
200
225
250
0
25
50
75
100
Sample Rate (ksps)
Sample Rate (ksps)
FIGURE 2-1: Sample Rate.
Integral Nonlinearity (INL) vs.
FIGURE 2-4: Integral Nonlinearity (INL) vs. Sample Rate (VDD = 2.7V).
1.0 1.0 0.8 0.6 0.4 0.2 0.0 -0.2 -0.4 -0.6 -0.8 -1.0 0 1 0.8 0.6 Positive INL 0.4 0.2 0.0 -0.2 -0.4 -0.6 -0.8 -1.0 2 3 4 5 6 0.0 0.5 1.0 1.5 2.0 2.5 3.0 Negative INL VDD = VREF = 2.7 V fSAMPLE = 75 ksps Positive INL
INL(LSB)
Negative INL
VREF (V)
INL(LSB)
VREF (V)
FIGURE 2-2: VREF.
0.5 0.4 0.3 0.2
Integral Nonlinearity (INL) vs.
FIGURE 2-5: Integral Nonlinearity (INL) vs. VREF (VDD = 2.7V).
0.5 VDD = VREF = 2.7 V fSAMPLE = 75 ksps
VDD = VREF = 5 V fSAMPLE = 200 ksps
0.4 0.3 0.2
INL (LSB)
INL (LSB)
0.1 0.0 -0.1 -0.2 -0.3 -0.4 -0.5 0 128 256 384 512 640 768 896 1024
0.1 0.0 -0.1 -0.2 -0.3 -0.4 -0.5 0 128 256 384 512 640 768 896 1024
Digital Code
Digital Code
FIGURE 2-3: Integral Nonlinearity (INL) vs. Code (Representative Part).
FIGURE 2-6: Integral Nonlinearity (INL) vs. Code (Representative Part, VDD = 2.7V).
DS21295C-page 6
(c) 2007 Microchip Technology Inc.
MCP3004/3008
Note: Unless otherwise indicated, VDD = VREF = 5V, fCLK = 18* fSAMPLE, TA = 25C.
0.6 0.4 Positive INL 0.6 0.4 VDD = VREF = 2.7 V fSAMPLE = 75 ksps Positive INL
INL (LSB)
INL (LSB)
0.2 0.0 -0.2 Negative INL -0.4 -0.6 -50 -25 0 25 50 75 100
0.2 0.0 -0.2 -0.4 -0.6 -50 -25 0
Negative INL
25
50
75
100
Temperature (C)
Temperature (C)
FIGURE 2-7: Temperature.
0.6 0.4
Integral Nonlinearity (INL) vs.
FIGURE 2-10: Integral Nonlinearity (INL) vs. Temperature (VDD = 2.7V).
0.6 0.4
VDD = VREF = 2.7 V
DNL (LSB)
DNL (LSB)
0.2 0.0 -0.2 -0.4 -0.6 0 25
Positive DNL
0.2 0.0 -0.2 -0.4 -0.6
Positive DNL
Negative DNL
Negative DNL
50
75
100
125
150
175
200
225
250
0
25
50
75
100
Sample Rate (ksps)
Sample Rate (ksps)
FIGURE 2-8: Differential Nonlinearity (DNL) vs. Sample Rate.
FIGURE 2-11: Differential Nonlinearity (DNL) vs. Sample Rate (VDD = 2.7V).
1.0 0.8 0.6 0.4 0.2 0.0 -0.2 -0.4 -0.6 -0.8 -1.0 0 1 2 3 4 5 Negative DNL Positive DNL
0.8 0.6 0.4 Positive DNL VDD = VREF = 2.7 V fSAMPLE = 75 ksps
DNL (LSB)
DNL (LSB)
0.2 0.0 -0.2 -0.4 -0.6 -0.8 -1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 Negative DNL
VREF (V)
VREF(V)
FIGURE 2-9: vs. VREF.
Differential Nonlinearity (DNL)
FIGURE 2-12: Differential Nonlinearity (DNL) vs. VREF (VDD = 2.7V).
(c) 2007 Microchip Technology Inc.
DS21295C-page 7
MCP3004/3008
Note: Unless otherwise indicated, VDD = VREF = 5V, fCLK = 18* fSAMPLE, TA = 25C.
1.0 0.8 0.6 VDD = VREF = 5 V fSAMPLE = 200 ksps 1.0 0.8 0.6 VDD = VREF = 2.7 V fSAMPLE = 75 ksps
DNL (LSB)
0.2 0.0 -0.2 -0.4 -0.6 -0.8 -1.0 0 128 256 384 512 640 768 896 1024
DNL (LSB)
0.4
0.4 0.2 0.0 -0.2 -0.4 -0.6 -0.8 -1.0 0 128 256 384 512 640 768 896 1024
Digital Code
Digital Code
FIGURE 2-13: Differential Nonlinearity (DNL) vs. Code (Representative Part).
0.6 0.4 Positive DNL
FIGURE 2-16: Differential Nonlinearity (DNL) vs. Code (Representative Part, VDD = 2.7V).
0.6 0.4 VDD = VREF = 2.7 V fSAMPLE = 75 ksps
DNL (LSB)
DNL (LSB)
0.2 0.0 -0.2 Negative DNL -0.4 -0.6 -50 -25 0 25 50 75 100
0.2 0.0
Positive DNL
Negative DNL -0.2 -0.4 -0.6 -50 -25 0 25 50 75 100
Temperature (C)
Temperature (C)
FIGURE 2-14: Differential Nonlinearity (DNL) vs. Temperature.
FIGURE 2-17: Differential Nonlinearity (DNL) vs. Temperature (VDD = 2.7V).
2.0 1.5 VDD = 2.7 V fSAMPLE = 75 ksps
8 7
Offset Error (LSB)
Gain Error (LSB)
1.0 0.5 0.0 -0.5 -1.0 -1.5 -2.0 0 1
6 5 4 3 2 1 0 VDD = 2.7 V fSAMPLE = 75 ksps VDD = 5 V fSAMPLE = 200 ksps
VDD = 5 V fSAMPLE = 200 ksps
2
3
4
5
0
1
2
3
4
5
VREF(V)
VREF (V)
FIGURE 2-15: Gain Error vs. VREF.
FIGURE 2-18: Offset Error vs. VREF.
DS21295C-page 8
(c) 2007 Microchip Technology Inc.
MCP3004/3008
Note: Unless otherwise indicated, VDD = VREF = 5V, fCLK = 18* fSAMPLE, TA = 25C.
0.0 -0.1 VDD = VREF = 2.7 V fSAMPLE = 75 ksps 1.2 1.0 VDD = VREF = 5 V fSAMPLE = 200 ksps
Offset Error (LSB)
Gain Error (LSB)
-0.2 -0.3 -0.4 -0.5 -0.6 -50 -25 0 25 50 75 100
0.8 0.6 0.4 0.2 0.0 -50 -25 0 25 50 75 100 VDD = VREF = 2.7 V fSAMPLE = 75 ksps
VDD = VREF = 5 V fSAMPLE = 200 ksps
Temperature (C)
Temperature (C)
FIGURE 2-19: Gain Error vs. Temperature.
80 70 60 50 40 30 20 10 0 1 10 100 VDD = VREF = 2.7 V fSAMPLE = 75 ksps VDD = VREF = 5 V fSAMPLE = 200 ksps
FIGURE 2-22: Offset Error vs. Temperature.
80 70 60 VDD = VREF = 5 V fSAMPLE = 200 ksps
SINAD (dB)
SNR (dB)
50 40 30 20 10 0 1 10 100 VDD = VREF = 2.7 V fSAMPLE = 75 ksps
Input Frequency (kHz)
Input Frequency (kHz)
FIGURE 2-20: Signal to Noise (SNR) vs. Input Frequency.
0 -10 -20 -30
FIGURE 2-23: Signal to Noise and Distortion (SINAD) vs. Input Frequency.
70 60
-40 -50 -60 -70 -80 -90 -100 1
SINAD (dB)
THD (dB)
VDD = VREF = 2.7 V fSAMPLE = 75 ksps
50 40 30 20 10 0
VDD = VREF = 5 V fSAMPLE = 200 ksps
VDD = VREF = 5 V fSAMPLE = 200 ksps 10 100
VDD = VREF = 2.7 V fSAMPLE = 75 ksps
-40
-35
-30
-25
-20
-15
-10
-5
0
Input Frequency (kHz)
Input Signal Level (dB)
FIGURE 2-21: Total Harmonic Distortion (THD) vs. Input Frequency.
FIGURE 2-24: Signal to Noise and Distortion (SINAD) vs. Input Signal Level.
(c) 2007 Microchip Technology Inc.
DS21295C-page 9
MCP3004/3008
Note: Unless otherwise indicated, VDD = VREF = 5V, fCLK = 18* fSAMPLE, TA = 25C.
10.00 10.0 9.8 9.75 9.6 VDD = VREF = 2.7 V fSAMPLE = 75 ksps 9.50 VDD = VREF = 5 V fSAMPLE = 200 ksps
ENOB (rms)
ENOB (rms)
9.4 9.2 9.0 8.8 8.6 8.4 8.2 8.0 VDD = VREF = 2.7 V fSAMPLE = 75 ksps
9.25 VDD = VREF = 5 V fSAMPLE = 200 ksps 9.00 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
1
10
100
VREF (V)
Input Frequency (kHz)
FIGURE 2-25: Effective Number of Bits (ENOB) vs. VREF.
100 90 80 VDD = VREF = 5 V fSAMPLE = 200 ksps
FIGURE 2-28: Effective Number of Bits (ENOB) vs. Input Frequency.
Power Supply Rejection (dB)
0 -10 -20 -30 -40 -50 -60 -70 1 10 100 1000 10000 VDD = VREF = 5 V fSAMPLE = 200 ksps
SFDR (dB)
70 60 50 40 30 20 10 0 1 10 100 VDD = VREF = 2.7 V fSAMPLE = 75 ksps
Input Frequency (kHz)
Ripple Frequency (kHz)
FIGURE 2-26: Spurious Free Dynamic Range (SFDR) vs. Input Frequency.
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130 0 20000 40000 VDD = VREF = 5 V FSAMPLE = 200 ksps FINPUT = 10.0097 kHz 4096 points
FIGURE 2-29: Power Supply Rejection (PSR) vs. Ripple Frequency.
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130 0 5000
Amplitude (dB)
60000
80000
100000
Amplitude (dB)
VDD = VREF = 2.7 V fSAMPLE = 75 ksps fINPUT = 1.00708 kHz 4096 points
10000 15000 20000 25000 30000 35000
Frequency (Hz)
Frequency (Hz)
FIGURE 2-27: Frequency Spectrum of 10 kHz Input (Representative Part).
FIGURE 2-30: Frequency Spectrum of 1 kHz Input (Representative Part, VDD = 2.7V).
DS21295C-page 10
(c) 2007 Microchip Technology Inc.
MCP3004/3008
Note: Unless otherwise indicated, VDD = VREF = 5V, fCLK = 18* fSAMPLE, TA = 25C.
550 500 450 400 350 300 250 200 150 100 50 0 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 VREF = VDD All points at fCLK = 3.6 MHz except at VREF = VDD = 2.5 V, fCLK = 1.35 MHz 550 500 450 400 350 300 250 200 150 100 50 0 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 VREF = VDD All points at fCLK = 3.6 MHz except at VREF = VDD = 2.5 V, fCLK = 1.35 MHz
IDD (A)
IDD (A)
VDD (V)
VDD (V)
FIGURE 2-31: IDD vs. VDD.
500 450 400 350
FIGURE 2-34: IREF vs. VDD.
120 110 100 90 80 70 60 50 40 30 20 10 0 10
VDD = VREF = 5 V
IDD (A)
300 250 200 150 100 50 0 10
VDD = VREF = 5 V
IREF (A)
VDD = VREF = 2.7 V
VDD = VREF = 2.7 V
100
1000
10000
100
1000
10000
Clock Frequency (kHz)
Clock Frequency (kHz)
FIGURE 2-32: IDD vs. Clock Frequency.
550 500 450 400 350 300 250 200 150 100 50 0 -50 -25 0 25 50 75 100 VDD = VREF = 2.7 V fCLK = 1.35 MHz VDD = VREF = 5 V fCLK = 3.6 MHz
FIGURE 2-35: IREF vs. Clock Frequency.
140 120 VDD = VREF = 5 V fCLK = 3.6 MHz
IDD (A)
IREF (A)
100 80 60 40 20 0 -50 -25 0 25 50 75 100 VDD = VREF = 2.7 V fCLK = 1.35 MHz
Temperature (C)
Temperature (C)
FIGURE 2-33: IDD vs. Temperature.
FIGURE 2-36: IREF vs. Temperature.
(c) 2007 Microchip Technology Inc.
DS21295C-page 11
MCP3004/3008
Note: Unless otherwise indicated, VDD = VREF = 5V, fCLK = 18* fSAMPLE, TA = 25C.
70 2.0
Analog Input Leakage (nA)
VREF = CS = VDD 60 50
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
VDD = VREF = 5 V
IDDS (pA)
40 30 20 10 0 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
-50
-25
0
25
50
75
100
VDD (V)
Temperature (C)
FIGURE 2-37: IDDS vs. VDD.
100.00 VDD = VREF = CS = 5 V 10.00
FIGURE 2-39: Analog Input Leakage Current vs. Temperature.
IDDS (nA)
1.00
0.10
0.01 -50 -25 0 25 50 75 100
Temperature (C)
FIGURE 2-38: IDDS vs. Temperature.
DS21295C-page 12
(c) 2007 Microchip Technology Inc.
MCP3004/3008
3.0 PIN DESCRIPTIONS
PIN FUNCTION TABLE
Function +2.7V to 5.5V Power Supply Digital Ground Analog Ground Analog Inputs Serial Clock Serial Data In Serial Data Out Chip Select/Shutdown Input Reference Voltage Input
4.0
DEVICE OPERATION
TABLE 3-1:
Name VDD DGND AGND CH0-CH7 CLK DIN DOUT CS/SHDN VREF
The MCP3004/3008 A/D converters employ a conventional SAR architecture. With this architecture, a sample is acquired on an internal sample/hold capacitor for 1.5 clock cycles starting on the first rising edge of the serial clock once CS has been pulled low. Following this sample time, the device uses the collected charge on the internal sample and hold capacitor to produce a serial 10-bit digital output code. Conversion rates of 100 ksps are possible on the MCP3004/3008. See Section 6.2, "Maintaining Minimum Clock Speed", for information on minimum clock rates. Communication with the device is accomplished using a 4-wire SPIcompatible interface.
4.1
Analog Inputs
3.1
DGND
Digital ground connection to internal digital circuitry.
3.2
AGND
Analog ground connection to internal analog circuitry.
3.3
CH0 - CH7
Analog inputs for channels 0 - 7, respectively, for the multiplexed inputs. Each pair of channels can be programmed to be used as two independent channels in single-ended mode or as a single pseudo-differential input where one channel is IN+ and one channel is IN. See Section 4.1, "Analog Inputs", and Section 5.0, "Serial Communication", for information on programming the channel configuration.
The MCP3004/3008 devices offer the choice of using the analog input channels configured as single-ended inputs or pseudo-differential pairs. The MCP3004 can be configured to provide two pseudo-differential input pairs or four single-ended inputs. The MCP3008 can be configured to provide four pseudo-differential input pairs or eight single-ended inputs. Configuration is done as part of the serial command before each conversion begins. When used in the pseudo-differential mode, each channel pair (i.e., CH0 and CH1, CH2 and CH3 etc.) are programmed as the IN+ and IN- inputs as part of the command string transmitted to the device. The IN+ input can range from IN- to (VREF + IN-). The IN- input is limited to 100 mV from the VSS rail. The INinput can be used to cancel small signal commonmode noise, which is present on both the IN+ and INinputs. When operating in the pseudo-differential mode, if the voltage level of IN+ is equal to or less than IN-, the resultant code will be 000h. If the voltage at IN+ is equal to or greater than {[VREF + (IN-)] - 1 LSB}, then the output code will be 3FFh. If the voltage level at INis more than 1 LSB below VSS, the voltage level at the IN+ input will have to go below VSS to see the 000h output code. Conversely, if IN- is more than 1 LSB above VSS, the 3FFh code will not be seen unless the IN+ input level goes above VREF level. For the A/D converter to meet specification, the charge holding capacitor (CSAMPLE) must be given enough time to acquire a 10-bit accurate voltage level during the 1.5 clock cycle sampling period. The analog input model is shown in Figure 4-1. This diagram illustrates that the source impedance (RS) adds to the internal sampling switch (RSS) impedance, directly affecting the time that is required to charge the capacitor (CSAMPLE). Consequently, larger source impedances increase the offset, gain and integral linearity errors of the conversion (see Figure 4-2).
3.4
Serial Clock (CLK)
The SPI clock pin is used to initiate a conversion and clock out each bit of the conversion as it takes place. See Section 6.2, "Maintaining Minimum Clock Speed", for constraints on clock speed.
3.5
Serial Data Input (DIN)
The SPI port serial data input pin is used to load channel configuration data into the device.
3.6
Serial Data Output (DOUT)
The SPI serial data output pin is used to shift out the results of the A/D conversion. Data will always change on the falling edge of each clock as the conversion takes place.
3.7
Chip Select/Shutdown (CS/SHDN)
The CS/SHDN pin is used to initiate communication with the device when pulled low. When pulled high, it will end a conversion and put the device in low power standby. The CS/SHDN pin must be pulled high between conversions.
(c) 2007 Microchip Technology Inc.
DS21295C-page 13
MCP3004/3008
4.2 Reference Input
EQUATION
1024 x VIN Digital Output Code = -------------------------V REF VIN = analog input voltage VREF = reference voltage When using an external voltage reference device, the system designer should always refer to the manufacturer's recommendations for circuit layout. Any instability in the operation of the reference device will have a direct effect on the operation of the A/D converter. For each device in the family, the reference input (VREF) determines the analog input voltage range. As the reference input is reduced, the LSB size is reduced accordingly.
EQUATION
V REF LSB Size = -----------1024 The theoretical digital output code produced by the A/D converter is a function of the analog input signal and the reference input, as shown below. VDD VT = 0.6V
Sampling Switch SS RS = 1 k CSAMPLE = DAC capacitance = 20 pF VSS
RSS
CHx
VA
CPIN 7 pF
VT = 0.6V
ILEAKAGE 1 nA
Legend VA = Signal Source RSS = Source Impedance CHx = Input Channel Pad CPIN = Input Pin Capacitance VT = Threshold Voltage ILEAKAGE = Leakage Current At The Pin Due To Various Junctions SS = sampling switch RS = sampling switch resistor CSAMPLE = sample/hold capacitance
FIGURE 4-1:
Analog Input Model.
4
Clock Frequency (Mhz)
VDD = VREF = 5 V fSAMPLE = 200 ksps 3
2
1
VDD = VREF = 2.7 V fSAMPLE = 75 ksps
0 100
1000
10000
Input Resistance (Ohms)
FIGURE 4-2: Maximum Clock Frequency vs. Input resistance (RS) to maintain less than a 0.1 LSB deviation in INL from nominal conditions.
DS21295C-page 14
(c) 2007 Microchip Technology Inc.
MCP3004/3008
5.0 SERIAL COMMUNICATION
TABLE 5-1:
Communication with the MCP3004/3008 devices is accomplished using a standard SPI-compatible serial interface. Initiating communication with either device is done by bringing the CS line low (see Figure 5-1). If the device was powered up with the CS pin low, it must be brought high and back low to initiate communication. The first clock received with CS low and DIN high will constitute a start bit. The SGL/DIFF bit follows the start bit and will determine if the conversion will be done using single-ended or differential input mode. The next three bits (D0, D1 and D2) are used to select the input channel configuration. Table 5-1 and Table 5-2 show the configuration bits for the MCP3004 and MCP3008, respectively. The device will begin to sample the analog input on the fourth rising edge of the clock after the start bit has been received. The sample period will end on the falling edge of the fifth clock following the start bit. Once the D0 bit is input, one more clock is required to complete the sample and hold period (DIN is a "don't care" for this clock). On the falling edge of the next clock, the device will output a low null bit. The next 10 clocks will output the result of the conversion with MSB first, as shown in Figure 5-1. Data is always output from the device on the falling edge of the clock. If all 10 data bits have been transmitted and the device continues to receive clocks while the CS is held low, the device will output the conversion result LSB first, as is shown in Figure 5-2. If more clocks are provided to the device while CS is still low (after the LSB first data has been transmitted), the device will clock out zeros indefinitely. If necessary, it is possible to bring CS low and clock in leading zeros on the DIN line before the start bit. This is often done when dealing with microcontroller-based SPI ports that must send 8 bits at a time. Refer to Section 6.1, "Using the MCP3004/3008 with Microcontroller (MCU) SPI Ports", for more details on using the MCP3004/3008 devices with hardware SPI ports.
CONFIGURE BITS FOR THE MCP3004
Input Configuration single-ended single-ended single-ended single-ended differential differential differential differential Channel Selection CH0 CH1 CH2 CH3 CH0 = IN+ CH1 = INCH0 = INCH1 = IN+ CH2 = IN+ CH3 = INCH2 = INCH3 = IN+
Control Bit Selections Single/ D2* D1 D0 Diff 1 1 1 1 0 0 0 0 X X X X X X X X 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1
* D2 is "don't care" for MCP3004
TABLE 5-2:
Control Bit Selections Single /Diff 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 D2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1
CONFIGURE BITS FOR THE MCP3008
Input Configuration 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 single-ended single-ended single-ended single-ended single-ended single-ended single-ended single-ended differential differential differential differential differential differential differential differential Channel Selection CH0 CH1 CH2 CH3 CH4 CH5 CH6 CH7 CH0 = IN+ CH1 = INCH0 = INCH1 = IN+ CH2 = IN+ CH3 = INCH2 = INCH3 = IN+ CH4 = IN+ CH5 = INCH4 = INCH5 = IN+ CH6 = IN+ CH7 = INCH6 = INCH7 = IN+
D1 D0 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
(c) 2007 Microchip Technology Inc.
DS21295C-page 15
MCP3004/3008
tCYC tCSH CS tSUCS CLK tCYC
DIN
Start
D2 D1 D0 SGL/ DIFF
Don't Care
Start
D2 SGL/ DIFF
DOUT
HI-Z
Null Bit B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 * tCONV
HI-Z
tSAMPLE
tDATA **
* After completing the data transfer, if further clocks are applied with CS low, the A/D converter will output LSB first data, then followed with zeros indefinitely. See Figure 5-2 below. ** tDATA: during this time, the bias current and the comparator powers down while the reference input becomes a high impedance node.
FIGURE 5-1:
Communication with the MCP3004 or MCP3008.
tCYC CS tSUCS CLK Start DIN D2 D1 D0 SGL/ DIFF
HI-Z Don't Care Power Down
tCSH
DOUT
HI-Z Null B9 B8 B7 B6 B5 B4 B3 B2 B1 B0 B1 B2 B3 B4 B5 B6 B7 B8 B9* Bit (MSB)
tSAMPLE
tCONV
tDATA **
* After completing the data transfer, if further clocks are applied with CS low, the A/D converter will output zeros indefinitely. ** tDATA: During this time, the bias circuit and the comparator powers down while the reference input becomes a high impedance node, leaving the CLK running to clock out LSB first data or zeroes.
FIGURE 5-2:
Communication with MCP3004 or MCP3008 in LSB First Format.
DS21295C-page 16
(c) 2007 Microchip Technology Inc.
MCP3004/3008
6.0
6.1
APPLICATIONS INFORMATION
Using the MCP3004/3008 with Microcontroller (MCU) SPI Ports
With most microcontroller SPI ports, it is required to send groups of eight bits. It is also required that the microcontroller SPI port be configured to clock out data on the falling edge of clock and latch data in on the rising edge. Because communication with the MCP3004/ 3008 devices may not need multiples of eight clocks, it will be necessary to provide more clocks than are required. This is usually done by sending `leading zeros' before the start bit. As an example, Figure 6-1 and Figure 6-2 shows how the MCP3004/3008 can be interfaced to a MCU with a hardware SPI port. Figure 6-1 depicts the operation shown in SPI Mode 0,0, which requires that the SCLK from the MCU idles in the `low' state, while Figure 6-2 shows the similar case of SPI Mode 1,1, where the clock idles in the `high' state. As is shown in Figure 6-1, the first byte transmitted to the A/D converter contains seven leading zeros before the start bit. Arranging the leading zeros this way induces the 10 data bits to fall in positions easily manipulated by the MCU. The MSB is clocked out of the A/D converter on the falling edge of clock number 14. Once the second eight clocks have been sent to the device, the MCU receive buffer will contain five unknown bits (the output is at high impedance for the first two clocks), the null bit and the highest order 2 bits of the conversion. Once the third byte has been sent to the device, the receive register will contain the lowest order eight bits of the conversion results. Employing this method ensures simpler manipulation of the converted data. Figure 6-2 shows the same thing in SPI Mode 1,1, which requires that the clock idles in the high state. As with mode 0,0, the A/D converter outputs data on the falling edge of the clock and the MCU latches data from the A/D converter in on the rising edge of the clock.
(c) 2007 Microchip Technology Inc.
DS21295C-page 17
MCP3004/3008
CS SCLK MCU latches data from A/D converter on rising edges of SCLK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
DIN
Data is clocked out of A/D converter on falling edges SGL/ D2 D1 DO Start DIFF NULL BIT B9 B8
Don't Care
DOUT
HI-Z
B7
B6 B5 B4 B3 B2 B1 B0
Start MCU Transmitted Data Bit (Aligned with falling 0 0 0 0 00 01 edge of clock) MCU Received Data (Aligned with rising ? ? ? ? ? ? ? ? edge of clock) Data stored into MCU receive register after transmission of first 8 bits
SGL/ DIFF D2 D1 DO X ? ? ? ?
X
X
X
X
X
X
X
X
X
X
X
0 ? (Null) B9 B8
B7 B6 B5 B4 B3 B2 B1 B0 Data stored into MCU receive register after transmission of last 8 bits
X = "Don't Care" Bits
Data stored into MCU receive register after transmission of second 8 bits
FIGURE 6-1:
SPI Communication with the MCP3004/3008 using 8-bit segments (Mode 0,0: SCLK idles low).
CS SCLK
MCU latches data from A/D converter on rising edges of SCLK 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
Data is clocked out of A/D converter on falling edges DIN HI-Z Start Bit 0 ? ? 0 ? 0 ? 0 ? 0 ? 0 ? 1 ?
SGL/ DIFF D2
Start
SGL/ D2 D1 DO DIFF
Don't Care NULL BIT B9
DOUT MCU Transmitted Data (Aligned with falling 0 edge of clock) MCU Received Data (Aligned with rising edge of clock)
B8
B7
B6 B5 B4 B3 B2 B1 B0
D1 DO X ? ? ?
X
X
X B8
X
X
X
X
X
X
X
X
?
?
0 (Null) B9
B7 B6 B5 B4 B3 B2 B1 B0 Data stored into MCU receive register after transmission of last 8 bits
X = "Don't Care" Bits
Data stored into MCU receive register after transmission of first 8 bits
Data stored into MCU receive register after transmission of second 8 bits
FIGURE 6-2:
SPI Communication with the MCP3004/3008 using 8-bit segments (Mode 1,1: SCLK idles high).
DS21295C-page 18
(c) 2007 Microchip Technology Inc.
MCP3004/3008
6.2 Maintaining Minimum Clock Speed
VDD 4.096V Reference 0.1 F MCP1541 1 F 1 F R1 C1 R2 C2 R R3 4 MCP601
+ -
10 F
When the MCP3004/3008 initiates the sample period, charge is stored on the sample capacitor. When the sample period is complete, the device converts one bit for each clock that is received. It is important for the user to note that a slow clock rate will allow charge to bleed off the sample capacitor while the conversion is taking place. At 85C (worst case condition), the part will maintain proper charge on the sample capacitor for at least 1.2 ms after the sample period has ended. This means that the time between the end of the sample period and the time that all 10 data bits have been clocked out must not exceed 1.2 ms (effective clock frequency of 10 kHz). Failure to meet this criterion may introduce linearity errors into the conversion outside the rated specifications. It should be noted that during the entire conversion cycle, the A/D converter does not require a constant clock speed or duty cycle, as long as all timing specifications are met.
IN+ IN-
VREF MCP3004
VIN
FIGURE 6-3: The MCP601 Operational Amplifier is used to implement a second order anti-aliasing filter for the signal being converted by the MCP3004.
6.4
Layout Considerations
6.3
Buffering/Filtering the Analog Inputs
If the signal source for the A/D converter is not a low impedance source, it will have to be buffered or inaccurate conversion results may occur (see Figure 4-2). It is also recommended that a filter be used to eliminate any signals that may be aliased back in to the conversion results, as is illustrated in Figure 6-3, where an op amp is used to drive, filter and gain the analog input of the MCP3004/3008. This amplifier provides a low impedance source for the converter input, plus a low pass filter, which eliminates unwanted high frequency noise. Low pass (anti-aliasing) filters can be designed using Microchip's free interactive FilterLabTM software. FilterLab will calculate capacitor and resistors values, as well as determine the number of poles that are required for the application. For more information on filtering signals, see AN699, "Anti-Aliasing Analog Filters for Data Acquisition Systems".
When laying out a printed circuit board for use with analog components, care should be taken to reduce noise wherever possible. A bypass capacitor should always be used with this device and should be placed as close as possible to the device pin. A bypass capacitor value of 1 F is recommended. Digital and analog traces should be separated as much as possible on the board, with no traces running underneath the device or bypass capacitor. Extra precautions should be taken to keep traces with high frequency signals (such as clock lines) as far as possible from analog traces. Use of an analog ground plane is recommended in order to keep the ground potential the same for all devices on the board. Providing VDD connections to devices in a "star" configuration can also reduce noise by eliminating return current paths and associated errors (see Figure 6-4). For more information on layout tips when using A/D converters, refer to AN688, "Layout Tips for 12-Bit A/D Converter Applications".
VDD Connection
Device 1
Device 4
Device 3
Device 2
FIGURE 6-4: VDD traces arranged in a `Star' configuration in order to reduce errors caused by current return paths.
(c) 2007 Microchip Technology Inc.
DS21295C-page 19
MCP3004/3008
6.5 Utilizing the Digital and Analog Ground Pins
The MCP3004/3008 devices provide both digital and analog ground connections to provide additional means of noise reduction. As is shown in Figure 6-5, the analog and digital circuitry is separated internal to the device. This reduces noise from the digital portion of the device being coupled into the analog portion of the device. The two grounds are connected internally through the substrate which has a resistance of 5 -10. If no ground plane is utilized, both grounds must be connected to VSS on the board. If a ground plane is available, both digital and analog ground pins should be connected to the analog ground plane. If both an analog and a digital ground plane are available, both the digital and the analog ground pins should be connected to the analog ground plane. Following these steps will reduce the amount of digital noise from the rest of the board being coupled into the A/D converter.
VDD MCP3004/08 Digital Side -SPI Interface -Shift Register -Control Logic Analog Side -Sample Cap -Capacitor Array -Comparator
Substrate 5 - 10 DGND AGND 0.1 F
Analog Ground Plane
FIGURE 6-5: Ground Pins.
Separation of Analog and Digital
DS21295C-page 20
(c) 2007 Microchip Technology Inc.
MCP3004/3008
7.0
7.1
PACKAGING INFORMATION
Package Marking Information
14-Lead PDIP (300 mil) XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN Example: MCP3004-I/P e3 0712027
14-Lead SOIC (150 mil)
Example:
XXXXXXXXXXX XXXXXXXXXXX YYWWNNN
MCP3004ISL e3
XXXXXXXXXXX
0712027
14-Lead TSSOP (4.4mm) *
Example:
XXXXXXXX YYWW NNN
3004 e3 0712 027
Legend: XX...X Y YY WW NNN
e3
*
Customer-specific information Year code (last digit of calendar year) Year code (last 2 digits of calendar year) Week code (week of January 1 is week `01') Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) This package is Pb-free. The Pb-free JEDEC designator ( e3) can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information.
(c) 2007 Microchip Technology Inc.
DS21295C-page 21
MCP3004/3008
Package Marking Information (Continued)
16-Lead PDIP (300 mil) (MCP3308) XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN Example: MCP3008-I/P e3 0712030
16-Lead SOIC (150 mil) (MCP3308)
Example: MCP3008-I/SL e3
XXXXXXXXXXXXX XXXXXXXXXXXXX YYWWNNN
XXXXXXXXXX
0712030
DS21295C-page 22
(c) 2007 Microchip Technology Inc.
MCP3004/3008
14-Lead Plastic Dual In-Line (P) - 300 mil Body [PDIP]
Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
N
NOTE 1
E1
1
2
3 D E A2 L c
A
A1 b
b1 e
Units Dimension Limits Number of Pins Pitch Top to Seating Plane Molded Package Thickness Base to Seating Plane Shoulder to Shoulder Width Molded Package Width Overall Length Tip to Seating Plane Lead Thickness Upper Lead Width Lower Lead Width Overall Row Spacing N e A A2 A1 E E1 D L c b1 b eB - .115 .015 .290 .240 .735 .115 .008 .045 .014 - MIN INCHES NOM 14 .100 BSC - .130 - .310 .250 .750 .130 .010 .060 .018 - .210 .195 - .325 .280 .775 .150 .015 .070 .022 MAX
eB
.430 Notes: 1. Pin 1 visual index feature may vary, but must be located with the hatched area. 2. Significant Characteristic. 3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" per side. 4. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. Microchip Technology Drawing C04-005B
(c) 2007 Microchip Technology Inc.
DS21295C-page 23
MCP3004/3008
14-Lead Plastic Small Outline (SL) - Narrow, 3.90 mm Body [SOIC]
Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
D N
E E1 NOTE 1 1 2 b 3 e h h A2 c
A
A1
L L1
Units Dimension Limits Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Chamfer (optional) Foot Length Footprint Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom N e A A2 A1 E E1 D h L L1 c b 0 0.17 0.31 5 5 0.25 0.40 - 1.25 0.10 MIN
MILLMETERS NOM 14 1.27 BSC - - - 6.00 BSC 3.90 BSC 8.65 BSC - - 1.04 REF - - - - - 8 0.25 0.51 15 0.50 1.27 1.75 - 0.25 MAX
15 Notes: 1. Pin 1 visual index feature may vary, but must be located within the hatched area. 2. Significant Characteristic. 3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm per side. 4. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. REF: Reference Dimension, usually without tolerance, for information purposes only. Microchip Technology Drawing C04-065B
DS21295C-page 24
(c) 2007 Microchip Technology Inc.
MCP3004/3008
14-Lead Plastic Thin Shrink Small Outline (ST) - 4.4 mm Body [TSSOP]
Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
D N
E E1
NOTE 1 1 b A A2 c 2 e
A1
Units Dimension Limits Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Molded Package Length Foot Length Footprint Foot Angle Lead Thickness N e A A2 A1 E E1 D L L1 c
L1
MILLIMETERS MIN NOM 14 0.65 BSC - 0.80 0.05 4.30 4.90 0.45 0 0.09 - 1.00 - 6.40 BSC 4.40 5.00 0.60 1.00 REF - - 8 0.20 4.50 5.10 0.75 1.20 1.05 0.15 MAX
L
Lead Width b 0.19 - 0.30 Notes: 1. Pin 1 visual index feature may vary, but must be located within the hatched area. 2. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm per side. 3. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. REF: Reference Dimension, usually without tolerance, for information purposes only. Microchip Technology Drawing C04-087B
(c) 2007 Microchip Technology Inc.
DS21295C-page 25
MCP3004/3008
16-Lead Plastic Dual In-Line (P) - 300 mil Body [PDIP]
Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
N
NOTE 1
E1
1
2
3 D
E A A2 L A1
c
b1 b e eB
Units Dimension Limits Number of Pins Pitch Top to Seating Plane Molded Package Thickness Base to Seating Plane Shoulder to Shoulder Width Molded Package Width Overall Length Tip to Seating Plane Lead Thickness Upper Lead Width Lower Lead Width Overall Row Spacing N e A A2 A1 E E1 D L c b1 b eB - .115 .015 .290 .240 .735 .115 .008 .045 .014 - MIN
INCHES NOM 16 .100 BSC - .130 - .310 .250 .755 .130 .010 .060 .018 - .210 .195 - .325 .280 .775 .150 .015 .070 .022 MAX
.430 Notes: 1. Pin 1 visual index feature may vary, but must be located within the hatched area. 2. Significant Characteristic. 3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" per side. 4. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. Microchip Technology Drawing C04-017B
DS21295C-page 26
(c) 2007 Microchip Technology Inc.
MCP3004/3008
16-Lead Plastic Small Outline (SL) - Narrow, 3.90 mm Body [SOIC]
Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging
D N
E1 NOTE 1 1 2 b 3 e
E
h h c
A
A2
A1
L L1
Units Dimension Limits Number of Pins Pitch Overall Height Molded Package Thickness Standoff Overall Width Molded Package Width Overall Length Chamfer (optional) Foot Length Footprint Foot Angle Lead Thickness Lead Width Mold Draft Angle Top Mold Draft Angle Bottom N e A A2 A1 E E1 D h L L1 c b 0 0.17 0.31 5 5 0.25 0.40 - 1.25 0.10 MIN
MILLMETERS NOM 16 1.27 BSC - - - 6.00 BSC 3.90 BSC 9.90 BSC - - 1.04 REF - - - - - 8 0.25 0.51 15 0.50 1.27 1.75 - 0.25 MAX
15 Notes: 1. Pin 1 visual index feature may vary, but must be located within the hatched area. 2. Significant Characteristic. 3. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15 mm per side. 4. Dimensioning and tolerancing per ASME Y14.5M. BSC: Basic Dimension. Theoretically exact value shown without tolerances. REF: Reference Dimension, usually without tolerance, for information purposes only. Microchip Technology Drawing C04-108B
(c) 2007 Microchip Technology Inc.
DS21295C-page 27
MCP3004/3008
NOTES:
DS21295C-page 28
(c) 2007 Microchip Technology Inc.
MCP3004/3008
APPENDIX A: REVISION HISTORY
Revision C (January 2007) This revision includes updates to the packaging diagrams.
(c) 2007 Microchip Technology Inc.
DS21295C-page 29
MCP3004/3008
NOTES:
DS21295C-page 30
(c) 2007 Microchip Technology Inc.
MCP3004/3008
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. PART NO. Device X Temperature Range /XX Package Examples:
a) b)
Device: MCP3004: 4-Channel 10-Bit Serial A/D Converter MCP3004T: 4-Channel 10-Bit Serial A/D Converter (Tape and Reel) MCP3008: 8-Channel 10-Bit Serial A/D Converter MCP3008T: 8-Channel 10-Bit Serial A/D Converter (Tape and Reel)
MCP3004-I/P: Industrial Temperature, PDIP package. MCP3004-I/SL: Industrial Temperature, SOIC package. MCP3004-I/ST: Industrial Temperature, TSSOP package. MCP3004T-I/ST: Industrial Temperature, TSSOP package, Tape and Reel. MCP3008-I/P: Industrial Temperature, PDIP package. MCP3008-I/SL: Industrial Temperature, SOIC package.
c) d)
a)
Temperature Range: I = -40C to +85C
b)
Package: P SL ST = Plastic DIP (300 mil Body), 14-lead, 16-lead = Plastic SOIC (150 mil Body), 14-lead, 16-lead = Plastic TSSOP (4.4mm), 14-lead
(c) 2007 Microchip Technology Inc.
DS21295C-page31
MCP3004/3008
NOTES:
DS21295C-page 32
(c) 2007 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
*
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip devices in life support and/or safety applications is entirely at the buyer's risk, and the buyer agrees to defend, indemnify and hold harmless Microchip from any and all damages, claims, suits, or expenses resulting from such use. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, microID, MPLAB, PIC, PICmicro, PICSTART, PRO MATE, PowerSmart, rfPIC, and SmartShunt are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, Migratable Memory, MXDEV, MXLAB, SEEVAL, SmartSensor and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, CodeGuard, dsPICDEM, dsPICDEM.net, dsPICworks, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, Linear Active Thermistor, Mindi, MiWi, MPASM, MPLIB, MPLINK, PICkit, PICDEM, PICDEM.net, PICLAB, PICtail, PowerCal, PowerInfo, PowerMate, PowerTool, REAL ICE, rfLAB, rfPICDEM, Select Mode, Smart Serial, SmartTel, Total Endurance, UNI/O, WiperLock and ZENA are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2007, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received ISO/TS-16949:2002 certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona, Gresham, Oregon and Mountain View, California. The Company's quality system processes and procedures are for its PIC(R) MCUs and dsPIC DSCs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
(c) 2007 Microchip Technology Inc.
DS21295C-page 33
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: http://support.microchip.com Web Address: www.microchip.com Atlanta Duluth, GA Tel: 678-957-9614 Fax: 678-957-1455 Boston Westborough, MA Tel: 774-760-0087 Fax: 774-760-0088 Chicago Itasca, IL Tel: 630-285-0071 Fax: 630-285-0075 Dallas Addison, TX Tel: 972-818-7423 Fax: 972-818-2924 Detroit Farmington Hills, MI Tel: 248-538-2250 Fax: 248-538-2260 Kokomo Kokomo, IN Tel: 765-864-8360 Fax: 765-864-8387 Los Angeles Mission Viejo, CA Tel: 949-462-9523 Fax: 949-462-9608 Santa Clara Santa Clara, CA Tel: 408-961-6444 Fax: 408-961-6445 Toronto Mississauga, Ontario, Canada Tel: 905-673-0699 Fax: 905-673-6509
ASIA/PACIFIC
Asia Pacific Office Suites 3707-14, 37th Floor Tower 6, The Gateway Habour City, Kowloon Hong Kong Tel: 852-2401-1200 Fax: 852-2401-3431 Australia - Sydney Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 China - Beijing Tel: 86-10-8528-2100 Fax: 86-10-8528-2104 China - Chengdu Tel: 86-28-8665-5511 Fax: 86-28-8665-7889 China - Fuzhou Tel: 86-591-8750-3506 Fax: 86-591-8750-3521 China - Hong Kong SAR Tel: 852-2401-1200 Fax: 852-2401-3431 China - Qingdao Tel: 86-532-8502-7355 Fax: 86-532-8502-7205 China - Shanghai Tel: 86-21-5407-5533 Fax: 86-21-5407-5066 China - Shenyang Tel: 86-24-2334-2829 Fax: 86-24-2334-2393 China - Shenzhen Tel: 86-755-8203-2660 Fax: 86-755-8203-1760 China - Shunde Tel: 86-757-2839-5507 Fax: 86-757-2839-5571 China - Wuhan Tel: 86-27-5980-5300 Fax: 86-27-5980-5118 China - Xian Tel: 86-29-8833-7250 Fax: 86-29-8833-7256
ASIA/PACIFIC
India - Bangalore Tel: 91-80-4182-8400 Fax: 91-80-4182-8422 India - New Delhi Tel: 91-11-4160-8631 Fax: 91-11-4160-8632 India - Pune Tel: 91-20-2566-1512 Fax: 91-20-2566-1513 Japan - Yokohama Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Korea - Gumi Tel: 82-54-473-4301 Fax: 82-54-473-4302 Korea - Seoul Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934 Malaysia - Penang Tel: 60-4-646-8870 Fax: 60-4-646-5086 Philippines - Manila Tel: 63-2-634-9065 Fax: 63-2-634-9069 Singapore Tel: 65-6334-8870 Fax: 65-6334-8850 Taiwan - Hsin Chu Tel: 886-3-572-9526 Fax: 886-3-572-6459 Taiwan - Kaohsiung Tel: 886-7-536-4818 Fax: 886-7-536-4803 Taiwan - Taipei Tel: 886-2-2500-6610 Fax: 886-2-2508-0102 Thailand - Bangkok Tel: 66-2-694-1351 Fax: 66-2-694-1350
EUROPE
Austria - Wels Tel: 43-7242-2244-39 Fax: 43-7242-2244-393 Denmark - Copenhagen Tel: 45-4450-2828 Fax: 45-4485-2829 France - Paris Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Germany - Munich Tel: 49-89-627-144-0 Fax: 49-89-627-144-44 Italy - Milan Tel: 39-0331-742611 Fax: 39-0331-466781 Netherlands - Drunen Tel: 31-416-690399 Fax: 31-416-690340 Spain - Madrid Tel: 34-91-708-08-90 Fax: 34-91-708-08-91 UK - Wokingham Tel: 44-118-921-5869 Fax: 44-118-921-5820
12/08/06
DS21295C-page 34
(c) 2007 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of MCP3004-IP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X