Part Number Hot Search : 
BFXXXX SNC521 AS431AK 28230 1N6013B N1N4488 LLB02 1N149M
Product Description
Full Text Search
 

To Download MBRS16100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBRS1635 - MBRS16150
16.0 AMPS. Surface Mount Schottky Barrier Rectifiers D2PAK
Features
Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon junction, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: o 260 C/10 seconds,0.25"(6.35mm)from case
Mechanical Data
Cases: JEDEC D PAK molded plastic body Terminals: Pure tin plated, lead free. solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 5 in. - lbs. max Weight: 0.08 ounce, 2.24 grams
2
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics o
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current O at Tc=125 C Peak Repetitive Forward Current (Rated VR, Square o Wave, 20KHz) at Tc=125 C Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at: (Note 2) o IF=16A, TC=25 C o IF=16A, TC=125 C Maximum Instantaneous Reverse Current o @ Tc =25 C at Rated DC Blocking Voltage (Note 2) o @ Tc=125 C
Maximum Typical Thermal Resistance(Note 3)
Symbol MBRS MBRS MBRS MBRS MBRS 1635 1645 1650 1660 1690 35 45 50 60 90 VRRM 24 31 35 42 63 VRMS 35 45 50 60 90 VDC
MBRS MBRS 16100 16150
Units
V V V A A A
100 70 100
150 105 150
I(AV) IFRM IFSM IRRM VF IR RJC
TJ TSTG 1.0
0.63 0.57 0.75 0.65
16 32.0 150 0.5
0.85 0.82 0.95 0.92
A V mA mA
o
0.5 15
0.5 10 1.5 -65 to +150 -65 to +175
0.3 7.5
0.1 5.0
Operating Junction Temperature Range Storage Temperature Range
C/W o C o C
Notes:
1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case Per Leg
- 62 -
Version: B07
RATINGS AND CHARACTERISTIC CURVES (MBRS1635 THRU MBRS16150)
FIG.1- FORWARD CURRENT DERATING CURVE
20 PEAK FORWARD SURGE CURRENT. (A) AVERAGE FORWARD CURRENT. (A) RESISTIVE OR INDUCTIVE LOAD 16 150 Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
120
100 75
12
8
50 25
4
0 0 50 100 o CASE TEMPERATURE. ( C) 150
0 1
10 NUMBER OF CYCLES AT 60Hz
100
40
FIG.3- TYPICAL INSTANT ANEOUS FORWARD CHARACTERISTICS
FIG.4- TYPICAL REVERSE CHARACTERISTICS
50
INSTANTANEOUS FORWARD CURRENT. (A)
Pulse Width=300 s 1% Duty Cycle
INSTANTANEOUS REVERSE CURRENT. (mA)
10
Tj=125 0C
10
Tj=125 0C 1
1 Tj=25 0C
Tj=75 0C 0.1
0.1
MBRS1635-MBRS1645 MBRS1650 & MBRS16150
0.01 Tj=25 0C MBRS1635-MBRS1645 MBRS1650 & MBRS16150
0.01 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLT AGE. (V)
0.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLT AGE. (%)
FIG.5- TYPICAL JUNCTION CAPACIT ANCE
6,000
0 Tj=25C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS
TRANSIENT THERMAL IMPEDANCE. ( OC/W) 100 100
JUNCTION CAPACITANCE.(pF)
10.0
1,000
1
MBRS1635-MBRS1645 MBRS1650 & MBRS16150 100 0.1 1 10 REVERSE VOLTAGE. (V)
0.1 0.01 0.1 1 T, PULSE DURATION. (sec) 10 100
Version: B07


▲Up To Search▲   

 
Price & Availability of MBRS16100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X