Part Number Hot Search : 
79L06A C3549 C3216 P6KE39A DL120 TL072AM NTE791 4HCT57
Product Description
Full Text Search
 

To Download LSK170 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LSK170
Linear Integrated Systems
FEATURES ULTRA LOW NOISE (f = 1kHz) HIGH BREAKDOWN VOLTAGE HIGH GAIN HIGH INPUT IMPEDANCE LOW CAPACITANCE ABSOLUTE MAXIMUM RATINGS1 @ 25 C (unless otherwise stated) Maximum Temperatures Storage Temperature Operating Junction Temperature Maximum Power Dissipation Continuous Power Dissipation @ +125 C Maximum Currents Gate Forward Current Maximum Voltages Gate to Source Gate to Drain VGSS = 40V VGDS = 40V IG(F) = 10mA *For equivalent monolithic dual, see LSK389 family. 400mW -65 to +150 C -55 to +135 C en = 0.9nV/Hz BVGSS = 40V max Yfs = 22mS (typ) IG = -500pA max 22pF max
ULTRA LOW NOISE SINGLE N-CHANNEL JFET
IMPROVED SECOND SOURCE REPLACEMENT FOR 2SK170
TO-92 BOTTOM VIEW
SOT-23 TOP VIEW D
1 3
DGS 123
G
S
2
ELECTRICAL CHARACTERISTICS @ 25 C (unless otherwise stated) SYMBOL BVGSS VGS(OFF) VGS IDSS IG IGSS Yfss Yfs en en CISS CRSS
1.
CHARACTERISTIC Gate to Source Breakdown Voltage Gate to Source Pinch-off Voltage Gate to Source Operating Voltage Drain to Source Saturation Current Gate Operating Current Gate to Source Leakage Current Full Conduction Transconductance Typical Conduction Transconductance Noise Voltage Noise Voltage Common Source Input Capacitance Common Source Reverse Transfer Cap. LSK170A LSK170B LSK170C
MIN 40 0.2
TYP
MAX UNITS V 2 V V 6.5 12 20 0.5 1 nA nA mS mS 1.9 4 nV/Hz nV/Hz pF pF mA
CONDITIONS VDS = 0, ID = 100A VDS = 10V, ID = 1nA VDS = 10V, ID = 1mA VDG = 10V, VGS = 0 VDG = 10V, ID = 1mA VDG = 10V, VDS = 0 VGD = 10V, VGS = 0, f = 1kHz VDG = 15V, ID = 1mA VDS = 10V, ID = 2mA, f = 1kHz, NBW = 1Hz VDS = 10V, ID = 2mA, f = 10Hz, NBW = 1Hz VDS = 15V, ID = 500A
0.5 2.6 6 10
22 10 0.9 2.5 20 5
Absolute maximum ratings are limiting values above which serviceability may be impaired.
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
Linear Integrated Systems
* 4042 Clipper Court * Fremont, CA 94538 * Tel: 510 490-9160 * Fax: 510 353-0261


▲Up To Search▲   

 
Price & Availability of LSK170

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X