Part Number Hot Search : 
R1B05F0 SMBJ12CA J110G CEU101J IRLR3714 SLD335YT EVUE31 S93462
Product Description
Full Text Search
 

To Download LM1001-7R06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M Series Data Sheet 50-Watt AC-DC Cassette Converters
Features * RoHS lead-solder-exempt compliant1 * Rugged electrical and mechanical design * Outputs individually controlled with excellent dynamic properties * Operating ambient temperature range of -40 to 71 C with convection cooling
1 The solder exemption refers to all the restricted materials except lead in solder.
Description
The M Series of AC-DC cassettes represents a broad and flexible range of power supplies for use in advanced industrial electronic systems. Features include high efficiency, reliability, low output voltage noise, and excellent dynamic response to load/line changes due to individual regulation of each output.
Model Selection
Output 1
Vo nom [VDC]
5.1 12 15 24 48 12 15 5.1 5.1
Output 2
Vo nom [VDC]
12 15 12 15
Output 3
Vo nom [VDC]
12 15
Io nom [A]
8 4 3.4 2 1 2 1.7 5 5
Io nom [A]
2 1.7 0.7 0.6
Io nom [A]
0.7 0.6
Nom. Input Voltage
Vi [VAC] 100 - 240 100 - 240 100 - 240 100 - 240 100 - 240 100 - 240 100 - 240 100 - 240 100 - 240
Model
Options
LM1001-7R LM1301-7R LM1501-7R LM1601-7R LM1901-7R LM2320-7 LM2540-7 LM3020-7 LM3040-7
-9, E, P, D, V, A, F -9, E, P, D, A, F -9, E, P, D, A, F -9, E, P, D, A, F -9, E, P, D, A, F -9, E, P, D, A, F -9, E, P, D, A, F -9, E, P, D, V, A, F -9, E, P, D, V, A, F
JUN 20, 2006 revised to JUL 21, 2006
Page 1 of 4
www.power-one.com
M Series Data Sheet 50-Watt AC-DC Cassette Converters
Input Nom. voltage and frequency Operating voltage and frequency Inrush current limitation Output Efficiency Output voltage setting accuracy Output voltage switching noise Line regulation Load regulation Minimum load Current limitation main output Current limitation aux. output(s) Operation in parallel Hold-up time Protection Input fuse Input undervoltage lockout Input overvoltage lockout Input transient protection Output Output overvoltage Overtemperature protection Control Output voltage adjustment Inhibit Status indication Safety Approvals Protection degree Electric strength test voltage
continuous range continuous range by thermistor
100 - 240 VAC, 50 - 60, 440 Hz 85 - 264 VAC, 47 - 440 Hz
Io nom Io nom IEC/EN 61204, total Vi min - Vi max, Io nom, each output regulated Vi nom, 0 - Io nom, each output regulated not required rectangular V/I characteristic rectangular V/I characteristic by current limitation, only main outputs Vi = 230 V AC, Io nom
Vi nom, Vi nom,
up to 81% better than 1% Vo nom typ. 50 mVpp typ. 0.2% Vo nom typ. 0.15% Vo nom 0A typ. 110% Io nom typ. 120% Io nom typ. 90 ms
built-in
T 2.5 A, 250 V AC typ. 80% Vi min typ. 110% Vi max
varistor or suppressor diode no-load, overload, and short-circuit proof suppressor diode in each output switch-off with auto restart
typ. 150% Vo nom TC typ. 100 C
single output types TTL input, output(s) disabled if open circuit 3 LEDs: OK, inhibit, overload
0 - 110% Vo1 nom
EN 60950, UL 1950, CSAC22.2 No. 950 units without options Input against (case + outputs)
Class I equipment IP 40 2 kV AC
JUN 20, 2006 revised to JUL 21, 2006
Page 2 of 4
www.power-one.com
M Series Data Sheet 50-Watt AC-DC Cassette Converters
EMC Electrostatic discharge Electromagnetic field Electr. fast transients/bursts Surge Conducted disturbances Electromagnetic emissions Environmental Operating ambient temperature Operating case temperature TC Storage temperature Damp heat Vibration, sinusoidal Shock Bump Random vibration MTBF
IEC/EN 61000-4-2, level 4 (8/15 kV) IEC/EN 61000-4-3, level x (20 V/m) IEC/EN 61000-4-4, input, level 3/4 (2/4 kV) IEC/EN 61000-4-5, input, level 3/4 (2/4 kV) IEC/EN 61000-4-6, level 3 (10 V) CISPR 22/EN 55022, class I, conducted
criterion A criterion A/B criterion A/B criterion A criterion B class B
Vi nom, Io nom, convection cooled Vi nom, Io nom non operational IEC/EN 60068-2-78, 93%, 40 C IEC/EN 60068-2-6, 10 - 60/60 - 2000 Hz IEC/EN 60068-2-27, 6 ms IEC/EN 60068-2-29, 6 ms IEC/EN 60068-2-64, 20 to 500 Hz MIL-HDBK-217E, GB, 40 C, single output models
-25 to 71 C -25 to 95 C -40 to 100 C 56 days 0.35 mm/5 gn 100 gn 40 gn 4.9 gn rms 320 000 h
Options Extended temperature range -40 to 71 C, ambient, operating Electronic inrush current limitation Output voltage adjustment 95 - 105% Vo nom, excludes feature R Input and/or output undervoltage monitoring, excludes option V Input and/or output undervoltage monitoring (VME), excludes option D Test sockets for check of output voltage Fuse not user-accessible
-9 E P D0 - D9 V1 - V3 A F
Pin Allocation Pin 2 5 8 11 14 17 14 17 20 23 26 29 32 Electrical determination Inhibit control input Data safe or ACFAIL Output positive Output negative Control input + Control input - Output positive Output negative Output positive Output negative Protective earth PE AC input neutral AC input phase LM1000 i D or V Vo+ Vo- R G LM2000 i D or V LM3000 i D or V Vo3+ Vo3-
Vo+ Vo- N L
Vo2+ Vo2- Vo1+ Vo1- N L
Vo2+ Vo2- Vo1+ Vo1- N L
JUN 20, 2006 revised to JUL 21, 2006
Page 3 of 4
www.power-one.com
M Series Data Sheet 50-Watt AC-DC Cassette Converters
Mechanical Data
Dimensions in mm. The power supplies are designed to be inserted into a 19" rack, 160 mm long, according to IEC 60297-3.
26 23 11 14 17 20 29 32 2 5 8
09012
6TE
28.6
12.1
Mounting holes for retaining clips (HZZ01209) 3.27 15 20.5 Male connector H11 according to DIN 41 612 (Gold plated contacts on customer's request)
European Projection
2TE
100
34
1.6
Front plate
103 20
M 3; depth = 4 mm (chassis mount)
Main face Rear face
168.5
159.4
173.7
127
22
Measuring point for case temperatureTC
68
Mounting plane of connector H11
(11.6)
88 111.2 (3U) 94.5 95 30.48 25.40 20.32 15.24 10.16 5.08 0
4
38.7 Back plate
o 3.5
22.30 17.25 12.17 7.09 0 OK (LED green) Inhibit i (LED red) Potentiometer (option D or V)
IoL (LED red) Test sockets (option A) Potentiometer(s) (option P)
Accessories
Front panels 19" (Schroff/Intermas) Mating H11 connectors with screw, solder, fast-on or press-fit terminals Connector retention facilities and code key system for connector coding Flexible PCB for connecting the converter via an H11 connector, if mounted on a PCB Chassis or wall mounting plates for frontal access Universal mounting brackets for chassis or DIN-rail mounting
NUCLEAR AND MEDICAL APPLICATIONS - Power-One products are not designed, intended for use in, or authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the respective divisional president of Power-One, Inc. TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are subject to change without notice.
JUN 20, 2006 revised to JUL 21, 2006
Page 4 of 4
31.5
o 4.0
www.power-one.com


▲Up To Search▲   

 
Price & Availability of LM1001-7R06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X