Part Number Hot Search : 
NJM2761 2SK3150L TDA84 3225K30 MX5305 ZMM5259 NJM2761 AK2364
Product Description
Full Text Search
 

To Download LA42051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA0078
Monolithic Linear IC
LA42352
Overview
5W 2-Channel AF Power Amplifier With DC Volume Control
LA42352 is 5W 2-channel AF power amplifier with DC volume control intended for televisions. LA42000 series is power IC which made Pin compatible possible altogether in 3 to 15W. They consist of four kinds of power ICs. (mono, stereo, mono with volume function, stereo with volume function.). They realized PCB layout communalization of an audio power block of TV.
PO Mono LA42051 LA42052 LA42351 LA42352 LA42071 LA42072 LA42152 5W 5W 5W 5W 7W 7W 15W Channel Volume Stereo



Feature
* PO 5Wx2ch (VCC = 18V, RL = 8, THD = 10%) * Built-in DC Volume Control. * Built-in Standby function. * Built-in overheat protection.
Any and all SANYO Semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO Semiconductor representative nearest you before using any SANYO Semiconductor products described or contained herein in such applications. SANYO Semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor products described or contained herein.
92706 / 83005 MS PC B8-9060 No.A0078-1/9
LA42352
Specitications
Maximum Ratings at Ta = 25 C
Parameter Maximum supply voltage Allowable power dissipation Maximum junction temperature Thermal resistance Operating temperature Storage temperature Symbol VCC max Pd max Tj max jc Topr Tstg No signal Infinite heat sink Conditions Ratings 24 15 150 3 -25 to +75 -40 to +150 Unit V W C C/W C C
Operating Conditions at Ta = 25 C
Parameter Recommended supply voltage Recommended load resistance Allowable operating voltage range Symbol VCC RL VCC op Conditions Ratings 18 8 10 to 22 Unit V V
Operating Characteristics at Ta = 25C, VCC = 18V, RL = 8, Volume = 5V, f = 1kHz, Rg = 600
Parameter Standby current Quiescent current Output power Total harmonic distortion Voltage gain Output noise voltage Volume Attenuation Channel separation Standby control voltage (The Pin 5 voltage) Input resistance Symbol ISTB ICCO PO THD VG VNO Att Sep. VSTB-H VSTB-L Ri Amplifier off Rg = 0, Volume = 0V THD = 10% PO = 1W VO = 0dBm Rg = 0, Volume = 0V, BPF = 20Hz to 20kHz VIN = 100mV, Vcont = 0V, with 1k-BPF Rg = 10k, VO = 0dBm Amplifier on Amplifier off 70 48 2.5 0 14 20 80 55 10 0.5 26 dB dB V V k 32.5 35 4 Conditions min Ratings typ 1 65 5 0.1 34.5 0.13 0.8 36.5 0.4 max 10 130 A mA W % dB mVrms Unit
*0dBm = 1mW (600) = 774.6mVrms
Package Dimensions
unit : mm 3107B
No.A0078-2/9
LA42352
Block Diagram
Standby 5 VCC 7
Ri = 20k Input amplifier IN1 2 Output amplifier 12 OUT1 Volume 1 13
Pre GND
3 Thermal protection circuit Ri = 20k Input amplifier
11 NF1
10 Output amplifier 8
Power GND
IN2
4
OUT2
Volume 2
6
9 Ripple Filter Block 1 Ripple Filter
NF2
Sample Application Circuit
LA42352
Ripple Filter 1 C3 + 47F /25V PRE GND 3 PWR GND 10
IN1 2
IN2 4
STB 5
Vol 2 6
VCC 7 +5V
OUT2 8
NF2 9
NF1 11 +
OUT1 12
Vol 1 13 +5V
+
C1 1.0F /10V
+
C2 1.0F /10V
C4 1000F /25V +
R3 10k
C9 + 47F /16V
C10 47F /16V
+ CPU C7 0.1F R1 2.2 C5 470F /16V
+ C6 470F /16V C8 0.1F R2 2.2
RL
RL
No.A0078-3/9
LA42352
Pin Descriptions
Pin No 1 Symbol RF Pin Voltage VCC = 18V 17.6 Equivalent Circuit Description * Ripple filter reference
2 4
IN1 IN2
4.4
* Input pin
3 5
PRE_GND STB
0 0 to 5V (Input voltage)
* Pre GND pin * Standby pin * The standby function is on when this pin at ground level
6 13
Vol 2 Vol 1
0 to 5V (Input voltage)
* Control Volume
7
VCC
18
* Power supply
Continued on next page.
No.A0078-4/9
LA42352
Continued from preceding page.
Pin No 8 12 Symbol OUT2 OUT1 Pin Voltage VCC = 18V 8.9 Equivalent Circuit * Output pin Description
9 10
NF2 NF1
8.8
* Negative feedback pin at Power amplifier * Connect NF capacitor
10
PWR_GND
0
* Power GND pin
Description of External parts C1, C2 C3 : Input capacitors. A value of 1.0F is recommended for capacitors. Note that the low-frequency area characteristics can be adjusted by changing fL. : Ripple filter capacitor. A value of 47F is recommended for capacitors. Decreasing the capacitance value excessively or removing this capacitor causes ripple to occur. However, increasing the capacitance value does not always cause ripple to reduced. Decreasing the capacitance value makes the starting time earlier. : Power capacitor. : Output capacitors. A value of 470F is recommended for capacitors. : Oscillation blocking capacitor. Use a polyester film capacitor that is good in high frequency response and temperature characteristic. : Feedback capacitor. A value of 47F is recommended for capacitors. Decreasing the capacitance value lowers the low frequency response. Increasing the capacitance value makes the starting time later. : Resistor connected in series with oscillation blocking capacitor. Prevents phase shift attributable to the oscillation blocking capacitor so that oscillation is hard to occur. : Standby switch current limiting resistor. A value of 10k is recommended for resistance (when the applied voltage for the standby switch is 3V to 10V). This resistor cannot be removed.
C4 C5, C6 C7, C8 C9, C10 R1, R2 R3
No.A0078-5/9
LA42352
Features of IC Inside and Usage Note Standby function * Pin 5 is the standby switch pin. The amplifier is turned on by applying approximately 3V or more to this pin through an external resistor (R3). * If voltage in excess of 10V is to be applied to the standby switch, calculate the value of R3 using the following formula so that the current flowing into pin 5 is 500A or less: R3 = (Applied voltage - 2VBE (1.4V)) - 15k 500A
Protector * In order to prevent damage or degradation which may be caused by abnormally heated IC, the LA42352 has a thermal shutdown protector. Accordingly, if the IC junction temperature (Tj) climbs to around 160C due to inadequate heat dissipation, the thermal shutdown protector will operate to control the output gradually into attenuation.
No.A0078-6/9
LA42352
No.A0078-7/9
LA42352
No.A0078-8/9
LA42352
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor products (including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO Semiconductor believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of August, 2005. Specifications and information herein are subject to change without notice. PS No.A0078-9/9


▲Up To Search▲   

 
Price & Availability of LA42051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X