Part Number Hot Search : 
ES51928 DM7438 UTC2206B 14S121K PH97005 CLR130 FJB102 TFS170D
Product Description
Full Text Search
 

To Download KDV310E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
TV Tuning. FEATURES
Low Series Resistance : rs=1.1 (Max.) Small Package : ESC.
KDV310E
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
CATHODE MARK
High Capacitance Ratio : C2V/C25V=17.0(Min.)
C 1
E
2 D F
MAXIMUM RATING (Ta=25
CHARACTERISTIC Reverse Voltage Junction Temperature Storage Temperature Range
)
SYMBOL VR Tj Tstg RATING 34 150 -55 150 UNIT V
1. ANODE 2. CATHODE
B
A
DIM A B C D E F
MILLIMETERS _ 1.60 + 0.10 _ 1.20 + 0.10 _ 0.80 + 0.10 _ 0.30 + 0.05 _ 0.60 + 0.10 _ 0.13 + 0.05
ESC
Marking
Type Name
VD
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Reverse Current SYMBOL IR1 IR2 C2V C25V C2V/C25V rS VR=32V VR=32V, Ta=60 VR=2V, f=1MHz VR=25V, f=1MHz VR=5V, f=470MHz TEST CONDITION MIN. 47.0 2.65 17.0 TYP. MAX. 10 100 53.0 3.0 1.1 UNIT nA
Capacitance Capacitance Ratio Series Resistance
pF
Note : Available in matched group for capacitance to 2.0%. C(Max.)-C(Min.) C(Min.) (VR=2~25V) 0.02
2004. 4. 20
Revision No : 0
1/2
KDV310E
I R - VR
10 REVERSE CURRENT I R (A)
-10
C T - VR
80 TOTAL CAPACITANCE CT (pF)
f=1MHz
10
-11
60
40
10
-12
20
10
-13
0
10
20
30
40
0 1 10 REVERSE VOLTAGE VR (V) 50
REVERSE VOLTAGE VR (V)
r s - VR
1.0 SERIES RESISTANCE rs ()
f=470MHz
(LOG CT ) / (LOG VR ) - VR
0 (LOG CT) / (LOG VR)
0.8
-1.0
0.6
-2.0
0.4
0.2 1 3 5 10 30 REVERSE VOLTAGE VR (V)
-3.0 1 10 REVERSE VOLTAGE VR (V) 50
2004. 4. 20
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of KDV310E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X