Part Number Hot Search : 
4081B RBV1504 DS2704G 000MT NJU3401 MAX038 2SD2624 SRF1640
Product Description
Full Text Search
 

To Download HY17-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
HY17-12, HY17-12LF: 90-Degree Hybrid 1.71-1.88 GHz
Features
Low cost Low profile Small SOIC-8 package Available on tape and reel Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 C per JEDEC J-STD-020
Block Diagram
In Direct
Isolated
Coupled
Description
The HY17-12 is a 90-degree hybrid tuned for the 1.71-1.88 GHz band. The monolithic circuitry is 100% passive and offers low loss, high isolation and exceptional phase/amplitude balance. It is available in the SOIC-8 surface mount package.
NEW
Skyworks offers lead (Pb)-free, RoHS (Restriction of Hazardous Substances)-compliant packaging.
Electrical Specifications at 25 C
ZO = 50 , unless otherwise noted
Parameter Frequency Insertion loss(1) Isolation VSWR all ports Amplitude balance Phase balance
1. Less 3 dB power split.
Frequency
Min. 1.71
Typ. 0.5
Max. 1.88 0.6 1.3:1 +1 +2
Unit GHz dB dB dB Deg.
19
20 1.2:1 +0.5 +1
Pin Out
RF In Direct
GND
GND
The Pin Out diagram shows the HY17-12 configured for a divider/coupler with Pin 1 as the input port and a 50 termination to be placed at Pin 3. Since the HY17-12 is symmetric, any nonground pin may be used as the input port. The following table shows the possible pin connection combinations for the HY17-12 used as a divider/coupler:
Input Pin 1 Pin 4 Pin 5 Pin 8 Termination Pin 4 Pin 1 Pin 8 Pin 5 Direct Pin 8 Pin 5 Pin 4 Pin 1 Coupled Pin 5 Pin 8 Pin 1 Pin 4 1
1 2 3 4
8 7
GND
GND
6
ISOL.
Coupled
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200233 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * June 8, 2006
5
DATA SHEET * HY17-12, HY17-12LF
Typical Performance Data
ZO = 50 , unless otherwise noted
-3.0 -3.2 -3.4 -3.6 Coupled -3.8 -4.0 1.70 1.05 1.00 1.70 1.30 1.25 Direct 1.20 1.15 1.10
Loss (dB)
VSWR (:1)
1.73
1.76
1.79
1.82
1.85
1.88
1.73
1.76
1.79
1.82
1.85
1.88
Frequency (GHz)
Frequency (GHz)
Path Losses vs. Frequency
1.00 0.75 0.50 1.30 1.25 1.20
Input VSWR vs. Frequency
Balance (dB)
0 -0.25 -0.50 -0.75 -1.00 1.70 1.73 1.76 1.79 1.82 1.85 1.88
VSWR (:1)
0.25
1.15 Coupled 1.10 Direct 1.05 1.00 1.70
1.73
1.76
1.79
1.82
1.85
1.88
Frequency (GHz)
Frequency (GHz)
Amplitude Balance vs. Frequency
91.0 90.6 90.2 89.8 89.4 89.0 1.70 0 -9
Output VSWR vs. Frequency
Isolation (dB)
1.73 1.76 1.79 1.82 1.85 1.88
Phase (Deg.)
-18 -27 -36 -45 1.70
1.73
1.76
1.79
1.82
1.85
1.88
Frequency (GHz)
Frequency (GHz)
Coupled - Direct Phase vs. Frequency
Isolation vs. Frequency
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 2
June 8, 2006 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200233 Rev. B
DATA SHEET * HY17-12, HY17-12LF
Absolute Maximum Ratings
Characteristic Input power Operating temperature Storage temperature Electrostatic discharge Value 4W -40 C to +85 C -65 C to +150 C 125 V
SOIC-8
Pin 8 0.050 (1.27 mm) BSC
Pin 1 Indicator
0.244 (6.20 mm) 0.228 (5.80 mm)
Performance is guaranteed only under the conditions listed in the specifications table and is not guaranteed under the full range(s) described by the Absolute Maximum specifications. Exceeding any of the absolute maximum/minimum specifications may result in permanent damage to the device and will void the warranty.
Pin 1 0.068 (1.73 mm) Max.
0.020 (0.51 mm) Max. 0.049 (1.24 mm) 0.016 (0.41 mm) 0.016 Max. (0.41 mm) x 45 Chamfer
CAUTION: Although this device is designed to be as robust as possible, ESD (Electrostatic Discharge) can damage this device. This device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body or equipment, which can discharge without detection. Industry-standard ESD precautions must be employed at all times.
0.197 (5.00 mm) 0.189 (4.80 mm) 0.010 (0.25 mm) 0.004 (0.10 mm)
0.158 (4.00 mm) 0.150 (3.80 mm) 0.010 (0.25 mm) 0.007 (0.17 mm)
8 Max.
Recommended Solder Reflow Profiles Recommended Board Layout
0.1630
Refer to the "Recommended Solder Reflow Profile" Application Note.
Tape and Reel Information
Refer to the "Discrete Devices and IC Switch/Attenuators Tape and Reel Package Orientation" Application Note.
0.0424 0.0282 0.0200 Dia. Via 12 Places 0.0180 Typ.
Materials 10 mil FR-4. Dimensions are in inches.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com
200233 Rev. B * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * June 8, 2006
3
DATA SHEET * HY17-12, HY17-12LF
Copyright (c) 2002, 2003, 2004, 2005, 2006, Skyworks Solutions, Inc. All Rights Reserved. Information in this document is provided in connection with Skyworks Solutions, Inc. ("Skyworks") products or services. These materials, including the information contained herein, are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes. No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and Conditions of Sale. THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED "AS IS" WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE. Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury, death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any damages resulting from such improper use or sale. Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters. Skyworks, the Skyworks symbol, and "Breakthrough Simplicity" are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are incorporated by reference.
Skyworks Solutions, Inc. * Phone [781] 376-3000 * Fax [781] 376-3100 * sales@skyworksinc.com * www.skyworksinc.com 4
June 8, 2006 * Skyworks Proprietary Information * Products and Product Information are Subject to Change Without Notice. * 200233 Rev. B


▲Up To Search▲   

 
Price & Availability of HY17-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X