Part Number Hot Search : 
1216402 CPC5604 4840S N101C MPC8247 CYM1471 CPB1621 5GAT15
Product Description
Full Text Search
 

To Download HUM2001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HUM2001/HUM2020 SERIES Pin Diode High Power Stud
DESCRIPTION
KEY FEATURES High Power Stud Mount Package. High Zero Bias Impedance Very Low Inductance and Capacitance. No Internal Lead Straps. Small Mechanical Outline. APPLICATIONS/BENEFITS MRI Applications. High Power Antenna Switching. VOLTAGE RATING [25C] Reverse Voltage (VR) - Volts IR = 10A 100V Part type
WWW . Microsemi .C OM
With high isolation, low loss, and low distortion characteristics, this Microsemi Power PIN diode is perfect for the high power switching applications where size and power handling capability are critical. Its advantages also include the low forward bias resistance and high zero bias impedance that are essential for low loss, high isolation and wide bandwidth performance. Hermetically sealed, SOGO passivated PIN chips with full-faced metallurgical bonds on both sides to achieve high reliability and high surge capability.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
HUM2001 HUM2005 HUM2010 HUM2015 HUM2020
Style "D" Insulated Stud
Style "C" Stud
Style "B" Round Axial Leads
Style "SM" Melf
500V 1000V 1500V 2000V
Maximum Ratings @ 25C
(UNLESS OTHERWISE SPECIFIED)
Parameter Maximum Reverse Voltage Average Power Dissipation @ Stud =50C Non-Repetitive Sinusoidal Surge Current (8.3 ms) Storage Temperature Range Operating Temperature Range Thermal resistance Junction-to Case "C" Stud only
Symbol TRWM IO I TSTG TSTG RJC
HUM2001 100 13 100 -65 to +175 -55 to +150 7.5
HUM2005 500 13 100 -65 to +175 -55 to +150 7.5
HUM2010 1000 13 100 -65 to +175 -55 to +150 7.5
TYPE HUM2015 1500 13 100 -65 to +175 -55 to +150 7.5
HUM2020 2000 13 100 -65 to +175 -55 to +150 7.5
Unit V W A C
HUM2010-2020
C C/W
Copyright 2000 MSCXXXX.PDF 2002-08-08
Microsemi
Page 1
HUM2001/HUM2020 SERIES Pin Diode High Power Stud
PRODUCT PREVIEW/PRELIMINARY
Parameter
Diode Resistance Capacitance CT Reverse Current Carrier Lifetime Parallel Resistance Forward Voltage
ELECTRICAL PARAMETERS @ 25C (unless otherwise specified) Symbol Conditions Min Typ.
RS CT IR RP Vf F= 4 MHz, If = 0.5 A F= 1 MHz, 100 V VR @ Rated Voltage If = 10 mA/ 100 V F= 10 MHz, 100 V If = 0.5 A 0.10 3.4 10 200 30 0.85
WWW . Microsemi .C OM
Max
0.20 4.0 10
Units
pF A s k V
1.0
HUM2010, 15, 20
TYPICAL
101
16
HUM2010, 15, 20
TYPICAL
12
Rs @ 4 MHz (Ohms)
Ct @ 1 MHz (pF)
100
8
10-1
4
10-2 100
101
102
103
0 -1 10
10
0
10
1
10
2
If (mA)
Vr (V)
HUM2010, 15, 20
TYPICAL
10 1
HUM2010, 15, 20
TYPICAL
10 6 1 MHz
10
0
105 4
If (A)
10
10 -1
Rp (KOhms)
10
3
10
-2
102 101
100 MHz
ELECTRICALS ELECTRICALS
10
-3 0.3
0.5
0.7
0.9
1.1
1.3
1.5
Vf (V)
10
0 0 10 20 30 40 50 60 70 80 90 100
Vr (V)
Copyright 2000 MSCXXXX.PDF 2002-08-08
Microsemi
Page 2
HUM2001/HUM2020 SERIES Pin Diode High Power Stud
PRODUCT PREVIEW/PRELIMINARY
STYLE "C" STUD
WWW . Microsemi .C OM
STYLE "D" INSULATED STUD
PACKAGE DATA PACKAGE DATA
Copyright 2000 MSCXXXX.PDF 2002-08-08
Microsemi
Page 3
HUM2001/HUM2020 SERIES Pin Diode High Power Stud
PRODUCT PREVIEW/PRELIMINARY
STYLE "SM" MELF
WWW . Microsemi .C OM
STYLE "B" ROUND AXIAL LEADS
PACKAGE DATA
Note: Add Style Letter to Suffix of Part Number to Define Device Configuration, Example: (i.e. HUM2001 C)
Copyright 2000 MSCXXXX.PDF 2002-08-08
Microsemi
Page 4
HUM2001/HUM2020 SERIES Pin Diode High Power Stud
PRODUCT PREVIEW/PRELIMINARY
WWW . Microsemi .C OM
NOTES NOTES
Copyright 2000 MSCXXXX.PDF 2002-08-08
Microsemi
Page 5


▲Up To Search▲   

 
Price & Availability of HUM2001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X