|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
(R) HIP1011D, HIP1011E Data Sheet November 18, 2004 FN4725.5 Dual Slot PCI Hot Plug Controllers The HIP1011D, HIP1011E are the first ICs available for independent control of two PCI Hot-Plug slots. The HIP1011D has all the features and functionality of two single PCI Hot-Plug slot controllers such as the HIP1011A but in the same foot print area. Like the single slot HIP1011B, the HIP1011E does not monitor output voltage nor respond to undervoltage conditions. The HIP1011D, HIP1011E are designed to be physically placed in close proximity to two adjacent PCI slots thus reducing layout complexity and placement costs in assembly. The HIP1011D, HIP1011E provides independent power control to each slot and the addition of discrete power MOSFETs and a few passive components creates two complete power control solutions. The IC integrates the +12V and -12V current sensing switches for each slot. Overcurrent (OC) protection is provided by sensing the voltage across external current-sense resistors. In addition, on-chip references are used to monitor the +5V, +3.3V and +12V outputs for undervoltage (UV) conditions *. The two PWRON inputs control the state of the switches, one each for slot A and slot B outputs. During an OC condition on any output, or a UV condition on the +5V, +3.3V or +12V outputs *, a LOW (0V) is asserted on the associated FLTN output and all associated switches are latched-off. The outputs servicing the adjacent slot are unaffected. The time to FLTN signal going LOW and MOSFET latch off is user determined by a single capacitor from each FLTN pin to ground. This added feature enables the HIP1011D, HIP1011E to ignore system noise transients. The FLTN latch is cleared when the PWRON input is toggled low again. During initial power-up of the main VCC supply (+12V), the PWRON input is inhibited from turning on the switches, and the latch is held in the Reset state until the VCC input is greater than 10V. User programmability of the overcurrent threshold and turnon slew rate is provided. A resistor connected to the OCSET pin programs the overcurrent threshold for both slots. Capacitors connected to the gate pins set the turn-on rate. * UV references do not apply to HIP1011E. Features * Independent Power Control of 2 PCI Slots * Turn-Off Delay Time Adjustability * Internal MOSFET Switches for +12V and -12V Outputs * P Interface for On/Off Control and Fault Reporting * Adjustable Overcurrent Protection for All Eight Supplies * Provides Fault Isolation * Adjustable Turn-On Slew Rate * Minimum Parts Count Solution * No Charge Pump * 100ns Response Time to Overcurrent * Pb-Free Available (RoHS Compliant) Applications * PCI Hot-Plug Ordering Information PART NUMBER HIP1011DCA* HIP1011DCAZA* (See Note) HIP1011ECA* HIP1011ECAZA* (See Note) TEMP. RANGE (C) 0 to 70 0 to 70 0 to 70 0 to 70 PACKAGE 28 Ld SSOP 28 Ld SSOP (Pb-free) 28 Ld SSOP 28 Ld SSOP (Pb-free) PKG. DWG. # M28.15 M28.15 M28.15 M28.15 * Add "-T" suffix for tape and reel option. NOTE: Intersil Pb-free products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C. Pinout HIP1011D, HIP1011E (SSOP) TOP VIEW M12VO_2 1 M12VG_2 2 PWRON_2 3 FLTN_2 4 VSS 5 12VG_2 6 12VO_2 7 12VO_1 8 12VG_1 9 OCSET 10 FLTN_1 11 PWRON_1 12 M12VG_1 13 M12VO_1 14 28 M12VIN_2 27 3VISEN_2 26 3VS_2 25 5VISEN_2 24 5VS_2 23 3V5VG_2 22 12VIN_2 21 12VIN_1 20 3V5VG_1 19 5VS_1 18 5VISEN_1 17 3VS_1 16 3VISEN_1 15 M12VIN_1 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 1999, 2000, 2004. All Rights Reserved All other trademarks mentioned are the property of their respective owners. HIP1011D, HIP1011E Typical Application 12V -12V SLOT 1 5V 3.3V C1 -12V BUS M12VIN_1 M12G_1 M12VO_1 M12VIN_2 M12G_2 M12VO_2 12VIN_1 12VG_1 12VO_1 12VIN_2 12VG_2 12VO_2 PWRON_1 PWRON_2 OCSET VSS FLTN_1 OPT. 5VISEN_1 R1 5VS_1 3V5VG_1 3V5VG_2 5VS_2 5VISEN_2 3VISEN_1 R3 3VS_1 Q3 Q4 3VS_2 R4 3VISEN_2 FLTN_2 OPT. C5 C6 3.3V BUS 5V HIP1011D, HIP1011E Q2 R2 Q1 C2 C3 +12V BUS C4 FROM SYSTEM CONTROLLER R5 TO SYSTEM CONTROLLER -12V 12V SLOT 2 3.3V FIGURE 1. 2 FN4725.5 November 18, 2004 5V BUS HIP1011D, HIP1011E Simplified Schematic (1/2 HIP1011D, HIP1011E) 5VREF SET (LOW = FAULT) FAULT LATCH LOW = FAULT COMP FLTN + 4.6V INHIBIT RESET COMP + 2.9V INHIBIT COMP TIED HIGH IN HIP1011D TIED LOW IN HIP1011E 12VIN 12VIN COMP + + 5VS 12VIN 3V5VG 5VREF 5VISEN + 10.6V INHIBIT 12VIN 5V ZENER REFERENCE COMP LOW WHEN 12VIN < 10V + 12VIN 12VIN POWER-ON RESET - + - 3VS 3VISEN 12VIN COMP 100A VOCSET OCSET HIGH = FAULT 12VIN HIGH = SWITCHES ON PWRON COMP GND FIGURE 2. 3 + + + 12VIN M12VIN + 12VIN 0.3 12VG 12VO M12VIN 0.7 M12VG M12VO FN4725.5 November 18, 2004 HIP1011D, HIP1011E Pin Descriptions PIN NO. 15, 28 4, 11 20, 23 DESIGNATOR M12VIN FLTN 3V5VG FUNCTION -12V Input Fault Output 3.3V/5V Gate Output DESCRIPTION -12V Supply Input. Also provides power to the -12V overcurrent circuitry. 5V CMOS Fault Output; LOW = FAULT. An optional capacitor may be placed from this pin to ground to provide additional immunity from power supply glitches. Drive the gates of the 3.3V and 5V MOSFETs. Connect a capacitor to ground to set the startup ramp. During turn on, this capacitor is charged with a 25A current source. HIP1011D UV comparator disabled when this pin is below 9.6V nominal. 12V supply input for IC and 12VO. Both 12VIns to be connected to a single +12V supply. Connect to the load side of the current sense resistor in series with source of external 3.3V MOSFET. Connect to source of 3.3V MOSFET. This connection along with (3VISEN) senses the voltage drop across the sense resistor. Connect to source of 5V MOSFET switch. This connection along with (5VISEN) senses the voltage drop across the sense resistor. Connect to the load side of the current sense resistor in series with source of external 5V MOSFET. Controls all four switches. High to turn switches ON, Low to turn them OFF. 21, 22 16, 27 17, 26 19, 24 18, 25 3, 12 6, 9 12VIN 3VISEN 3VS 5VS 5VISEN PWRON 12VG 12V Input 3.3V Current Sense 3.3V Source 5V Source 5V Current Sense Power On Control Gate of Internal PMOS Connect a capacitor between 12VG and 12VO to set the startup ramp for the +12V supply. This capacitor is charged with a 25A current source during startup. HIP1011D UV comparator disabled when this pin >1.4V nominal. Switched 12V Output Switched 12V output. Rated for 0.5A. 7, 8 2, 13 1, 14 10 12VO M12VG M12VO OCSET Gate of Internal NMOS Connect a capacitor between M12VG and M12VO to set the startup ramp for the M12V supply. This capacitor is charged with 25A during startup. Switched -12V Output Overcurrent Set Switched -12V Output. Rated for 0.1A. Connect a resistor from this pin to ground to set the overcurrent trip point of all eight switches. All eight overcurrent trips can be programmed by changing the value of this resistor. The default (6.04k, 1%) is compatible with the maximum allowable currents as outlined in the PCI specification. Connect to common of power supplies. 5 VSS Ground 4 FN4725.5 November 18, 2004 HIP1011D, HIP1011E Absolute Maximum Ratings 12VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +14.0V 12VO, 12VG, 3V5VG . . . . . . . . . . . . . . . . . . . . -0.5V to 12VIN+0.5V M12VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -14.0V to +0.5V M12VO, M12VG. . . . . . . . . . . . . . . . . . . . . . VM12VIN-0.5V to +0.5V 3VISEN, 5VISEN . . . . . . . . . . -0.5V to the Lesser of 12VIN or +7.0V Voltage, Any Other Pin. . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V 12VO Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3A M12VO Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8A ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2KeV (HBM) Thermal Information Thermal Resistance (Typical, Note 1) JA (C/W) SSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 77 Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150C Maximum Storage Temperature Range . . . . . . . . . . . -65C to 150C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300C (SSOP - Lead Tips Only) Operating Conditions 12VIN Supply Voltage Range . . . . . . . . . . . . . . . . +10.8V to +13.2V 5V and 3.3V Input Supply Tolerances. . . . . . . . . . . . . . . . . . . . . . 10% 12VO Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0 to +0.5A M12VO Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . .0 to +0.1A Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . 0C to 70C CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTES: 1. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 2. All voltages are relative to GND, unless otherwise specified. Electrical Specifications PARAMETER 5V/3.3V SUPPLY CONTROL 5V Overcurrent Threshold 5V Overcurrent Threshold Voltage 5V Overcurrent Threshold Voltage 5V Undervoltage Trip Threshold Nominal 5.0V and 3.3V Input Supply Voltages, 12VIN = 12V, M12VIN = -12V, TA = TJ = 0 to 70C, Unless Otherwise Specified SYMBOL TEST CONDITIONS MIN TYP MAX UNITS IOC5V VOC5V_1 VOC5V_2 V5VUV t5VUV tON5V IOC3V VOC3V_1 VOC3V_2 V3VUV t3VUV See Figure 24, Typical Application VOCSET = 0.6V VOCSET = 1.2V (HIP1011D only) (HIP1011D only) C3V5VG = 0.022F, C5VOUT = 2000F, RL = 1 See Figure 24, Typical Application VOCSET = 0.6V VOCSET = 1.2V (HIP1011D Only) (HIP1011D Only) 33 70 4.42 41 89 2.74 11.5 19 - 8 42 80 4.65 110 6.5 10 52 98 2.86 110 9.6 6.5 11.8 25.0 280 2 50 90 4.8 160 62 108 2.98 160 29 - A mV mV V ns ms A mV mV V ns V ms V A s s 5V Undervoltage Fault Response Time 5V Turn-On Time (PWRON High to 5VOUT = 4.75V) 3V Overcurrent Threshold 3V Overcurrent Threshold Voltage 3V Overcurrent Threshold Voltage 3V Undervoltage Trip Threshold 3V Undervoltage Fault Response Time 3V5VG Undervoltage Enable Threshold Voltage 3V Turn-On Time (PWRON High to 3VOUT = 3.00V) 3V5VG VOUT High Gate Output Charge Current Gate Turn-On Time (PWRON High to 3V5VG = 11V) Gate Turn-Off Time V3V5VGENVth (HIP1011D Only) tON3V C3V5VG = 0.022F, C3VOUT = 2000F, RL = 0.43 Vout_hi_35VG PWRON = High, FLTN = High IC3V5VG tON3V5V tOFF3V5V PWRON = High, V3V+5VG = 4V C3V5VG = 0.033F, 3V5VG Rising 10% to 90% C3V5VG = 0.033F, 3V5VG Falling 90% to 10% 5 FN4725.5 November 18, 2004 HIP1011D, HIP1011E Electrical Specifications PARAMETER +12V SUPPLY CONTROL On Resistance of Internal PMOS rDS(ON)12 PWRON = High, ID = 0.5A TA = TJ = 25C TA = TJ = 70C Overcurrent Threshold Overcurrent Threshold 12V Undervoltage Trip Threshold Undervoltage Fault Response Time Gate Charge Current Turn-On Time (PWRON High to 12VG = 1V) Turn-Off Time -12V SUPPLY CONTROL On Resistance of Internal NMOS rDS(ON)M12 PWRON = High, ID = 0.1A TA = TJ = 25C TA = TJ = 70C Overcurrent Threshold Overcurrent Threshold Gate Output Charge Current Turn-On Time (PWRON High to M12VO = -10.8V) Turn-Off Time M12VIN Input Bias Current CONTROL I/O PINS Supply Current OCSET Current Overcurrent Fault Response Time PWRON Threshold Voltage FLTN Output Low Voltage FLTN Output High Voltage FLTN Output Latch Threshold 12V Power On Enable Threshold 12V Power On Reset Threshold IVCC IOCSET tOC VTHPWRON VFLTN,OL VFLTN,OH VFLTN, TH VPOR, THrise VPOR, THfall IFLTN = 0.9mA IFLTN = 0 to -4mA FLTN High to Low Transition VCC Voltage Rising VCC Voltage Falling 93 1.0 3.5 1.8 9.4 8.9 5.3 100 500 1.6 0.25 4.3 2.3 10 9.3 8 107 960 2.1 0.4 3 10.2 9.6 mA A ns V V V V V V IOC12V_1 IOC12V_2 ICM12VG tONM12V tOFFM12V IBM12VIN VOCSET = 0.6V VOCSET = 1.2V PWRON = High, V3VG = -10V CM12VG = 0.033F, CM12VO = 50F, RL = 120 CM12VG = 0.033F, M12VG Falling 90% to 10% PWRON = High 0.13 0.23 19 0.7 1.0 0.17 0.36 25 16 3 2.5 1 1.3 0.25 0.52 29 5 A A A ms s mA IOC12V_1 IOC12V_2 V12VUV t12VUV IC12VG tON12V tOFF12V VOCSET = 0.6V VOCSET = 1.2V (HIP1011D only) (HIP1011D only) PWRON = High, V12VG = 10V C12VG = 0.033F, 12VG Falling 90% - 10% C12VG = 0.022F, 12VG Rising 10% - 90% 0.5 1.2 10.25 19 0.3 0.35 0.6 1.4 10.6 110 25.0 16 3 0.35 0.50 0.9 1.8 10.8 29 A A V ns A ms s Nominal 5.0V and 3.3V Input Supply Voltages, 12VIN = 12V, M12VIN = -12V, TA = TJ = 0 to 70C, Unless Otherwise Specified (Continued) SYMBOL TEST CONDITIONS MIN TYP MAX UNITS 6 FN4725.5 November 18, 2004 HIP1011D, HIP1011E Introduction The HIP1011D and HIP1011E are the first dual PCI slot IC devices designed to provide control and protection of the four PCI power supplies independently to two PCI slots. Like the widely used HIP1011 this device complies with the PCI Hot Plug specification facilitating the service, upgrading or expansion of PCI based servers without the need to power down the server. The HIP1011D protects against overcurrent (OC) for the -12V, +12V, +3.3V, +5V and undervoltage (UV) conditions for the +12V, +3.3V, +5V supplies. The HIP1011E only responds to OC conditions. Figure 1 illustrates the typical implementation of the HIP1011D, HIP1011E. Additional components for optimizing performance for particular applications, or desired features may be necessary. devices. Once any comparator trips, that output is fed through logic circuits resulting in the appropriate FLTN, (pin 4 or pin 11), going low, indicating a fault condition on that particular slot. Because of the internal current monitoring of the +12V and -12V switches, their programming flexibility is limited to ROCSET changes. The 3.3V and 5V overcurrent trip points depend on both ROCSET and the value chosen for each sense resistor. See Table 1 to determine OC protection levels relative to choice of ROCSET and RSENSE values. Overcurrent design guidelines and recommendations are as follows: 1. For PCI applications, set ROCSET to 6.04k, and use 5m 1% sense resistors (see Figure 24). 2. For non PCI specified applications, the following precautions and limitations apply: A. Do not exceed the maximum power of the integrated NMOS and PMOS. High power dissipation must be coupled with effective thermal management. The integrated PMOS has an rDS(ON) of 0.3. Thus, with 1A of steady load current on each of the PMOS devices the power dissipation is 0.6W. The thermal impedance of the package is 95 degrees Celsius per watt, limiting the average DC current on the 12V supply to about 1A on each slot and imposing an upper limit on the ROCSET resistor. Do not use an ROCSET resistor greater than 15k. The average current on the -12V supply should not exceed 0.7A. Since the thermal restrictions on the +12V supply are more severe, the +12V supply restricts the use of the HIP1011 to applications where the 12V supplies draw relatively little current. Since both supplies only have one degree of freedom, the value of ROCSET, the flexibility of programming is quite limited. For applications where more power is required on the +12V supply, contact your local Intersil sales representative for information on other Hot Plug solutions. B. Do not try to sense voltages across the external sense resistors that are less than 33mV. Spurious faults due to noise and comparator input sensitivity may result. The minimum recommended ROCSET value is 6k. This will set the nominal OC voltage thresholds at 52mV and 42mV for the 3.3V and 5V comparators respectively. This is the voltage level at which the OC fault (IOUT x RSENSE) will occur. C. Minimize VRSENSE so as to not significantly reduce the voltage delivered to the adapter card. Remember PCB trace and connector distribution voltage losses also need to be considered. Make sure that the RSENSE resistor can adequately handle the dissipated power. For best results use a 1% precision resistor with a low temperature coefficient. D. Minimize external FET rDS(ON). Low rDS(ON) or multiple MOSFETs in parallel are recommended. See Intersil for a complete selection of MOSFET offerings. Key Feature Description and Operation The HIP1011D/E, four power MOSFETs and a few passive components as configured in Figure 1, create a small yet complete power control solution for two PCI slots. It provides an OC trip level greater than the maximum PCI specified current for each supply to each slot. OC monitoring and protection for the 3.3V and 5V supplies is provided by sensing the voltage across external current-sense resistors. For the +12V and -12V inputs, OC protection is provided internally. On-chip references in the HIP1011D are used to monitor the +5V, +3.3V and +12V outputs for UV conditions. During an OC condition on any output, or a UV condition on the +5V, +3.3V or +12V outputs (HIP1011D only), all slot specific MOSFETs are immediately latched-off and a LOW (0V) is presented to the appropriate FLTN output. During initial power-up of the main VCC supply (+12V), the PWRON inputs are inhibited from turning on the switches, and the latch is held in the reset state until the VCC input is greater than 10V. After a fault has been asserted and FLTN is latched low cycling PWRON low then high will clear the FLTN latch. User programming of the OC thresholds for both controlled slots is provided by a single resistor connected to the OCSET pin along with RSENSE . In addition delay time to latch off after a fault condition can be increased by increasing the FLTN to ground capacitance and the turn-on ramp rate can be increased by increasing the gate pin capacitance. Customizing Circuit Performance OverCurrent (OC) Set Functionality and Resistor Choice The HIP1011D/E allows easy custom programming of the OC levels of all 4 supplies simultaneously for both PCI slots by simply changing the resistor value between OCSET, (pin 10), and ground. The ROCSET value and the OCSET 100A current source sets a voltage that is used in each of eight comparators, (one for each supply for both slots). The voltages developed across the 3.3V and 5V sense resistors are applied to the inputs of their respective comparators. The +12V and -12V currents are sensed internally with pilot 7 FN4725.5 November 18, 2004 HIP1011D, HIP1011E TABLE 1. SUPPLY +3.3V IOC +5.0V IOC +12V IOC -12V IOC HOW TO DETERMINE +25c NOMINAL (10%) IOC FOR EACH SUPPLY ((100A x ROCSET)/11.5)/RRSENSE ((100A x ROCSET)/14.5)/RRSENSE (100A x ROCSET)/1 (100A x ROCSET)/3.4 discharge the load when disabled. Upon turn-off these internal switches on each output discharge the load capacitance pulling the output to GND. These switches are also on when PWRON is low thus an open slot is held at the GND level. Decoupling Precautions and Recommendations For the HIP1011D/E proper decoupling is a particular concern during the normal switching operation and especially during a card crowbar failure. If a card experiences a crow bar short to ground, the supply to the other card will experience transients until the faulted card is isolated from the bus. In addition the common IC nodes between the two sides can fluctuate unpredictably resulting in a false latch-off of the second slot. Additionally to the mother board bulk capacitance, it is recommended that 10F capacitors be placed on both the +12V and -12V lines of the HIP1011D/E as close to the chip as possible. Time Delay to Latch-Off Time delay to latch-off allows for a predetermined delay from an OC or UV in the HIP1011D or an OC in the HIP1011E event to the simultaneous latch-off of all four supply switches of the affected slot. This delay period is set by the capacitance value to ground from the FLTN pins for each slot. This capacitance value tailors the FLTN signal going low ramp rate. This provides a delay to the fault signal latch-off threshold voltage, FLTN, Vth. By increasing this time, the HIP1011D/E delays immediate latch-off of the bus supply switches, thus ignoring transient faults. See additional information in the "Using the HIP1011DEVAL1 Platform" section of this data sheet. The HIP1011E has all features of the HIP1011D but it does not respond to UV events. Caution: The primary purpose of a protection device such as the HIP1011D/E is to quickly isolate a faulted card from the voltage bus. Delaying the time to latch-off works against this primary concern so care must be taken when using this feature. Ensure adequate sizing of external FETs to carry additional current during time out period. Understand that voltage bus disruptions must be minimized for the time delay period in the event of a crow bar failure. Devices using an unadjustable preset delay to latch-off time present the user with the inability to eliminate these concerns increasing cost and the chance of additional ripple through failures. Recommended PCB Layout Design Best Practices To ensure accurate current sensing, PCB traces that connect each of the current sense resistors to the HIP1011D/E must not carry any load current. This can be accomplished by two dedicated PCB kelvin traces directly from the sense resistors to the HIP1011D/E (see examples of correct and incorrect layouts below in Figure 3). To reduce parasitic inductance and resistance effects, maximize the width of the high-current PCB traces. CORRECT INCORRECT TO HIP1011D/E VS AND VISEN TO HIP1011D VS AND VISEN HIP1011D, HIP1011E Soft Start and Turn-Off Considerations The HIP1011D/E does allow the user to select the rate of ramp up on the voltage supplies. This startup ramp minimizes in-rush current at startup while the on card bulk capacitors charge. The ramp is created by placing capacitors on M12VG to M12VO, 12VG to 12VO and 3V5VG to ground. These capacitors are each charged up by a nominal 25A current during turn on. The same value for all gate timing capacitors is recommended. A recommended minimum value of 0.033F as a smaller value may cause overcurrent faults at power up. This recommendation results in a nominal gate voltage ramp rate of 0.76V/ms. The gate capacitors must be discharged when a fault is detected to turn off the power FETs. Thus, larger caps slow the response time. If the gate capacitors are too large the HIP1011D/E may not be able to adequately protect the bus or the power FETs. The HIP1011D/E have internal discharge FETs to CURRENT SENSE RESISTOR FIGURE 3. SENSE RESISTOR PCB LAYOUT 8 FN4725.5 November 18, 2004 HIP1011D, HIP1011E Typical Performance Curves 340 1000 4.632 4.631 PMOS rON +12 (m) NMOS rON -12 (m) 320 NMOS -12 rON 900 4.630 4.629 4.628 4.627 260 0 5 600 10 15 20 25 30 35 40 45 50 55 60 65 70 TEMPERATURE (C) 4.626 0 2.858 5 10 15 20 25 30 35 40 45 50 55 60 65 70 TEMPERATURE (C) 3.3 UV 2.859 2.860 2.862 5 UV 2.861 3.3V UVTRIP (V) 300 PMOS +12 rON 280 800 700 FIGURE 4. rON vs TEMPERATURE 5V UVTRIP (V) FIGURE 5. UV TRIP vs TEMPERATURE (HIP1011D only) 10.59 100 3V OCVth, VOCSET = 1.2V 85 12 UV TRIP (V) OC Vth (mV) 10.57 5V OCVth, VOCSET = 1.2V 70 10.55 55 3V OCVth, VOCSET = 0.6V 5V OCVth, VOCSET = 0.6V 10.53 40 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 TEMPERATURE (C) 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 TEMPERATURE (C) FIGURE 6. 12 UV TRIP vs TEMPERATURE (HIP1011D only) FIGURE 7. OC Vth vs TEMPERATURE 6 +12V BIAS +12V THRESHOLDS (V) ABS 12V BIAS (mA) 5 10.0 +12V POWER ON ENABLE 9.75 4 -12V BIAS 3 9.5 9.25 +12V POWER ON RESET 2 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 TEMPERATURE (C) 9.0 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 TEMPERATURE (C) FIGURE 8. BIAS CURRENT vs TEMPERATURE FIGURE 9. 12V ENABLE AND RESET THRESHOLD VOLTAGES vs TEMPERATURE 9 FN4725.5 November 18, 2004 HIP1011D, HIP1011E Typical Performance Curves 1.5 (Continued) 0.4 VOCSET = 1.2V +12V OVERCURRENT (A) 1.25 VOCSET = 1.2V -12V OVERCURRENT (A) 0.3 1.0 0.2 VOCSET = 0.6V 0.1 0.75 VOCSET = 0.6V 0.5 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 TEMPERATURE (C) 0 0 5 10 15 20 25 30 35 40 45 50 55 60 TEMPERATURE (C) 65 70 FIGURE 10. +12V OVERCURRENT LEVEL vs TEMPERATURE FIGURE 11. -12V OVERCURRENT vs TEMPERATURE 102 FLTN LATCH OFF THRESHOLD (V) 2.4 101 IOC SET (A) 2.35 100 2.3 99 2.25 98 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 TEMPERATURE (C) 2.2 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 TEMPERATURE (C) FIGURE 12. OCSET CURRENT vs TEMPERATURE FIGURE 13. FLTN LATCH-OFF THRESHOLD VOLTAGE vs TEMPERATURE 100 OV/UV TO FAULT RESPONSE TIME (ns) 90 80 70 60 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 TEMPERATURE (C) FIGURE 14. OVERCURRENT AND UNDERVOLTAGE TO FLTN RESPONSE TIME vs TEMPERATURE 10 FN4725.5 November 18, 2004 HIP1011D, HIP1011E Using the HIP1011DEVAL1 Platform General and Biasing Information The HIP1011DEVAL1 platform (Figure 24) comes as a three part set consisting of 1 motherboard emulator and 2 load cards. This evaluation platform allows a designer to evaluate and modify the performance and functionality of the HIP1011D or HIP1011E in a simple environment. Test point numbers (TP#) correspond to the HIP1011D/E device (U5) pin numbers. Thus TP3 and TP12 are PWRON_2 and PWRON_1 respectively. These 2 pins are the HIP1011D/E control inputs for each of the 2 integrated but independent PCI power controllers in the HIP1011D/E. On the HIP1011DEVAL1 platform are 4 HUF76132SK8, (11.5m, 30V, 11.5A) N-Channel power MOSFETs, (Q1- Q4) these are used as the external switches for the +5V and +3.3V supplies to the load card connectors, P1 and P2. Current sensing is facilitated by the four 5m 1W metal strip resistors (R1-R4), the voltages developed across the sense resistors are compared to references on board the HIP1011D/E. The HIP1011DEVAL1 platform is powered through the J1 to J5 connector jacks near the top of the board (see Table 2 for bias voltage assignments.) TABLE 2. HIP1011DEVAL1 BIAS ASSIGNMENTS J1 GND J2 +5V J3 -12V J4 +12V J5 +3.3V 3V5VG FLTN, Vth FLTN Evaluating Time Delay to Latch-Off Provided for delay to latch-off evaluation are 2 locations for SMD capacitors, C7 and C8. Filling these locations places a capacitor to ground from each of the HIP1011D/E FLTN pins thus tailoring the FLTN signal going low ramp rate. This provides a delay to the fault signal latch-off threshold voltage, FLTN Vth. By increasing this time the HIP1011D delays immediate latch-off of the bus supply switches, thus ignoring transient OC and UV conditions. See Table 3 illustrating the time it takes for switch gate turn-off from the FLTN start of response to an OC or UV condition. The FLTN response to an OC or UV condition is 110ns. See Figures 20 through 23 for waveforms. The intent of any protection device is to isolate the supply quickly so a faulty card does not drag down a supply. A longer latch-off delay results in less isolation from a faulty card to supply. TABLE 3. C7 AND C8 VALUE FLTN to Gate Response OPEN 0.1s 0.001F 0.44s 0.01F 2.9s 0.1F 28s After properly biasing the HIP1011D/E and ensuring there is an adequate ground return from the HIP1011DEVAL1 platform to the power supplies, (otherwise anomalous and unpredictable results will occur) signal the PWRON inputs low then insert the load cards as shown in Figure 15. Signaling either or both PWRON pins high (>2.4V) will turn on the appropriate FET switches and apply voltage to the load cards. FIGURE 16. TIMING DIAGRAM 10ms 1ms LOAD CARDS 100s 10s 1s 100ns 10ns HIP1011D 1ns OPEN 0.001F 0.01F 0.1F 1F 10F FIGURE 17. TYPICAL OC/UV TO VG RESPONSE vs FLTN CAP FIGURE 15. CORRECT INSTALLATION OF LOAD CARDS * The HIP1011DEVAL board is supplied with a HIP1011D installed and in addition a loose packed HIP1011E. 11 FN4725.5 November 18, 2004 HIP1011D, HIP1011E Typical Performance Curves (Continued) SUPPLY CURRENT SUPPLY CURRENT CH3 CH2 ENABLE 2 CH2 ENABLE 2 CH1 ENABLE 1 CH1 ENABLE 1 CH1 AND CH2 VOLTAGE (5V/DIV) CH3 CURRENT (2A/DIV) TIME (100ms/DIV) CH1 AND CH2 VOLTAGE (5V/DIV) CH3 CURRENT (2A/DIV) TIME (100ms/DIV) FIGURE 18. HIP1011DEVAL1 3.3V SUPPLY CURRENT AS EACH SLOT CONTROLLER TURNS ON INTO LOAD CARD FIGURE 19. HIP1011DEVAL1 3.3V SUPPLY CURRENT AS CONTROLLER 1 TURNS ON INTO SHORTED LOAD CARD VG VG FLTN FLTN VOLTAGE (2V/DIV) TIME (1s/DIV) FLTN = OPEN VOLTAGE (2V/DIV) TIME (1s/DIV) FLTN = 0.001F FIGURE 20. FLTN TO 35VG DELAY FIGURE 21. FLTN TO 35VG DELAY VG VG FLTN FLTN VOLTAGE (2V/DIV) TIME (2s/DIV) FLTN = 0.01F VOLTAGE (2V/DIV) TIME (10s/DIV) FLTN = 0.1F FIGURE 22. FLTN TO 35VG DELAY FIGURE 23. FLTN TO 35VG DELAY 12 FN4725.5 November 18, 2004 HIP1011D, HIP1011E 12V -12V P1 5V 3.3V J3 -12V BUS C1 J1 C2 J4 +12V BUS C3 M12VIN_1 M12G_1 M12VO_1 M12VIN_2 M12G_2 M12VO_2 12VIN_1 12VG_1 12VO_1 12VIN_2 12VG_2 12VO_2 PWRON_1 PWRON_2 OCSET VSS FLTN_1 5VISEN_1 R1 5VS_1 3V5VG_1 3V5VG_2 5VS_2 5VISEN_2 HIP1011D, HIP1011E U1 3VISEN_1 R3 3VS_1 Q3 Q4 3VS_2 R4 3VISEN_2 FLTN_2 TP11 3.3V BUS J5 C5 Q2 R2 C6 Q1 5V BUS J2 C4 TP3 TP12 R5 R6 R7 C7 NO POP C8 NO POP TP4 D1 D2 -12V 12V P2 3.3V 5V FIGURE 24. TABLE 4. HIP1011DEVAL1 BOARD COMPONENT LISTING COMPONENT DESIGNATOR U1 Q1, Q2, Q3, Q4 R1 - R4 C1 - C6 R5 C7, C8 (Not Provided) R6, R7 D1, D2 TP1 - TP28 P1, P2 COMPONENT NAME HIP1011DCB or HIP1011ECB Dual PCI HotPlug Controller HUF76132SK8 (or equivalent) Sense Resistor for 3.3V and 5V Supplies Gate Timing Capacitors Overcurrent Set Resistor Latch-Off Delay Capacitors LED Series Resistors Fault Indicating LED Test Point for Corresponding Device Pin Number Connectors for Load Cards Sullins EZM06DRXH COMPONENT DESCRIPTION Intersil, HIP1011DCB or HIP1011ECB Dual PCI HotPlug Controller HUF76132SK8 (or equivalent), 11.5m, 30V, 11.5A Logic Level N-Channel MOSFET Dale, WSL-2512 5m Metal Strip Resistor 0.033F 805 Chip Capacitor 6k 805 Chip Resistor Place provided for 805 Chip Cap 470 805 Chip Resistors Green SMD LED 13 FN4725.5 November 18, 2004 HIP1011D, HIP1011E TABLE 4. HIP1011DEVAL1 BOARD COMPONENT LISTING (Continued) COMPONENT DESIGNATOR RL1 RL2 RL3 RL4 CL1, CL2 CL3, CL4 COMPONENT NAME 3.3V Load Board Resistor 5.0V Load Board Resistor +12V Load Board Resistor -12V Load Board Resistor +3.3V and +5.0V Load Board Capacitors +12V and -12V Load Board Capacitors 1.1, 10W 2.5, 10W 47, 5W 240, 2W 2200F 100F COMPONENT DESCRIPTION RL1 3.3V CL1 RL2 5.0V CL2 RL3 +12V CL3 RL4 -12V CL4 FIGURE 25. LOAD BOARD (2x) 14 FN4725.5 November 18, 2004 HIP1011D, HIP1011E Shrink Small Outline Plastic Packages (SSOP) Quarter Size Outline Plastic Packages (QSOP) N INDEX AREA H E -B1 2 3 SEATING PLANE -AD -CA 0.25 0.010 h x 45 L GAUGE PLANE 0.25(0.010) M BM M28.15 28 LEAD SHRINK SMALL OUTLINE PLASTIC PACKAGE (0.150" WIDE BODY) INCHES SYMBOL A A1 A2 B C D A2 C 0.10(0.004) C AM BS MILLIMETERS MIN 1.35 0.10 0.20 0.18 9.81 3.81 5.80 0.26 0.41 28 0 MAX 1.75 0.25 1.54 0.30 0.25 10.00 3.98 6.19 0.49 1.27 8 NOTES 9 3 4 5 6 7 Rev. 1 6/04 MIN 0.053 0.004 0.008 0.007 0.386 0.150 0.228 0.0099 0.016 28 0 MAX 0.069 0.010 0.061 0.012 0.010 0.394 0.157 0.244 0.0196 0.050 8 A1 e B 0.17(0.007) M E e H h L N 0.025 BSC 0.635 BSC NOTES: 1. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication Number 95. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Dimension "D" does not include mold flash, protrusions or gate burrs. Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006 inch) per side. 4. Dimension "E" does not include interlead flash or protrusions. Interlead flash and protrusions shall not exceed 0.25mm (0.010 inch) per side. 5. The chamfer on the body is optional. If it is not present, a visual index feature must be located within the crosshatched area. 6. "L" is the length of terminal for soldering to a substrate. 7. "N" is the number of terminal positions. 8. Terminal numbers are shown for reference only. 9. Dimension "B" does not include dambar protrusion. Allowable dambar protrusion shall be 0.10mm (0.004 inch) total in excess of "B" dimension at maximum material condition. 10. Controlling dimension: INCHES. Converted millimeter dimensions are not necessarily exact. All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see www.intersil.com 15 FN4725.5 November 18, 2004 |
Price & Availability of HIP1011E |