Part Number Hot Search : 
1N5400 473K1 LPRAG30L ZMY12 K1538 GRM155 231549P MMBD717
Product Description
Full Text Search
 

To Download HDSP-A15X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 7.6 mm (0.3 inch) Micro Bright Seven Segment Displays Technical Data
HDSP-740x Series HDSP-750x Series HDSP-780x Series HDSP-A15X Series HDSP-A40x Series
Features
* Available with Colon for Clock Display * Compact Package 0.300 x 0.500 inches Leads on 2.54 mm (0.1 inch) Centers * Choice of Colors AlGaAs Red, High Efficiency Red, Yellow, Green, Orange * Excellent Appearance Evenly Lighted Segments Mitered Corners on Segments Surface Color Gives Optimum Contrast 50 Viewing Angle * Design Flexibility Common Anode or Common Cathode
Right Hand Decimal Point 1. Overflow Character * Categorized for Luminous Intensity Yellow and Green Categorized for Color Use of Like Categories Yields a Uniform Display * High Light Output * High Peak Current * Excellent for Long Digit String Multiplexing * Intensity and Color Selection Available See Intensity and Color Selected Displays Data Sheet * Sunlight Viewable AlGaAs
Description
The 7.6 mm (0.3 inch) LED seven segment displays are designed for viewing distances up to 3 metres (10 feet). These devices use an industry standard size package and pinout. Both the numeric and
Devices
Orange HDSPA401 AlGaAs[1] HDSPA151 HER[1] HDSP7501 7502 A403 A153 7503 7504 A157 A158 7507 7508 Yellow[1] HDSP7401 7402 7403 7404 7407 7408 Green[1] HDSP7801 7802 7803 7804 7807 7808 Description Common Anode Right Hand Decimal Common Anode Right Hand Decimal, Colon Common Cathode Right Hand Decimal Common Cathode Right Hand Decimal, Colon Common Anode 1. Overflow Common Cathode 1. Overflow Package Drawing A B C D E F
Note: 1. These displays are recommended for high ambient light operation. Please refer to the HDSP-A10X AlGaAs, HDSP-335X HER, HDSPA80X Yellow, and HDSP-A90X Green data sheet for low current operation.
2
1. overflow devices feature a right hand decimal point. All devices are available as either common anode or common cathode.
These displays are ideal for most applications. Pin for pin equivalent displays are also available in a low current design. The low current displays are ideal for
portable applications. For additional information see the Low Current Seven Segment Displays.
Part Numbering System
5082 -X X X X-X X X X X HDSP-X X X X-X X X X X Mechanical Options[1] 00: No Mechanical Option Color Bin Options[1,2] 0: No Color Bin Limitation 3: Color Bins 3- and 3+ only (applicable for Yellow devices only) Z: Color Bins 2- and 3+ only (applicable for Yellow devices only) Maximum Intensity Bin[1,2] 0: No Maximum Intensity Bin Limitation Minimum Intensity Bin[1,2] 0: No Minimum Intensity Bin Limitation Device Configuration/Color[1] 1: Common Anode 2: Common Anode 3: Common Cathode 4: Common Cathode Device Specific Configuration[1] Refer to Respective Datasheet Package[1] A: 7.6 mm (0.3 inch) Single Digit Seven Segment Display
Notes: 1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest Agilent representative for details. 2. Bin options refer to shippable bins for a part number. Color and Intensity Bins are typically restricted to 1 bin per tube (exceptions may apply). Please refer to respective datasheet for specific bin limit information.
3
Package Dimensions
NOTES: 1. ALL DIMENSIONS IN MILLIMETRES (INCHES). 2. MAXIMUM. 3. ALL UNTOLERANCED DIMENSIONS ARE FOR REFERENCE ONLY. 4. REDUNDANT ANODES. 5. REDUNDANT CATHODES. 6. FOR HDSP-7400/-7800 SERIES PRODUCT ONLY.
Internal Circuit Diagram
A
B
C
D
E
F
4
Absolute Maximum Ratings
Description Average Power per Segment or DP Peak Forward Current per Segment or DP DC Forward Current per Segment or DP Operating Temperature Range Storage Temperature Range Reverse Voltage per Segment or DP Wave Soldering Temperature for 3 Seconds (1.59 mm [0.063 in.] below Body) AlGaAs Red HDSP-A150 Series 96 160[1] 40[2] -20 to +100[9] HER/Orange Yellow HDSP-7500/-A40X HDSP-7400 Series Series 105 90[3] 30[4] 80 60[5] 20[6] -40 to +100 -55 to +100 3.0 250 C V C Green HDSP-7800 Series 105 90[7] 30[8] Units mW mA mA C
Notes: 1. See Figure 1 to establish pulsed conditions. 2. Derate above 46C at 0.54 mA/C. 3. See Figure 6 to establish pulsed conditions. 4. Derate above 53C at 0.45 mA/C. 5. See Figure 7 to establish pulsed conditions. 6. Derate above 81C at 0.52 mA/C. 7. See Figure 8 to establish pulsed conditions. 8. Derate above 39C at 0.37 mA/C. 9. For operation below -20C, contact your local Agilent components sales office or an authorized distributor.
Electrical/Optical Characteristics at TA = 25C AlGaAs Red
Device Series HDSPParameter Luminous Intensity/Segment[1,2,5] (Digit Average) Forward Voltage/Segment or DP A15x Peak Wavelength Dominant Wavelength[3] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junctionto-Pin Symbol IV Min. 6.9 Typ. 14.0 1.8 VF 2.0 PEAK d VR VF /C RJ-PIN 3.0 645 637 15.0 -2 255 3.0 V nm nm V mV/C C/W/Seg IR = 100 A IF = 100 mA Max. Units mcd V Test Conditions IF = 20 mA IF = 20 mA
5
High Efficiency Red
Device Series HDSPParameter Luminous (Digit Average) Intensity/Segment[1,2,6] IV 5390 Forward Voltage/Segment or DP 750x Peak Wavelength Dominant Wavelength[3] VF PEAK d VR VF /C RJ-PIN 3.0 2.0 635 626 30 -2 200 2.5 V nm nm V mV/C C/W/Seg IR = 100 A Symbol Min. 360 Typ. 980 cd Max. Units Test Conditions IF = 5 mA IF = 20 mA IF = 20 mA
Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junctionto-Pin
Orange
Device Series HDSPParameter Luminous (Digit Average) Intensity/Segment[1,2,6] Symbol IV VF PEAK d DP[4] VR VF /C RJ-PIN 3.0 Min. Typ. 0.70 2.0 600 603 30 -2 200 2.5 Max. Units mcd V nm nm V mV/C C/W/Seg IR = 100 A Test Conditions IF = 5 mA IF = 20 mA
Forward Voltage/Segment or DP A40x Peak Wavelength Dominant Wavelength[3] Reverse Voltage/Segment or Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junctionto-Pin
6
Yellow
Device Series HDSPParameter Luminous Intensity/Segment[1,2,7] (Digit Average) Forward Voltage/Segment or DP 740x Peak Wavelength Dominant Wavelength[3,9] Reverse Voltage/Segment or DP[4] Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junctionto-Pin Symbol IV 2740 VF PEAK d VR VF /C RJ-PIN 581.5 3.0 2.2 583 586 50.0 -2 200 592.5 2.5 V nm nm V mV/C C/W/Seg IR = 100 A Min. 225 Typ. 480 cd Max. Units Test Conditions IF = 5 mA IF = 20 mA IF = 20 mA
High Performance Green
Device Series HDSPParameter Luminous Intensity/Segment[1,2,8] (Digit Average) Forward Voltage/Segment or DP 780x Peak Wavelength Dominant Wavelength[3,9] Reverse Voltage/Segment or Temperature Coefficient of VF /Segment or DP Thermal Resistance LED Junctionto-Pin DP[4] Symbol IV 6800 VF PEAK d VR VF /C RJ-PIN 3.0 2.1 566 571 50.0 -2 200 577 2.5 V nm nm V mV/C C/W/Seg IR = 100 A Min. 860 Typ. 3000 cd Max. Units Test Conditions IF = 10 mA IF = 20 mA IF = 10 mA
Notes: 1. Case temperature of device immediately prior to the intensity measurement is 25C. 2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 3. The dominant wavelength, d, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device. 4. Typical specification for reference only. Do not exceed absolute maximum ratings. 5. For low current operation the AlGaAs HDSP-A101 series displays are recommended. 6. For low current operation the HER HDSP-7511 series displays are recommended. 7. For low current operation the Yellow HDSP-A801 series displays are recommended. 8. For low current operation the Green HDSP-A901 series displays are recommended. 9. The yellow (HDSP-7400) and Green (HDSP-7800) displays are categorized for dominant wavelength. The category is designated by a number adjacent to the luminous intensity category letter.
7
AlGaAs Red
I F PEAK RATIO OF MAXIMUM OPERATING I DC MAX PEAK CURRENT TO TEMPERATURE DERATED MAXIMUM DC CURRENT
100 OPERATION IN THIS REGION REQUIRES TEMPERATURE OPERATING OF I DC MAXIMUM
10
z 0H 10 z
30
1K
Z KH 10
3K Hz
0H
Hz
1 1 10
100
1000
10000
DC OPERATION
t P - PULSE DURATION - s
Figure 1. Maximum Allowed Peak Current vs. Pulse Duration - AlGaAs Red.
IF - FORWARD CURRENT PER SEGMENT - mA
50
IDC MAX. - MAXIMUM DC CURRENT PER SEGMENT - mA
160 140 120 AlGaAs RED 100 80 60 40 20 0
45 40 35 30 25 20 15 10 5 0 20 30 40 50 60 AlGaAs RED
RJ-A = 770C/W
70 80
90 100 110 120
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA - AMBIENT TEMPERATURE - C
VF - FORWARD CURRENT - V
Figure 2. Maximum Allowable DC Current per Segment as a Function of Ambient Temperature.
Figure 3. Forward Current vs. Forward Voltage.
2.00
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 20 mA)
PEAK - NORMALIZED RELATIVE EFFICIENCY
1.4
1.75 AlGaAs RED 1.50 1.25 1.00 0.75 0.50 0.25 0
1.2
1.0
AlGaAs RED 0.8
0
5
10
15
20
25
30
35
40
0.6 0.5
5.0
50.0
150.0
IF - FORWARD CURRENT PER SEGMENT - mA
IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
Figure 4. Relative Luminous Intensity vs. DC Forward Current.
Figure 5. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
8
HER, Yellow, Green, Orange
I F PEAK RATIO OF MAXIMUM OPERATING I DC MAX PEAK CURRENT TO TEMPERATURE DERATED DC CURRENT
100 OPERATION IN THIS REGION REQUIRES TEMPERATURE OPERATING OF I DC MAXIMUM
I F PEAK RATIO OF MAXIMUM OPERATING PEAK CURRENT TO TEMPERATURE I DC MAX DERATED DC CURRENT
100
10
10
OPERATION IN THIS REGION REQUIRES TEMPERATURE OPERATING OF I DC MAXIMUM
10
3K Hz
0
Z H 0 10 Hz
Hz 0 30 Hz 1K
1
10 KH Z
10
3
30
H
K
K
0
0
z
DC OPERATION 10000
H
H z z
K H
z
1 1 10
1 1 10
100
1000
DC OPERATION 100 1000 10000
t P - PULSE DURATION - s
t P - PULSE DURATION - s
Figure 6. Maximum Tolerable Peak Current vs. Pulse Duration - HER, Orange.
Figure 7. Maximum Tolerable Peak Current vs. Pulse Duration - Yellow.
I F PEAK RATIO OF MAXIMUM OPERATING I DC MAX PEAK CURRENT TO TEMPERATURE DERATED DC CURRENT
100
50
IDC MAX - MAXIMUM DC CURRENT PER SEGMENT - mA
OPERATION IN THIS REGION REQUIRES TEMPERATURE OPERATING OF I DC MAXIMUM
R = 770C/W J-A
45 40 35 30 25 20 15 10 5 0 20 30 40 50 60 70 80 90 100 110 120 YELLOW HER, ORANGE GREEN
10
10
10 K H Z
3 K H
1 K H z z
30 0 H
0 H z z
1 1 10 100 1000 10000
DC OPERATION
t P - PULSE DURATION - s
TA - AMBIENT TEMPERATURE - C
Figure 8. Allowable Peak Current vs. Pulse Duration - Green.
Figure 9. Maximum Allowable DC Current per Segment as a Function of Ambient Temperature.
PEAK - RELATIVE EFFICIENCY (NORMALIZED TO 1 AT 5 mA FOR HER, ORANGE AND YELLOW, AND 10 mA FOR GREEN)
IF - FORWARD CURRENT PER SEGMENT - mA
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 5 mA FOR HER AND )t (YELLOW AND TO 1 AT 10 mA FOR GREEN)
100
12
1.8 YELLOW 1.6 HER / ORANGE
80
10 HER / ORANGE
8
60 YELLOW 40 HER / ORANGE 20 GREEN 0
1.4 GREEN 1.2
6
YELLOW
4
GREEN
1.0
2 0 0 5 10 15 20 25 30
0.8 0 20 40 60 80 100
0
1.0
2.0
3.0
4.0
5.0
VF - FORWARD VOLTAGE - V
IF - FORWARD CURRENT PER SEGMENT - mA
IPEAK - PEAK FORWARD CURRENT PER SEGMENT - mA
Figure 10. Forward Current vs. Forward Voltage Characteristics.
Figure 11. Relative Luminous Intensity vs. DC Forward Current.
Figure 12. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current.
9
Intensity Bin Limits (mcd) AlGaAs Red
HDSP-A15X IV Bin Category Min. M 7.07 N 10.60 O 15.90 P 23.90 Q 35.80 Max. 13.00 19.40 29.20 43.80 65.60
Yellow
IV Bin Category B C D E F G H HDSP-740x Min. 0.229 0.317 0.476 0.714 1.073 1.609 2.413 Max. 0.387 0.582 0.872 1.311 1.967 2.950 4.425
HER
HDSP-750x IV Bin Category Min. B 0.342 C 0.516 D 0.774 E 1.160 F 1.740 G 2.610 H 3.915 Max. 0.630 0.946 1.418 2.127 3.190 4.785 7.177
Green
IV Bin Category H I J K L HDSP-780x Min. 0.86 1.29 1.94 2.90 4.37 Max. 1.58 2.37 3.55 5.33 8.01
Orange
HDSP-A40X IV Bin Category Min. A 0.284 B 0.354 C 0.443 D 0.554 E 0.692 F 0.856 G 1.082 H 1.352 I 1.692 J 2.114 K 2.641 L 3.300 M 4.127 N 5.157 Max. 0.433 0.541 0.677 0.846 1.057 1.322 1.652 2.066 2.581 3.227 4.034 5.042 6.303 7.878
10
Color Categories
Color Yellow Bin 1 3 2 4 2 3 4 5 Dominant Wavelength (nm) Min. Max. 581.50 585.00 584.00 587.50 586.50 590.00 589.00 592.50 573.00 577.00 570.00 574.00 567.00 571.00 564.00 568.00
Green
Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your Agilent representatives for further clarification/information.
Contrast Enhancement
For information on contrast enhancement, please see Application Note 1015.
Soldering/Cleaning
Cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chlorinated hydrocarbon family (methylene chloride, trichloroethylene, carbon tetrachloride, etc.) are not recommended for cleaning LED parts. All of these various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic LED parts. For further information on soldering LEDs, please refer to Application Note 1027.
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152 (Domestic/International), or 0120-61-1280 (Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2004 Agilent Technologies, Inc. Obsoletes 5988-0382EN July 17, 2004 5988-4434EN


▲Up To Search▲   

 
Price & Availability of HDSP-A15X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X