Part Number Hot Search : 
HCF4014B ACM2002R LT10701 FCH47N6 S6B1400X WS455E LB1922 ISL66
Product Description
Full Text Search
 

To Download GXOU109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.8~2.8V CMOS Oscillator
Specifications
GXO-U109
GXO-U109G: 1.8V supply, E/D with power saving GXO-U109J: 2.5V supply, E/D with power saving GXO-U109K: 2.8V supply, E/D with power saving
7.50 (max)
Parameters
Frequency range: Frequency stability:
5.00 (max)
Variant G 1.8 ~ 160MHz 100ppm 50ppm 25ppm J K
Option Codes
B A
ACTUAL SIZE
PAD 1.05 (max) 5.08 1.40 1 2 1.20 2.60 4 3 1.20 1.80 1 3.28 TOP VIEW 2 1.80 1 2 3 4 CONNECTION Enable/Disable Ground Output Supply 4 3 2.00 2.20 2.00
Operating temperature range: -10 to +70C -40 to +85C Storage temperature range: -55 to +125C Supply voltage (VDD): +1.8V (5%) +2.5V (5%) +2.8V (5%) Supply current (mA max): 1.8 ~ 32.0MHz 32.0 ~ 80.0MHz 80.0 ~ 125MHz 125 ~ 160MHz Logic levels: `0' level = 20%VDD max `1' level = 80%VDD min `0' level = 10%VDD max `1' level = 90%VDD min Start up time: 5ms max (1.8 ~ 32.0MHz) 10ms max (>32.0MHz) Waveform symmetry: 40:60 max 45:55 max (1.8 ~ 50.0MHz) 40:60 max (>50.0MHz) Driving ability: 15pF HCMOS 7 15 25 35 10 18 28 38 12 20 30 40
I
Scale 3:1
Features

Low voltage and low power consumption Power saving function Ceramic package with metal lid Enable / disable tristate function
Standard Frequencies
Frequencies in MHz 1.84320 2.00000 3.68640 4.00000 5.00000 8.00000 10.00000 12.00000 14.31818 16.00000 18.43200 20.00000 24.00000 24.57600 25.00000 27.00000 29.48920 29.49120 30.00000 32.00000 33.86880 36.86400 40.00000 44.23680 44.73600 48.00000 49.15200 50.00000 64.00000 66.66600 70.00000 80.00000 100.00000 108.00000 125.00000
Rise / fall time: 5.0ns max (1.8 ~ 80.0MHz) 4.0ns max (80.0 ~ 125MHz) 3.0ns max (125 ~ 160MHz) Enable / disable function: 5ms / 250ns (1.8 ~ 32.0MHz) 10ms / 250ns (>32.0MHz) 5ms / 150ns (1.8 ~ 32.0MHz) 10ms / 150ns (>32.0MHz) Stand-by current (power-saving): 10A Standard. Optional - Please specify required code(s) when ordering
Other frequencies available. Please consult our sales office.
Enable / Disable Function
Input (pad 1) Open `1' level `0' level * J & K variants do not operate if pad 1 is open circuit. Output (pad 3) Enabled Enabled High Impedance
Ordering Information
Product name + variant + option codes (if any) + frequency eg: GXO-U109G 40.0MHz 1.8V, 100ppm -10+70C GXO-U109J/BI 32.0MHz 2.5V, 50ppm -40+85C Option code X (eg GXO-U109K/X) denotes a custom spec.
Available on T&R - 2k pcs per reel.
Tel: +44 1460 256 100
25 Aug 2005
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GXOU109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X