Part Number Hot Search : 
DU1113 AP3125A LM3440 4805S D4UB40 LTC4096 P1011 G8912BE
Product Description
Full Text Search
 

To Download GSX-2F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM Crystal High Frequency Fundamental
Specifications
GSX-2F
Product GSX-2F Option Codes
Parameters
Frequency range: 50.0 ~ 156.0MHz Calibration tolerance: 20ppm 50ppm Other values (20ppm ~ 100ppm) 20ppm 50ppm Other values (20ppm ~ 100ppm)
2 5 specify 2 5 specify 1 2 specify D E F J specify F
Temperature stability:
7.50 (max) 5.00 (max)
Operating temperature range: -10 to +60C -20 to +70C Other values Circuit condition: ACTUAL SIZE 16pF 18pF 20pF 30pF Other values Fundamental 7pF max
1.10 (max)
1.00 1 0.60O 4 4.50 PAD 1 2 3 4 CONNECTION Crystal Ground & lid Crystal Ground & lid 2 3 2.50
SOLDER PAD LAYOUT
1.14 4 1 2.20 4.10 TOP VIEW 3 2 2.20 1.40 1.40
Oscillation mode:
Static capacitance (C0):
Equivalent series resistance: 30 max Ageing: 5ppm max first year 100W
Test drive level:
Soldering condition: 260C, 10 sec x2 max Standard. Scale 2:1 Optional - Please specify required code(s) when ordering
Features
Ordering Information
Product name + option codes + frequency eg: GSX-2F/221DF 155.52MHz 20/20/10/16-F (standard) GSX-2F/552JF 77.760MHz 50/50/20/30-F Option code X (eg GSX-2F/X) denotes a custom specification.
Available on T&R - 1k or 3k pcs per reel. Refer to our website for T&R and soldering details.

Fundamental mode up to 156MHz Inverted mesa technology Metal lid can be grounded to minimise EMI Low height for maximum space saving
Tel: +44 1460 256 100
24 Jul 2002
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GSX-2F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X