Part Number Hot Search : 
LC100 161SE DF06S MB252 9S12P PTM10 PTM10 PTM10
Product Description
Full Text Search
 

To Download GSX-250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM Crystal Low Frequency
Specifications
GSX-250
Parameters
Frequency range: 30.0 ~ 100kHz specify Calibration tolerance: 50ppm 5 ~ 100ppm Temperature stability: -50ppm (-10 to +60C) -130ppm (-30 to +80C) Product GSX-250 Option Codes
8.00 (max) 4 3.80 (max) 1 5.50 2.50 (max) 2.75 2.43 0.50 0.15 0.90 2 3 3.40
Operating temperature range: -10 to +60C Other Storage temperature range: -55 to +125C ACTUAL SIZE Turnover temperature (T0): +25C 5C Frequency / temp coefficient: -0.034 0.006ppm/C2 typ Circuit condition: 12.5pF Other values
specify
specify
SOLDER PAD LAYOUT
4 1 3 2 1.90 1.30 1.90
Static capacitance (C0): 0.8 ~ 1.7pF typ Motional capacitance (C1): 1.0 ~ 4.0fF typ Equivalent series resistance (max): 50k Scale 2:1 Ageing: Drive level: Shock resistance: 5ppm max first year 1.0W typ 5ppm
1.30 4.20 1.30 TOP VIEW
Features

Plastic moulded surface mount package Miniature size for high density applications Wide operating temperature range Supplied on tape and reel
Soldering conditions: 240C, 10sec max Standard. Optional - Please specify required code(s) when ordering
Ordering Information
Product name + option codes (if any) + frequency eg: GSX-250 32.0kHz GSX-250 76.80kHz 20ppm Option code X (eg GSX-250/X) denotes a custom specification. Supplied on T&R - 3k pcs per reel.
Standard Frequencies
Frequencies in kHz 32.000000 38.000000 44.100000 75.000000 76.800000 77.500000 96.000000
Tel: +44 1460 256 100
10 Aug 1998
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GSX-250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X