Part Number Hot Search : 
74HC4538 CD214 MD100ERW BP005M RHEF750 P47C2 SZ605B 2SD88
Product Description
Full Text Search
 

To Download GSX-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM Watch Crystal
Specifications
GSX-200
Parameters
Frequency: 32.768kHz specify Calibration tolerance: 20ppm 5 ~ 100ppm Temperature stability: -50ppm (-10 to +60C) -130ppm (-30 to +80C) Product GSX-200 Option Codes
8.00 (max) 4 3.80 (max) 1 5.50 2.50 (max) 2.75 2.43 0.50 0.15 0.90 2 3 3.40
Operating temperature range: -40 to +85C Storage temperature range: -55 to +125C ACTUAL SIZE Turnover temperature (T0): +25C 5C Frequency / temp coefficient: -0.038ppm/C2 typ Circuit condition: 12.5pF 6pF D
SOLDER PAD LAYOUT
4 1 3 2 1.90 1.30 1.90
Static capacitance (C0): 1.35pF typ Motional capacitance (C1): 3.0fF typ Equivalent series resistance (max): 50k Ageing: Scale 2:1 Drive level: Shock resistance: 3ppm max first year 1.0W typ 5ppm
1.30 4.20 1.30 TOP VIEW
Features
Soldering conditions: 240C, 10sec max Standard. Optional - Please specify required code(s) when ordering

Plastic moulded surface mount package Miniature size for high density applications Wide operating temperature range 6pF version for Dallas RTC Supplied on tape and reel
Ordering Information
Product name + option codes (if any) eg: GSX-200 GSX-200 10ppm GSX-200/D 20ppm 6pF Option code X (eg GSX-200/X) denotes a custom specification.
Available on T&R - 3k pcs per reel. Refer to our website for T&R and soldering details. Also available at frequencies from 30.0 ~ 100kHz
Tel: +44 1460 256 100
17 Jun 1998
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GSX-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X