Part Number Hot Search : 
HYAAM 42S32200 ZMM5254 ZMM5235B MDU1513 AD9780 100P06 FR85J02
Product Description
Full Text Search
 

To Download GS842Z18AB-166 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GS842Z18/36AB-180/166/150/100
119-Bump BGA Commercial Temp Industrial Temp Features
* 256K x 18 and 128K x 36 configurations * User configurable Pipeline and Flow Through mode * NBT (No Bus Turn Around) functionality allows zero wait read-write-read bus utilization * Fully pin compatible with both pipelined and flow through NtRAMTM, NoBLTM and ZBTTM SRAMs * Pin-compatible with 2M, 8M, and 16M devices * 3.3 V +10%/-10% core power supply * 2.5 V or 3.3 V I/O supply * LBO pin for Linear or Interleave Burst mode * Byte write operation (9-bit Bytes) * 3 chip enable signals for easy depth expansion * Clock Control, registered address, data, and control * ZZ Pin for automatic power-down * JEDEC-standard 119-bump BGA package
4Mb Pipelined and Flow Through Synchronous NBT SRAMs
180 MHz-100 MHz 3.3 V VDD 2.5 V and 3.3 V VDDQ
Because it is a synchronous device, address, data inputs, and read/ write control inputs are captured on the rising edge of the input clock. Burst order control (LBO) must be tied to a power rail for proper operation. Asynchronous inputs include the sleep mode enable (ZZ) and Output Enable. Output Enable can be used to override the synchronous control of the output drivers and turn the RAM's output drivers off at any time. Write cycles are internally self-timed and initiated by the rising edge of the clock input. This feature eliminates complex offchip write pulse generation required by asynchronous SRAMs and simplifies input signal timing. The GS842Z18/36AT may be configured by the user to operate in Pipeline or Flow Through mode. Operating as a pipelined synchronous device, in addition to the rising-edgetriggered registers that capture input signals, the device incorporates a rising-edge-triggered output register. For read cycles, pipelined SRAM output data is temporarily stored by the edge triggered output register during the access cycle and then released to the output drivers at the next rising edge of clock. The GS842Z18/36AT is implemented with GSI's high performance CMOS technology and is available in a JEDECstandard 119-bump BGA package.
Functional Description
The GS842Z18/36AB is a 4Mbit Synchronous Static SRAM. GSI's NBT SRAMs, like ZBT, NtRAM, NoBL or other pipelined read/double late write or flow through read/single late write SRAMs, allow utilization of all available bus bandwidth by eliminating the need to insert deselect cycles when the device is switched from read to write cycles.
Parameter Synopsis
Pipeline 3-1-1-1 Flow Through 2-1-1-1 tCycle tKQ IDD tKQ tCycle IDD -180 5.5 ns 3.2 ns 335 mA 8 ns 9.1 ns 210 mA -166 6.0 ns 3.5 ns 310 mA 8.5 ns 10 ns 190 mA -150 6.6 ns 3.8 ns 280 mA 10 ns 12 ns 165 mA -100 10 ns 4.5 ns 190 mA 12 ns 15 ns 135 mA
Rev: 1.03 11/2004
1/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
GS842Z18A Pad Out--119-Bump BGA--Top View (Packge B)
1 A B C D E F G H J K L M N P R T U VDDQ NC NC DQB NC VDDQ NC DQB VDDQ NC DQB VDDQ DQB NC NC NC VDDQ
2 A E2 A NC DQB NC DQB NC VDD DQB NC DQB NC DQPB A A TMS
3 A A A VSS VSS VSS BB VSS NC VSS NC VSS VSS VSS LBO A TDI
4 NC ADV VDD ZQ E1 G NC W VDD CK NC CKE A1 A0 VDD NC TCK
5 A A A VSS VSS VSS NC VSS NC VSS BA VSS VSS VSS FT A TDO
6 A E3 A DQPA NC DQA NC DQA VDD NC DQA NC DQA NC A A NC
7 VDDQ NC NC NC DQA VDDQ DQA NC VDDQ DQA NC VDDQ NC DQA NC ZZ VDDQ
Rev: 1.03 11/2004
2/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
GS842Z36A Pad Out-- 119-Bump BGA--Top View (Package B)
1 A B C D E F G H J K L M N P R T U VDDQ NC NC DQC DQC VDDQ DQC DQC VDDQ DQD DQD VDDQ DQD DQD NC NC VDDQ
2 A E2 A DQPC DQC DQC DQC DQC VDD DQD DQD DQD DQD DQPD A NC TMS
3 A A A VSS VSS VSS BC VSS NC VSS BD VSS VSS VSS LBO A TDI
4 NC ADV VDD ZQ E1 G NC W VDD CK NC CKE A1 A0 VDD A TCK
5 A8 A A VSS VSS VSS BB VSS NC VSS BA VSS VSS VSS FT A TDO
6 A E3 A DQPB DQB DQB DQB DQB VDD DQA DQA DQA DQA DQPA A NC NC
7 VDDQ NC NC DQB DQB VDDQ DQB DQB VDDQ DQA DQA VDDQ DQA DQA NC ZZ VDDQ
Rev: 1.03 11/2004
3/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
GS842Z18/36A Pin Description Symbol
A0, A1 An DQA DQB DQC DQD BA, BB, BC, BD CK CKE W E1 G ADV ZZ FT LBO ZQ NC TMS TDI TDO TCK VDD VSS VDDQ CK
Type
I I I/O I I I I I I I I I I I I -- I I O I I I I I
Description
Address field LSBs and Address Counter Preset Inputs Address Inputs Data Input and Output pins Byte Write Enable for DQA, DQB, DQC, DQA I/Os; active low ( x36 Version) Clock Input Signal; active high Clock Input Buffer Enable; active low Write Enable. Writes all enabled bytes; active low Chip Enable; active low Chip Enable; active high Output Enable; active low Burst address counter advance enable; active high Sleep Mode control; active high Flow Through or Pipeline mode; active low Linear Burst Order mode; active low FLXDrive Output Impedance Control (Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) No Connect Scan Test Mode Select Scan Test Data In Scan Test Data Out Scan Test Clock Core power supply I/O and Core Ground Output driver power supply Clock Input Signal; active high
Rev: 1.03 11/2004
4/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Functional Details
Clocking Deassertion of the Clock Enable (CKE) input blocks the Clock input from reaching the RAM's internal circuits. It may be used to suspend RAM operations. Failure to observe Clock Enable set-up or hold requirements will result in erratic operation. Pipelined Mode Read and Write Operations All inputs (with the exception of Output Enable, Linear Burst Order and Sleep) are synchronized to rising clock edges. Single cycle read and write operations must be initiated with the Advance/Load pin (ADV) held low, in order to load the new address. Device activation is accomplished by asserting all three of the Chip Enable inputs (E1, E2, and E3). Deassertion of any one of the Enable inputs will deactivate the device. Function Read Write Byte "a" Write Byte "b" Write Byte "c" Write Byte "d" Write all Bytes Write Abort/NOP W H L L L L L L BA X L H H H L H BB X H L H H L H BC X H H L H L H BD X H H H L L H
Read operation is initiated when the following conditions are satisfied at the rising edge of clock: CKE is asserted low, all three chip enables (E1, E2, and E3) are active, the write enable input signal W is deasserted high, and ADV is asserted low. The address presented to the address inputs is latched in to address register and presented to the memory core and control logic. The control logic determines that a read access is in progress and allows the requested data to propagate to the input of the output register. At the next rising edge of clock the read data is allowed to propagate through the output register and onto the Output pins. Write operation occurs when the RAM is selected, CKE is active and the write input is sampled low at the rising edge of clock. The Byte Write Enable inputs (BA, BB, BC, and BD) determine which bytes will be written. All or none may be activated. A write cycle with no Byte Write inputs active is a no-op cycle. The Pipelined NBT SRAM provides double late write functionality, matching the write command versus data pipeline length (2 cycles) to the read command versus data pipeline length (2 cycles). At the first rising edge of clock, Enable, Write, Byte Write(s), and Address are registered. The Data In associated with that address is required at the third rising edge of clock. Flow through Mode Read and Write Operations Operation of the RAM in Flow Through mode is very similar to operations in Pipeline mode. Activation of a read cycle and the use of the Burst Address Counter is identical. In Flow Through mode the device may begin driving out new data immediately after new address are clocked into the RAM, rather than holding new data until the following (second) clock edge. Therefore, in Flow Through mode the read pipeline is one cycle shorter than in Pipeline mode. Write operations are initiated in the same way as well, but differ in that the write pipeline is one cycle shorter as well, preserving the ability to turn the bus from reads to writes without inserting any dead cycles. While the pipelined NBT RAMs implement a double late write protocol, in Flow Through mode a single late write protocol mode is observed. Therefore, in Flow Through mode, address and control are registered on the first rising edge of clock and data in is required at the data input pins at the second rising edge of clock.
Rev: 1.03 11/2004
5/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Synchronous Truth Table Operation
Read Cycle, Begin Burst Read Cycle, Continue Burst NOP/Read, Begin Burst Dummy Read, Continue Burst Write Cycle, Begin Burst Write Cycle, Continue Burst Write Abort, Continue Burst Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle Deselect Cycle, Continue Sleep Mode Clock Edge Ignore, Stall
Type Address CK CKE ADV W Bx E1 E2 E3 G ZZ
R B R B W B B D D D D D External Next External Next External Next Next None None None None None None Current L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H X L-H L L L L L L L L L L L L X H L H L H L H H L L L L H X X H X H X L X X X X X L X X X X X X X L L H X X X H X X X L X L X L X X H X X L X X X H X H X H X X X X L H X X X L X L X L X X X H X L X X X L L H H X X X X X X X X X X L L L L L L L L L L L L H L
DQ
Q Q High-Z High-Z D D
Notes
1,10 2 1,2,10 3 1,3,10
High-Z 1,2,3,10 High-Z High-Z High-Z High-Z High-Z High-Z 4 1 1
Notes: 1. Continue Burst cycles, whether read or write, use the same control inputs. A Deselect continue cycle can only be entered into if a Deselect cycle is executed first. 2. Dummy Read and Write abort can be considered NOPs because the SRAM performs no operation. A Write abort occurs when the W pin is sampled low but no Byte Write pins are active so no write operation is performed. 3. G can be wired low to minimize the number of control signals provided to the SRAM. Output drivers will automatically turn off during write cycles. 4. If CKE High occurs during a pipelined read cycle, the DQ bus will remain active (Low Z). If CKE High occurs during a write cycle, the bus will remain in High Z. 5. X = Don't Care; H = Logic High; L = Logic Low; Bx = High = All Byte Write signals are high; Bx = Low = One or more Byte/Write signals are Low 6. All inputs, except G and ZZ must meet setup and hold times of rising clock edge. 7. Wait states can be inserted by setting CKE high. 8. This device contains circuitry that ensures all outputs are in High Z during power-up. 9. A 2-bit burst counter is incorporated. 10. The address counter is incriminated for all Burst continue cycles.
Rev: 1.03 11/2004
6/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Pipelined and Flow Through Read-Write Control State Diagram
D
B
R
Deselect
W
D
D W R
R
New Read
B
New Write
W B
R
W
R
W
B
Burst Read
D
Burst Write
D
B
Key
Input Command Code
Notes
1. The Hold command (CKE Low) is not shown because it prevents any state change.
Transition
Current State (n) Next State (n+1)
n n+1
2. W, R, B, and D represent input command codes as indicated in the Synchronous Truth Table. n+2 n+3
Clock (CK)
Command
Current State
Next State
Current State and Next State Definition for Pipelined and Flow Through Read/Write Control State Diagram
Rev: 1.03 11/2004
7/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Pipeline Mode Data I/O State Diagram
Intermediate
BW High Z (Data In) D
R
Intermediate W Intermediate Intermediate
RB Data Out (Q Valid) D
Intermediate
W
R
High Z B D
Intermediate
Key
Input Command Code
Notes
1. The Hold command (CKE Low) is not shown because it prevents any state change.
Transition
Current State (n)
Transition Next State (n+2)
Intermediate State (N+1)
2. W, R, B, and D represent input command codes as indicated in the Truth Tables.
n
n+1
n+2
n+3
Clock (CK)
Command
Current State
Intermediate State
Next State
Current State and Next State Definition for Pipeline Mode Data I/O State Diagram
Rev: 1.03 11/2004
8/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Flow Through Mode Data I/O State Diagram
BW High Z (Data In) D
R W
RB Data Out (Q Valid) D
W
R
High Z B D
Key
Input Command Code
Notes
1. The Hold command (CKE Low) is not shown because it prevents any state change.
Transition
Current State (n)
n
Next State (n+1)
n+1 n+2
2. W, R, B, and D represent input command codes as indicated in the Truth Tables.
n+3
Clock (CK)
Command
Current State
Next State
Current State and Next State Definition for: Pipelined and Flow Through Read Write Control State Diagram
Rev: 1.03 11/2004
9/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Burst Cycles Although NBT RAMs are designed to sustain 100% bus bandwidth by eliminating turnaround cycle when there is transition from Read to Write, multiple back-to-back reads or writes may also be performed. NBT SRAMs provide an on-chip burst address generator that can be utilized, if desired, to further simplify burst read or write implementations. The ADV control pin, when driven high, commands the SRAM to advance the internal address counter and use the counter generated address to read or write the SRAM. The starting address for the first cycle in a burst cycle series is loaded into the SRAM by driving the ADV pin low, into Load mode. Burst Order The burst address counter wraps around to its initial state after four addresses (the loaded address and three more) have been accessed. The burst sequence is determined by the state of the Linear Burst Order pin (LBO). When this pin is low, a linear burst sequence is selected. When the RAM is installed with the LBO pin tied high, interleaved burst sequence is selected. See the tables below for details. FLXDriveTM The ZQ pin allows selection between NBT RAM nominal drive strength (ZQ low) for multi-drop bus applications and low drive strength (ZQ floating or high) point-to-point applications. See the Output Driver Characteristics chart for details.
Mode Pin Functions Mode Name
Burst Order Control Output Register Control Power Down Control FLXDrive Output Impedance Control
Pin Name
LBO FT ZZ ZQ
State
L H L H or NC L or NC H L H or NC
Function
Linear Burst Interleaved Burst Flow Through Pipeline Active Standby, IDD = ISB High Drive (Low Impedance) Low Drive (High Impedance)
Note: There is a are pull-up devices on the ZQ, SCD, and FT pins and a pull-down device on the ZZ and PE pins, so those this input pins can be unconnected and the chip will operate in the default states as specified in the above tables.
Rev: 1.03 11/2004
10/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Burst Counter Sequences
Linear Burst Sequence A[1:0] A[1:0] A[1:0] A[1:0]
1st address 2nd address 3rd address 4th address 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10
Interleaved Burst Sequence A[1:0] A[1:0] A[1:0] A[1:0]
1st address 2nd address 3rd address 4th address 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00
Note: The burst counter wraps to initial state on the 5th clock.
Note: The burst counter wraps to initial state on the 5th clock.
BPR 1999.05.18 8
Sleep Mode
During normal operation, ZZ must be pulled low, either by the user or by its internal pull-down resistor. When ZZ is pulled high, the SRAM will enter a Power Sleep mode after 2 cycles. At this time, internal state of the SRAM is preserved. When ZZ returns to low, the SRAM operates normally after 2 cycles of wake up time. Sleep mode is a low current, power-down mode in which the device is deselected and current is reduced to ISB2. The duration of Sleep Mode is dictated by the length of time the ZZ is in a high state. After entering Sleep mode, all inputs except ZZ become disabled and all outputs go to High-Z The ZZ pin is an asynchronous, active high input that causes the device to enter Sleep mode. When the ZZ pin is driven high, ISB2 is guaranteed after the time tZZI is met. Because ZZ is an asynchronous input, pending operations or operations in progress may not be properly completed if ZZ is asserted. Therefore, Sleep mode must not be initiated until valid pending operations are completed. Similarly, when exiting Sleep mode during tZZR, only a Deselect or Read commands may be applied while the SRAM is recovering from Sleep mode.
Sleep Mode Timing Diagram
tKH tKC CK tZZR tZZS ZZ tZZH tKL
Designing for Compatibility The GSI NBT SRAMs offer users a configurable selection between Flow Through mode and Pipeline mode via the FT signal found on Bump R5. Not all vendors offer this option, however, most mark Bump R5 as VDD or VDDQ on pipelined parts and VSS on flow through parts. GSI NBT SRAMs are fully compatible with these sockets.
Rev: 1.03 11/2004
11/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
VDD VDDQ VI/O VIN IIN IOUT PD TSTG TBIAS
Description
Voltage on VDD Pins Voltage in VDDQ Pins Voltage on I/O Pins Voltage on Other Input Pins Input Current on Any Pin Output Current on Any I/O Pin Package Power Dissipation Storage Temperature Temperature Under Bias
Value
-0.5 to 4.6 -0.5 to 4.6 -0.5 to VDDQ +0.5 ( 4.6 V max.) -0.5 to VDD +0.5 ( 4.6 V max.) +/-20 +/-20 1.5 -55 to 125 -55 to 125
Unit
V V V V mA mA W
o o
C C
Note: Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings, for an extended period of time, may affect reliability of this component.
Power Supply Voltage Ranges Parameter
3.3 V Supply Voltage 2.5 V Supply Voltage 3.3 V VDDQ I/O Supply Voltage 2.5 V VDDQ I/O Supply Voltage
Symbol
VDD3 VDD2 VDDQ3 VDDQ2
Min.
3.0 2.3 3.0 2.3
Typ.
3.3 2.5 3.3 2.5
Max.
3.6 2.7 3.6 2.7
Unit
V V V V
Notes
Notes: 1. The part numbers of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be -2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC.
Rev: 1.03 11/2004
12/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
VDDQ3 Range Logic Levels Parameter
VDD Input High Voltage VDD Input Low Voltage VDDQ I/O Input High Voltage VDDQ I/O Input Low Voltage
Symbol
VIH VIL VIHQ VILQ
Min.
2.0 -0.3 2.0 -0.3
Typ.
-- -- -- --
Max.
VDD + 0.3 0.8 VDDQ + 0.3 0.8
Unit
V V V V
Notes
1 1 1,3 1,3
Notes: 1. The part numbers of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be -2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC. 3. VIHQ (max) is voltage on VDDQ pins plus 0.3 V.
VDDQ2 Range Logic Levels Parameter
VDD Input High Voltage VDD Input Low Voltage VDDQ I/O Input High Voltage VDDQ I/O Input Low Voltage
Symbol
VIH VIL VIHQ VILQ
Min.
0.6*VDD -0.3 0.6*VDD -0.3
Typ.
-- -- -- --
Max.
VDD + 0.3 0.3*VDD VDDQ + 0.3 0.3*VDD
Unit
V V V V
Notes
1 1 1,3 1,3
Notes: 1. The part numbers of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be -2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC. 3. VIHQ (max) is voltage on VDDQ pins plus 0.3 V.
Recommended Operating Temperatures Parameter
Ambient Temperature (Commercial Range Versions) Ambient Temperature (Industrial Range Versions)
Symbol
TA TA
Min.
0 -40
Typ.
25 25
Max.
70 85
Unit
C C
Notes
2 2
Notes: 1. The part numbers of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be -2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC.
Rev: 1.03 11/2004
13/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Undershoot Measurement and Timing
VIH VDD + 2.0 V VSS 50% VSS - 2.0 V 50% tKC VIL 50% VDD
Overshoot Measurement and Timing
50% tKC
Capacitance
(TA = 25oC, f = 1 MHZ, VDD = 2.5 V)
Parameter
Input Capacitance Input/Output Capacitance Note: These parameters are sample tested.
Symbol
CIN CI/O
Test conditions
VIN = 0 V VOUT = 0 V
Typ.
4 6
Max.
5 7
Unit
pF pF
AC Test Conditions Parameter
Input high level Input low level Input slew rate Input reference level Output reference level Output load
Conditions
VDD - 0.2 V 0.2 V 1 V/ns VDD/2 VDDQ/2 Fig. 1
Notes: 1. Include scope and jig capacitance. 2. Test conditions as specified with output loading as shown in Fig. 1 unless otherwise noted. 3. Device is deselected as defined by the Truth Table.
Output Load 1 DQ 50 VDDQ/2
* Distributed Test Jig Capacitance
30pF*
Rev: 1.03 11/2004
14/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
DC Electrical Characteristics Parameter
Input Leakage Current (except mode pins) ZZ Input Current FT Input Current Output Leakage Current Output High Voltage Output High Voltage Output Low Voltage
Symbol
IIL IIN1 IIN2 IOL VOH2 VOH3 VOL
Test Conditions
VIN = 0 to VDD VDD VIN VIH 0 V VIN VIH VDD VIN VIL 0 V VIN VIL Output Disable, VOUT = 0 to VDD IOH = -8 mA, VDDQ = 2.375 V IOH = -8 mA, VDDQ = 3.135 V IOL = 8 mA
Min
-1 uA -1 uA -1 uA -100 uA -1 uA -1 uA 1.7 V 2.4 V --
Max
1 uA 1 uA 100 uA 1 uA 1 uA 1 uA -- -- 0.4 V
Rev: 1.03 11/2004
15/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Operating Currents
-40 to 85C 345 220 30 30 65 50 0 to 70C 310 190 20 20 50 40 -40 to 85C 320 200 30 30 60 50 0 to 70C 280 165 20 20 50 35 -40 to 85C 290 175 30 30 60 45 0 to 70C 190 135 20 20 40 35 -40 to 85C 200 145 30 30 50 45
Parameter
Test Conditions
Device Selected; All other inputs VIH or VIL Output open ZZ VDD - 0.2 V
Symbol
IDD Pipeline IDD Flow-Thru ISB Pipeline ISB Flow-Thru IDD Pipeline IDD Flow-Thru
0 to 70C 335 210 20 20 55 40
Unit
mA mA mA mA mA mA
Operating Current Standby Current Deselect Current
Device Deselected; All other inputs VIH or VIL
Rev: 1.03 11/2004
16/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
AC Electrical Characteristics
Parameter Clock Cycle Time
Flow Through
Symbol tKC tKQ tKQX tLZ
1
Min 9.1 -- 3.0 3.0 1.3 1.5 1.5 -- 0 -- 1.5 0.5 5 1 Max -- 8.0 -- -- -- -- 3.2 3.2 -- 3.2 -- -- -- -- Min 10.0 -- 3.0 3.0 1.3 1.5 1.5 -- 0 -- 1.5 0.5 5 1
Max -- 8.5 -- -- -- -- 3.5 3.5 -- 3.5 -- -- -- -- Min 12.0 -- 3.0 3.0 1.3 1.5 1.5 -- 0 -- 1.5 0.5 5 1
-150 Max -- 10.0 -- -- -- -- 3.8 3.8 -- 3.8 -- -- -- -- Min 15.0 -- 3.0 3.0 1.3 1.5 1.5 -- 0 -- 2.0 0.5 5 1
-100 Max -- 12.0 -- -- -- -- 5 5 -- 5 -- -- -- --
Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns
Clock to Output Valid Clock to Output Invalid Clock to Output in Low-Z Clock HIGH Time Clock LOW Time Clock to Output in High-Z G to Output Valid G to output in Low-Z G to output in High-Z Setup time Hold time ZZ setup time ZZ hold time
tKH tKL tHZ1 tOE tOLZ1 tOHZ1 tS tH tZZS2 tZZH2
ZZ recovery tZZR 20 -- 20 -- 20 -- 20 -- ns Notes: 1. These parameters are sampled and are not 100% tested 2. ZZ is an asynchronous signal. However, In order to be recognized on any given clock cycle, ZZ must meet the specified setup and hold times as specified above.
Rev: 1.03 11/2004
17/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Pipeline Mode Timing
Write A Read B Suspend tKH tKL Read C tKC Write D writeno-op Read E Deselect
CK
tH tS
A
A tH tS
B
C
D
E
CKE
tH tS
E*
tH tS
ADV
tH tS
W
tH tS tS tH
Bn
tH tS tLZ tKQ Q(B) Q(C) D(D) Q(E) tHZ tKQX
DQ
D(A)
Rev: 1.03 11/2004
18/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Flow Through Mode Timing
Write A Write B Write B+1 tKL tKH
CK
Read C tKC
Cont
Read D
Write E
Read F
Write G
tH tS
CKE
tH tS
E
tH tS
ADV
tH tS
W
tH tS
Bn
tH tS
A0-An A B C D E F G
tKQ tH tS
DQ D(A) D(B)
tKQ tLZ
D(B+1) Q(C)
tKQX tHZ
Q(D)
tLZ
D(E) Q(F)
tKQX
D(G)
tOLZ tOE tOHZ
G
*Note: E = High(False) if E1 = 1 or E2 = 0 or E3 = 1
JTAG Port Operation
Overview The JTAG Port on this RAM operates in a manner that is compliant with IEEE Standard 1149.1-1990, a serial boundary scan interface standard (commonly referred to as JTAG). The JTAG Port input interface levels scale with VDD. The JTAG output drivers are powered by VDDQ. Disabling the JTAG Port It is possible to use this device without utilizing the JTAG port. The port is reset at power-up and will remain inactive unless clocked. TCK, TDI, and TMS are designed with internal pull-up circuits.To assure normal operation of the RAM with the JTAG Port unused, TCK, TDI, and TMS may be left floating or tied to either VDD or VSS. TDO should be left unconnected. Rev: 1.03 11/2004 19/30 (c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
JTAG Pin Descriptions Pin
TCK TMS
Pin Name
Test Clock Test Mode Select
I/O
In In
Description
Clocks all TAP events. All inputs are captured on the rising edge of TCK and all outputs propagate from the falling edge of TCK. The TMS input is sampled on the rising edge of TCK. This is the command input for the TAP controller state machine. An undriven TMS input will produce the same result as a logic one input level. The TDI input is sampled on the rising edge of TCK. This is the input side of the serial registers placed between TDI and TDO. The register placed between TDI and TDO is determined by the state of the TAP Controller state machine and the instruction that is currently loaded in the TAP Instruction Register (refer to the TAP Controller State Diagram). An undriven TDI pin will produce the same result as a logic one input level.
TDI
Test Data In
In
TDO
Test Data Out
Output that is active depending on the state of the TAP state machine. Output changes in Out response to the falling edge of TCK. This is the output side of the serial registers placed between TDI and TDO.
Note: This device does not have a TRST (TAP Reset) pin. TRST is optional in IEEE 1149.1. The Test-Logic-Reset state is entered while TMS is held high for five rising edges of TCK. The TAP Controller is also reset automaticly at power-up.
JTAG Port Registers
Overview The various JTAG registers, refered to as Test Access Port orTAP Registers, are selected (one at a time) via the sequences of 1s and 0s applied to TMS as TCK is strobed. Each of the TAP Registers is a serial shift register that captures serial input data on the rising edge of TCK and pushes serial data out on the next falling edge of TCK. When a register is selected, it is placed between the TDI and TDO pins. Instruction Register The Instruction Register holds the instructions that are executed by the TAP controller when it is moved into the Run, Test/Idle, or the various data register states. Instructions are 3 bits long. The Instruction Register can be loaded when it is placed between the TDI and TDO pins. The Instruction Register is automatically preloaded with the IDCODE instruction at power-up or whenever the controller is placed in Test-Logic-Reset state. Bypass Register The Bypass Register is a single bit register that can be placed between TDI and TDO. It allows serial test data to be passed through the RAM's JTAG Port to another device in the scan chain with as little delay as possible. Boundary Scan Register The Boundary Scan Register is a collection of flip flops that can be preset by the logic level found on the RAM's input or I/O pins. The flip flops are then daisy chained together so the levels found can be shifted serially out of the JTAG Port's TDO pin. The Boundary Scan Register also includes a number of place holder flip flops (always set to a logic 1). The relationship between the device pins and the bits in the Boundary Scan Register is described in the Scan Order Table following. The Boundary Scan Register, under the control of the TAP Controller, is loaded with the contents of the RAMs I/O ring when the controller is in Capture-DR state and then is placed between the TDI and TDO pins when the controller is moved to Shift-DR state. SAMPLE-Z, SAMPLE/PRELOAD and EXTEST instructions can be used to activate the Boundary Scan Register.
Rev: 1.03 11/2004
20/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
JTAG TAP Block Diagram
* * *
108
*
*
*
*
*
*
* *
1
Boundary Scan Register
0
Bypass Register
210
0
Instruction Register TDI ID Code Register
31 30 29
TDO
*
***
210
Control Signals TMS TCK Test Access Port (TAP) Controller
Identification (ID) Register The ID Register is a 32-bit register that is loaded with a device and vendor specific 32-bit code when the controller is put in Capture-DR state with the IDCODE command loaded in the Instruction Register. The code is loaded from a 32-bit on-chip ROM. It describes various attributes of the RAM as indicated below. The register is then placed between the TDI and TDO pins when the controller is moved into Shift-DR state. Bit 0 in the register is the LSB and the first to reach TDO when shifting begins. ID Register Contents TBD for this part.
ID Register Contents
Die Revision Code Bit # GSI Technology JEDEC Vendor ID Code Presence Register 0
Not Used
I/O Configuration
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
Rev: 1.03 11/2004
21/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Tap Controller Instruction Set
Overview There are two classes of instructions defined in the Standard 1149.1-1990; the standard (Public) instructions, and device specific (Private) instructions. Some Public instructions are mandatory for 1149.1 compliance. Optional Public instructions must be implemented in prescribed ways. The TAP on this device may be used to monitor all input and I/O pads, and can be used to load address, data or control signals into the RAM or to preload the I/O buffers. When the TAP controller is placed in Capture-IR state the two least significant bits of the instruction register are loaded with 01. When the controller is moved to the Shift-IR state the Instruction Register is placed between TDI and TDO. In this state the desired instruction is serially loaded through the TDI input (while the previous contents are shifted out at TDO). For all instructions, the TAP executes newly loaded instructions only when the controller is moved to Update-IR state. The TAP instruction set for this device is listed in the following table.
JTAG Tap Controller State Diagram
1
Test Logic Reset
0 1 1 1
0
Run Test Idle
Select DR
0 1
Select IR
0 1
Capture DR
0
Capture IR
0
Shift DR
1 1
0 1
Shift IR
1
0
Exit1 DR
0
Exit1 IR
0
Pause DR
1
0
Pause IR
1
0
Exit2 DR
1
0
Exit2 IR
1
0
Update DR
1 0
Update IR
1 0
Instruction Descriptions BYPASS When the BYPASS instruction is loaded in the Instruction Register the Bypass Register is placed between TDI and TDO. This occurs when the TAP controller is moved to the Shift-DR state. This allows the board level scan path to be shortened to facilitate testing of other devices in the scan path.
Rev: 1.03 11/2004
22/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
SAMPLE/PRELOAD SAMPLE/PRELOAD is a Standard 1149.1 mandatory public instruction. When the SAMPLE / PRELOAD instruction is loaded in the Instruction Register, moving the TAP controller into the Capture-DR state loads the data in the RAMs input and I/O buffers into the Boundary Scan Register. Boundary Scan Register locations are not associated with an input or I/O pin, and are loaded with the default state identified in the Boundary Scan Chain table at the end of this section of the datasheet. Because the RAM clock is independent from the TAP Clock (TCK) it is possible for the TAP to attempt to capture the I/O ring contents while the input buffers are in transition (i.e. in a metastable state). Although allowing the TAP to sample metastable inputs will not harm the device, repeatable results cannot be expected. RAM input signals must be stabilized for long enough to meet the TAPs input data capture set-up plus hold time (tTS plus tTH). The RAMs clock inputs need not be paused for any other TAP operation except capturing the I/O ring contents into the Boundary Scan Register. Moving the controller to Shift-DR state then places the boundary scan register between the TDI and TDO pins. EXTEST EXTEST is an IEEE 1149.1 mandatory public instruction. It is to be executed whenever the instruction register is loaded with all logic 0s. The EXTEST command does not block or override the RAM's input pins; therefore, the RAM's internal state is still determined by its input pins. Typically, the Boundary Scan Register is loaded with the desired pattern of data with the SAMPLE/PRELOAD command. Then the EXTEST command is used to output the Boundary Scan Register's contents, in parallel, on the RAM's data output drivers on the falling edge of TCK when the controller is in the Update-IR state. Alternately, the Boundary Scan Register may be loaded in parallel using the EXTEST command. When the EXTEST instruction is selected, the sate of all the RAM's input and I/O pins, as well as the default values at Scan Register locations not associated with a pin, are transferred in parallel into the Boundary Scan Register on the rising edge of TCK in the Capture-DR state, the RAM's output pins drive out the value of the Boundary Scan Register location with which each output pin is associated. IDCODE The IDCODE instruction causes the ID ROM to be loaded into the ID register when the controller is in Capture-DR mode and places the ID register between the TDI and TDO pins in Shift-DR mode. The IDCODE instruction is the default instruction loaded in at power up and any time the controller is placed in the Test-Logic-Reset state. SAMPLE-Z If the SAMPLE-Z instruction is loaded in the instruction register, all RAM outputs are forced to an inactive drive state (highZ) and the Boundary Scan Register is connected between TDI and TDO when the TAP controller is moved to the Shift-DR state. RFU These instructions are Reserved for Future Use. In this device they replicate the BYPASS instruction.
Rev: 1.03 11/2004
23/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
JTAG TAP Instruction Set Summary Instruction
EXTEST IDCODE SAMPLE-Z RFU SAMPLE/ PRELOAD GSI RFU
Code
000 001 010 011 100 101 110
Description
Places the Boundary Scan Register between TDI and TDO. Preloads ID Register and places it between TDI and TDO. Captures I/O ring contents. Places the Boundary Scan Register between TDI and TDO. Forces all RAM output drivers to High-Z. Do not use this instruction; Reserved for Future Use. Replicates BYPASS instruction. Places Bypass Register between TDI and TDO. Captures I/O ring contents. Places the Boundary Scan Register between TDI and TDO. GSI private instruction. Do not use this instruction; Reserved for Future Use. Replicates BYPASS instruction. Places Bypass Register between TDI and TDO.
Notes
1 1, 2 1 1 1 1 1 1
BYPASS 111 Places Bypass Register between TDI and TDO. Notes: 1. Instruction codes expressed in binary, MSB on left, LSB on right. 2. Default instruction automatically loaded at power-up and in test-logic-reset state.
JTAG Port Recommended Operating Conditions and DC Characteristics Parameter
1.8 V Test Port Input High Voltage 1.8 V Test Port Input Low Voltage TMS, TCK and TDI Input Leakage Current TMS, TCK and TDI Input Leakage Current TDO Output Leakage Current Test Port Output High Voltage Test Port Output Low Voltage Test Port Output CMOS High Test Port Output CMOS Low
Symbol
VIHJ VILJ IINHJ IINLJ IOLJ VOHJ VOLJ VOHJC VOLJC
Min.
0.6 * VDD -0.3 -300 -1 -1 1.7 -- VDDQ - 100 mV
Max.
VDD +0.3 0.3 * VDD 1 100 1 -- 0.4 --
Unit Notes
V V uA uA uA V V V 1 1 2 3 4 5, 6 5, 7 5, 8
-- 100 mV V 5, 9 Notes: 1. Input Under/overshoot voltage must be -1 V > Vi < VDDn +1 V not to exceed 2.9 V maximum, with a pulse width not to exceed 20% tTKC. 2. VILJ VIN VDDn 3. 0 V VIN VILJn 4. Output Disable, VOUT = 0 to VDDn 5. The TDO output driver is served by the VDDQ supply. 6. IOHJ = -4 mA 7. IOLJ = + 4 mA 8. IOHJC = -100 uA 9. IOHJC = +100 uA Rev: 1.03 11/2004 24/30 (c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
JTAG Port Recommended Operating Conditions and DC Characteristics Parameter
Test Port Input High Voltage Test Port Input Low Voltage TMS, TCK and TDI Input Leakage Current TMS, TCK and TDI Input Leakage Current TDO Output Leakage Current Test Port Output High Voltage Test Port Output Low Voltage Test Port Output CMOS High Test Port Output CMOS Low
Symbol
VIHJ VILJ IINHJ IINLJ IOLJ VOHJ VOLJ VOHJC VOLJC
Min.
0.6 * VDD -0.3 -300 -1 -1 1.7 -- VDDQ - 100 mV
Max.
VDD2 +0.3 0.3 * VDD 1 100 1 -- 0.4 --
Unit Notes
V V uA uA uA V V V 1 1 2 3 4 5, 6 5, 7 5, 8
-- 100 mV V 5, 9 Notes: 1. Input Under/overshoot voltage must be - V > Vi < VDDn + V not to exceed .6 V maximum, with a pulse width not to exceed 20% tTKC. 2. VILJ VIN VDDn 3. 0 V VIN VILJn 4. Output Disable, VOUT = 0 to VDDn 5. The TDO output driver is served by the VDDQ supply. 6. IOHJ = -4 mA 7. IOLJ = + 4 mA 8. IOHJC = -100 uA 9. IOHJC = +100 uA
JTAG Port AC Test Conditions Parameter
Input high level Input low level Input slew rate Input reference level Output reference level
Conditions
VDD - 0.2 V 0.2 V 1 V/ns VDDQ/2 VDDQ/2 DQ
JTAG Port AC Test Load
50 VDDQ/2
* Distributed Test Jig Capacitance
30pF*
Notes: 1. Include scope and jig capacitance. 2. Test conditions as shown unless otherwise noted.
Rev: 1.03 11/2004
25/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
JTAG Port Timing Diagram
tTKC TCK tTH tTS TDI tTH tTS TMS tTKQ TDO tTH tTS Parallel SRAM input
tTKH
tTKL
JTAG Port AC Electrical Characteristics
Parameter TCK Cycle Time TCK Low to TDO Valid TCK High Pulse Width TCK Low Pulse Width TDI & TMS Set Up Time TDI & TMS Hold Time Symbol tTKC tTKQ tTKH tTKL tTS tTH Min 50 -- 20 20 10 10 Max -- 20 -- -- -- -- Unit ns ns ns ns ns ns
Rev: 1.03 11/2004
26/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Output Driver Characteristics
TBD
Rev: 1.03 11/2004
27/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Package Dimensions--119-Bump FPBGA (Package B, Variation 1)
Pin #1 Corner
BOTTOM VIEW A1 O0.10S C O0.30S C AS B S O0.60~0.90 (119x)
1 2 3 45 6 7
A B C D E F G H J K L M N P R T U
O1.00(3x) REF
7 6 5 43 2 1
A B C D E F G H J K L M N P R T U
220.20
19.50
0.70 REF
12.00
B 1.27 7.62 A 0.20(4x) 140.20
0.900.10 0.15 C
0.560.05
0.50~0.70 2.06.0.13
C
SEATING PLANE
0.15 C
20.32
1.27
BPR 1999.05.18
Rev: 1.03 11/2004
28/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
Ordering Information--GSI NBT Synchronous SRAMs Org
256K x 18 256K x 18 256K x 18 256K x 18 128K x 36 128K x 36 128K x 36 128K x 36 256K x 18 256K x 18 256K x 18 256K x 18 128K x 36 128K x 36 128K x 36
Part Number1
GS842Z18AB-180 GS842Z18AB-166 GS842Z18AB-150 GS842Z18AB-100 GS842Z36AB-180 GS842Z36AB-166 GS842Z36AB-150 GS842Z36AB-100 GS842Z18AB-180I GS842Z18AB-166I GS842Z18AB-150I GS842Z18AB-100I GS842Z36AB-180I GS842Z36AB-166I GS842Z36AB-150I
Type
NBT Pipeline/Flow Through NBT Pipeline/Flow Through NBT Pipeline/Flow Through NBT Pipeline/Flow Through NBT Pipeline/Flow Through NBT Pipeline/Flow Through NBT Pipeline/Flow Through NBT Pipeline/Flow Through NBT Pipeline/Flow Through NBT Pipeline/Flow Through NBT Pipeline/Flow Through NBT Pipeline/Flow Through NBT Pipeline/Flow Through NBT Pipeline/Flow Through NBT Pipeline/Flow Through
Package
BGA (var. 1) BGA (var. 1) BGA (var. 1) BGA (var. 1) BGA (var. 1) BGA (var. 1) BGA (var. 1) BGA (var. 1) BGA (var. 1) BGA (var. 1) BGA (var. 1) BGA (var. 1) BGA (var. 1) BGA (var. 1) BGA (var. 1)
Speed2 (MHz/ns)
180/8 166/8.5 150/10 100/12 180/8 166/8.5 150/10 100/12 180/8 166/8.5 150/10 100/12 180/8 166/8.5 150/10
TA3
C C C C C C C C I I I I I I I
Status
128K x 36 GS842Z36AB-100I NBT Pipeline/Flow Through BGA (var. 1) 100/12 I Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS842Z36AB-100IT. 2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each device is Pipeline/Flow Through mode-selectable by the user. 3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings
Rev: 1.03 11/2004
29/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS842Z18/36AB-180/166/150/100
4Mb Synchronous NBT Datasheet Revision History DS/DateRev. Code: Old;
New 842Z18A_r1
Types of Changes Page /Revisions/Reason Format or Content
* Creation of new datasheet * Updated power numbers in table on page 1 and Operating Currents table * Updated pinout for x18 * Updated Pin Description table * Removed ByteSafe references * Changed DP and QE to NC * Delete PE from entire document (changed to NC) * Removed 200 MHz speed bin * Removed pin locations from pin description table * Updated format * Updated timing diagrams * Added variation information to package mechanical
842Z18A_r1; 842Z18A_r1_01
Content
842Z18A_r1_01; 842Z18A_r1_02 842Z18A_r1_02; 842Z18A_r1_03
Content Format/Content
Rev: 1.03 11/2004
30/30
(c) 2001, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.


▲Up To Search▲   

 
Price & Availability of GS842Z18AB-166

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X