Part Number Hot Search : 
MMSTA55 NPN222 6707QT SE9303 NM800 MBA0204 E5166A C783CD
Product Description
Full Text Search
 

To Download GS8342D08E-250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary GS8342D08/09/18/36E-333/300/250/200/167
165-Bump BGA Commercial Temp Industrial Temp Features
* Simultaneous Read and Write SigmaQuadTM Interface * JEDEC-standard pinout and package * Dual Double Data Rate interface * Byte Write controls sampled at data-in time * Burst of 4 Read and Write * 1.8 V +100/-100 mV core power supply * 1.5 V or 1.8 V HSTL Interface * Pipelined read operation * Fully coherent read and write pipelines * ZQ pin for programmable output drive strength * IEEE 1149.1 JTAG-compliant Boundary Scan * 165-bump, 15 mm x 17 mm, 1 mm bump pitch BGA package * RoHS-compliant 165-bump BGA package available * Pin-compatible with present 9Mb and 18Mb and future 72Mb and 144Mb devices
36Mb SigmaQuad-II Burst of 4 SRAM
167 MHz-333 MHz 1.8 V VDD 1.8 V and 1.5 V I/O
Bottom View
165-Bump, 15 mm x 17 mm BGA 1 mm Bump Pitch, 11 x 15 Bump Array C clock inputs. C and C are also independent single-ended clock inputs, not differential inputs. If the C clocks are tied high, the K clocks are routed internally to fire the output registers instead. Because Separate I/O SigmaQuad-II B4 RAMs always transfer data in four packets, A0 and A1 are internally set to 0 for the first read or write transfer, and automatically incremented by 1 for the next transfers. Because the LSBs are tied off internally, the address field of a SigmaQuad-II B4 RAM is always two address pins less than the advertised index depth (e.g., the 2M x 18 has a 512K addressable index).
SigmaQuadTM Family Overview
The GS8342D08/09/18/36E are built in compliance with the SigmaQuad-II SRAM pinout standard for Separate I/O synchronous SRAMs. They are 37,748,736-bit (36Mb) SRAMs. The GS8342D08/18/36E SigmaQuad SRAMs are just one element in a family of low power, low voltage HSTL I/O SRAMs designed to operate at the speeds needed to implement economical high performance networking systems.
Clocking and Addressing Schemes
The GS8342D08/09/18/36E SigmaQuad-II SRAMs are synchronous devices. They employ two input register clock inputs, K and K. K and K are independent single-ended clock inputs, not differential inputs to a single differential clock input buffer. The device also allows the user to manipulate the output register clock inputs quasi independently with the C and
Parameter Synopsis
- 333 tKHKH tKHQV 3.0 ns 0.45 ns -300 3.3 ns 0.45 ns -250 4.0 ns 0.45 ns -200 5.0 ns 0.45 ns -167 6.0 ns 0.50 ns
Rev: 1.02 8/2005
1/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
1M x 36 SigmaQuad-II SRAM--Top View
1 A B C D E F G H J K L M N P R CQ Q27 D27 D28 Q29 Q30 D30 Doff D31 Q32 Q33 D33 D34 Q35 TDO 2 MCL/SA (256Mb) Q18 Q28 D20 D29 Q21 D22 VREF Q31 D32 Q24 Q34 D26 D35 TCK 3 NC/SA (72Mb) D18 D19 Q19 Q20 D21 Q22 VDDQ D23 Q23 D24 D25 Q25 Q26 SA 4 W SA VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS SA SA 5 BW2 BW3 SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 6 K K NC VSS VSS VSS VSS VSS VSS VSS VSS VSS SA C C 7 BW1 BW0 SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 8 R SA VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS SA SA 9 SA D17 D16 Q16 Q15 D14 Q13 VDDQ D12 Q12 D11 D10 Q10 Q9 SA 10 MCL/SA (144Mb) Q17 Q7 D15 D6 Q14 D13 VREF Q4 D3 Q11 Q1 D9 D0 TMS 11 CQ Q8 D8 D7 Q6 Q5 D5 ZQ D4 Q3 Q2 D2 D1 Q0 TDI
11 x 15 Bump BGA--13 x 15 mm2 Body--1 mm Bump Pitch Notes: 1. BW0 controls writes to D0:D8; BW1 controls writes to D9:D17; BW2 controls writes to D18:D26; BW3 controls writes to D27:D35 2. MCL = Must Connect Low
Rev: 1.02 8/2005
2/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
2M x 18 SigmaQuad-II SRAM--Top View
1 A B C D E F G H J K L M N P R CQ NC NC NC NC NC NC Doff NC NC NC NC NC NC TDO 2 MCL/SA (144Mb) Q9 NC D11 NC Q12 D13 VREF NC NC Q15 NC D17 NC TCK 3 SA D9 D10 Q10 Q11 D12 Q13 VDDQ D14 Q14 D15 D16 Q16 Q17 SA 4 W SA VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS SA SA 5 BW1 NC SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 6 K K NC VSS VSS VSS VSS VSS VSS VSS VSS VSS SA C C 7 NC BW0 SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 8 R SA VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS SA SA 9 SA NC NC NC NC NC NC VDDQ NC NC NC NC NC NC SA 10 MCL/SA (72Mb) NC Q7 NC D6 NC NC VREF Q4 D3 NC Q1 NC D0 TMS 11 CQ Q8 D8 D7 Q6 Q5 D5 ZQ D4 Q3 Q2 D2 D1 Q0 TDI
11 x 15 Bump BGA--15 x 17 mm2 Body--1 mm Bump Pitch Notes: 1. BW0 controls writes to D0:D8. BW1 controls writes to D9:D17. 2. MCL = Must Connect Low
Rev: 1.02 8/2005
3/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
4M x 9 SigmaQuad-II SRAM--Top View
1 A B C D E F G H J K L M N P R CQ NC NC NC NC NC NC Doff NC NC NC NC NC NC TDO 2 MCL/SA (72Mb) NC NC D5 NC NC D6 VREF NC NC Q7 NC D8 NC TCK 3 SA NC NC NC Q5 NC Q6 VDDQ NC NC D7 NC NC Q8 SA 4 W SA VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS SA SA 5 NC NC SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 6 K K NC VSS VSS VSS VSS VSS VSS VSS VSS VSS SA C C 7 NC BW0 SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 8 R SA VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS SA SA 9 SA NC NC NC NC NC NC VDDQ NC NC NC NC NC NC SA 10 SA NC NC NC D3 NC NC VREF Q2 NC NC NC NC D0 TMS 11 CQ Q4 D4 NC Q3 NC NC ZQ D2 NC Q1 D1 NC Q0 TDI
11 x 15 Bump BGA--13 x 15 mm2 Body--1 mm Bump Pitch Notes: 1. BW0 controls writes to D0:D8. 2. MCL = Must Connect Low
Rev: 1.02 8/2005
4/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
4M x 8 SigmaQuad-II SRAM--Top View
1 A B C D E F G H J K L M N P R CQ NC NC NC NC NC NC Doff NC NC NC NC NC NC TDO 2 MCL/SA (72Mb) NC NC D4 NC NC D5 VREF NC NC Q6 NC D7 NC TCK 3 SA NC NC NC Q4 NC Q5 VDDQ NC NC D6 NC NC Q7 SA 4 W SA VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS SA SA 5 NW1 NC SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 6 K K NC VSS VSS VSS VSS VSS VSS VSS VSS VSS SA C C 7 NC NW0 SA VSS VSS VDD VDD VDD VDD VDD VSS VSS SA SA SA 8 R SA VSS VSS VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VDDQ VSS VSS SA SA 9 SA NC NC NC NC NC NC VDDQ NC NC NC NC NC NC SA 10 SA NC NC NC D2 NC NC VREF Q1 NC NC NC NC NC TMS 11 CQ Q3 D3 NC Q2 NC NC ZQ D1 NC Q0 D0 NC NC TDI
11 x 15 Bump BGA--13 x 15 mm2 Body--1 mm Bump Pitch Notes: 1. NW0 controls writes to D0:D3. NW1 controls writes to D4:D7. 2. MCL = Must Connect Low
Rev: 1.02 8/2005
5/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Pin Description Table Symbol
SA NC R W BW0-BW3 NW0-NW1 K K C C TMS TDI TCK TDO VREF ZQ Qn Dn Doff CQ CQ VDD VDDQ VSS Note: NC = Not Connected to die or any other pin
Description
Synchronous Address Inputs No Connect Synchronous Read Synchronous Write Synchronous Byte Writes Nybble Write Control Pin Input Clock Input Clock Output Clock Output Clock Test Mode Select Test Data Input Test Clock Input Test Data Output HSTL Input Reference Voltage Output Impedance Matching Input Synchronous Data Outputs Synchronous Data Inputs Disable DLL when low Output Echo Clock Output Echo Clock Power Supply Isolated Output Buffer Supply Power Supply: Ground
Type
Input -- Input Input Input Input Input Input Input Input Input Input Input Output Input Input Output Input Input Output Output Supply Supply Supply
Comments
-- -- Active High Active Low Active Low x9/x18/x36 only Active Low x8 only Active High Active Low Active High Active Low -- -- -- -- -- --
Active Low -- -- 1.8 V Nominal 1.5 or 1.8 V Nominal --
Rev: 1.02 8/2005
6/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Background
Separate I/O SRAMs, from a system architecture point of view, are attractive in applications where alternating reads and writes are needed. Therefore, the SigmaQuad-II SRAM interface and truth table are optimized for alternating reads and writes. Separate I/O SRAMs are unpopular in applications where multiple reads or multiple writes are needed because burst read or write transfers from Separate I/O SRAMs can cut the RAM's bandwidth in half.
Alternating Read-Write Operations
SigmaQuad-II SRAMs follow a few simple rules of operation. - Read or Write commands issued on one port are never allowed to interrupt an operation in progress on the other port. - Read or Write data transfers in progress may not be interrupted and re-started. - R and W high always deselects the RAM. - All address, data, and control inputs are sampled on clock edges. In order to enforce these rules, each RAM combines present state information with command inputs. See the Truth Table for details. SigmaQuad-II B4 SRAM DDR Read The status of the Address Input, W, and R pins are sampled by the rising edges of K. W and R high causes chip disable. A low on the Read Enable-bar pin, R, begins a read cycle. R is always ignored if the previous command loaded was a read command. Data can be clocked out after the next rising edge of K with a rising edge of C (or by K if C and C are tied high), after the following rising edge of K with a rising edge of C (or by K if C and C are tied high), after the next rising edge of K with a rising edge of C, and after the following rising edge of K with a rising edge of C. Clocking in a high on the Read Enable-bar pin, R, begins a read port deselect cycle.
SigmaQuad-II B4 Double Data Rate SRAM Read First
Read A NOP Read B Write C Read D Write E NOP
K K Address R W BWx D C C Q CQ CQ A A+1 A+2 A+3 B B+1 B+2 B+3 D D+1 D+2 C C C+1 C+1 C+2 C+2 C+3 C+3 E E E+1 E+1 A B C D E
Rev: 1.02 8/2005
7/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
SigmaQuad-II B4 SRAM DDR Write The status of the Address Input, W, and R pins are sampled by the rising edges of K. W and R high causes chip disable. A low on the Write Enable-bar pin, W, and a high on the Read Enable-bar pin, R, begins a write cycle. W is always ignored if the previous command was a write command. Data is clocked in by the next rising edge of K, the rising edge of K after that, the next rising edge of K, and finally by the next rising edge of K. and by the rising edge of the K that follows.
SigmaQuad-II B4 Double Data Rate SRAM Write First
Write A NOP Read B Write C Read D Write E NOP
K K Address R W BWx D C C Q CQ CQ B B+1 B+2 B+3 D D+1 D+2 A A A+1 A+1 A+2 A+2 A+3 A+3 C C C+1 C+1 C+2 C+2 C+3 C+3 E E E+1 E+1 E+ E+ A B C D E
Special Functions
Byte Write and Nybble Write Control Byte Write Enable pins are sampled at the same time that Data In is sampled. A high on the Byte Write Enable pin associated with a particular byte (e.g., BW0 controls D0-D8 inputs) will inhibit the storage of that particular byte, leaving whatever data may be stored at the current address at that byte location undisturbed. Any or all of the Byte Write Enable pins may be driven high or low during the data in sample times in a write sequence. Each write enable command and write address loaded into the RAM provides the base address for a 4 beat data transfer. The x18 version of the RAM, for example, may write 72 bits in association with each address loaded. Any 9-bit byte may be masked in any write sequence. Nybble Write (4-bit) control is implemented on the 8-bit-wide version of the device. For the x8 version of the device, "Nybble Write Enable" and "NBx" may be substituted in all the discussion above.
Rev: 1.02 8/2005
8/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Example x18 RAM Write Sequence using Byte Write Enables Data In Sample Time
Beat 1 Beat 2 Beat 3 Beat 4
BW0
0 1 0 1
BW1
1 0 0 0
D0-D8
Data In Don't Care Data In Don't Care
D9-D17
Don't Care Data In Data In Data In
Resulting Write Operation Byte 1 D0-D8
Written Beat 1
Byte 2 D9-D17
Unchanged
Byte 1 D0-D8
Unchanged Beat 2
Byte 2 D9-D17
Written
Byte 1 D0-D8
Written Beat 3
Byte 2 D9-D17
Written
Byte 1 D0-D8
Unchanged Beat 4
Byte 2 D9-D17
Written
Output Register Control SigmaQuad-II SRAMs offer two mechanisms for controlling the output data registers. Typically, control is handled by the Output Register Clock inputs, C and C. The Output Register Clock inputs can be used to make small phase adjustments in the firing of the output registers by allowing the user to delay driving data out as much as a few nanoseconds beyond the next rising edges of the K and K clocks. If the C and C clock inputs are tied high, the RAM reverts to K and K control of the outputs, allowing the RAM to function as a conventional pipelined read SRAM.
Rev: 1.02 8/2005
9/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Example Four Bank Depth Expansion Schematic
R3 W3 R2 W2 R1 W1 R0 W0 A0-An K D1-Dn Bank 0 A W R K D C C Q1-Qn CQ0 CQ1 CQ2 CQ3 CQ Q Bank 1 A W R K D C CQ Q Bank 2 A W R K D C CQ Q Bank 3 A W R K D C CQ Q
Note: For simplicity BWn, NWn, K, and C are not shown.
Rev: 1.02 8/2005
10/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
2x2B4 SigmaQuad-II SRAM Depth Expansion
Read A Write B Read C Write D Read E Write F NOP
Rev: 1.02 8/2005
A B C D E F D D B B B+1 B+2 B+3 B+1 B+2 B+3 D+1 D+2 D+1 D+2 D+3 D+3 F F F+1 F+1 F F A A+1 A+2 A+3 E E+1 E+2 C C+1 C+2 C+3
K
K
Address
R(1)
R(2)
W(1)
W(2)
BWx(1)
D(1)
11/37
BWx(2)
D(2)
C[1]
C[1]
Q(1)
CQ(1)
CQ[1]
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
C[2]
C[2]
Q(2)
CQ[2]
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
(c) 2003, GSI Technology
CQ[2]
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
FLXDrive-II Output Driver Impedance Control HSTL I/O SigmaQuad-II SRAMs are supplied with programmable impedance output drivers. The ZQ pin must be connected to VSS via an external resistor, RQ, to allow the SRAM to monitor and adjust its output driver impedance. The value of RQ must be 5X the value of the desired RAM output impedance. The allowable range of RQ to guarantee impedance matching continuously is between 150 and 300. Periodic readjustment of the output driver impedance is necessary as the impedance is affected by drifts in supply voltage and temperature. The SRAM's output impedance circuitry compensates for drifts in supply voltage and temperature. A clock cycle counter periodically triggers an impedance evaluation, resets and counts again. Each impedance evaluation may move the output driver impedance level one step at a time towards the optimum level. The output driver is implemented with discrete binary weighted impedance steps. Updates of pull-down drive impedance occur whenever a driver is producing a "1" or is High-Z. Pull-up drive impedance is updated when a driver is producing a "0" or is High-Z.
Separate I/O SigmaQuad-II B4 SRAM Truth Table Previous Operation
K (tn-1)
A
K (tn)
R
K (tn)
W
K (tn)
Current Operation
K (tn)
D
K (tn+1)
D
K (tn+11/2)
D
K (tn+2)
D
K (tn+21/2)
Q
K (tn+1)
Q
K (tn+11/2)
Q
K (tn+2)
Q
K (tn+21/2)
Deselect Write Read Deselect Deselect Read Write
X X X V V V V
1 1 X 1 0 X 0
1 X 1 0 X 0 X
Deselect Deselect Deselect Write Read Write Read
X D2 X D0 X D0 D2
X D3 X D1 X D1 D3
-- -- -- D2 -- D2 --
-- -- -- D3 -- D3 --
Hi-Z Hi-Z Q2 Hi-Z Q0 Q2 Q0
Hi-Z Hi-Z Q3 Hi-Z Q1 Q3 Q1
-- -- -- -- Q2 -- Q2
-- -- -- -- Q3 -- Q3
Notes: 1. "1" = input "high"; "0" = input "low"; "V" = input "valid"; "X" = input "don't care" 2. "--" indicates that the input requirement or output state is determined by the next operation. 3. Q0, Q1, Q2, and Q3 indicate the first, second, third, and fourth pieces of output data transferred during Read operations. 4. D0, D1, D2, and D3 indicate the first, second, third, and fourth pieces of input data transferred during Write operations. 5. Qs are tristated for one cycle in response to Deselect and Write commands, one cycle after the command is sampled, except when preceded by a Read command. 6. Users should not clock in metastable addresses.
Rev: 1.02 8/2005
12/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Byte Write Clock Truth Table BW
K (tn+1)
BW
K (tn+11/2)
BW
K (tn+2)
BW
K (tn+21/2)
Current Operation
K (tn)
D
K (tn+1)
D
K (tn+11/2)
D
K (tn+2)
D
K (tn+21/2)
T T F F F F
T F T F F F
T F F T F F
T F F F T F
Write Dx stored if BWn = 0 in all four data transfers Write Dx stored if BWn = 0 in 1st data transfer only Write Dx stored if BWn = 0 in 2nd data transfer only Write Dx stored if BWn = 0 in 3rd data transfer only Write Dx stored if BWn = 0 in 4th data transfer only Write Abort No Dx stored in any of the four data transfers
D0 D0 X X X X
D2 X D1 X X X
D3 X X D2 X X
D4 X X X D3 X
Notes: 1. "1" = input "high"; "0" = input "low"; "X" = input "don't care"; "T" = input "true"; "F" = input "false". 2. If one or more BWn = 0, then BW = "T", else BW = "F".
Rev: 1.02 8/2005
13/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
x36 Byte Write Enable (BWn) Truth Table BW0
1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0
BW1 BW2 BW3
1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0
D0-D8
Don't Care Data In Don't Care Data In Don't Care Data In Don't Care Data In Don't Care Data In Don't Care Data In Don't Care Data In Don't Care Data In
D9-D17
Don't Care Don't Care Data In Data In Don't Care Don't Care Data In Data In Don't Care Don't Care Data In Data In Don't Care Don't Care Data In Data In
D18-D26
Don't Care Don't Care Don't Care Don't Care Data In Data In Data In Data In Don't Care Don't Care Don't Care Don't Care Data In Data In Data In Data In
D27-D35
Don't Care Don't Care Don't Care Don't Care Don't Care Don't Care Don't Care Don't Care Data In Data In Data In Data In Data In Data In Data In Data In
Rev: 1.02 8/2005
14/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
x18 Byte Write Enable (BWn) Truth Table BW0 BW1
1 0 1 0 1 1 0 0
D0-D8
Don't Care Data In Don't Care Data In
D9-D17
Don't Care Don't Care Data In Data In
x09 Byte Write Enable (BWn) Truth Table BW0
1 0 1 0
D0-D8
Don't Care Data In Don't Care Data In
Nybble Write Clock Truth Table NW
K (tn+1)
NW
K (tn+11/2)
NW
K (tn+2)
NW
K (tn+21/2)
Current Operation
K (tn)
D
K (tn+1)
D
K (tn+11/2)
D
K (tn+2)
D
K (tn+21/2)
T T F F F F
T F T F F F
T F F T F F
T F F F T F
Write Dx stored if NWn = 0 in all four data transfers Write Dx stored if NWn = 0 in 1st data transfer only Write Dx stored if NWn = 0 in 2nd data transfer only Write Dx stored if NWn = 0 in 3rd data transfer only Write Dx stored if NWn = 0 in 4th data transfer only Write Abort No Dx stored in any of the four data transfers
D0 D0 X X X X
D2 X D1 X X X
D3 X X D2 X X
D4 X X X D3 X
Notes: 1. "1" = input "high"; "0" = input "low"; "X" = input "don't care"; "T" = input "true"; "F" = input "false". 2. If one or more NWn = 0, then NW = "T", else NW = "F".
Rev: 1.02 8/2005
15/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
x8 Nybble Write Enable (NWn) Truth Table NW0 NW1
1 0 1 0 1 1 0 0
D0-D3
Don't Care Data In Don't Care Data In
D4-D7
Don't Care Don't Care Data In Data In
Rev: 1.02 8/2005
16/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
State Diagram
Power-Up
Read NOP
READ
WRITE
Write NOP
READ
WRITE
READ D Count = 2
Load New Read Address D Count = 0 Always READ D Count = 2
Load New Write Address D Count = 0 WRITE D Count = 2 Always
WRITE D Count = 2
DDR Read D Count = D Count + 1 READ D Count = 1
DDR Write D Count = D Count + 1 WRITE D Count = 1
Always
Always
Increment Read Address
Increment Write Address
Notes: 1. Internal burst counter is fixed as 2-bit linear (i.e., when first address is A0+0, next internal burst address is A0+1. 2. "READ" refers to read active status with R = Low, "READ" refers to read inactive status with R = High. The same is true for "WRITE" and "WRITE". 3. Read and write state machine can be active simultaneously. 4. State machine control timing sequence is controlled by K.
Rev: 1.02 8/2005
17/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Absolute Maximum Ratings
(All voltages reference to VSS)
Symbol
VDD VDDQ VREF VI/O VIN IIN IOUT TJ TSTG
Description
Voltage on VDD Pins Voltage in VDDQ Pins Voltage in VREF Pins Voltage on I/O Pins Voltage on Other Input Pins Input Current on Any Pin Output Current on Any I/O Pin Maximum Junction Temperature Storage Temperature
Value
-0.5 to 2.9 -0.5 to VDD -0.5 to VDDQ -0.5 to VDDQ +0.5 ( 2.9 V max.) -0.5 to VDDQ +0.5 ( 2.9 V max.) +/-100 +/-100 125 -55 to 125
Unit
V V V V V mA dc mA dc
o
C
oC
Note: Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended Operating Conditions. Exposure to conditions exceeding the Recommended Operating Conditions, for an extended period of time, may affect reliability of this component.
Recommended Operating Conditions Power Supplies Parameter
Supply Voltage I/O Supply Voltage Reference Voltage
Symbol
VDD VDDQ VREF
Min.
1.7 1.4 0.68
Typ.
1.8 1.5 --
Max.
1.95 VDD 0.95
Unit
V V V
Notes: 1. The power supplies need to be powered up simultaneously or in the following sequence: VDD, VDDQ, VREF, followed by signal inputs. The power down sequence must be the reverse. VDDQ must not exceed VDD. 2. Most speed grades and configurations of this device are offered in both Commercial and Industrial Temperature ranges. The part number of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device.
Operating Temperature Parameter
Ambient Temperature (Commercial Range Versions) Ambient Temperature (Industrial Range Versions)
Symbol
TA TA
Min.
0 -40
Typ.
25 25
Max.
70 85
Unit
C C
Rev: 1.02 8/2005
18/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
HSTL I/O DC Input Characteristics Parameter
DC Input Logic High DC Input Logic Low
Symbol
VIH (dc) VIL (dc)
Min
VREF + 0.1 -0.3
Max
VDD + 0.3 VREF - 0.1
Units
V V
Notes
1 1
Notes: 1. Compatible with both 1.8 V and 1.5 V I/O drivers 2. These are DC test criteria. DC design criteria is VREF 50 mV. The AC VIH/VIL levels are defined separately for measuring timing parameters. 3. VIL (Min)DC = -0.3 V, VIL(Min)AC = -1.5 V (pulse width 3 ns). 4. VIH (Max)DC = VDDQ + 0.3 V, VIH(Max)AC = VDDQ + 0.85 V (pulse width 3 ns).
HSTL I/O AC Input Characteristics Parameter
AC Input Logic High AC Input Logic Low VREF Peak to Peak AC Voltage
Symbol
VIH (ac) VIL (ac) VREF (ac)
Min
VREF + 200 -- --
Max
-- VREF - 200 5% VREF (DC)
Units
mV mV mV
Notes
3,4 3,4 1
Notes: 1. The peak to peak AC component superimposed on VREF may not exceed 5% of the DC component of VREF. 2. To guarantee AC characteristics, VIH,VIL, Trise, and Tfall of inputs and clocks must be within 10% of each other. 3. For devices supplied with HSTL I/O input buffers. Compatible with both 1.8 V and 1.5 V I/O drivers.
Undershoot Measurement and Timing
VIH
Overshoot Measurement and Timing
20% tKHKH VDD + 1.0 V
VSS 50% VSS - 1.0 V 20% tKHKH
50% VDD
VIL
Rev: 1.02 8/2005
19/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Capacitance
(TA = 25oC, f = 1 MHZ, VDD = 1.8 V)
Parameter
Input Capacitance Output Capacitance Clock Capacitance Note: This parameter is sample tested.
Symbol
CIN COUT CCLK
Test conditions
VIN = 0 V VOUT = 0 V VIN = 0 V
Typ.
4 6 5
Max.
5 7 6
Unit
pF pF pF
AC Test Conditions Parameter
Input high level Input low level Max. input slew rate Input reference level Output reference level Note: Test conditions as specified with output loading as shown unless otherwise noted.
Conditions
1.25 V 0.25 V 2 V/ns 0.75 V VDDQ/2
AC Test Load Diagram
DQ 50 VT = VDDQ/2 RQ = 250 (HSTL I/O) VREF = 0.75 V
Input and Output Leakage Characteristics Parameter
Input Leakage Current (except mode pins) Doff Output Leakage Current
Symbol
IIL IINDOFF IOL
Test Conditions
VIN = 0 to VDD VDD VIN VIL 0 V VIN VIL Output Disable, VOUT = 0 to VDDQ
Min.
-2 uA -2 uA -2 uA -2 uA
Max
2 uA 2 uA 2 uA 2 uA
Notes
Rev: 1.02 8/2005
20/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Programmable Impedance HSTL Output Driver DC Electrical Characteristics Parameter
Output High Voltage Output Low Voltage Output High Voltage Output Low Voltage
Symbol
VOH1 VOL1 VOH2 VOL2
Min.
VDDQ/2 - 0.12 VDDQ/2 - 0.12 VDDQ - 0.2 Vss
Max.
VDDQ/2 + 0.12 VDDQ/2 + 0.12 VDDQ 0.2
Units
V V V V
Notes
1, 3 2, 3 4, 5 4, 6
Notes: 1. IOH = (VDDQ/2) / (RQ/5) +/- 15% @ VOH = VDDQ/2 (for: 175 RQ 350). 2. IOL = (VDDQ/2) / (RQ/5) +/- 15% @ VOL = VDDQ/2 (for: 175 RQ 350). 3. Parameter tested with RQ = 250 and VDDQ = 1.5 V or 1.8 V 4. Minimum Impedance mode, ZQ = VSS 5. IOH = -1.0 mA 6. IOL = 1.0 mA
Operating Currents
-333 Parameter Symbol Test Conditions
0 to 70C 960 mA 900 mA 900 mA 900 mA
350 mA
-300
0 to 70C
900 mA 840 mA 840 mA 840 mA 330 mA
-250
0 to 70C
800 mA 740 mA 740 mA 740 mA 300 mA
-200
0 to 70C
670 mA 620 mA 620 mA 620 mA 280 mA
-167
0 to 70C
590 mA 550 mA 550 mA 550 mA 260 mA
-40 to 85C 980 mA 920 mA 920 mA 920 mA
360 mA
-40 to 85C
920 mA 860 mA 860 mA 860 mA 340 mA
-40 to 85C
820 mA 760 mA 760 mA 760 mA 310 mA
-40 to 85C
690 mA 640 mA 640 mA 640 mA 290 mA
-40 to 85C
610 mA 570 mA 570 mA 570 mA 270 mA
Notes
Operating Current (x36): DDR Operating Current (x18): DDR Operating Current (x9): DDR Operating Current (x8): DDR
IDD IDD IDD IDD
VDD = Max, IOUT = 0 mA Cycle Time tKHKH Min VDD = Max, IOUT = 0 mA Cycle Time tKHKH Min VDD = Max, IOUT = 0 mA Cycle Time tKHKH Min VDD = Max, IOUT = 0 mA Cycle Time tKHKH Min Device deselected, IOUT = 0 mA, f = Max, All Inputs 0.2 V or VDD - 0.2 V
2, 3 2, 3 2, 3 2, 3
Standby Current (NOP): DDR
ISB1
2, 4
Notes:
1. 2. 3. 4. Power measured with output pins floating. Minimum cycle, IOUT = 0 mA Operating current is calculated with 50% read cycles and 50% write cycles. Standby Current is only after all pending read and write burst operations are completed.
Rev: 1.02 8/2005
21/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
AC Electrical Characteristics
Parameter Clock
K, K Clock Cycle Time C, C Clock Cycle Time tKC Variable K, K Clock High Pulse Width C, C Clock High Pulse Width K, K Clock Low Pulse Width C, C Clock Low Pulse Width K to K High C to C High K, K Clock High to C, C Clock High DLL Lock Time K Static to DLL reset tKHKH tCHCH tKCVar tKHKL tCHCL tKLKH tCLCH tKHKH tKHCH tKCLock tKCReset tKHQV tCHQV tKHQX tCHQX tKHCQV tCHCQV tKHCQX tCHCQX tCQHQV tCQHQX tKHQZ tCHQZ tKHQX1 tCHQX1 tAVKH tIVKH tDVKH 3.0 -- 1.2 1.2 1.35 0 1024 30 3.5 0.2 -- -- -- 1.30 -- -- 3.3 -- 1.32 1.32 1.49 0 1024 30 4.2 0.2 -- -- -- 1.45 -- -- 4.0 -- 1.6 1.6 1.8 0 1024 30 6.3 0.2 -- -- -- 1.8 -- -- 5.0 -- 2.0 2.0 2.2 0 1024 30 7.88 0.2 -- -- -- 2.3 -- -- 6.0 -- 2.4 2.4 2.7 0 1024 30 8.4 0.2 -- -- -- 2.8 -- -- ns ns ns ns ns ns cycle ns 6 5
Symbol
-333 Min Max Min
-300 Max
-250 Min Max
-200 Min Max Min
-167 Max
Units
Notes
Output Times
K, K Clock High to Data Output Valid C, C Clock High to Data Output Valid K, K Clock High to Data Output Hold C, C Clock High to Data Output Hold K, K Clock High to Echo Clock Valid C, C Clock High to Echo Clock Valid K, K Clock High to Echo Clock Hold C, C Clock High to Echo Clock Hold CQ, CQ High Output Valid CQ, CQ High Output Hold K Clock High to Data Output High-Z C Clock High to Data Output High-Z K Clock High to Data Output Low-Z C Clock High to Data Output Low-Z -- -0.45 -- -0.45 -- -0.25 -- -0.45 0.45 -- 0.45 -- 0.25 -- 0.45 -- -- -0.45 -- -0.45 -- -0.27 -- -0.45 0.45 -- 0.45 -- 0.27 -- 0.45 -- -- -0.45 -- -0.45 -- -0.30 -- -0.45 0.45 -- 0.45 -- 0.30 -- 0.45 -- -- -0.45 -- -0.45 -- -0.35 -- -0.45 0.45 -- 0.45 -- 0.35 -- 0.45 -- -- -0.5 -- -0.5 -- -0.40 -- -0.5 0.5 -- 0.5 -- 0.40 -- 0.5 -- ns ns ns ns ns ns ns ns 7 7 3 3 3 3
Setup Times
Address Input Setup Time Control Input Setup Time Data Input Setup Time 0.4 0.4 0.28 -- -- -- 0.4 0.4 0.3 -- -- -- 0.5 0.5 0.35 -- -- -- 0.6 0.6 0.4 -- -- -- 0.7 0.7 0.5 -- -- -- ns ns ns 2
Rev: 1.02 8/2005
22/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
AC Electrical Characteristics (Continued)
Parameter Hold Times
Address Input Hold Time Control Input Hold Time Data Input Hold Time tKHAX tKHIX tKHDX 0.4 0.4 0.28 -- -- -- 0.4 0.4 0.3 -- -- -- 0.5 0.5 0.35 -- -- -- 0.6 0.6 0.4 -- -- -- 0.7 0.7 0.5 -- -- -- ns ns ns
Symbol
-333 Min Max Min
-300 Max
-250 Min Max
-200 Min Max Min
-167 Max
Units
Notes
Notes:
1. 2. 3. 4. All Address inputs must meet the specified setup and hold times for all latching clock edges. Control singles are R, W, BW0, BW1, and (NW0, NW1 for x8) and (BW2, BW3 for x36). If C, C are tied high, K, K become the references for C, C timing parameters To avoid bus contention, at a given voltage and temperature tCHQX1 is bigger than tCHQZ. The specs as shown do not imply bus contention because tCHQX1 is a MIN parameter that is worst case at totally different test conditions (0C, 1.9 V) than tCHQZ, which is a MAX parameter (worst case at 70C, 1.7 V). It is not possible for two SRAMs on the same board to be at such different voltages and temperatures. Clock phase jitter is the variance from clock rising edge to the next expected clock rising edge. VDD slew rate must be less than 0.1 V DC per 50 ns for DLL lock retention. DLL lock time begins once VDD and input clock are stable. Echo clock is very tightly controlled to data valid/data hold. By design, there is a 0.1 ns variation from echo clock to data. The datasheet parameters reflect tester guard bands and test setup variations.
5. 6. 7.
Rev: 1.02 8/2005
23/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
K and K Controlled Read-Write-Read Timing Diagram
Read A KHKL KHKH KLKH Write B NOP Write C Read D Write E NOP
Rev: 1.02 8/2005
KHKHbar AVKH A KHIX IVKH B C D E KHIX IVKH KHIX IVKH B DVKH B KHQX1 KHQV A A+1 A+2 A+3 KHQX D D+1 D+2 B+1 B+2 B+3 C KHQZ KHDX C+1 C+2 C+3 E E+1 B+1 B+2 B+3 C C+1 C+2 C+3 E E+1 KHCQX KHCQV CQHQX KHCQX KHCQV CQHQV
K
K
Address
R
W
24/37
BWx
D
Q
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
CQ
CQ
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
(c) 2003, GSI Technology
C and C Controlled Read-Write-Read Timing Diagram
Read A KHKL KHKH KLKH NOP Read B Write C NOP Write D NOP
Rev: 1.02 8/2005
KHKHbar AVKH KHAX A IVKH KHIX B C D IVKH KHIX IVKH C KHDX C C+1 C+2 C+1 C+2 DVKH C+3 D D+1 D KHIX C+3 D D+1 D CHQV CHQX1 A CHCQV CHCQX CQHQX A+1 CHQX A+2 A+3 B B+1 B+2 B+3 CHQZ CHCQX CHCQX CQHQV
K
K
Address
R
W
25/37
BWx
D
C
C
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Q
CQ
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
CQ
(c) 2003, GSI Technology
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
JTAG Port Operation
Overview The JTAG Port on this RAM operates in a manner that is compliant with the current IEEE Standard, a serial boundary scan interface standard (commonly referred to as JTAG). The JTAG Port input interface levels scale with VDD. The JTAG output drivers are powered by VDD. Disabling the JTAG Port It is possible to use this device without utilizing the JTAG port. The port is reset at power-up and will remain inactive unless clocked. TCK, TDI, and TMS are designed with internal pull-up circuits.To assure normal operation of the RAM with the JTAG Port unused, TCK, TDI, and TMS may be left floating or tied to either VDD or VSS. TDO should be left unconnected.
JTAG Pin Descriptions Pin
TCK TMS
Pin Name
Test Clock Test Mode Select
I/O
In In
Description
Clocks all TAP events. All inputs are captured on the rising edge of TCK and all outputs propagate from the falling edge of TCK. The TMS input is sampled on the rising edge of TCK. This is the command input for the TAP controller state machine. An undriven TMS input will produce the same result as a logic one input level. The TDI input is sampled on the rising edge of TCK. This is the input side of the serial registers placed between TDI and TDO. The register placed between TDI and TDO is determined by the state of the TAP Controller state machine and the instruction that is currently loaded in the TAP Instruction Register (refer to the TAP Controller State Diagram). An undriven TDI pin will produce the same result as a logic one input level.
TDI
Test Data In
In
TDO
Test Data Out
Output that is active depending on the state of the TAP state machine. Output changes in Out response to the falling edge of TCK. This is the output side of the serial registers placed between TDI and TDO.
Note: This device does not have a TRST (TAP Reset) pin. TRST is optional in IEEE 1149.1. The Test-Logic-Reset state is entered while TMS is held high for five rising edges of TCK. The TAP Controller is also reset automatically at power-up. JTAG Port Registers Overview The various JTAG registers, referred to as Test Access Port or TAP Registers, are selected (one at a time) via the sequences of 1s and 0s applied to TMS as TCK is strobed. Each of the TAP Registers is a serial shift register that captures serial input data on the rising edge of TCK and pushes serial data out on the next falling edge of TCK. When a register is selected, it is placed between the TDI and TDO pins. Instruction Register The Instruction Register holds the instructions that are executed by the TAP controller when it is moved into the Run, Test/Idle, or the various data register states. Instructions are 3 bits long. The Instruction Register can be loaded when it is placed between the TDI and TDO pins. The Instruction Register is automatically preloaded with the IDCODE instruction at power-up or whenever the controller is placed in Test-Logic-Reset state. Bypass Register The Bypass Register is a single bit register that can be placed between TDI and TDO. It allows serial test data to be passed through the RAM's JTAG Port to another device in the scan chain with as little delay as possible.
Rev: 1.02 8/2005
26/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Boundary Scan Register The Boundary Scan Register is a collection of flip flops that can be preset by the logic level found on the RAM's input or I/O pins. The flip flops are then daisy chained together so the levels found can be shifted serially out of the JTAG Port's TDO pin. The Boundary Scan Register also includes a number of place holder flip flops (always set to a logic 1). The relationship between the device pins and the bits in the Boundary Scan Register is described in the Scan Order Table following. The Boundary Scan Register, under the control of the TAP Controller, is loaded with the contents of the RAMs I/O ring when the controller is in Capture-DR state and then is placed between the TDI and TDO pins when the controller is moved to Shift-DR state. SAMPLE-Z, SAMPLE/PRELOAD and EXTEST instructions can be used to activate the Boundary Scan Register.
JTAG TAP Block Diagram
* * *
108
*
*
*
*
*
*
* *
1
Boundary Scan Register
0
Bypass Register
210
0
Instruction Register TDI ID Code Register
31 30 29
TDO
*
***
210
Control Signals TMS TCK Test Access Port (TAP) Controller
Identification (ID) Register The ID Register is a 32-bit register that is loaded with a device and vendor specific 32-bit code when the controller is put in Capture-DR state with the IDCODE command loaded in the Instruction Register. The code is loaded from a 32-bit on-chip ROM. It describes various attributes of the RAM as indicated below. The register is then placed between the TDI and TDO pins when the controller is moved into Shift-DR state. Bit 0 in the register is the LSB and the first to reach TDO when shifting begins.
ID Register Contents
Bit # x36 x18 x8 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 X X X X X X X X X X X X 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 0 0 0 0 0 0 1 1 1 1 1 0 1 0 1 1 1 1 0 0 0 1 1 1 0 0 0 0 1 1 0 0 1 0 0 0 0 011011001 0 011011001 0 011011001 0 1 1 1
Rev: 1.02 8/2005
27/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Tap Controller Instruction Set
Overview There are two classes of instructions defined in the Standard 1149.1-1990; the standard (Public) instructions, and device specific (Private) instructions. Some Public instructions are mandatory for 1149.1 compliance. Optional Public instructions must be implemented in prescribed ways. The TAP on this device may be used to monitor all input and I/O pads, and can be used to load address, data or control signals into the RAM or to preload the I/O buffers. When the TAP controller is placed in Capture-IR state the two least significant bits of the instruction register are loaded with 01. When the controller is moved to the Shift-IR state the Instruction Register is placed between TDI and TDO. In this state the desired instruction is serially loaded through the TDI input (while the previous contents are shifted out at TDO). For all instructions, the TAP executes newly loaded instructions only when the controller is moved to Update-IR state. The TAP instruction set for this device is listed in the following table.
JTAG Tap Controller State Diagram
1
Test Logic Reset
0 1 1 1
0
Run Test Idle
Select DR
0 1
Select IR
0 1
Capture DR
0
Capture IR
0
Shift DR
1 1
0 1
Shift IR
1
0
Exit1 DR
0
Exit1 IR
0
Pause DR
1
0
Pause IR
1
0
Exit2 DR
1
0
Exit2 IR
1
0
Update DR
1 0 1
Update IR
0
Instruction Descriptions BYPASS When the BYPASS instruction is loaded in the Instruction Register the Bypass Register is placed between TDI and TDO. This occurs when the TAP controller is moved to the Shift-DR state. This allows the board level scan path to be shortened to facilitate testing of other devices in the scan path.
Rev: 1.02 8/2005
28/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
SAMPLE/PRELOAD SAMPLE/PRELOAD is a Standard 1149.1 mandatory public instruction. When the SAMPLE / PRELOAD instruction is loaded in the Instruction Register, moving the TAP controller into the Capture-DR state loads the data in the RAMs input and I/O buffers into the Boundary Scan Register. Boundary Scan Register locations are not associated with an input or I/O pin, and are loaded with the default state identified in the Boundary Scan Chain table at the end of this section of the datasheet. Because the RAM clock is independent from the TAP Clock (TCK) it is possible for the TAP to attempt to capture the I/O ring contents while the input buffers are in transition (i.e. in a metastable state). Although allowing the TAP to sample metastable inputs will not harm the device, repeatable results cannot be expected. RAM input signals must be stabilized for long enough to meet the TAPs input data capture set-up plus hold time (tTS plus tTH). The RAMs clock inputs need not be paused for any other TAP operation except capturing the I/O ring contents into the Boundary Scan Register. Moving the controller to Shift-DR state then places the boundary scan register between the TDI and TDO pins. EXTEST EXTEST is an IEEE 1149.1 mandatory public instruction. It is to be executed whenever the instruction register is loaded with all logic 0s. The EXTEST command does not block or override the RAM's input pins; therefore, the RAM's internal state is still determined by its input pins. Typically, the Boundary Scan Register is loaded with the desired pattern of data with the SAMPLE/PRELOAD command. Then the EXTEST command is used to output the Boundary Scan Register's contents, in parallel, on the RAM's data output drivers on the falling edge of TCK when the controller is in the Update-IR state. Alternately, the Boundary Scan Register may be loaded in parallel using the EXTEST command. When the EXTEST instruction is selected, the sate of all the RAM's input and I/O pins, as well as the default values at Scan Register locations not associated with a pin, are transferred in parallel into the Boundary Scan Register on the rising edge of TCK in the Capture-DR state, the RAM's output pins drive out the value of the Boundary Scan Register location with which each output pin is associated. IDCODE The IDCODE instruction causes the ID ROM to be loaded into the ID register when the controller is in Capture-DR mode and places the ID register between the TDI and TDO pins in Shift-DR mode. The IDCODE instruction is the default instruction loaded in at power up and any time the controller is placed in the Test-Logic-Reset state. SAMPLE-Z If the SAMPLE-Z instruction is loaded in the instruction register, all RAM outputs are forced to an inactive drive state (highZ) and the Boundary Scan Register is connected between TDI and TDO when the TAP controller is moved to the Shift-DR state. RFU These instructions are Reserved for Future Use. In this device they replicate the BYPASS instruction.
Rev: 1.02 8/2005
29/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
JTAG TAP Instruction Set Summary Instruction
EXTEST IDCODE SAMPLE-Z RFU SAMPLE/ PRELOAD RFU RFU BYPASS
Code
000 001 010 011 100 101 110 111
Description
Places the Boundary Scan Register between TDI and TDO. Preloads ID Register and places it between TDI and TDO. Captures I/O ring contents. Places the Boundary Scan Register between TDI and TDO. Forces all RAM output drivers to High-Z. Do not use this instruction; Reserved for Future Use. Captures I/O ring contents. Places the Boundary Scan Register between TDI and TDO. Do not use this instruction; Reserved for Future Use. Do not use this instruction; Reserved for Future Use. Places Bypass Register between TDI and TDO.
Notes
1 1, 2 1 1 1 1 1 1
Notes: 1. Instruction codes expressed in binary, MSB on left, LSB on right. 2. Default instruction automatically loaded at power-up and in test-logic-reset state.
JTAG Port Recommended Operating Conditions and DC Characteristics Parameter
Power Supply Voltage Input High Voltage Input Low Voltage Output High Voltage (IOH = -2 mA) Output Low Voltage (IOL = 2 mA) Note: The input level of SRAM pin is to follow the SRAM DC specification.
Symbol
VDDQ VIH VIL VOH VOL
Min.
1.7 1.3 -0.3 1.4 VSS
Typ.
1.8 -- -- -- --
Max.
1.9 VDDQ + 0.3 0.5 VDDQ 0.4
Unit
V V V V V
Rev: 1.02 8/2005
30/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
JTAG Port AC Test Conditions Parameter
Input High/Low Level Input Rise/Fall Time Input and Output Timing Reference Level Notes: 1. Distributed scope and test jig capacitance. 2. Test conditions as shown unless otherwise noted.
Symbol
VIH/VIL TR/TF
Min
1.3/0.5 1.0/1.0 0.9
Unit
V ns V
JTAG Port Timing Diagram
tTKC TCK tTH tTS TDI tTH tTS TMS tTKQ TDO tTH tTS Parallel SRAM input
tTKH
tTKL
Rev: 1.02 8/2005
31/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
JTAG Port AC Electrical Characteristics
Parameter TCK Cycle Time TCK High Pulse Width TCK Low Pulse Width TMS Input Setup Time TMS Input Hold Time TDI Input Setup Time TDI Input Hold Time SRAM Input Setup Time SRAM Input Hold Time Clock Low to Output Valid Symbol tCHCH tCHCL tCLCH tMVCH tCHMX tDVCH tCHDX tSVCH tCHSX tCLQV Min. 50 20 20 5 5 5 5 5 5 0 Max -- -- -- -- -- -- -- -- -- 10 Unit ns ns ns ns ns ns ns ns ns ns
Rev: 1.02 8/2005
32/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Package Dimensions--165-Bump FPBGA (Package E; Variation 1)
A1
TOP VIEW
BOTTOM O0.10 M C O0.25 M C A B O0.44~0.64(165x)
VIEW
A1
321 A B C D E F G H J K L M N P R
1 2 3 4 5 6 7 8 9 10 11 A B C D E F G H I J K L M N P R
11 10 9 8 7
654
170.05
14.0
A
1.0
1.0
1.0 10.0
1.0
0.53 REF 0.35 C
0.20 C
B 0.20(4x)
150.05
0.36 REF
Rev: 1.02 8/2005
0.36~0.46 1.40 MAX.
C
SEATING PLANE
33/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Ordering Information--GSI SigmaQuad-II SRAM Org
4M x 8 4M x 8 4M x 8 4M x 8 4M x 8 4M x 8 4M x 8 4M x 8 4M x 8 4M x 8 4M x 9 4M x 9 4M x 9 4M x 9 4M x 9 4M x 9 4M x 9 4M x 9 4M x 9 4M x 9 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18
Part Number1
GS8342D08E-333 GS8342D08E-300 GS8342D08E-250 GS8342D08E-200 GS8342D08E-167 GS8342D08E-333I GS8342D08E-300I GS8342D08E-250I GS8342D08E-200I GS8342D08E-167I GS8342D09E-333 GS8342D09E-300 GS8342D09E-250 GS8342D09E-200 GS8342D09E-167 GS8342D09E-333I GS8342D09E-300I GS8342D09E-250I GS8342D09E-200I GS8342D09E-167I GS8342D18E-333 GS8342D18E-300 GS8342D18E-250 GS8342D18E-200 GS8342D18E-167 GS8342D18E-333I GS8342D18E-300I GS8342D18E-250I GS8342D18E-200I
Type
SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM
Package
165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1)
Speed (MHz)
333 300 250 200 167 333 300 250 200 167 333 300 250 200 167 333 300 250 200 167 333 300 250 200 167 333 300 250 200
TA3
C C C C C I I I I I C C C C C I I I I I C C C C C I I I I
Status
ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES
Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS834x36E-300T. 2. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 3. MP = Mass Production. PQ = Pre-Qualification. ES = Engineering Samples.
Rev: 1.02 8/2005
34/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Ordering Information--GSI SigmaQuad-II SRAM Org
2M x 18 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 4M x 8 4M x 8 4M x 8 4M x 8 4M x 8 4M x 8 4M x 8 4M x 8 4M x 8 4M x 8 4M x 9
Part Number1
GS8342D18E-167I GS8342D36E-333 GS8342D36E-300 GS8342D36E-250 GS8342D36E-200 GS8342D36E-167 GS8342D36E-333I GS8342D36E-300I GS8342D36E-250I GS8342D36E-200I GS8342D36E-167I GS8342D08GE-333 GS8342D08GE-300 GS8342D08GE-250 GS8342D08GE-200 GS8342D08GE-167 GS8342D08GE-333I GS8342D08GE-300I GS8342D08GE-250I GS8342D08GE-200I GS8342D08GE-167I GS8342D09GE-333
Type
SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM
Package
165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1)
Speed (MHz)
167 333 300 250 200 167 333 300 250 200 167 333 300 250 200 167 333 300 250 200 167 333
TA3
I C C C C C I I I I I C C C C C I I I I I C
Status
ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES
Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS834x36E-300T. 2. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 3. MP = Mass Production. PQ = Pre-Qualification. ES = Engineering Samples.
Rev: 1.02 8/2005
35/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Ordering Information--GSI SigmaQuad-II SRAM Org
4M x 9 4M x 9 4M x 9 4M x 9 4M x 9 4M x 9 4M x 9 4M x 9 4M x 9 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18 2M x 18
Part Number1
GS8342D09GE-300 GS8342D09GE-250 GS8342D09GE-200 GS8342D09GE-167 GS8342D09GE-333I GS8342D09GE-300I GS8342D09GE-250I GS8342D09GE-200I GS8342D09GE-167I GS8342D18GE-333 GS8342D18GE-300 GS8342D18GE-250 GS8342D18GE-200 GS8342D18GE-167 GS8342D18GE-333I GS8342D18GE-300I GS8342D18GE-250I
Type
SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM
Package
RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1)
Speed (MHz)
300 250 200 167 333 300 250 200 167 333 300 250 200 167 333 300 250
TA3
C C C C I I I I I C C C C C I I I
Status
ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES ES
Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS834x36E-300T. 2. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 3. MP = Mass Production. PQ = Pre-Qualification. ES = Engineering Samples.
Rev: 1.02 8/2005
36/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Preliminary GS8342D08/09/18/36E-333/300/250/200/167
Ordering Information--GSI SigmaQuad-II SRAM Org
2M x 18 2M x 18 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36 1M x 36
Part Number1
GS8342D18GE-200I GS8342D18GE-167I GS8342D36GE-333 GS8342D36GE-300 GS8342D36GE-250 GS8342D36GE-200 GS8342D36GE-167 GS8342D36GE-333I GS8342D36GE-300I GS8342D36GE-250I GS8342D36GE-200I GS8342D36GE-167I
Type
SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM SigmaQuad-II SRAM
Package
RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1) RoHS -compliant 165-Pin BGA (E, var. 1)
Speed (MHz)
200 167 333 300 250 200 167 333 300 250 200 167
TA3
I I C C C C C I I I I I
Status
ES ES ES ES ES ES ES ES ES ES ES ES
Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS834x36E-300T. 2. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 3. MP = Mass Production. PQ = Pre-Qualification. ES = Engineering Samples.
Rev: 1.02 8/2005
37/37
(c) 2003, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.


▲Up To Search▲   

 
Price & Availability of GS8342D08E-250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X