|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Preliminary GS8162ZxxB(B/D)-xxxV 119- & 165-Bump BGA Commercial Temp Industrial Temp Features * NBT (No Bus Turn Around) functionality allows zero wait Read-Write-Read bus utilization; fully pin-compatible with both pipelined and flow through NtRAMTM, NoBLTM and ZBTTM SRAMs * 1.8 V or 2.5 V core power supply * 1.8 V or 2.5 V I/O supply * User-configurable Pipeline and Flow Through mode * ZQ mode pin for user-selectable high/low output drive * IEEE 1149.1 JTAG-compatible Boundary Scan * On-chip write parity checking; even or odd selectable * On-chip parity encoding and error detection * LBO pin for Linear or Interleave Burst mode * Pin-compatible with 2M, 4M, and 8M devices * Byte write operation (9-bit Bytes) * 3 chip enable signals for easy depth expansion * ZZ Pin for automatic power-down * JEDEC-standard 119- and 165-bump BGA packages * RoHS-compliant 119- and 165-bump BGA packages available 18Mb Pipelined and Flow Through Synchronous NBT SRAM 250 MHz-150 MHz 1.8 V or 2.5 V VDD 1.8 V or 2.5 V I/O Because it is a synchronous device, address, data inputs, and read/write control inputs are captured on the rising edge of the input clock. Burst order control (LBO) must be tied to a power rail for proper operation. Asynchronous inputs include the Sleep mode enable (ZZ) and Output Enable. Output Enable can be used to override the synchronous control of the output drivers and turn the RAM's output drivers off at any time. Write cycles are internally self-timed and initiated by the rising edge of the clock input. This feature eliminates complex offchip write pulse generation required by asynchronous SRAMs and simplifies input signal timing. The GS8162ZxxB(B/D)-xxxV may be configured by the user to operate in Pipeline or Flow Through mode. Operating as a pipelined synchronous device, in addition to the rising-edgetriggered registers that capture input signals, the device incorporates a rising edge triggered output register. For read cycles, pipelined SRAM output data is temporarily stored by the edge-triggered output register during the access cycle and then released to the output drivers at the next rising edge of clock. The GS8162ZxxB(B/D)-xxxV is implemented with GSI's high performance CMOS technology and is available in a JEDECstandard 119-bump or 165-bump BGA package. Functional Description The GS8162ZxxB(B/D)-xxxV is an 18Mbit Synchronous Static SRAM. GSI's NBT SRAMs, like ZBT, NtRAM, NoBL or other pipelined read/double late write or flow through read/ single late write SRAMs, allow utilization of all available bus bandwidth by eliminating the need to insert deselect cycles when the device is switched from read to write cycles. Parameter Synopsis -250 Pipeline 3-1-1-1 tKQ tCycle Curr (x18) Curr (x32/x36) tKQ tCycle Curr (x18) Curr (x32/x36) 3.0 4.0 280 330 5.5 5.5 210 240 -200 3.0 5.0 230 270 6.5 6.5 185 205 -150 3.8 6.7 185 210 7.5 7.5 170 190 Unit ns ns mA mA ns ns mA mA Flow Through 2-1-1-1 Rev: 1.01a 6/2006 1/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV 165 Bump BGA--x18 Commom I/O--Top View (Package D) 1 A B C D E F G H J K L M N P R NC NC NC NC NC NC NC FT DQB DQB DQB DQB DQPB NC LBO 2 A A NC DQB DQB DQB DQB MCH NC NC NC NC DNU NC NC 3 E1 E2 VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A A 4 BB NC VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS A A 5 NC BA VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC TDI TMS 6 E3 CK VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC A1 A0 7 CKE W VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC TDO TCK 8 ADV G VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS A A 9 A A VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A A 10 A A NC NC NC NC NC ZQ DQA DQA DQA DQA NC A A 11 A NC DQPA DQA DQA DQA DQA ZZ NC NC NC NC NC NC A A B C D E F G H J K L M N P R 11 x 15 Bump BGA--13 mm x 15 mm Body--1.0 mm Bump Pitch Rev: 1.01a 6/2006 2/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV 165 Bump BGA--x36 Common I/O--Top View (Package D) 1 A B C D E F G H J K L M N P R NC NC DQPC DQC DQC DQC DQC FT DQD DQD DQD DQD DQPD NC LBO 2 A A NC DQC DQC DQC DQC MCH DQD DQD DQD DQD DNU NC NC 3 E1 E2 VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A A 4 BC BD VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS A A 5 BB BA VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC TDI TMS 6 E3 CK VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC A1 A0 7 CKE W VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS NC TDO TCK 8 ADV G VSS VDD VDD VDD VDD VDD VDD VDD VDD VDD VSS A A 9 A A VDDQ VDDQ VDDQ VDDQ VDDQ NC VDDQ VDDQ VDDQ VDDQ VDDQ A A 10 A A NC DQB DQB DQB DQB ZQ DQA DQA DQA DQA NC A A 11 NC NC DQPB DQB DQB DQB DQB ZZ DQA DQA DQA DQA DQPA NC A A B C D E F G H J K L M N P R 11 x 15 Bump BGA--13 mm x 15 mm Body--1.0 mm Bump Pitch Rev: 1.01a 6/2006 3/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV GS8162ZV36B Pad Out--119-Bump BGA--Top View (Package B) 1 A B C D E F G H J K L M N P R T U VDDQ NC NC DQC DQC VDDQ DQC DQC VDDQ DQA DQA VDDQ DQA DQA NC NC VDDQ 2 A E2 A DQPC DQC DQC DQC DQC VDD DQA DQA DQA DQA DQPA A NC TMS 3 A A A VSS VSS VSS BC VSS NC VSS BD VSS VSS VSS LBO A TDI 4 A ADV VDD ZQ E1 G A W VDD CK NC CKE A1 A0 VDD A TCK 5 A A A VSS VSS VSS BB VSS NC VSS BA VSS VSS VSS FT A TDO 6 A E3 A DQPB DQB DQB DQB DQB VDD DQA DQA DQA DQA DQPA A NC NC 7 VDDQ NC NC DQB DQB VDDQ DQB DQB VDDQ DQA DQA VDDQ DQA DQA NC ZZ VDDQ Rev: 1.01a 6/2006 4/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV GS8162ZV18B Pad Out--119-Bump BGA--Top View (Package B) 1 A B C D E F G H J K L M N P R T U VDDQ NC NC DQB NC VDDQ NC DQB VDDQ NC DQB VDDQ DQB NC NC NC VDDQ 2 A E2 A NC DQB NC DQB NC VDD DQB NC DQB NC DQPB A A TMS 3 A A A VSS VSS VSS BB VSS NC VSS NC VSS VSS VSS LBO A TDI 4 A ADV VDD ZQ E1 G A W VDD CK NC CKE A1 A0 VDD NC TCK 5 A A A VSS VSS VSS NC VSS NC VSS BA VSS VSS VSS FT A TDO 6 A E3 A DQPA NC DQA NC DQA VDD NC DQA NC DQA NC A A NC 7 VDDQ NC NC NC DQA VDDQ DQA NC VDDQ DQA NC VDDQ NC DQA NC ZZ VDDQ Rev: 1.01a 6/2006 5/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV GS8162Z18/36-xxxV 119-Bump and 165-Bump BGA Pin Description Symbol A0, A1 A DQA DQB DQC DQD BA, BB, BC, BD NC CK CKE W E1 E3 E2 G ADV ZZ FT LBO ZQ TMS TDI TDO TCK VDD VSS VDDQ Type I I I/O I -- I I I I I I I I I I I I I I O I I I I Description Address field LSBs and Address Counter Preset Inputs Address Inputs Data Input and Output pins Byte Write Enable for DQA, DQB, DQC, DQD I/Os; active low No Connect Clock Input Signal; active high Clock Enable; active low Write Enable; active low Chip Enable; active low Chip Enable; active low Chip Enable; active high Output Enable; active low Burst address counter advance enable; active high Sleep mode control; active high Flow Through or Pipeline mode; active low Linear Burst Order mode; active low FLXDrive Output Impedance Control (Low = Low Impedance [High Drive], High = High Impedance [Low Drive]) Scan Test Mode Select Scan Test Data In Scan Test Data Out Scan Test Clock Core power supply I/O and Core Ground Output driver power supply BPR1999.05.18 Rev: 1.01a 6/2006 6/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Functional Details Clocking Deassertion of the Clock Enable (CKE) input blocks the Clock input from reaching the RAM's internal circuits. It may be used to suspend RAM operations. Failure to observe Clock Enable set-up or hold requirements will result in erratic operation. Pipeline Mode Read and Write Operations All inputs (with the exception of Output Enable, Linear Burst Order and Sleep) are synchronized to rising clock edges. Single cycle read and write operations must be initiated with the Advance/Load pin (ADV) held low, in order to load the new address. Device activation is accomplished by asserting all three of the Chip Enable inputs (E1, E2, and E3). Deassertion of any one of the Enable inputs will deactivate the device. Function Read Write Byte "a" Write Byte "b" Write Byte "c" Write Byte "d" Write all Bytes Write Abort/NOP W H L L L L L L BA X L H H H L H BB X H L H H L H BC X H H L H L H BD X H H H L L H Read operation is initiated when the following conditions are satisfied at the rising edge of clock: CKE is asserted low, all three chip enables (E1, E2, and E3) are active, the write enable input signals W is deasserted high, and ADV is asserted low. The address presented to the address inputs is latched into the address register and presented to the memory core and control logic. The control logic determines that a read access is in progress and allows the requested data to propagate to the input of the output register. At the next rising edge of clock the read data is allowed to propagate through the output register and onto the output pins. Write operation occurs when the RAM is selected, CKE is asserted low, and the Write input is sampled low at the rising edge of clock. The Byte Write Enable inputs (BA, BB, BC, and BD) determine which bytes will be written. All or none may be activated. A write cycle with no Byte Write inputs active is a no-op cycle. The pipelined NBT SRAM provides double late write functionality, matching the write command versus data pipeline length (2 cycles) to the read command versus data pipeline length (2 cycles). At the first rising edge of clock, Enable, Write, Byte Write(s), and Address are registered. The Data In associated with that address is required at the third rising edge of clock. Flow Through Mode Read and Write Operations Operation of the RAM in Flow Through mode is very similar to operations in Pipeline mode. Activation of a Read Cycle and the use of the Burst Address Counter is identical. In Flow Through mode the device may begin driving out new data immediately after new address are clocked into the RAM, rather than holding new data until the following (second) clock edge. Therefore, in Flow Through mode the read pipeline is one cycle shorter than in Pipeline mode. Write operations are initiated in the same way, but differ in that the write pipeline is one cycle shorter as well, preserving the ability to turn the bus from reads to writes without inserting any dead cycles. While the pipelined NBT RAMs implement a double late write protocol in Flow Through mode a single late write protocol mode is observed. Therefore, in Flow Through mode, address and control are registered on the first rising edge of clock and data in is required at the data input pins at the second rising edge of clock. Rev: 1.01a 6/2006 7/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Synchronous Truth Table Operation Read Cycle, Begin Burst Read Cycle, Continue Burst NOP/Read, Begin Burst Dummy Read, Continue Burst Write Cycle, Begin Burst Write Cycle, Continue Burst Write Abort, Continue Burst Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle, Power Down Deselect Cycle Deselect Cycle, Continue Sleep Mode Clock Edge Ignore, Stall Type Address CK CKE ADV W Bx E1 E2 E3 G ZZ R B R B W B B D D D D D External Next External Next External Next Next None None None None None None Current L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H X L-H L L L L L L L L L L L L X H L H L H L H H L L L L H X X H X H X L X X X X X L X X X X X X X L L H X X X H X X X L X L X L X X H X X L X X X H X H X H X X X X L H X X X L X L X L X X X H X L X X X L L H H X X X X X X X X X X L L L L L L L L L L L L H L DQ Q Q High-Z High-Z D D Notes 1,10 2 1,2,10 3 1,3,10 High-Z 1,2,3,10 High-Z High-Z High-Z High-Z High-Z High-Z 4 1 1 Notes: 1. Continue Burst cycles, whether read or write, use the same control inputs. A Deselect continue cycle can only be entered into if a Deselect cycle is executed first. 2. Dummy Read and Write abort can be considered NOPs because the SRAM performs no operation. A Write abort occurs when the W pin is sampled low but no Byte Write pins are active so no write operation is performed. 3. G can be wired low to minimize the number of control signals provided to the SRAM. Output drivers will automatically turn off during write cycles. 4. If CKE High occurs during a pipelined read cycle, the DQ bus will remain active (Low Z). If CKE High occurs during a write cycle, the bus will remain in High Z. 5. X = Don't Care; H = Logic High; L = Logic Low; Bx = High = All Byte Write signals are high; Bx = Low = One or more Byte/Write signals are Low 6. All inputs, except G and ZZ must meet setup and hold times of rising clock edge. 7. Wait states can be inserted by setting CKE high. 8. This device contains circuitry that ensures all outputs are in High Z during power-up. 9. A 2-bit burst counter is incorporated. 10. The address counter is incriminated for all Burst continue cycles. Rev: 1.01a 6/2006 8/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Pipelined and Flow Through Read Write Control State Diagram D B Deselect R W D D W R R New Read B New Write W B R W R W B Burst Read D Burst Write D B Key Input Command Code Notes 1. The Hold command (CKE Low) is not shown because it prevents any state change. Transition Current State (n) Next State (n+1) n n+1 2. W, R, B, and D represent input command codes as indicated in the Synchronous Truth Table. n+2 n+3 Clock (CK) Command Current State Next State Current State and Next State Definition for Pipelined and Flow through Read/Write Control State Diagram Rev: 1.01a 6/2006 9/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Pipeline Mode Data I/O State Diagram Intermediate BW High Z (Data In) D R Intermediate W Intermediate Intermediate RB Data Out (Q Valid) D Intermediate W R High Z B D Intermediate Key Input Command Code Notes 1. The Hold command (CKE Low) is not shown because it prevents any state change. Transition Current State (n) Transition Next State (n+2) Intermediate State (N+1) 2. W, R, B, and D represent input command codes as indicated in the Truth Tables. n n+1 n+2 n+3 Clock (CK) Command Current State Intermediate State Next State Current State and Next State Definition for Pipeline Mode Data I/O State Diagram Rev: 1.01a 6/2006 10/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Flow Through Mode Data I/O State Diagram BW High Z (Data In) D R W RB Data Out (Q Valid) D W R High Z B D Key Input Command Code Notes 1. The Hold command (CKE Low) is not shown because it prevents any state change. Transition Current State (n) Next State (n+1) n n+1 2. W, R, B, and D represent input command codes as indicated in the Truth Tables. n+2 n+3 Clock (CK) Command Current State Next State Current State and Next State Definition for: Pipeline and Flow Through Read Write Control State Diagram Rev: 1.01a 6/2006 11/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Burst Cycles Although NBT RAMs are designed to sustain 100% bus bandwidth by eliminating turnaround cycle when there is transition from read to write, multiple back-to-back reads or writes may also be performed. NBT SRAMs provide an on-chip burst address generator that can be utilized, if desired, to further simplify burst read or write implementations. The ADV control pin, when driven high, commands the SRAM to advance the internal address counter and use the counter generated address to read or write the SRAM. The starting address for the first cycle in a burst cycle series is loaded into the SRAM by driving the ADV pin low, into Load mode. Burst Order The burst address counter wraps around to its initial state after four addresses (the loaded address and three more) have been accessed. The burst sequence is determined by the state of the Linear Burst Order pin (LBO). When this pin is Low, a linear burst sequence is selected. When the RAM is installed with the LBO pin tied high, Interleaved burst sequence is selected. See the tables below for details. FLXDriveTM The ZQ pin allows selection between NBT RAM nominal drive strength (ZQ low) for multi-drop bus applications and low drive strength (ZQ floating or high) point-to-point applications. See the Output Driver Characteristics chart for details. Mode Pin Functions Mode Name Burst Order Control Output Register Control Power Down Control Single/Dual Cycle Deselect Control FLXDrive Output Impedance Control Pin Name LBO FT ZZ SCD ZQ State L H L H or NC L or NC H L H or NC L H or NC Function Linear Burst Interleaved Burst Flow Through Pipeline Active Standby, IDD = ISB Dual Cycle Deselect Single Cycle Deselect High Drive (Low Impedance) Low Drive (High Impedance) Note: There is a pull-up device on the FT pin and a pull-down device on the ZZ pin, so this input pin can be unconnected and the chip will operate in the default states as specified in the above table. There is a pull-down device on the ZZ pin, so this input pin can be unconnected and the chip will operate in the default states as specified in the above table. There are pull-up devices on the ZQ, and SCD, and FT pins and a pull-down device on the ZZ pin, so those input pins can be unconnected and the chip will operate in the default states as specified in the above tables. There are pull-up devices on the ZQ and FT pins and a pull-down device on the ZZ pin, so those input pins can be unconnected and the chip will operate in the default states as specified in the above tables. Rev: 1.01a 6/2006 12/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Burst Counter Sequences Linear Burst Sequence A[1:0] A[1:0] A[1:0] A[1:0] 1st address 2nd address 3rd address 4th address 00 01 10 11 01 10 11 00 10 11 00 01 11 00 01 10 Interleaved Burst Sequence A[1:0] A[1:0] A[1:0] A[1:0] 1st address 2nd address 3rd address 4th address 00 01 10 11 01 00 11 10 10 11 00 01 11 10 01 00 Note: The burst counter wraps to initial state on the 5th clock. Note: The burst counter wraps to initial state on the 5th clock. BPR 1999.05.18 Sleep Mode During normal operation, ZZ must be pulled low, either by the user or by its internal pull down resistor. When ZZ is pulled high, the SRAM will enter a Power Sleep mode after 2 cycles. At this time, internal state of the SRAM is preserved. When ZZ returns to low, the SRAM operates normally after ZZ recovery time. Sleep mode is a low current, power-down mode in which the device is deselected and current is reduced to ISB2. The duration of Sleep mode is dictated by the length of time the ZZ is in a High state. After entering Sleep mode, all inputs except ZZ become disabled and all outputs go to High-Z The ZZ pin is an asynchronous, active high input that causes the device to enter Sleep mode. When the ZZ pin is driven high, ISB2 is guaranteed after the time tZZI is met. Because ZZ is an asynchronous input, pending operations or operations in progress may not be properly completed if ZZ is asserted. Therefore, Sleep mode must not be initiated until valid pending operations are completed. Similarly, when exiting Sleep mode during tZZR, only a Deselect or Read commands may be applied while the SRAM is recovering from Sleep mode. Sleep Mode Timing Diagram tKH tKC CK tZZR tZZS ZZ tZZH tKL Designing for Compatibility The GSI NBT SRAMs offer users a configurable selection between Flow Through mode and Pipeline mode via the FT signal found on Bump 5R. Not all vendors offer this option, however most mark Bump 5R as VDD or VDDQ on pipelined parts and VSS on flow through parts. GSI NBT SRAMs are fully compatible with these sockets. Rev: 1.01a 6/2006 13/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Absolute Maximum Ratings (All voltages reference to VSS) Symbol VDD VDDQ VI/O VIN IIN IOUT PD TSTG TBIAS Description Voltage on VDD Pins Voltage on VDDQ Pins Voltage on I/O Pins Voltage on Other Input Pins Input Current on Any Pin Output Current on Any I/O Pin Package Power Dissipation Storage Temperature Temperature Under Bias Value -0.5 to 4.6 -0.5 to VDD -0.5 to VDDQ +0.5 ( 4.6 V max.) -0.5 to VDD +0.5 ( 4.6 V max.) +/-20 +/-20 1.5 -55 to 125 -55 to 125 Unit V V V V mA mA W oC oC Note: Permanent damage to the device may occur if the Absolute Maximum Ratings are exceeded. Operation should be restricted to Recommended Operating Conditions. Exposure to conditions exceeding the Absolute Maximum Ratings, for an extended period of time, may affect reliability of this component. Power Supply Voltage Ranges (1.8 V/2.5 V Version) Parameter 1.8 V Supply Voltage 2.5 V Supply Voltage 1.8 V VDDQ I/O Supply Voltage 2.5 V VDDQ I/O Supply Voltage Symbol VDD1 VDD2 VDDQ1 VDDQ2 Min. 1.7 2.3 1.7 2.3 Typ. 1.8 2.5 1.8 2.5 Max. 2.0 2.7 VDD VDD Unit V V V V Notes Notes: 1. The part numbers of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be -2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC. Rev: 1.01a 6/2006 14/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV VDDQ2 & VDDQ1 Range Logic Levels Parameter VDD Input High Voltage VDD Input Low Voltage Symbol VIH VIL Min. 0.6*VDD -0.3 Typ. -- -- Max. VDD + 0.3 0.3*VDD Unit V V Notes 1 1 Notes: 1. The part numbers of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be -2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC. Recommended Operating Temperatures Parameter Ambient Temperature (Commercial Range Versions) Ambient Temperature (Industrial Range Versions) Symbol TA TA Min. 0 -40 Typ. 25 25 Max. 70 85 Unit C C Notes 2 2 Notes: 1. The part numbers of Industrial Temperature Range versions end the character "I". Unless otherwise noted, all performance specifications quoted are evaluated for worst case in the temperature range marked on the device. 2. Input Under/overshoot voltage must be -2 V > Vi < VDDn+2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tKC. Undershoot Measurement and Timing VIH Overshoot Measurement and Timing 20% tKC VDD + 2.0 V VSS 50% VSS - 2.0 V 20% tKC 50% VDD VIL Capacitance (TA = 25oC, f = 1 MHZ, VDD = 2.5 V) Parameter Input Capacitance Input/Output Capacitance Note: These parameters are sample tested. Symbol CIN CI/O Test conditions VIN = 0 V VOUT = 0 V Typ. 4 6 Max. 5 7 Unit pF pF Rev: 1.01a 6/2006 15/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV AC Test Conditions Parameter Input high level Input low level Input slew rate Input reference level Output reference level Output load Conditions VDD - 0.2 V 0.2 V 1 V/ns VDD/2 VDDQ/2 Fig. 1 VDDQ/2 * Distributed Test Jig Capacitance Figure 1 Output Load 1 DQ 50 30pF* Notes: 1. Include scope and jig capacitance. 2. Test conditions as specified with output loading as shown in Fig. 1 unless otherwise noted. 3. Device is deselected as defined by the Truth Table. DC Electrical Characteristics Parameter Input Leakage Current (except mode pins) FT, SCD, ZQ, ZZ Input Current Output Leakage Current Symbol IIL IIN IOL Test Conditions VIN = 0 to VDD VDD VIN 0 V Output Disable, VOUT = 0 to VDD Min -1 uA -100 uA -1 uA Max 1 uA 100 uA 1 uA DC Output Characteristics (1.8 V/2.5 V Version) Parameter 1.8 V Output High Voltage 2.5 V Output High Voltage 1.8 V Output Low Voltage 2.5 V Output Low Voltage Symbol VOH1 VOH2 VOL1 VOL2 Test Conditions IOH = -4 mA, VDDQ = 1.6 V IOH = -8 mA, VDDQ = 2.375 V IOL = 4 mA IOL = 8 mA Min VDDQ - 0.4 V 1.7 V -- -- Max -- -- 0.4 V 0.4 V Rev: 1.01a 6/2006 16/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Operating Currents -250 Parameter Test Conditions Mode Symbol 0 to 70C 350 75 265 50 290 40 220 20 260 20 200 10 40 40 85 60 -200 -40 to 85C 360 75 275 50 300 40 230 20 270 20 210 10 50 50 90 65 -150 -40 to 85C 300 55 240 45 250 30 200 15 225 15 185 10 50 50 80 55 0 to 70C 290 55 230 45 240 30 190 15 215 15 175 10 40 40 75 50 0 to 70C 230 40 210 40 190 20 175 15 170 15 160 10 40 40 60 50 -40 to 85C 240 40 220 40 200 20 185 15 180 15 170 10 50 50 65 55 Unit Pipeline (x72) Flow Through Device Selected; All other inputs VIH or VIL Output open Pipeline Flow Through Pipeline (x18) Flow Through Standby Current Deselect Current ZZ VDD - 0.2 V Device Deselected; All other inputs VIH or VIL Pipeline Flow Through Pipeline -- Flow Through IDD IDDQ IDD IDDQ IDD IDDQ IDD IDDQ IDD IDDQ IDD IDDQ ISB ISB IDD IDD mA mA mA mA mA mA mA mA mA mA Operating Current (x32/ x36) -- Notes: 1. IDD and IDDQ apply to any combination of VDD and VDDQ operation. 2. All parameters listed are worst case scenario. Rev: 1.01a 6/2006 17/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV AC Electrical Characteristics Parameter Clock Cycle Time Clock to Output Valid (x18/x36) Clock to Output Valid (x72) Symbol tKC tKQ tKQ tKQX tLZ1 tS tH tKC tKQ tKQX tLZ1 tS tH tKH tKL tHZ1 -250 Min 4.0 -- -- 1.5 1.5 1.5 0.2 5.5 -- 2.0 2.0 1.5 0.5 1.3 1.7 1.5 Max -- 3.0 3.0 -- -- -- -- -- 5.5 -- -- -- -- -- -- 2.5 Min 5.0 -- -- 1.5 1.5 1.5 0.4 6.5 -- 2.0 2.0 1.5 0.5 1.3 1.7 1.5 -200 Max -- 3.0 3.0 -- -- -- -- -- 6.5 -- -- -- -- -- -- 3.0 Min 6.7 -- -- 1.5 1.5 1.5 0.5 7.5 -- 2.0 2.0 1.5 0.5 1.5 1.7 1.5 -150 Max -- 3.8 3.8 -- -- -- -- -- 7.5 -- -- -- -- -- -- 3.0 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns Pipeline Clock to Output Invalid Clock to Output in Low-Z Setup time Hold time Clock Cycle Time Clock to Output Valid Clock to Output Invalid Clock to Output in Low-Z Setup time Hold time Clock HIGH Time Clock LOW Time Clock to Output in High-Z (x18/x36) Clock to Output in High-Z (x72) G to Output Valid (x18/x36) G to Output Valid (x72) G to output in Low-Z G to output in High-Z (x18/x36) G to output in High-Z (x72) ZZ setup time ZZ hold time ZZ recovery Flow Through tHZ1 tOE tOE tOLZ1 tOHZ1 tOHZ1 tZZS2 tZZH2 tZZR 1.5 3.0 2.5 3.0 -- 2.5 3.0 -- -- -- 1.5 3.0 3.0 3.0 -- 3.0 3.0 -- -- -- 1.5 3.0 3.8 3.8 -- 3.8 3.8 -- -- -- ns ns ns ns ns ns ns ns ns -- -- 0 -- -- 5 1 20 -- -- 0 -- -- 5 1 20 -- -- 0 -- -- 5 1 20 Notes: 1. These parameters are sampled and are not 100% tested. 2. ZZ is an asynchronous signal. However, in order to be recognized on any given clock cycle, ZZ must meet the specified setup and hold times as specified above. Rev: 1.01a 6/2006 18/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Pipeline Mode Timing (NBT) Write A Read B Suspend tKH tKL Read C tKC Write D writeno-op Read E Deselect CK tH tS A A tH tS B C D E CKE tH tS E* tH tS ADV tH tS W tH tS tS tH Bn tH tS tLZ tKQ Q(B) Q(C) D(D) Q(E) tHZ tKQX DQ D(A) Rev: 1.01a 6/2006 19/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Flow Through Mode Timing (NBT) Write A Write B Write B+1 tKL tKH CK Read C tKC Cont Read D Write E Read F Write G tH tS CKE tH tS E tH tS ADV tH tS W tH tS Bn tH tS A0-An A B C D E F G tKQ tH tS DQ D(A) D(B) tKQ tLZ D(B+1) Q(C) tKQX tHZ Q(D) tLZ D(E) Q(F) tKQX D(G) tOLZ tOE tOHZ G *Note: E = High(False) if E1 = 1 or E2 = 0 or E3 = 1 Rev: 1.01a 6/2006 20/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV JTAG Port Operation Overview The JTAG Port on this RAM operates in a manner that is compliant with IEEE Standard 1149.1-1990, a serial boundary scan interface standard (commonly referred to as JTAG). The JTAG Port input interface levels scale with VDD. The JTAG output drivers are powered by VDDQ. Disabling the JTAG Port It is possible to use this device without utilizing the JTAG port. The port is reset at power-up and will remain inactive unless clocked. TCK, TDI, and TMS are designed with internal pull-up circuits.To assure normal operation of the RAM with the JTAG Port unused, TCK, TDI, and TMS may be left floating or tied to either VDD or VSS. TDO should be left unconnected. JTAG Pin Descriptions Pin TCK TMS Pin Name Test Clock Test Mode Select I/O In In Description Clocks all TAP events. All inputs are captured on the rising edge of TCK and all outputs propagate from the falling edge of TCK. The TMS input is sampled on the rising edge of TCK. This is the command input for the TAP controller state machine. An undriven TMS input will produce the same result as a logic one input level. The TDI input is sampled on the rising edge of TCK. This is the input side of the serial registers placed between TDI and TDO. The register placed between TDI and TDO is determined by the state of the TAP Controller state machine and the instruction that is currently loaded in the TAP Instruction Register (refer to the TAP Controller State Diagram). An undriven TDI pin will produce the same result as a logic one input level. TDI Test Data In In TDO Test Data Out Output that is active depending on the state of the TAP state machine. Output changes in Out response to the falling edge of TCK. This is the output side of the serial registers placed between TDI and TDO. Note: This device does not have a TRST (TAP Reset) pin. TRST is optional in IEEE 1149.1. The Test-Logic-Reset state is entered while TMS is held high for five rising edges of TCK. The TAP Controller is also reset automaticly at power-up. JTAG Port Registers Overview The various JTAG registers, refered to as Test Access Port orTAP Registers, are selected (one at a time) via the sequences of 1s and 0s applied to TMS as TCK is strobed. Each of the TAP Registers is a serial shift register that captures serial input data on the rising edge of TCK and pushes serial data out on the next falling edge of TCK. When a register is selected, it is placed between the TDI and TDO pins. Instruction Register The Instruction Register holds the instructions that are executed by the TAP controller when it is moved into the Run, Test/Idle, or the various data register states. Instructions are 3 bits long. The Instruction Register can be loaded when it is placed between the TDI and TDO pins. The Instruction Register is automatically preloaded with the IDCODE instruction at power-up or whenever the controller is placed in Test-Logic-Reset state. Bypass Register The Bypass Register is a single bit register that can be placed between TDI and TDO. It allows serial test data to be passed through the RAM's JTAG Port to another device in the scan chain with as little delay as possible. Rev: 1.01a 6/2006 21/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Boundary Scan Register The Boundary Scan Register is a collection of flip flops that can be preset by the logic level found on the RAM's input or I/O pins. The flip flops are then daisy chained together so the levels found can be shifted serially out of the JTAG Port's TDO pin. The Boundary Scan Register also includes a number of place holder flip flops (always set to a logic 1). The relationship between the device pins and the bits in the Boundary Scan Register is described in the Scan Order Table following. The Boundary Scan Register, under the control of the TAP Controller, is loaded with the contents of the RAMs I/O ring when the controller is in Capture-DR state and then is placed between the TDI and TDO pins when the controller is moved to Shift-DR state. SAMPLE-Z, SAMPLE/PRELOAD and EXTEST instructions can be used to activate the Boundary Scan Register. JTAG TAP Block Diagram * * * 108 * * * * * * * * 1 Boundary Scan Register 0 Bypass Register 210 0 Instruction Register TDI ID Code Register 31 30 29 TDO * *** 210 Control Signals TMS TCK Test Access Port (TAP) Controller Identification (ID) Register The ID Register is a 32-bit register that is loaded with a device and vendor specific 32-bit code when the controller is put in Capture-DR state with the IDCODE command loaded in the Instruction Register. The code is loaded from a 32-bit on-chip ROM. It describes various attributes of the RAM as indicated below. The register is then placed between the TDI and TDO pins when the controller is moved into Shift-DR state. Bit 0 in the register is the LSB and the first to reach TDO when shifting begins. Rev: 1.01a 6/2006 22/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV ID Register Contents GSI Technology JEDEC Vendor ID Code Presence Register 0 1 Not Used Bit # 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 X X X X X X X X X X X X X X X X X X X X 0 0 011011001 Tap Controller Instruction Set Overview There are two classes of instructions defined in the Standard 1149.1-1990; the standard (Public) instructions, and device specific (Private) instructions. Some Public instructions are mandatory for 1149.1 compliance. Optional Public instructions must be implemented in prescribed ways. The TAP on this device may be used to monitor all input and I/O pads, and can be used to load address, data or control signals into the RAM or to preload the I/O buffers. When the TAP controller is placed in Capture-IR state the two least significant bits of the instruction register are loaded with 01. When the controller is moved to the Shift-IR state the Instruction Register is placed between TDI and TDO. In this state the desired instruction is serially loaded through the TDI input (while the previous contents are shifted out at TDO). For all instructions, the TAP executes newly loaded instructions only when the controller is moved to Update-IR state. The TAP instruction set for this device is listed in the following table. Rev: 1.01a 6/2006 23/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV JTAG Tap Controller State Diagram 1 Test Logic Reset 0 1 1 1 0 Run Test Idle Select DR 0 1 Select IR 0 1 Capture DR 0 Capture IR 0 Shift DR 1 1 0 1 Shift IR 1 0 Exit1 DR 0 Exit1 IR 0 Pause DR 1 0 Pause IR 1 0 Exit2 DR 1 0 Exit2 IR 1 0 Update DR 1 0 Update IR 1 0 Instruction Descriptions BYPASS When the BYPASS instruction is loaded in the Instruction Register the Bypass Register is placed between TDI and TDO. This occurs when the TAP controller is moved to the Shift-DR state. This allows the board level scan path to be shortened to facilitate testing of other devices in the scan path. SAMPLE/PRELOAD SAMPLE/PRELOAD is a Standard 1149.1 mandatory public instruction. When the SAMPLE / PRELOAD instruction is loaded in the Instruction Register, moving the TAP controller into the Capture-DR state loads the data in the RAMs input and I/O buffers into the Boundary Scan Register. Boundary Scan Register locations are not associated with an input or I/O pin, and are loaded with the default state identified in the Boundary Scan Chain table at the end of this section of the datasheet. Because the RAM clock is independent from the TAP Clock (TCK) it is possible for the TAP to attempt to capture the I/O ring contents while the input buffers are in transition (i.e. in a metastable state). Although allowing the TAP to sample metastable inputs will not harm the device, repeatable results cannot be expected. RAM input signals must be stabilized for long enough to meet the TAPs input data capture set-up plus hold time (tTS plus tTH). The RAMs clock inputs need not be paused for any other TAP operation except capturing the I/O ring contents into the Boundary Scan Register. Moving the controller to Shift-DR state then places the boundary scan register between the TDI and TDO pins. EXTEST EXTEST is an IEEE 1149.1 mandatory public instruction. It is to be executed whenever the instruction register is loaded with all logic 0s. The EXTEST command does not block or override the RAM's input pins; therefore, the RAM's internal state is still determined by its input pins. Rev: 1.01a 6/2006 24/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Typically, the Boundary Scan Register is loaded with the desired pattern of data with the SAMPLE/PRELOAD command. Then the EXTEST command is used to output the Boundary Scan Register's contents, in parallel, on the RAM's data output drivers on the falling edge of TCK when the controller is in the Update-IR state. Alternately, the Boundary Scan Register may be loaded in parallel using the EXTEST command. When the EXTEST instruction is selected, the sate of all the RAM's input and I/O pins, as well as the default values at Scan Register locations not associated with a pin, are transferred in parallel into the Boundary Scan Register on the rising edge of TCK in the Capture-DR state, the RAM's output pins drive out the value of the Boundary Scan Register location with which each output pin is associated. IDCODE The IDCODE instruction causes the ID ROM to be loaded into the ID register when the controller is in Capture-DR mode and places the ID register between the TDI and TDO pins in Shift-DR mode. The IDCODE instruction is the default instruction loaded in at power up and any time the controller is placed in the Test-Logic-Reset state. SAMPLE-Z If the SAMPLE-Z instruction is loaded in the instruction register, all RAM outputs are forced to an inactive drive state (highZ) and the Boundary Scan Register is connected between TDI and TDO when the TAP controller is moved to the Shift-DR state. RFU These instructions are Reserved for Future Use. In this device they replicate the BYPASS instruction. JTAG TAP Instruction Set Summary Instruction EXTEST IDCODE SAMPLE-Z RFU SAMPLE/ PRELOAD GSI RFU Code 000 001 010 011 100 101 110 Description Places the Boundary Scan Register between TDI and TDO. Preloads ID Register and places it between TDI and TDO. Captures I/O ring contents. Places the Boundary Scan Register between TDI and TDO. Forces all RAM output drivers to High-Z. Do not use this instruction; Reserved for Future Use. Replicates BYPASS instruction. Places Bypass Register between TDI and TDO. Captures I/O ring contents. Places the Boundary Scan Register between TDI and TDO. GSI private instruction. Do not use this instruction; Reserved for Future Use. Replicates BYPASS instruction. Places Bypass Register between TDI and TDO. Notes 1 1, 2 1 1 1 1 1 1 BYPASS 111 Places Bypass Register between TDI and TDO. Notes: 1. Instruction codes expressed in binary, MSB on left, LSB on right. 2. Default instruction automatically loaded at power-up and in test-logic-reset state. Rev: 1.01a 6/2006 25/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV JTAG Port Recommended Operating Conditions and DC Characteristics (1.8/2.5 V Version) Parameter 1.8 V Test Port Input Low Voltage 2.5 V Test Port Input Low Voltage 1.8 V Test Port Input High Voltage 2.5 V Test Port Input High Voltage TMS, TCK and TDI Input Leakage Current TMS, TCK and TDI Input Leakage Current TDO Output Leakage Current Test Port Output High Voltage Test Port Output Low Voltage Test Port Output CMOS High Test Port Output CMOS Low Symbol VILJ1 VILJ2 VIHJ1 VIHJ2 IINHJ IINLJ IOLJ VOHJ VOLJ VOHJC VOLJC Min. -0.3 -0.3 0.6 * VDD1 0.6 * VDD2 -300 -1 -1 1.7 -- VDDQ - 100 mV -- Max. 0.3 * VDD1 0.3 * VDD2 VDD1 +0.3 VDD2 +0.3 1 100 1 -- 0.4 -- 100 mV Unit Notes V V V V uA uA uA V V V V 1 1 1 1 2 3 4 5, 6 5, 7 5, 8 5, 9 Notes: 1. Input Under/overshoot voltage must be -2 V < Vi < VDDn +2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tTKC. 2. VILJ VIN VDDn 3. 0 V VIN VILJn 4. Output Disable, VOUT = 0 to VDDn 5. The TDO output driver is served by the VDDQ supply. 6. IOHJ = -4 mA 7. IOLJ = + 4 mA 8. IOHJC = -100 uA 9. IOLJC = +100 uA JTAG Port AC Test Conditions Parameter Input high level Input low level Input slew rate Input reference level Output reference level Conditions VDD - 0.2 V 0.2 V 1 V/ns VDDQ/2 VDDQ/2 DQ JTAG Port AC Test Load 50 VDDQ/2 * Distributed Test Jig Capacitance 30pF* Notes: 1. Include scope and jig capacitance. 2. Test conditions as shown unless otherwise noted. Rev: 1.01a 6/2006 26/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV JTAG Port Timing Diagram tTKC TCK tTH tTS TDI tTH tTS TMS tTKQ TDO tTH tTS Parallel SRAM input tTKH tTKL JTAG Port AC Electrical Characteristics Parameter TCK Cycle Time TCK Low to TDO Valid TCK High Pulse Width TCK Low Pulse Width TDI & TMS Set Up Time TDI & TMS Hold Time Symbol tTKC tTKQ tTKH tTKL tTS tTH Min 50 -- 20 20 10 10 Max -- 20 -- -- -- -- Unit ns ns ns ns ns ns Boundary Scan (BSDL Files) For information regarding the Boundary Scan Chain, or to obtain BSDL files for this part, please contact our Applications Engineering Department at: apps@gsitechnology.com. Rev: 1.01a 6/2006 27/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Package Dimensions--119-Bump FPBGA (Package B, Variation 2) A1 1 A B C D E F G H J K L M N P R T U TOP VIEW BOTTOM VIEW A1 O0.10S C O0.30S C AS B S O0.60~0.90 (119x) 2 3 4 5 6 7 7 6 5 43 2 1 A B C D E F G H J K L M N P R T U 220.10 B 1.27 7.62 0.15 C A 0.20(4x) 140.10 Rev: 1.01a 6/2006 0.50~0.70 1.86.0.13 C SEATING PLANE 28/33 20.32 1.27 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Package Dimensions--165-Bump FPBGA (Package D) A1 CORNER TOP VIEW BOTTOM VIEW O0.10 M C O0.25 M C A B O0.40~0.60 (165x) A1 CORNER 1 2 3 4 5 6 7 8 9 10 11 A B C D E F G H J K L M N P R 11 10 9 8 7 6 5 4 3 2 1 A B C D E F G H J K L M N P R 1.0 10.0 B 0.20(4x) 130.05 1.0 150.05 14.0 A Rev: 1.01a 6/2006 0.36~0.46 1.40 MAX. C SEATING PLANE 0.20 C 29/33 1.0 1.0 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Ordering Information for GSI Synchronous Burst RAMs Org 1M x 18 1M x 18 1M x 18 512K x 36 512K x 36 512K x 36 1M x 18 1M x 18 1M x 18 512K x 36 512K x 36 512K x 36 1M x 18 1M x 18 1M x 18 512K x 36 512K x 36 512K x 36 1M x 18 1M x 18 1M x 18 512K x 36 512K x 36 512K x 36 Part Number1 GS8162Z18BB-250V GS8162Z18BB-200V GS8162Z18BB-150V GS8162Z36BB-250V GS8162Z36BB-200V GS8162Z36BB-150V GS8162Z18BD-250V GS8162Z18BD-200V GS8162Z18BD-150V GS8162Z36BD-250V GS8162Z36BD-200V GS8162Z36BD-150V GS8162Z18BB-250IV GS8162Z18BB-200IV GS8162Z18BB-150IV GS8162Z36BB-250IV GS8162Z36BB-200IV GS8162Z36BB-150IV GS8162Z18BD-250IV GS8162Z18BD-200IV GS8162Z18BD-150IV GS8162Z36BD-250IV GS8162Z36BD-200IV GS8162Z36BD-150IV Type NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT Voltage Option 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V Package 119 BGA (var. 2) 119 BGA (var. 2) 119 BGA (var. 2) 119 BGA (var. 2) 119 BGA (var. 2) 119 BGA (var. 2) 165 BGA 165 BGA 165 BGA 165 BGA 165 BGA 165 BGA 119 BGA (var. 2) 119 BGA (var. 2) 119 BGA (var. 2) 119 BGA (var. 2) 119 BGA (var. 2) 119 BGA (var. 2) 165 BGA 165 BGA 165 BGA 165 BGA 165 BGA 165 BGA Speed2 (MHz/ns) 250/5.5 200/6.5 150/7.5 250/5.5 200/6.5 150/7.5 250/5.5 200/6.5 150/7.5 250/5.5 200/6.5 150/7.5 250/5.5 200/6.5 150/7.5 250/5.5 200/6.5 150/7.5 250/5.5 200/6.5 150/7.5 250/5.5 200/6.5 150/7.5 TA3 C C C C C C C C C C C C I I I I I I I I I I I I Status4 MP MP MP MP MP MP MP MP MP MP MP MP MP MP MP MP MP MP MP MP MP MP MP MP Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS8162Z36BB-200IVT. 2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each device is Pipeline/Flow Through mode-selectBBle by the user. 3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 4. MP = Mass Production. PQ = Pre-Qualification. 5. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings Rev: 1.01a 6/2006 30/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Ordering Information for GSI Synchronous Burst RAMs (Cont.) Org 1M x 18 1M x 18 1M x 18 512K x 36 512K x 36 512K x 36 1M x 18 1M x 18 1M x 18 512K x 36 512K x 36 512K x 36 1M x 18 1M x 18 1M x 18 512K x 36 512K x 36 512K x 36 Part Number1 GS8162Z18BGB-250V GS8162Z18BGB-200V GS8162Z18BGB-150V GS8162Z36BGB-250V GS8162Z36BGB-200V GS8162Z36BGB-150V GS8162Z18BGD-250V GS8162Z18BGD-200V GS8162Z18BGD-150V GS8162Z36BGD-250V GS8162Z36BGD-200V GS8162Z36BGD-150V GS8162Z18BGB-250IV GS8162Z18BGB-200IV GS8162Z18BGB-150IV GS8162Z36BGB-250IV GS8162Z36BGB-200IV GS8162Z36BGB-150IV Type NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT NBT Voltage Option 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V Package RoHS-compliant 119 BGA (var. 2) RoHS-compliant 119 BGA (var. 2) RoHS-compliant 119 BGA (var. 2) RoHS-compliant 119 BGA (var. 2) RoHS-compliant 119 BGA (var. 2) RoHS-compliant 119 BGA (var. 2) RoHS-compliant 165 BGA RoHS-compliant 165 BGA RoHS-compliant 165 BGA RoHS-compliant 165 BGA RoHS-compliant 165 BGA RoHS-compliant 165 BGA RoHS-compliant 119 BGA (var. 2) RoHS-compliant 119 BGA (var. 2) RoHS-compliant 119 BGA (var. 2) RoHS-compliant 119 BGA (var. 2) RoHS-compliant 119 BGA (var. 2) RoHS-compliant 119 BGA (var. 2) Speed2 (MHz/ns) 250/5.5 200/6.5 150/7.5 250/5.5 200/6.5 150/7.5 250/5.5 200/6.5 150/7.5 250/5.5 200/6.5 150/7.5 250/5.5 200/6.5 150/7.5 250/5.5 200/6.5 150/7.5 TA3 C C C C C C C C C C C C I I I I I I Status4 PQ PQ PQ PQ PQ PQ PQ PQ PQ PQ PQ PQ PQ PQ PQ PQ PQ PQ Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS8162Z36BB-200IVT. 2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each device is Pipeline/Flow Through mode-selectBBle by the user. 3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 4. MP = Mass Production. PQ = Pre-Qualification. 5. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings Rev: 1.01a 6/2006 31/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV Ordering Information for GSI Synchronous Burst RAMs (Cont.) Org 1M x 18 1M x 18 1M x 18 512K x 36 512K x 36 512K x 36 Part Number1 GS8162Z18BGD-250IV GS8162Z18BGD-200IV GS8162Z18BGD-150IV GS8162Z36BGD-250IV GS8162Z36BGD-200IV GS8162Z36BGD-150IV Type NBT NBT NBT NBT NBT NBT Voltage Option 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V 1.8 V or 2.5 V Package RoHS-compliant 165 BGA RoHS-compliant 165 BGA RoHS-compliant 165 BGA RoHS-compliant 165 BGA RoHS-compliant 165 BGA RoHS-compliant 165 BGA Speed2 (MHz/ns) 250/5.5 200/6.5 150/7.5 250/5.5 200/6.5 150/7.5 TA3 I I I I I I Status4 PQ PQ PQ PQ PQ PQ Notes: 1. Customers requiring delivery in Tape and Reel should add the character "T" to the end of the part number. Example: GS8162Z36BB-200IVT. 2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each device is Pipeline/Flow Through mode-selectBBle by the user. 3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range. 4. MP = Mass Production. PQ = Pre-Qualification. 5. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings Rev: 1.01a 6/2006 32/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Preliminary GS8162ZxxB(B/D)-xxxV 18Mb Sync SRAM Datasheet Revision History DS/DateRev. Code: Old; New GS8162ZVxxB_r1 GS8162ZVxxB_r1; GS8162Zxx_V_r1_01 Content Types of Changes Page;Revisions;Reason Format or Content * Creation of new datasheet * Updated Abs Max section * Updated AC Characteristics table * Changed ordering information to reflect new nomenclature * (Rev1.01a: Corrected JTAG Op Cond table) Rev: 1.01a 6/2006 33/33 (c) 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. |
Price & Availability of GS8162Z18BB-150IV |