Part Number Hot Search : 
LCX03 LVC1G32 FX419J LTC665 32M16 BTM510 MBR850DC 20150
Product Description
Full Text Search
 

To Download GBL2011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBL201 - GBL207
Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers GBL
C2.5
.146(3.70) .130(3.30)
.799(20.3) .776(19.7)
Features
UL Recognized File # E-96005 Glass passivated chip junction Ideal for printed circuit board High case dielectric strength Plastic material has Underwriters Laboratory Flammability Classification 94V-0 Typical IR less than 0.1A High surge current capability High temperature soldering guaranteed: 260oC / 10 seconds / .375", (9.5mm) lead lengths.
.106(2.70) .091(2.30) .067(1.70) .051(1.30) .043(1.10) .035(0.90)
.106(2.70) .091(2.30)
.445(11.3) .421(10.7)
.047(1.20) .031(0.80)
.551(14.0) .512(13.0)
.024(0.60) .016(0.40)
1
2
205(5.20) 189(4.80)
3
4
1 2 3 4
.205(5.20) .205(5.20) .189(4.80) .189(4.80)
Mechanical Data
Dimensions in inches and (millimeters)
Case: Molded plastic body. Terminals: Pure tin plated, Lead free. leads solderable per MIL-STD-750, Method 2026. Weight: 0. 06 ounce, 1.7 grams Mounting position: Any
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Maximum Ratings and Electrical Characteristics o
Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Rectified Output Current @ 50 oC Ambient Peak One Surge Current Overload Current Maximum Instantaneous Forward Voltage @ 1.0A Maximum DC Reverse Current @ TA=25 C at Rated DC Blocking Voltage @ TA=100 oC Typical Junction Capacitance Per Leg at 4.0V, 1MHz
Typical Thermal Resistance Per Leg ( Note ) ( Note )
o
Symbol GBL GBL GBL GBL GBL GBL GBL Units 201 202 203 204 205 206 207 VRRM 50 100 200 400 600 800 1000 V VRMS 35 70 140 280 420 560 700 V VDC 50 100 200 400 600 800 1000 V I(AV) IFSM VF IR 2.0 60 1.00 5.0 500 25
o
A A V uA uA pF C/W
o o
Cj
RJA RJL
32 13 Operating Temperature Range TJ -55 to +150 Storage Temperature Range TSTG -55 to + 150 Notes: Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B with 0.47 x 0.47" (12 x 12mm) Copper Pads.
C C
Version: A06
RATINGS AND CHARACTERISTIC CURVES (GBL201 THRU GBL207 )
FIG.1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT FIG.2- TYPICAL REAK REVERSE VOLTAGE CHARACTERISTICS
3.0
BRIDGE OUPUT FULL WAVE RECTIFIED CURRENT AVERES AMPERES
10
INSTANTANEOUS REVERSE CURRENTMICROAMPERES
2.5 2.0 1.5 1.0 0.5 0
TJ =100 OC
1
0
50 100 O AMBIENT TEMPERATURE. ( C)
150
0.1
70
FIG.3- MAXIMUM NON-REPETITEVE PEAK FORWARD SURGE CURRENT PER BRIDGE ELEMENT
TJ= 25 C
O
PEAK FORWARD SURGE CURRENT. (A)
60
0.01
50 40 30 20 10 0 1 2 4 6 10 20 NUMBER OF CYCLES AT 60Hz 40 60
JUNCTION CAPACITANCE.(pF)
0
20
40 60 80 100 PERCENT OF PEAK REVERSE VOLTAGE
120
140
FIG.4- TYPICAL JUNCTION CAPACITANCE
100 60 50
Tj=25 0C
40 30 20 10 0 0.1
100
FIG.5-TYPICAL FORWARD CHARACTERISITCS
5.0 4.0
INSTANTANEOUS FORWARD CURRENT. (A)
0.5
1
2
5
10
20
50 100
200
500 800
3.0 2.0 1.0 0.9 0.8 0.7 0.5 0.3 0.2 0.1 0.07 0.05 0.03 0.02 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1 .4
REVERSE VOLTAGE. (V)
INSTANTANEOUS FORWARS VOLTAGE. (V)
Version: A06


▲Up To Search▲   

 
Price & Availability of GBL2011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X