Part Number Hot Search : 
74HCT04A OPV214AT SMAJ24C T1049 A3965S 3KP110 MMBZ5257 SSW1N60B
Product Description
Full Text Search
 

To Download FDS6692A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDS6692A N-Channel PowerTrench(R) MOSFET
December 2005
FDS6692A N-Channel PowerTrench(R) MOSFET
30V, 9A, 11.5m Features
RDS(ON) = 11.5m, VGS = 10V, ID = 9A RDS(ON) = 14.5m, VGS = 4.5V, ID = 8.2A High performance trench technology for extremely low RDS(ON) Low gate charge High power and current handling capability RoHS Compliant
General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers. It has been optimized for low gate charge, low RDS(ON) and fast switching speed.
Applications
DC/DC converters
D
D
D
D
5 6
4 3 2 1
SO-8
S
S
S
G
7 8
(c)2005 Fairchild Semiconductor Corporation FDS6692A Rev. A1
1
www.fairchildsemi.com
FDS6692A N-Channel PowerTrench(R) MOSFET
MOSFET Maximum Ratings
Symbol VDSS VGS ID EAS PD TJ, TSTG Drain to Source Voltage Gate to Source Voltage Drain Current
TA = 25C
unless otherwise noted Ratings 30 20 9 8.2 48 240 1.47 -55 to 150 Units V V A A A mJ W
o
Parameter
Continuous (TA = 25oC, VGS = 10V, RJA = 85oC/W) Continuous (TA = 25 C, VGS = 4.5V, RJA = 85 C/W) Pulsed Single Pulse Avalanche Energy (Note 1) Power dissipation Operating and Storage Temperature
o o
C
Thermal Characteristics
RJA RJA Thermal Resistance, Junction to Ambient at 10 seconds (Note 3) Thermal Resistance, Junction to Ambient at 1000 seconds (Note 3) 50 85
o o
C/W C/W
Package Marking and Ordering Information
Device Marking FDS6692A Device FDS6692A Package SO-8 Reel Size 330mm Tape Width 12mm Quantity 2500 units
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off Characteristics
BVDSS BVDSS TJ IDSS IGSS Drain to Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = 250A, VGS = 0V ID = 250A, Referenced to 25oC VDS = 24V VGS = 0V VGS = 20V TJ = 150oC 30 21 1 250 100 V mV/oC A nA
On Characteristics
VGS(TH) VGS(TH) TJ RDS(ON) Gate to Source Threshold Voltage Gate to Source Threshold Voltage Temperature Coefficient Drain to Source On Resistance VGS = VDS, ID = 250A ID = 250A, Referenced to 25oC ID = 9A, VGS = 10V ID = 8.2A, VGS = 4.5V ID = 9A, VGS = 10V, TJ = 150oC 1.2 -5 8.2 11 13 2.5 11.5 14.5 19 m V mV/oC
Dynamic Characteristics
CISS COSS CRSS RG Qg(TOT) Qg(5) Qg(TH) Qgs Qgs2 Qgd Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance Total Gate Charge at 10V Total Gate Charge at 5V Threshold Gate Charge Gate to Source Gate Charge Gate Charge Threshold to Plateau Gate to Drain "Miller" Charge
2 FDS6692A Rev. A1
VDS = 15V, VGS = 0V, f = 1MHz f = 1MHz VGS = 0V to 10V VGS = 0V to 5V VGS = 0V to 1V VDD = 15V ID = 9A Ig = 1.0mA
-
1210 330 138 2.0 22 12 0.93 3 2.1 4.8
1610 440 210 29 16 1.2 -
pF pF pF nC nC nC nC nC nC
www.fairchildsemi.com
FDS6692A N-Channel PowerTrench(R) MOSFET
Switching Characteristics (VGS = 10V)
tON td(ON) tr td(OFF) tf tOFF Turn-On Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-Off Time VDD = 15V, ID = 9A VGS = 10V, RGS = 6.2 8 32 33 13 60 69 ns ns ns ns ns ns
Drain-Source Diode Characteristics
VSD trr QRR Source to Drain Diode Voltage Reverse Recovery Time Reverse Recovered Charge ISD = 9A ISD = 2.1A ISD = 9A, dISD/dt=100A/s ISD = 9A, dISD/dt=100A/s 1.25 1.0 27 17 V V ns nC
Notes: 1: Starting TJ = 25C, L = 9.2mH, IAS = 7.2A, VDD = 30V, VGS = 10V. 2: RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RJA is determined by the user's board design. 3: RJA is measured with 1.0 in2 copper on FR-4 board
3 FDS6692A Rev. A1
www.fairchildsemi.com
FDS6692A N-Channel PowerTrench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
24 2.8 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
RDS(ON), NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
21 18
2.6 2.4 2.2 2 1.8 1.6 1.4 1.2 1 0.8 0 6 12
3.0V
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
15 12 9 6 3 0 0 0.1 0.2
WAVEFORMS IN DESCENDING ORDER:
4.5V
3.5V 4.0V
10V 5.0V 4.0V 3.5V 3.0V
0.3 0.4 0.5
5.0V 10V
20
24
VDS, DRAIN TO SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
Figure 1. On Region Characteristics
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage
0.02
1.6 RDS(ON), NORMALIZED DRAIN TO SOURCE ON-RESISTANCE ID = 9A VGS =10V
ID =9A RDS(ON), ON-RESISTANCE (OHM) 0.018 0.016 0.014 0.012 TJ =25oC 0.01 0.008
1.4
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
1.2
TJ =150oC
1.0 PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX 0.8
0.6 - 80
0.006 - 40 0 40 80 120 TJ, JUNCTION TEMPERATURE (oC) 160 2 4 8 6 VGS, GATE TO SOURCE VOLTAGE (V) 10
Figure 3. On Resistance Variation with Temperature
24 21
Figure 4. On-Resistance Variation with Gate-to-Source Voltage
100
PULSE DURATION = 80s DUTY CYCLE = 0.5% MAX
IS = 9A
10
ID, DRAIN CURRENT (A)
18 15 12 9 6 3 0 0
VDS = 6V TJ = 25oC
IS, REVERSE CURRENT (A)
1
TJ = 150oC
TJ = 150oC TJ = -55oC
0.1
TJ = 25oC TJ = - 55oC
0.01
1
2
3
4
0.001
0
VGS, GATE TO SOURCE VOLTAGE (V)
0.2 0.6 0.8 1.0 0.4 VSD, BODY DIODE FORWARD VOLTAGE
1.2
Figure 5. Transfer Characteristics
Figure 6. Body Diode Forward Voltage Variation With Source Current and Temperature
4 FDS6692A Rev. A1
www.fairchildsemi.com
FDS6692A N-Channel PowerTrench(R) MOSFET
Typical Characteristics TJ = 25C unless otherwise noted
10 VDD =15V VGS, GATE- SOURCE VOLTAGE 8
2000
CISS
1000
COSS CAPACITANCE (pF)
6
4 WAVEFORMS IN DESCENDING ORDER: ID = 9A ID = 1A
CRSS f = 1MHz VGS = 0V
2
0 0 5 10 15 20 25 Qg, GATE CHARGE (nC)
100
0.03
0.1 1 10 VDS, DRAIN TO SOURCE VOLTAGE (V)
30
Figure 7. Gate Charge Characteristics
100 If R = 0 tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD) If R 0 tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
Figure 8. Capacitance Characteristics
100
IAS, AVALANCHE CURRENT (A)
10
STARTING TJ =25 C
o
ID, DRAIN TCURRENT (A)
10
1
OPERATION IN THIS AREA MAY BE LIMITED BY RDS(ON) SINGLE PULSE TJ = MAX RATED TA = 25oC
100s 1ms 10ms DC
STARTING TJ =150 C
o
0.1
1 0.01 .01 1 10 100 1000
0.01 0.1
tAV, TIME IN AVALANCHE(ms)
1 10 VDS, DRAIN TO SOURCE VOLTAGE (V)
100
Figure 9. Unclamped Inductive Switching Capability
10 9 CURRENT LIMITED BY PACKAGE
Figure 10. Safe Operating Area
P(PK), PEAK TRANSIENT POWER (W)
2000
1000 SINGLE PULSE o RJA = 85 C/W 100
TA = 25 C
ID, DRAIN TCURRENT (A)
8 7 6 5 4 3 2 1 0 0
VGS = 10V
o
VGS = 4.5V
10
RJA = 85oC/W
50 75 100 125 150
TA, AMBIENT TEMPERATURE (oC)
1 -5 10
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
t, PULSE WIDTH (s)
Figure 11. Maximum Continuous Drain Current vs Ambient Temperature
Figure 12. Single Maximum Power Dissipation
5 FDS6692A Rev. A1
www.fairchildsemi.com
FDS6692A N-Channel PowerTrench(R) MOSFET
2
1
Normalized Thermal impedance ZJA
0.1
D = 0.5 0.2 0.1 0.05 0.02 0.01
PDM
t1 t2
0.01
SINGLE PULSE
NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x RJA + TC
-2 -1 0 1 2 3
1E-3 -5 10
10
-4
10
-3
10
10
10
10
10
10
t Rectangular Pulse Duration
Figure 13. Transient Thermal Response Curve
6 FDS6692A Rev. A1
www.fairchildsemi.com
FDS6692A N-Channel PowerTrench(R) MOSFET
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM
Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM DISCLAIMER
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM
PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3
SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM WireTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I17
7 FDS6692A Rev. A1
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDS6692A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X