Part Number Hot Search : 
AT24WC M5239 BNP11SCQ AME8812 APN1001 TXV1N ZMM6B2 RFS46
Product Description
Full Text Search
 

To Download FAN8040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
FAN8040
4-Channel Motor Driver
Features
* 4-channel Balanced Transformerless (BTL) Driver * 3-channels PWM input direct-coupled type include internal filters. * Separated power supply voltages (PVCC1: CH1 and CH2, PVCC2: CH3 and CH4) * Built-in input pin selection function of channel 4 * Built-in OP-amplifier * Built-in Power Save function * Built-in Thermal Shutdown Circuit (TSD) * Operating ranges: 4.5~ 13.2V
Description
The FAN8040G3 is a monolithic integrated circuit, suitable for 4-channel motor driver which drives tracking actuator, focus actuator, sled motor and spindle motor of compack disk player system.
28-SSOPH-375-SG2
Typical Applications
* Compact Disk Player (CDP) * Video Compact Disk Player (VCD) * Other Compact Disk Media
Ordering Information
Device
FAN8040G3 FAN8040G3X
Package
28-SSOPH-375SG2 28-SSOPH-375SG2
Operating Temp. -40C ~ +85C -40C ~ +85C
Rev. 1.0.0
(c)2004 Fairchild Semiconductor Corporation
2
1 27 2 3 4 5 6 7 25 24 23 22 26
OPOUT OUTVREF CH4CAPA CH4IN CH3FIN CH3RIN OPIN-
FAN8040
28
VDD
OPIN+ SW CH1FIN CH1RIN CH2FIN CH2RIN
Pin Assignments
FIN
FIN
8 9 10
PVCC1 CH2OUTR CH2OUTF CH1OUTR CH1OUTF VREFIN GND
21
GND PS
FAN8040G3
11 12 13 14
20 19 18 17 16 15
PVCC2 CH3OUTR CH3OUTF CH4OUTF CH4OUTR
FAN8040
Pin Definitions
Pin Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Pin Name OPINOPIN+ SW CH1FIN CH1RIN CH2FIN CH2RIN GND VREFIN PVCC1 CH2OUTR CH2OUTF CH1OUTR CH1OUTF CH4OUTR CH4OUTF CH3OUTF CH3OUTR PVCC2 PS GND CH3RIN CH3FIN CH4IN CH4CAPA OUTVREF OPOUT VDD I/O I I I I I I I I O O O O O O O O I I I I I I O Pin Function Description OP-amplifier negative input OP-amplifier positive input channel 4 input change switch input Channel 1 PWM forward input Channel 1 PWM reverse input Channel 2 PWM forward input Channel 2 PWM reverse input Ground 1 Internal reference voltage input terminal Power supply voltage for channel 1 and channel 2 Channel 2 reverse output Channel 2 forward output Channel 1 reverse output Channel 1 forward output Channel 4 reverse output Channel 4 forward output Channel 3 forward output Channel 3 reverse output Power supply voltage for channel 3 and channel 4 Power save signal input Ground 2 Channel 3 PWM reverse input Channel3 PWM forward input Channel 4 input Channel 4 external capacitor connection terminal Channel 4 external reference voltage input terminal Op-amplifier output Predriver power supply voltage
3
FAN8040
Internal Block Diagram
CH3OUTR
CH4CAPA
CH3FIN
28
27
26
50K
25
10K
24
100K
23
F
22
R
F VDD
FIN
21
Bias Circuit
25pF
20
50K
19
18
D
17
D
CH4OUTF
OPOUT
CH3RIN
VDD
PS
16
D
15
D
PS CNTL
VDD INTERFACE 100K
PVCC2 (CH3,4)
R
50K 100K 19K 10K
TSD
VDD F INTERFACE R VDD 100K 25pF
PVCC1
5.3K PVCC2
50K 50K
50K PS CNTL 50K
F
R
INTERFACE
F R
100K
25pF PVCC1 (CH1,2)
F
R
D
D
D
1
OPIN-
2
OPIN+
3
SW
4
CH1FIN
5
CH1RIN
6
CH2FIN
7
CH2RIN
CH2OUTR
VREFIN
PVCC1
CH1OUTR
D : Drive Buffer SW : H--> ON, L --> OFF
4
CH2OUTF
CH1OUTF
FIN
8
GND
9
10
11
12
13
14
CH4OUTR
D
OUTVREF
CH3OUTF
PVCC2
CH4IN
GND
FAN8040
Equivalent Circuits
Driver Forward Input Driver Reverse Input
CH1, CH2 and CH3
CH1, CH2 and CH3
4
6
23
17K
5
7
22
17K
Driver Output
Internal Reference Voltage
30K
50K
11 12 13
30K
15 16
9
50K
17 18
14
PS Input
CH4 SW Input
20
50K 50K
3
2K
50K
5
FAN8040
Equivalent Circuits (Continued)
OP- Amplifier Input OP- Amplifier Output
2K
2K
27
1
2K 2K
2
External Reference Voltage Input
100K
100K
24
100K
50K
26
50K 10K
25
100K
6
FAN8040
Absolute Maximum Ratings (Ta = 25C)
Parameter Supply Voltage Predriver Supply Voltage Power Dissipation Operating Temperature Storage Temperature Symbol PVCC1, 2 VDD PD TOPR TSTG Value 15 15 2.5note -40 ~ +85 -55 ~ +150 Unit V V W C C
Note: 1. When mounted on a 76.2mm x 114mm x 1.57mm PCB (Phenolic resin material). 2. Power dissipation reduces 16.6mW/C for using above Ta = 25C 3. Do not exceed PD and SOA (Safe operating area)
Power Dissipation Curve
PD [mW]
3000 2500 2000 1500 1000 500 0 0 25 50 75 100 125 150 175 200
SOA
Ambient temperature, Ta[C]
Recommended Operating Condition (Ta = 25C)
Parameter Operating Supply Voltage Predriver Supply Voltage Symbol PVCC1, 2 VDD Value 4.5 ~ 13.2 4.5 ~ 13.2 Unit V V
7
FAN8040
Electrical Characteristics (Ta = 25C)
(Ta=25C, VDD=PVCC1=PVCC2=8V, RL=8, f=1kHz, unless otherwise specified) Parameter Quiescent Circuit Current1 Internal Reference Input Voltage Quiescent Circuit Current2 Power Save Off Voltage Power Save On Voltage Input High Level Voltage Input Low Level Voltage Input High Level Current Input Low Level Current (Forward) Input Low Level Current (Reverse) Output Offset Voltage Maximum Output Voltage Ripple Rejection Ratio Input Bias Current Output Offset Voltage Maximum Output Voltage Closed-loop Voltage Gain Ripple Rejection Ratio
(Note2) (Note2) (Note1)
Symbol IQ VREF IPS VPSOFF VPSON VIH VIL IIH IILF IILR VOO VOM RR IB VOO4 VOM GVC RR VIHSW VILSW IIHSW IILSW VOFOP IBOP VOHOP VOLOP ISINK ISOURCE GVO SR
Conditions Under no-load At Power Save On
Min. 3.40 2.0 2.4 -0.3
Typ. 17.0 3.70 10 310 5.0 70 10 5.4 11.3 70 60 0 10 13.0 9.0 65 0.5
Max. 25.0 4.0 100 0.5 VCC 0.5 450 0 0 30 5.6 300 50 13.3 VCC 0.5 90 10 +5 300 0.2 -
Unit mA V uA V V V V uA uA uA mV V dB nA mV V dB dB V V uA uA mA nA V V mA mA dB V/us
BTL DRIVER PART (CH1, CH2 and CH3)
VF=VR=5V VF=0V VR=0V VF=5V,VR=0V VRR=100mVrms, 100Hz
170 -10 -50 -30 4.4 -
SPINDLE MOTOR DRIVER (CH4) CH4IN=OUTVREF CH4IN=4V VRR=100mVrms, 100Hz -50 4.8 9.3 2.0 -0.3 VSW=3.5V VSW=0V -10 -5 7.0 7.0 2.0 VIN=60dBV, 1KHz f=50KHz,2VPP(Squre) -
ANALOG SWITCH INPUT Input High Level Voltage Input Low Level Voltage Input High Level Current Input Low Level Current OP-AMPLIFIER Offset Voltage Input Bias Current Output High Level Volatage Output Low Level Volatage Output Sink Current Output Source Current Open-loop Voltage Slew Rate
(Note2)
Gain(Note2)
Note : 1. when the PS(pin20) is low level (under 0.5V) the bias circuit is disabled, so that the whole circuits are disabled. 2. Guranteed Design Value
8
FAN8040
Application Information
1. Power Save Function
* Power save function is also performed at PS (pin20). The truth table is as follows:
VDD
SW (pin3) Input L H Function CAPA(pin25) OFF CAPA(pin25) ON Input L H
PS (pin20) Function Power Save ON Power Save OFF
20
PS CNTL
Bias Circuit
Figure 1. Truth table of Gain selection and Mute Function
* When the PS (pin 20) is hige level (above 2V), the bias circuit is enable. On the other hand, when the PS(pin20) is low level (under 0.5V), the bias circuit is disabled. * When the CAPA(pin3) is low level, the CAPA (pin25) is opened in Figure. 4.
2. TSD (Thermal Shutdown) Function
* When the chip temperature rises above 175C, then the 4-channels BTL driver output circuit will be muted. The TSD circuit has the hysteresis temperature of 25C.
4. Balanced Transformerless(BTL) Driver (CH1, CH2 and CH3)
* CH1, CH2 and CH3 drive parts are composed of internal filter, V-I converter and output power amplifiers.
PVCC I1 Buffer1 R1=100K Buffer2 C1=25 I2
FWD
INTERFACE
F R
S1
OUT1
REV
S2
A VREF
OUT2
Figure 2. Schematic of BTL Driver (CH1, CH2 and CH3)
F L L H H
R L H L H
S1 OFF OFF ON ON
S2 OFF ON OFF ON
H : above 2.4 [V] L : under 0.5 [V]
Table 1. Truth table of internal switches operation
9
FAN8040
* Internal primary filter is composed of sourcing/sinking current source of 25uA and forward/reverse controlled switches. * It converts "FWD/REV" digital signals to analog signal as shown Figure. 2.
1V/usec
FWD Input REV
5V 0V VREF
OUTF OUTR
Output
0V 0V
5V
FWD Input REV
0V 0V 0V
OUTF
Output
VREF
OUTR
Figure 3. Operartion waveforms of BTL Driver (CH1, CH2 and CH3)
* If the forward input signal is high level (avobe 2.4V) and reverse input signal is low level (under 0.5V), then the forward current source switch S1and reverse current source switch S2 become turn-on and turn-off, respectively. * This causes the internal capacitor, C1, to be charged with sourcing current source of 25uA and consequently the voltage of the filter output, VA, increases with the internal time constant of 2.5usec. *
VA = I1 x R1 2.5[V ],
* The time constant is
(Or reverse input : -2.5[V ] )
R x C = 2.5[u sec]
Where, R is 100 [] and C is 25[pF]. * The output voltages of power amplifers, VOUTF and VOUTR, are given as: *
VOUTF = VREF + VA VOUTR = VREF - VA
[V ] [V ]
10
FAN8040
5. Channel 4 Driver (Spindle Motor Driver)
* The channel 4 driver is composed of input amplifer with input selection switch, V-I converter and output power amplifiers. * The voltage, VREF, is the external reference voltage given by the bias voltage of the pin 26 in Figure. 4. * The input signal, VIN, through the CH4IN (pin24) is amplified by 100K/100K times and then fed to the next amplifier. And the amplified voltage is amplified by R2/R1 times and then the fed to the level shift circuit. * Level shifit produces the current due to the difference between the input signal and the internal power reference (PVCC/2). The current produced as + I and - I is fed into the driver buffer. * If it is desired to change the gain, then the CH4CAPA (pin25) can be used. It is controlld by the SW (pin3) input signal. * When the SW (pin3) is high level, then the input voltage,VIN, applied to the CH4CAPA (pin25).
100K
100K R2 R1
+ I D
24
R1
Servo Output
C1
C2
16
25
10K
Level Shift PVCC - I
26
VREF VREF
50K
D
15
50K 50K
VREF
3
Figure 4. Channel 4 Spindle Driver
11
FAN8040
Typical Performance Characteristics
VDD vs IQ1
12 11.5 11
PVCC1 vs IPVCC1 0. 6 0. 55 0. 5 IPVCC1[mA] 0. 45 0. 4 0. 35 0. 3 0. 25 0. 2
IQ1[mA]
10.5 10 9.5 9 8.5 8 5 6 7 8 9 10 11 12 13 14 VDD[V]
5
6
7
8
9
10
11
12
13
14
PVCC1[V]
PVCC2 vs IPVCC2 0. 6 0. 55 0. 5 IPVCC1[mA] GCV[dB] 0. 45 0. 4 0. 35 0. 3 0. 25 0. 2 5 6 7 8 9 10 11 12 13 14 PVCC2[V] 13 12. 5 12 11. 5 11 10. 5 10 9. 5 5 6 7
VDD vs GCV
8
9
10
11
12
13
14
V DD[V ]
Temperature vs IQ1
15 14 13 11 10 9 8 7 6 5 -40 -20 0 20 40 60 80 100
Temperature vs IPVCC1
1 0. 9 0. 8 0. 7 0. 6 0. 5 0. 4 0. 3 0. 2 0. 1 0 -40
IPVCC1[mA]
12 IQ1[mA]
-20
0
20
40
60
80
100
Temp [C]
Temp [C]
12
FAN8040
Temperatur vs IPVCC2
1 0. 9 0. 8 0. 7 0. 6 0. 5 0. 4 0. 3 0. 2 0. 1 0 -40 6 5. 8 5. 6 5. 4 5. 2 5 4. 8 4. 6 4. 4 4. 2 4 -40
Temperature vs VOM1AB
-20
0
20
40
60
80
100
VOM1AB[V]
IPVC2[mA]
-20
0
20
40
60
80
100
Tem [C] p
Tem [C] p
Temperature vs VOM 2AB
6 5. 8 5. 6 5. 4 5. 2 5 4. 8 4. 6 4. 4 4. 2 4 -40 6 5. 8 5. 6 5. 4 5. 2 5 4. 8 4. 6 4. 4 4. 2 4 -40
Temperature vs VOM3AB
VOM3AB[V]
VOM2AB[V
-20
0
20
40
60
80
100
-20
0
20
40
60
80
100
Tem p[C]
Temp[C]
Temperature vs VOM4AB 6 5. 8 5. 6 5. 4 5. 2 5 4. 8 4. 6 4. 4 4. 2 4 -40
Temperature vs GCV1 13 12. 5 12 GCV1[dB] 11. 5 11 10. 5 10 9. 5 9 -40
VOM4AB[V]
-20
0
20
40
60
80
100
-20
0
20
40
60
80
100
Temp[C]
Temp[C]
13
FAN8040
Temperature vs ISOURCE 10 9 8 7 6 5 4 3 2 1 0 -40 40 38 36 34 32 30 28 26 24 22 20 -40
Temperature vs ISINK
ISOURCE[mA]
-20
0
20
40
60
80
100
ISINK[mA]
-20
0
20
40
60
80
100
Temp[C]
Temp[C]
14
SLED MOTOR
SPINDLE MOTOR
PVCC
0.1uF
M
M
0.47uF
VDD
0.1uF
28 20
D 50K PVCC2 (CH3,4) D 50K VDD F INTERFACE 100K 100K 25pF R 50K 10K 100K
27 26 25 24
F
PVCC
23 22 21
Bias Circuit
FIN
19 18 17
16
D
15
D
Typical Application Circuits
Power Save
R
SLED TSD
PVCC F 100K 25pF INTERFACE R PVCC VREF
FORWARD
19K 10K
REVERSE
PVCC 5.3K 50K 50K 50K 50K
BIAS SPINDLE 1.75V
F
F INTERFACE R
PVCC
FOCUS H = ON L = OFF
82 15
FORWARD
REVERSE
TRACKING
F R
FORWARD
REVERSE
Digital Servo
R
100K 25pF
PVCC1 (CH1,2)
D
D
D
D
1 2 3 4
300pF
5
6
7
FIN
8
9
10
11
12
13
14
FOCUS COIL
TRACKING COIL
0.1uF 0.1uF
PVCC
FAN8040
15
FAN8040
Mechanical Dimensions(Unit : mm)
Package Dimensions
28-SSOPH-375SG2
16
FAN8040
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 7/27/04 0.0m 001 Stock#DSxxxxxxxx 2004 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of FAN8040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X