Part Number Hot Search : 
BDX20 C1302 B0938 80C34X2 GROUP TPC8123 AD8322 4558D
Product Description
Full Text Search
 

To Download F1003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Military Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features gold metal for greatly extended lifetime. Low output capacitance and high Ft enhance broadband performance
TM
F1003
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 60 Watts Single Ended Package Style AM HIGH EFFICIENCY, LINEAR, HIGH GAIN, LOW NOISE
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
Total Device Dissipation 120 Watts Junction to Case Thermal Resistance 1.5 o C/W Maximum Junction Temperature 200 o C Storage Temperature DC Drain Current Drain to Gate Voltage 70 V Drain to Source Voltage 70 V Gate to Source Voltage 30V
o
-65 o C to 150o C
6A
RF CHARACTERISTICS (
SYMBOL Gps PARAMETER Common Source Power Gai Drain Efficiency Load Mismatch Toleranc MIN 13 60 TYP
60WATTS OUTPUT )
MAX UNITS dB % 20:1 Relative TEST CONDITIONS Idq = 0.6 A, Vds = 28.0 V, F = 175 MHz Idq = 0.6 A, Vds = 28.0 V, F = 175 MHz Idq = 0.6 A, Vds = 28.0 V, F = 175 MHz
VSWR
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltag Zero Bias Drain Curren Gate Leakage Curren Gate Bias for Drain Curren Forward Transconductanc Saturation Resistanc Saturation Curren Common Source Input Capacitanc Common Source Feedback Capacitanc Common Source Output Capacitanc 1 2.4 0.5 16.5 99 12 60 MIN 65 3 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.15 A, Vds = 28.0 V, Vds = 0 V, Ids = 0.3 A, Vgs = 0V Vgs = 0V Vgs = 30V Vgs = Vds
Vds = 10V, Vgs = 5V Vgs = 20V, Ids = 12 A Vgs = 20V, Vds = 10V Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz Vds = 28.0 V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
F1003
POUT VS PIN GRAPH
F1003 POUT vs PIN Idq=0.6A F=100 Mhz Vds=28v
100 90 80 70 60 50 40 30 20 Efficiency = 60% 10 0 0 1 2 3 4
PIN IN WATTS
POUT GAIN
CAPACITANCE VS VOLTAGE
F1B 3DIE CAPACITANCE
20 19 18 17 16 15 14 13 12 11 10 100
1000
Coss
Ciss
Crss
10 0 5 10 15
VDS IN VOLTS
5
6
7
8 20 25 30
IV CURVE
F1B 3DIE IV CURVE
20 18 16 14 12 10 8 6 4 2 0 0 2 4 6 8 10
Vds in Volts
Vg = 2V Vg = 4V Vg = 6V Vg = 8V Vg = 10V Vg = 12V
ID AND GM VS VGS
F1B 3 DIE GM & ID vs VG
100
Id
10
1
Gm
12
14
16
18
20 0.1 0 2 4 6
Vgs in Volts
8
10
12
14
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
POLYFET RF DEVICES
REVISION 8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of F1003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X