Part Number Hot Search : 
A12F40 ON1718 LCE30AT 1N1344A W78L32 SB1245TL SMCJ100A 1N1344A
Product Description
Full Text Search
 

To Download EZ1086CM-XXTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5 Amp Positive Voltage Regulator
POWER MANAGEMENT Description
The EZ1086 series of high performance positive voltage regulators are designed for use in applications requiring low dropout performance at up to 1.5A. Additionally, the EZ1086 series provides excellent regulation over variations in line, load and temperature. Outstanding features include low dropout performance at rated current, fast transient response, internal current limiting and thermal shutdown protection of the output device. A variety of options are available for maximum flexibility: the EZ1086C has both fixed and adjustable voltage options and is designed for use in commercial applications; the EZ1086I is adjustable only for industrial applications. All devices are available in the popular TO-220 and TO-263 packages.
EZ1086C & EZ1086I
Features
Low dropout voltage: 1.3V max. for EZ1086C, 1.4V max. for EZ1086I Full current rating over line and temperature Fast transient response 2% total output regulation over line, load and temperature Adjust pin current max 90A over temperature Fixed/adjustable output voltage (EZ1086C) Line regulation typically 0.015% Load regulation typically 0.05% Industrial temperature range (EZ1086I) TO-220 and TO-263 packages. Available in RoHS compliant package
Applications
Post regulators Battery chargers
Typical Application Circuit
Fixed Voltage Regulator
U1 VIN > 4.75V 3 IN EZ1086C-3.3 2 TAB OUT VOUT = 3.3V
+
C1 10uF Tant.
GND 1
+
C2 10uF Tant. Min.
Adjustable Voltage Regulator
U1 VIN > 4.75V 3 IN TAB EZ1086 OUT 2 VOUT = 3.45V
+
C1 10uF Tant.
ADJ 1
R1 133 Ohm, 1%
+
C2 10uF Tant. Min
Notes: (1) C1 needed if device is far from filter capacitors (2) C2 minimum value required for stability
R2 232 Ohm, 1%
R2 VOUT = VREF * 1 + + I ADJ * R 2 R1
Revision: January 25, 2006
1
www.semtech.com
EZ1086C & EZ1086I
POWER MANAGEMENT Absolute Maximum Ratings
Parameter Input Supply Voltage Power Dissipation Thermal Resistance Junction to Case TO-220 TO-263 Thermal Resistance Junction to Ambient TO-220 TO-263 Operating Ambient Temperature Range EZ1086C EZ1086I Operating Junction Temperature Range EZ1086C EZ1086I Storage Temperature Range Lead Temperature (Soldering) 10 Sec. ESD Rating (Human Body Model) Symbol VIN PD J C Maximum 7 Internally Limited 3 3 50 60 0 to 70 -40 to 85 0 to 125 -40 to 125 -65 to 150 300 2 Units V W C/W
J A
C/W
TA
C
TJ TSTG TLEAD ESD
C C C kV
Electrical Characteristics
Unless otherwise specified: Adj. VIN = 2.75V to 7.0V and Adj. IO = 10mA to 1.5A; Fixed VIN = 4.75 to 7.0V and Fixed IO = 0 mA to 1.5A. Values in bold apply over full operating ambient temperature range.
Parameter Output Voltage EZ1086C-X.X Reference Voltage
(1) (1)
Symbol VO
VIN 5V
IO 0mA
Min 0.985lVOl 0.98lVOl
Typ VO
Max 1.015lVOl 1.02lVOl
Units V
VREF
5V
10mA
1.231 1.225
1.250
1.269 1.275
V
EZ1086C, EZ1086I Reference Voltage Line Regulation (1) Load Regulation (1) Dropout Voltage(1)(2) EZ1086C, EZ1086C-X.X EZ1086I Current Limit ICL
(1)
VRE REG(LINE) REG(LOAD) VD
5V
10mA 10mA
1.233
1.250 0.045 0.15
1.267 0.2 0.4 1.35 1.40
V % % V
5V 1.5A
1.20 1.20 1.5 2.0
A
2006 Semtech Corp.
2
www.semtech.com
EZ1086C & EZ1086I
POWER MANAGEMENT Electrical Characteristics (Cont)
Unless otherwise specified: Adj. VIN = 2.75V to 7.0V and Adj. IO = 10mA to 1.5A; Fixed VIN = 4.75 to 7.0V and Fixed IO = 0 mA to 1.5A. Values in bold apply over full operating ambient temperature range.
Parameter Quiescent Current Fixed Voltage Version Temperature Coefficient Adjust Pin Current Adjust Pin Current Change Temperature Stability Minimum Load Current Adj Voltage Versions RMS Output Noise(3) Ripple Rejection Ratio(4)
Symbol IQ TC IADJ IADJ TS IO VN RA
VIN 5V
IO
Min
Typ 10 0.005 55 0.2
Max 14
Units mA %/C
90 5
A A %
5V 5V
0.5A
0.5 5 0.003 10
mA %VO dB
5V
1.5A
60
72
NOTES: (1) Low duty cycle pulse testing with Kelvin connections required. (2) VOUT, VREF = 1% (3) Bandwidth of 10 Hz to 10 kHz. (4) 120 Hz input ripple (CADJ for ADJ = 25F).
2006 Semtech Corp.
3
www.semtech.com
EZ1086C & EZ1086I
POWER MANAGEMENT Pin Configurations Ordering Information
Device(1)(2) EZ1086CM-X.X.TR EZ1086IM.TR EZ1086CM-X.XTRT(5) EZ1086CT-X.X EZ1086IT EZ1086CT-X.XT(5) TO-220(4) P ackag e
TO-263(3)
Notes: (1) Where X.X denotes voltage options (EZ1086C only). Available voltages are: 2.5V, 3.3V and 3.45V. Leave blank for adjustable version (1.3 to 5.7V). Contact factory for additional voltage options. (2) Where C and I denote Commercial (0C to 70C) and Industrial (-40C to 85C) ambient temperature ranges. (3) Only available in tape and reel packaging. A reel contains 800 devices. (4) Only available in tube packaging. A tube contains 50 devices. (5) This product is RoHS compliant.
Pin Descriptions
Pin 1 Pin Name ADJUST GROUND 2 3 OUTPUT INPUT Pin Function This pin is the negative side of the reference voltage for adjustable devices. Transient response can be improved by adding a small bypass capacitor from the adjust pin to ground. This pin is the bottom end of the internal resistor feedback chain for fixed output voltage parts, and should be connected to ground. This is the power output of the device and is electrically connected to the TAB. This is the input supply pin for both the control circuitry and the pass device.
Block Diagram
2006 Semtech Corp.
4
www.semtech.com
EZ1086C & EZ1086I
POWER MANAGEMENT Outline Drawing - TO-220
aaa OP BA B A E2 E/2 Q H1 D2 D D1 L1 L E A A1 SEATING PLANE
DIM
A A1 A2 b b2 c D D1 D2 E E1 E2 e e1 H1 L L1 N OP Q aaa bbb ccc
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
.140 .020 .080 .015 .045 .014 .560 .330 .480 .380 .270 .190 3.56 4.82 .055 0.51 1.40 .115 2.03 2.92 .027 .040 0.38 0.69 1.02 .057 .070 1.14 1.45 1.78 .024 0.36 0.61 .650 14.22 16.51 .355 8.38 9.02 .507 12.19 12.88 .420 9.65 10.66 .350 6.86 8.90 .030 0.76 .100 BSC 2.54 BSC 5.08 BSC .200 BSC .230 .270 5.84 6.86 .500 .580 12.70 14.73 .250 6.35 3 3 .139 .156 3.53 3.96 .100 .120 2.54 3.05 .014 0.36 .015 0.38 .010 0.25
C
c 3 x b2 3xb bbb 2x e e1
NOTES: 1. CONTROLLING DIMENSIONS ARE IN INCHES. 2. DIMENSIONS "D" AND "E" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
A2 BA
E1 ccc BA
Outline Drawing - T0-263
A E E/2 0 L1
DIM
A A1 b b1 c c1 D D1 E E1 H e L L1 N 0 01 aaa
DIMENSIONS INCHES MILLIMETERS MIN NOM MAX MIN NOM MAX
.190 4.06 4.83 .010 0.00 0.25 .039 0.51 0.99 .070 1.14 1.78 .029 0.38 0.74 .065 1.14 1.65 .380 8.28 9.65 6.86 .420 9.65 10.67 6.22 .625 14.61 15.88 .100 BSC 2.54 BSC .070 .110 1.78 2.79 .066 1.68 3 3 15 15 0 8 0 8 .010 0.25 .160 .000 .020 .045 .015 .045 .326 .270 .380 .245 .575
D H 1 2 3
e 3x b1 bxN aaa BA
A SEATING PLANE B A1
c1 PLATED COPPER HEAT SPREADER D1 (L1) E1 L DETAIL
NOTES: 1. CONTROLLING DIMENSIONS ARE IN INCHES (ANGLES IN DEGREES). 2. DIMENSIONS "D" AND "E" DO NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
SIDE VIEW SEE DETAIL
A
c
A
01
2006 Semtech Corp.
5
www.semtech.com
EZ1086C & EZ1086I
POWER MANAGEMENT Land Pattern - TO-263
H
DIM
G H K P X Y Z
DIMENSIONS INCHES MILLIMETERS
.125 .420 .350 .100 .070 .140 .615 3.17 10.67 8.89 2.54 1.78 3.56 15.62
K
Z
G
Y
X P
NOTES: 1. THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR COMPANY'S MANUFACTURING GUIDELINES ARE MET.
Contact Information
Semtech Corporation Power Management Products Division 200 Flynn Road, Camarillo, CA 93012 Phone: (805)498-2111 FAX (805)498-3804
2006 Semtech Corp.
6
www.semtech.com


▲Up To Search▲   

 
Price & Availability of EZ1086CM-XXTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X