Part Number Hot Search : 
NX7460LE IRKV1 SC385B CTDA13AF CMPF5461 10241 HER152 TA200216
Product Description
Full Text Search
 

To Download CSD600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
TO-126 (SOT-32) Plastic Package
CSB631, CSB631K CSD600, CSD600K
CSB631, 631K CSD600, 600K
PNP PLASTIC POWER TRANSISTORS NPN PLASTIC POWER TRANSISTORS
Low frequency Power Amplifier and Medium Speed Switching Applications
PIN CONFIGURATION 1. EMITTER 2. COLLECTOR 3. BASE
1
2 3
ALL DIMENSIONS IN MM
ABSOLUTE MAXIMUM RATINGS Collector-base voltage (open emitter) Collector-emitter voltage (open base) Collector current Total power dissipation up to TC = 25C Junction temperature Collector-emitter saturation voltage IC = 0.5 A; IB = 50 mA D.C. current gain IC = 50 mA; VCE = 5 V VCBO VCEO IC PC Tj VCEsat hFE
631 631K 600 600K max. 100 120 V max. 100 120 V max. 1.0 A max. 8.0 W max. 150 C max. min. max. 0.4 60 320 V
RATINGS (at TA=25C unless otherwise specified) Limiting values Collector-base voltage (open emitter) VCBO Collector-emitter voltage (open base) VCEO
max. 100 max. 100
120 V 120 V
Continental Device India Limited
Data Sheet
Page 1 of 3
CSB631, CSB631K CSD600, CSD600K
Emitter-base voltage (open collector) Collector current Collector current (peak) Total power dissipation up to TA = 25C Total power dissipation up to TC = 25C Junction temperature Storage temperature CHARACTERISTICS T amb = 25C unless otherwise specified Collector cutoff current IE = 0; VCB = 50 V Emitter cut-off current IC = 0; VEB = 4 V Breakdown voltages IC = 1 mA; IB = 0 IC = 10 A; IE = 0 IE = 10 A; IC = 0 Saturation voltages IC = 500 mA; IB = 50 mA D.C. current gain IC = 50 mA; VCE = 5 V IC = 500 mA; VCE = 5 V Transition frequency IC = 50 mA; VCE = 10 V Output capacitance VCB = 10 V; IE = 0; f = 1 MHz
VEBO IC ICP PC PC Tj T stg
max. 5.0 max. 1.0 max. 2.0 max. 1.0 max. 8.0 max. 150 -65 to +150
631 600
631K 600K V A mA W W C C
631 600 ICBO IEBO VCEO VCBO VEBO VCEsat VBEsat hFE* hFE max. max. min. min. min. max. max. min. max. min. typ. typ. typ. typ. 100 100 1.0 1.0
631K 600K A A
120 V 120 V 5.0 V 0.4 1.2 60 320 20 V V
PNP NPN PNP NPN
fT
110 130 30 20
MHz MHz pF pF
Cob Cob
* hFE classification: D60 - 120, E = 100 - 200, F 160 - 320
Continental Device India Limited
Data Sheet
Page 2 of 3
Customer Notes
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web Site/ CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
Continental Device India Limited Data Sheet Page 3 of 3
CDIL is a registered Trademark of


▲Up To Search▲   

 
Price & Availability of CSD600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X