Part Number Hot Search : 
HT7700A STE11 C106D2 2SD667 MCM6709 2SA1009L MAX10 60A273C
Product Description
Full Text Search
 

To Download CSD1506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
NPN PLASTIC POWER TRANSISTOR
CSD1506 TO126 Plastic Package
EC
B
Complementary CSB1065 Low Frequency Power Amplifier
ABSOLUTE MAXIMUM RATINGS(Ta=25C unless specified otherwise) DESCRIPTION SYMBOL VCBO Collector Base Voltage(open emitter) VCEO Collector Emitter Voltage (open base) Emitter Base Voltage(open collector) Collector Current (DC) Collector Current (Pulse) (1) Total Power Dissipation@ Tc=25C Total Power Dissipation@ Ta=25C Junction Temperature Storage Temperature VEBO IC IC Ptot Ptot Tj Tstg VALUE >60 >50 >5.0 <3.0 <4.5 <10 <1.2 <150 -65 to +150 UNIT V V V A A W W O C O C
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) DESCRIPTION SYMBOL TEST CONDITION IE =0, VCB =40V ICBO Collector-Cut off Current Emitter cut off Current Breakdown Voltages IEBO VCEO VCBO VEBO VCE (sat)* VBE (sat)* hFE* CO f T* VEB =4V, IC =0 IC =1mA, IB =0 IC =50A, IE =0 IC =0, IE =50A IC=2A, IB=0.2A
MIN
TYP
MAX 1.0 1.0
UNIT A A V V V V V
50 60 5 1 1.5 56 40 90 390
Saturation Voltages
DC Current Gain Output Capacitance at f=1MHz Transition Frequency (1) Single Pulse PW = 100ms * Pulse test **hFE classification : N :56-120
IC=0.5A,VCE=3V** IE =0, VCB =10V IC=0.5A, VCE=5V
pF MHz
Q:120-270 P: 82-180
R:180-390
Continental Device India Limited
Data Sheet
Page 1 of 3
CSD1506 TO126 Plastic Package TO-126 (SOT-32) Plastic Package
A N P B C
DIM A B C D E
MIN 7.4 10.5 2.4 0.7 0.49
MAX 7.8 10.8 2.7 0.9 0.75
2.25 TYP. 4.5 TYP. 15.7 TYP. 1.27 TYP. 3.75 TYP. 3.0 3.2
S
1
1 2 3 D F G M
F 2 3 Pin Configuration 1. Emitter 2. Collector 3. Base G L M N P
L
E
2.5 TYP. S All diminsions in mm.
Packing Detail
PACKAGE Details TO-126 Bulk TO-126 Tube STANDARD PACK Net Weight/Qty Size INNER CARTON BOX Qty 2K 1K Size OUTER CARTON BOX Qty Gr Wt 32K 10K 31 kgs 15 kgs
Page 2 of 3
500 pcs/polybag 340 gm/500 pcs 50 pcs/tube 73 gm/50 pcs
3" x 7.5" x 7.5" 3" x 3.7" x 21.5"
Data Sheet
17" x 15" x 13.5" 19" x 19" x 19"
Continental Device India Limited
Notes
CSD1506 TO126 Plastic Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 www.cdilsemi.com email@cdil.com
CSD1506Rev170701
Continental Device India Limited
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CSD1506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X