Part Number Hot Search : 
R010020 TIP122F N5227 LY62L BTA31 BT827 TMP8259 BT8048D
Product Description
Full Text Search
 

To Download CMPD7000E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPD7000E ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODE SERIES CONNECTION
Central
TM
Semiconductor Corp.
DESCRIPTION: The Central Semiconductor CMPD7000E is an Enhanced version of the CMPD7000 Dual, Series Configuration, Ultra-High Speed Switching Diode. This device is manufactured by the epitaxial planar process, in an epoxy molded surface mount SOT-23 package, designed for high speed switching applications. MARKING CODE: C5CE FEATURED ENHANCED SPECIFICATIONS: BVR from 100V min to 120V min.
SOT-23 CASE
MAXIMUM RATINGS (TA=25 C)
VF from 1.1V max to 1.0V max.
SYMBOL VRRM IO IFM PD TJ,Tstg JA 120 200 500 350 -65 to +150 357
UNITS V mA mA mW C C/W
Peak Repetitive Reverse Voltage Average Forward Current Peak Forward Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance
ELECTRICAL CHARACTERISTICS PER DIODE: (TA=25C unless otherwise noted) SYMBOL TEST CONDITIONS IR=100A VR=50V VR=50V, TA=125C VR=100V IF=1.0mA IF=10mA IF=100mA VR=0, f=1 MHz IR=IF=10mA, RL=100, Rec. to 1.0mA 2.0 0.55 0.67 0.85 0.59 0.72 0.91 MIN 120 TYP 150 300 100 500 0.65 0.77 1.0 1.5 4.0 MAX UNITS V nA A nA V V V pF ns
BVR IR IR

IR VF VF VF CT trr
Enhanced Specification R2 (6-August 2003)
Central
TM
CMPD7000E ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODE SERIES CONNECTION
Semiconductor Corp.
SOT-23 CASE - MECHANICAL OUTLINE
2
1
D1
D2
3
LEAD CODE: 1) Anode D2 2) Cathode D1 3) Anode D1, Cathode D2 MARKING CODE: C5CE
R2 (6-August 2003)


▲Up To Search▲   

 
Price & Availability of CMPD7000E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X