Part Number Hot Search : 
F71808 VP0350N TB2921HQ P6KE1 15MQ040 KBPC2500 MUR1060 DME2S82K
Product Description
Full Text Search
 

To Download CMMT495 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
PIN CONFIGURATION (NPN)
1 = BASE 2 = EM ITTER 3 = COLLECTOR
CMMT495 SOT-23 Formed SMD Package
3
1
2
Marking Code is =495
ABSOLUTE MAXIMUM RATINGS DESCRIPTION Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Continuous Collector Current Peak Base Current Power Dissipation @ Ta=25C Operating And Storage Junction Temperature Range SYMBOL VCBO VCEO VEBO IC ICM IB PD Tj, Tstg VALUE 170 150 5 1 2 200 500 - 55 to +150 UNITS V V V A A mA mW C
Electrical Characterstics (Ta=25C unless specified otherwise) DESCRIPTION Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Cut Off Current Collector Cut Off Current Emitter Cut Off Current Collector Emitter Saturation Voltage Base Emitter Saturation Voltage Base Emitter On Voltage DC Current Gain SYMBOL VCBO *VCEO(sus) VEBO ICBO ICES IEBO *VCE(sat) *VBE(sat) *VBE(on) hFE CONDITIONS IC=100A, IE=0 IC=10mA, IB=0 IE=100A, IC=0 VCB=150V, IE=0 VCE=150V, VBE=0 VEB=4V, IC=0 IC=250mA, IB=25mA IC=500mA, IB=50mA IC=500mA, IB=50mA VCE =10V, IC=500mA VCE =10V, IC=1mA *VCE =10V, IC=250mA *VCE =10V, IC=500mA VCE =10V, IC=1A VCE=10V, IC=50mA, f=100MHz VCB=10V, f=1MHz 100 100 50 10 100 MIN 170 150 5 100 100 100 0.2 0.3 1.0 1.0 300 TYP MAX UNIT V V V nA nA nA V V V V
Transition Frequency Output Capacitance
fT Cobo
10
MHz pF
*Pulse Test: Pulse Width =300 s, Duty Cycle <2%
Continental Device India Limited
Data Sheet
Page 1 of 3
CMMT495 SOT-23 Formed SMD Package
SOT-23 Formed SMD Package
0.05 2.50 0.02 0.60 0.025 1.30 0.02 0.60
SOT-23 Package Reel Information
Reel Specifications for W Packing (13") and 7"
14.4 MAX o100.00.5 / o 54.5 0.5 o329.20.5 / 178 0.5 7.9 - 10.9 9.20.5
1
0 2 .0 5 20 .9 0 5 .0 10 .9
cL
3
180 or 330 +0.5 -0.2 o13.0 TRAILER
2
3 3
o20.2 MIN
0.02 0.60 1.30 7 0.08 P R I G LN A TN IE R .08 O .0 01 02 .1 4"
0.02 0.60
2.00.5
00 .4
+ .0 08 -0 2 .0
0.08 .0 02 00 .6
R0.08
NOTES:
6
0.21
5 7 0.05 2.50
3"
1. 2. 3. 4. 5.
No. of Devices The bandolier of 330 mm reel contains at least 10,000 devices. The bandolier of 180 mm reel contains at least 3,000 devices. No more than 0.5% missing devices / reel. 50 empty compartments for 330 mm reel. 15 empty compartments for 180 mm reel. Three consecutive empty places might be found provided this gap is followed by 6 consecutive devices. The carrier tape (leader) starts with at least 75 empty positions (equivalent to 330 mm). In order to fix the carrier tape a self adhesive tape of 20 to 50 mm is applied. At the end of the bandolier at least 40 empty positions (equivalent to 160 mm) are there.
8mm Tape Size of Reel 330 mm (13") 10,000 Pcs
8mm Tape Size of Reel 180 mm (7") 3,000 Pcs
Tape Specification for SOT-23 Surface Mount Device
0.1 4.0 0.05 0.1 2.0 4.0 0.1 1.75 +0.3 0.05 - 0.1 3.5 8.0 5.75 MAX 0.05 1.0 3.15 0.05 1.55
0.10 2.77 0.1 1.22 1.6 MAX
.0 04 06 .0
.0 5 02 05 .9
Direction of Unreeling
Packing Detail
PACKAGE Details SOT-23 T&R 3K/ reel 10K/ reel
Continental Device India Limited
All dimensions in mm
STANDARD PACK Net Weight/ Qty 136 gm/ pcs 3K 415 gm/ 10K pcs Size 3" x 7.5" x 7.5" 9" x 9" x 9" 13" x 13" x 0.5" INNER CARTON BOX Qty 12 K 51 K 10 K Size 17" x 15" x 13.5" 19" x 19" x 19" 17" x 15" x 13.5" OUTER CARTON BOX Qty 192 K 408 K 300 K Gr Wt 12 kgs 28 kgs 16 kgs
Data Sheet
Page 2 of 3
FIXING TAPE
LEADER
DETAIL X
All dimensions in mm 330 / 180 mm - Antistatic Coated Plastic Reel
Notes
CMMT495 SOT-23 Formed SMD Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdilsemi.com
CMMT495Rev180602E
Continental Device India Limited
Data Sheet
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of CMMT495

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X